Part Number Hot Search : 
00600 80N04 BU808D 18F66 A12D1 GSBC807 P040018 0200CT
Product Description
Full Text Search
 

To Download LA1065M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : EN3312
Monolithic Linear IC
LA1065M
2 Tuner Diversity Circuit for Car FM Tuner
Overview
The LA1065M is a multi-functional IC for 2 tuner diversity, and is capable of multi-path distortion detection with high sensitivity.
Package Dimensions
unit: mm 3036B-MFP20
[LA1065M]
Functions
* Noise amplifier. * Noise AGC circuit. * Noise density comparison counting circuit. * MAIN/SUB switching output. * Weak electric field detection and antenna fixing circuit. * Very strong electric field detection and antenna fixing circuit. * S meter voltage comparison circuit. * AGC voltage output. * S meter switch.
SANYO: MFP20
Specifications Maximum Ratings at Ta=25C
Parameter Maximum supply voltage Maximum flow-out current Symbol VCC max I(4) I(5) I(6) I(9) I(12) Maximum flow-in current Maximum applied voltage I(7) I(8) V(15) V(16) V(17) V(13) V(14) Allowable power dissipation Operating temperature Storage temperature Pd max Topr Tstg Ta=25C Pin 4 Pin 5 Pin 6 Pin 9 Pin 12 Pin 7 Pin 8 Conditions Ratings 13 1 1 1 10 100 1 1 VCC VCC VCC VCC VCC 230 -30 to +80 -40 to +125 Unit V mA mA mA mA A mA mA V V V V V mW C C
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN 93097HA (KT)/2200TA, TS (AF) No.3312-1/8
LA1065M Operating Conditions at Ta=25C
Parameter Recommended supply voltage Operating voltage range Symbol VCC VCC op Conditions Ratings 8 7 to 12 Unit V V
Operation Characteristics at Ta=25C, VCC=8V, f=100kHz sine wave
Parameter Current drain Pin 9 high-level voltage Noise amplifier gain Noise amplifier gain Noise detection sensitivity Noise count number Gate time 1 Pin 6 voltage Pin 5 voltage Strong field detection level Medium field detection level Weak field detection level S meter switch residual Symbol ICC V9H Gsub GV1 GV2 NDS NCN tG V6 V5 V17 V14 V13 V12 Input=0V Conditions No input, not including pin 9 current 1k resistance between pin 9 and GND Vsub in=10mVrms pin 6 output Vmain in=Vsub in=1mVrms pin 6 output Vmain in=Vsub in=100mV pin 6 output Noise AGC off Difference between MAIN and SUB noise Noise AGC off Repeat cycle of pin 4 waveform Vmain=Vsub=200mVrms Vsub=100mVrms 0.4 2.50 0.7 2.4 1.7 1.1 2.85 1.1 2.7 2.1 2.0 3.20 1.5 3.1 2.4 V V V V V 500 Ratings min 10 5.0 33 33 6 8 typ 16 6.0 36 36 10 12 4 620 740 s max 22 7.5 39 39 14 Unit mA V dB dB dB
16 mVrms
130 mVrms
Equivalent Circuit Block Diagram
No.3312-2/8
LA1065M Sample Application Circuit
Unit (resistance : , capacitance : F)
Operating Principle
(1) Multi-path distortion detection * Overview The LA1065M compares the high frequency noise elements in the S meter output from the two tuners to perform multi-path distortion detection. In addition to the higher harmonic distortion due to multi-path, the S meter noise includes pulse noise such as car engine ignition noise, distortion elements due to modulation, phase noise and so on. All of this noise causes misoperation of multi-path distortion detection. The LA1065M resolves this problem through use of a unique noise count comparison method and the bottom detection-type noise AGC. * Noise count comparison The causes of misoperation in a diversity reception system, which are pulse noise, distortion elements caused by modulation, and phase noise, exist almost equally for MAIN and SUB. Also, the multi-path distortion to be detected tends to exist on either the MAIN or SUB side. The LA1065M uses an up/down counter to compare the noise counts of MAIN and SUB and detect multi-path. * Bottom detection noise AGC As described above, the S meter noise also exists on both MAIN and SUB sides, so when there is noise on both sides, AGC goes on to prevent misoperation. On the other hand, when multi-path is generated and noise is on one side or the other, AGC does not go on, enabling high sensitivity detection. * A combination of the above methods is used to make the LA1065M capable of accurate multi-path detection.
No.3312-3/8
LA1065M
(2) S meter voltage comparison For a medium field, the sound may be better if the antenna is switched by comparing S meter DC voltage rather than using multi-path distortion detection when, for example, there is quite a difference (more than 10dB) in antenna sensitivity between MAIN and SUB. On the LA1065M, a built-in comparator detects the medium field, and compares S meter DC voltage in order to switch the antenna. (3) Weak field detection and antenna fixing (MAIN) There is a difference in antenna sensitivity between MAIN and SUB in a weak field, so sensitivity will be insufficient even if switched to SUB. The LA1065M uses a comparator, as shown below, to detect the weak field and fix the switching signal to the MAIN side.
Unit (resistance : )
(4) Very strong field detection and antenna fixing (SUB) Interference such as I.M. (intermodulation) and cross modulation is generated in a very strong field. One countermeasure is to use a PIN diode for antenna damping, but here the lower antenna gain on the SUB side is utilized to fix the antenna to the SUB side when the electric field is strong. Also, with LA1065M, operation returns to normal when multi-path is generated. (5) AGC voltage output As described in the section on bottom detection-type noise AGC, AGC voltage goes high when there is a lot of noise on both MAIN and SUB sides. This voltage can be used to apply SNC, HCC and so on when the conditions are poor for both MAIN and SUB. (6) S meter switch The LA1065M has built-in S meter switch so that SNC can be applied according to the MAIN and SUB switching output. When the antenna is on MAIN, SNC is applied by MAIN side S meter voltage, and when it is on SUB, by SUB side meter voltage. (7) Logic section The LA1065M operation is shown in th table below. MAIN multiSUB multiMAIN S meter SUB S meter path detection path detection voltage voltage No noise * Strong field With noise With noise * Strong field No noise * * Weak field * MAIN>SUB Medium field * * MAINNo.3312-4/8
LA1065M Pin Function
Pin No. 1 (20) Function MAIN IN SUB IN External The AC component of 114kHz in IF, S meter output is taken by the BPF and input to pin 1 (or pin 20) by C coupling. Unit (resistance : , capacitance : F) Notes Be advised that the LA1065M input impedance changes with input and can go to a minimum of 10k.
2 (19)
H.P.F.
Highpass filter
3 (18)
AGC
Increase this capacitor's value if antenna switching tends to misoperate.
4
Monostable multi-vibrator
Continued on next page.
No.3312-5/8
LA1065M
Continued from preceding page. Pin No. 5 Function SUB noise detection for strong field External Unit (resistance : , capacitance : F) Notes
6
AGC voltage output
DC voltage corresponding to the LA1065M AGC can be taken.
7 8
Multi-path detection mode switching
Mode switching table
Pin No. Pin 7 Pin 8 GND Count method for strong field (4 counts) S meter comparison for medium field VCC S meter 114kHz level comparison for strong field Count method for medium field (8 counts)
9
MAIN/SUB switching signal output
MAIN is high (6V typ when resistance bet-ween pin 9 and GND is 1k) and SUB is low.
Continued on next page.
No.3312-6/8
LA1065M
Continued from preceding page. Pin No. 10 Function GND External Unit (resistance : , capacitance : F) Notes
11
VCC
12
S meter output
13
Comparator for weak field detection
14
Comparator for medium field detection S meter input must be sufficiently integrated before input.
15
SUB S meter input
16
MAIN S meter input
17
F.E. AGC input
Comparison level is set at approximately 1V.
No.3312-7/8
LA1065M
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property lose. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibilty for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of September, 1997. Specifications and information herein are subject to change without notice.
No.3312-8/8


▲Up To Search▲   

 
Price & Availability of LA1065M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X