Part Number Hot Search : 
AL4CS211 UPA1742 MAX7348 TS6P01G 8T7157K3 BAT42W 1608X7 SR120
Product Description
Full Text Search
 

To Download KA2410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KA2410/KA2411
DESCRIPTION
TELEPHONE TONE RINGERS
THE KA2410/2411 IS A BIPOLAR INTEGRATED CIRCUIT DESIGNED FOR TELEPHONE TONE RINGER.THESE DEVICES CONSISTS OF AN OUTPUT AMPLIFIER, TWO OSCILLATORS, AND POWER SUPPLY CONTROL CIRCUIT.
FEATURES
! ! ! ! ! !
Low current drain Adjustable 2 tone frequency Hysteresis circuit prevents false triggering and rotary dial "CHIRPS" 8 pin DIP plastic package External triggering or ringer disables (KA2410) Adjustable for reduced supply initiation current (KA2411)
8-pin DIP
APPLICATIONS
! ! !
Telephone bell replacement Extension tone ringer modules Alarms or other alerting devices
PIN ASSIGNMENT
PIN
1 2 3 4 5 6 7 8
PIN CONFIGURATION
FUNCTION
(TOP VIEW)
NAME
VCC RSL LFI LFO GND HFO HFI OUT
Power Supply Resistor Select Low freq. osc. Input Low freq. osc. Output Ground High freq. osc. Output High freq. osc. Input Output
VCC RSL LFI LFO
OUT
DIP-8 SOP-8
HFI HFO GND
ABSOLUTE MAXIMUM RATINGS
Voltage values are with respect to the anode terminal unless otherwise noted
PARAMETER
DC Supply Voltage Power Dissipation Operating Ambient Temperature Range Storage Temperature Range
SYMBOL
VCC PD TA TSTG
RATING
36 450 -25~+75 -65~+150
UNITS
V mW
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com
KA2410/KA2411
TELEPHONE TONE RINGERS
ELECTRICAL CHARATERISTICS (VCC=24V, TA=25, UNLESS OTHERWISE NOTED)
PARAMETER Operating Voltage Supply Initiation Voltage Current Sustaining Voltage Current Oscillator Freq. #3 Oscillator Freq. #3 Oscillator Freq. #3 Output High Voltage Low Voltage Trigger Voltage #4 Current #5 Disable Voltage Current #6
#1. #2. #3.
SYMBOL VCC VSI ISI VSUS ISUS fL fH1 fH2 VOH VOL VTRG ITRG VDIS IDIS
TEST CONDITIONS
MIN
TYP
VCC=VSI, No load #1 VCC=VSUS, No load #2 R1=165k, C1=0.47f R2=191k, C2=6800pF R2=191k, C2=6800pF VCC=21V IOH=15mA IOL=15mA VCC=15V KA2410 Only ( 2 pin) KA2410 Only ( 2 pin)
17 1.4 9.7 0.2 9 461 576 17.7 8.5
19 2.5 10.5 0.9 10 512 640 19
MAX UNIT 36 V 21 4.2 mA 12 V 2.5 mA 11 Hz 563 Hz 703 Hz 21.5 1.6 10.5 1000 0.8 V V A V A
20 -40 0.4 -20
#4. #5. #6.
Supply initiation voltage is the value of DC supply voltage required to start the tone ringer oscillating. Sustaining voltage is the value of DC supply voltage required to maintain the oscillation. Oscillator frequency is determined by the following equations: fL = 1/(1.359XR1XC1)(Hz) fhi = 1/(1.518XR2XC2)(Hz) fh2 = 1.214XfHI (Hz) VTR and ITR the conditions applied to trigger input to start oscillation for VSUS VCC V SI. Trigger current must be limited to this value externally. VDIS and IDIS are the conditions applied to trigger input to inhibit oscillation for VSI V CC.
APPLICATION CIRCUIT FOR 2410
1F 1F 50V 1 RSL 2 7 8 470k
T
250V 6.2k
2410
3 6 5
R2 180k 10K C2 4.7nF
f=20Hz
27V 10F 50V
R1 220k 4
R
C1 220nF
KA2410/KA2411
TELEPHONE TONE RINGERS
APPLICATION CIRCUIT FOR 2411
1F 10F 50V 1 RSL 2 7 8 470k
T
250V 6.2k
2411
3 6 5
R2 180k 10K C2 4.7nF
f=20Hz
27V 10F 50V
R1 220k 4
R
C1 220nF
ICC
[mA]
Shown the supply initiation current (ISI) can be changed using the RSL pin. RSL=6.2k RSL=10k
3
2
RSL=15k
1
0
10
20
VCC
[V]
Use of RSL pin (for KA2411 only)
KA2410/KA2411
TELEPHONE TONE RINGERS
Pad Location KA2410 / KA2411
8
7
6
5
4 1
110 110
3 2B 2A
Y X
Chip Size 1.45 X 1.45mm
For KA2410 2A pad to be used, 2B pad not connected; For KA2411 2B pad to be used, 2A pad not connected. Pad N 1 2A 2B 3 4 5 6 7 8 Pad Name VCC RSL LFI LFO GND HFO HFI OUT Coordinates X (m) Y (m) 95 270 925 90 690 90 1245 90 1245 490 1245 765 1245 1185 460 1185 95 1185
KA2410/KA2411
TELEPHONE TONE RINGERS
Pad Location KA2410 / KA2411 ( new design )
8
7
6
5
4 1
100 100
3 2
Y
Chip Size 1.25 X 1.25mm
Pad N 1 2 3 4 5 6 7 8
Pad Name VCC RSL LFI LFO GND HFO HFI OUT
Coordinates X (m) Y (m) 75 250 640 81 1095 81 1095 469 1095 731 1095 1037 447 1037 75 1037


▲Up To Search▲   

 
Price & Availability of KA2410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X