Part Number Hot Search : 
HN3C11F P6KE6 BA130 ANTX1 7829H MK53732A TC4211 TC4572BP
Product Description
Full Text Search
 

To Download IS93C66-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IS93C66-3
4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
FEATURES
* State-of-the-art architecture -- Non-volatile data storage -- Low voltage operation: 3.0V (Vcc = 2.7V to 6.0V) -- Full TTL compatible inputs and outputs -- Auto increment for efficient data dump * Low voltage read operation -- Down to 2.7V * Hardware and software write protection -- Defaults to write-disabled state at power-up -- Software instructions for write-enable/disable * Advanced low voltage CMOS E2PROM technology * Versatile, easy-to-use interface -- Self-timed programming cycle -- Automatic erase-before-write -- Programming status indicator -- Word and chip erasable -- Stop SK anytime for power savings * Durable and reliable -- 10-year data retention after 100K write cycles -- 100,000 write cycles -- Unlimited read cycles
ISSI
OVERVIEW
(R)
MARCH 2001
The IS93C66-3 is a low cost 4,096-bit, non-volatile, serial E2PROM. It is fabricated using ISSI's advanced CMOS E2PROM technology. The IS93C66-3 provides efficient non-volatile read/write memory arranged as 256 registers of 16 bits each. Seven 11-bit instructions control the operation of the device, which includes read, write, and mode enable functions. The data out pin (DOUT) indicates the status of the device during in the self-timed non-volatile programming cycle. The self-timed write cycle includes an automatic erasebefore-write capability. To protect against inadvertent writes, the WRITE instruction is accepted only while the chip is in the write enabled state. Data is written in 16 bits per write instruction into the selected register. If Chip Select (CS) is brought HIGH after initiation of the write cycle, the Data Output (DOUT) pin will indicate the READY/BUSY status of the chip.
APPLICATIONS
The IS93C66-3 is ideal for high-volume applications requiring low power and low density storage. This device uses a low cost, space saving 8-pin package. Candidate applications include robotics, alarm devices, electronic locks, meters and instrumentation settings.
FUNCTIONAL BLOCK DIAGRAM
DIN
INSTRUCTION REGISTER (11 BITS) INSTRUCTION DECODE, CONTROL, AND CLOCK GENERATION
DATA REGISTER (16 BITS)
DUMMY BIT R/W AMPS
DOUT
CS
ADDRESS REGISTER
1 OF 256 DECODER
EEPROM ARRAY (256 X 16)
SK
WRITE ENABLE
HIGH VOLTAGE GENERATOR
ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors which may appear in this publication. (c) Copyright 2001, Integrated Silicon Solution, Inc.
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. G 04/26/01
1
IS93C66-3
PIN CONFIGURATION
8-Pin DIP
ISSI
PIN CONFIGURATION
8-Pin JEDEC Small Outline "G"
(R)
PIN CONFIGURATION
8-Pin JEDEC Small Outline "GR"
CS SK DIN DOUT
1 2 3 4
8 7 6 5
VCC NC NC GND
NC VCC CS SK
1 2 3 4
8 7 6 5
NC GND DOUT DIN
CS SK DIN DOUT
1 2 3 4
8 7 6 5
VCC NC NC GND
PIN DESCRIPTIONS
CS SK DIN DOUT NC Vcc GND Chip Select Serial Data Clock Serial Data Input Serial Data Output Not Connected Power Ground
ENDURANCE AND DATA RETENTION
The IS93C66-3 is designed for applications requiring up to 100,000 programming cycles (WRITE, WRALL, ERASE and ERAL). It provides 10 years of secure data retention, without power after the execution of 100,000 programming cycles.
Low
Voltage Read
The IS93C66-3 has been designed to ensure that data read operations are reliable in low voltage environments. The IS93C66-3 is guaranteed to provide accurate data during read operations with Vcc as low as 2.7V.
Auto Increment Read Operations
In the interest of memory transfer operation applications, the IS93C66-3 has been designed to output a continuous stream of memory content in response to a single read operation instruction. To utilize this function, the system asserts a read instruction specifying a start location address. Once the 16 bits of the addressed word have been clocked out, the data in consecutively higher address locations (the address "000000" is assumed as the address of "111111") is output. The address will wrap around continuously with CS HIGH until the chip select (CS) control pin is brought LOW. This allows for single instruction data dumps to be executed with a minimum of firmware overhead.
DEVICE OPERATION
The IS93C66-3 is controlled by seven 11-bit instructions. Instructions are clocked in (serially) on the DIN pin. Each instruction begins with a logical "1" (the start bit). This is followed by the opcode (2 bits), the address field (8 bits), and data, if appropriate. The clock signal (SK) may be halted at any time and the IS93C66-3 will remain in its last state. This allows full static flexibility and maximum power conservation.
Read (READ)
The READ instruction is the only instruction that outputs serial data on the DOUT pin. After the read instruction and address have been decoded, data is transferred from the selected memory register into a 16-bit serial shift register. (Please note that one logical "0" bit precedes the actual 16-bit output data string.) The output on DOUT changes during the low-to-high transitions of SK (see Figure 3).
Write Enable (WEN)
The write enable (WEN) instruction must be executed before any device programming (WRITE, WRALL, ERASE, and ERAL) can be done. When Vcc is applied, this device powers up in the write disabled state. The device then
2
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. G 04/26/01
IS93C66-3
remains in a write disabled state until a WEN instruction is executed. Thereafter, the device remains enabled until a WDS instruction is executed or until Vcc is removed. (NOTE: Neither the WEN nor the WDS instruction has any effect on the READ instruction.) (See Figure 4.)
ISSI
Write
(R)
As with the WRITE instruction, if CS is brought HIGH after a minimum wait of 250 ns (tCS), the DOUT pin indicates the READY/BUSY status of the chip (see Figure 6).
Disable (WDS)
Write (WRITE)
The WRITE instruction includes 16 bits of data to be written into the specified register. After the last data bit has been applied to DIN, and before the next rising edge of SK, CS must be brought LOW. The falling edge of CS initiates the self-timed programming cycle. After a minimum wait of 250 ns (5V operation) from the falling edge of CS (tCS), if CS is brought HIGH, DOUT will indicate the READY/BUSY status of the chip: logical "0" means programming is still in progress; logical "1" means the selected register has been written, and the part is ready for another instruction (see Figure 5). (NOTE: The combination of CS HIGH, DIN HIGH and the rising edge of the SK clock, resets the READY/BUSY flag. Therefore, it is important if you want to access the READY/BUSY flag not to reset it through this combination of control signals.) Before a WRITE instruction can be executed, the device must be write enabled (see WEN).
The write disable (WDS) instruction disables all programming capabilities. This protects the entire part against accidental modification of data until a WEN instruction is executed. (When Vcc is applied, this part powers up in the write disabled state.) To protect data, a WDS instruction should be executed upon completion of each programming operation. (NOTE: Neither the WEN nor the WDS instruction has any effect on the READ instruction.) (See Figure 7.)
Erase Register (ERASE)
After the erase instruction is entered, CS must be brought LOW. The falling edge of CS initiates the self-timed internal programming cycle. Bringing CS HIGH after a minimum of tCS, will cause DOUT to indicate the READ/BUSY status of the chip: a logical "0" indicates programming is still in progress; a logical "1" indicates the erase cycle is complete and the part is ready for another instruction (see Figure 8).
Write All (WRALL)
The write all (WRALL) instruction programs all registers with the data pattern specified in the instruction. While the WRALL instruction is being loaded, the address field becomes a sequence of "Don't Care" bits (see Figure 6).
Erase All (ERAL)
Full chip erase is provided for ease of programming. Erasing the entire chip involves setting all bits in the entire memory array to a logical "1" (see Figure 9).
INSTRUCTION SET
Instruction READ WEN (Write Enable) WRITE WRALL (Write All Registers) WDS (Write Disable) ERASE ERAL (Erase All Registers) Start Bit 1 1 1 1 1 1 1 OP Code 10 00 01 00 00 11 00 Address (A7-A0) 11XXXXXX (A7-A0) 01XXXXXX 00XXXXXX (A7-A0) 10XXXXXX D15-D0(1) D15-D0(1) Input Data
Note: 1. If input data is not 16 bits exactly, the last 16 bits will be taken as input data (a word).
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. G 04/26/01
3
IS93C66-3
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VGND TBIAS TBIAS TSTG Parameter Voltage with Respect to GND Temperature Under Bias (IS93C46-3) Temperature Under Bias (IS93C46-3I) Storage Temperature Value -0.3 tp +6.5 0 to +70 -40 to +85 -65 to +125 Unit V C C C
ISSI
(R)
Notes: 1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
OPERATING RANGE
Range Commercial Industrial Ambient Temperature 0C to +70C -40C to +85C VCC 2.7V to 6.0V 2.7V to 6.0V
CAPACITANCE
Symbol CIN COUT Parameter Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Max. 5 5 Unit pF pF
FIGURE 1. AC TEST CONDITIONS
+2.08V
800 DOUT 100 pF Vcc = 5.0V
4
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. G 04/26/01
IS93C66-3
DC ELECTRICAL CHARACTERISTICS
TA = 0C to +70C for IS93C66-3 and -40C to +85C for IS93C66-3I. Symbol VOL VOL1 VOH VOH1 VIH VIL ILI ILO Parameter Output LOW Voltage Output LOW Voltage Output HIGH Voltage Output HIGH Voltage Input HIGH Voltage Input LOW Voltage Input Leakage Output Leakage VIN = 0V to VCC (CS, SK, DIN) VOUT = 0V to VCC, CS = 0V Test Conditions IOL = 10 A CMOS IOL = 2.1 mA TTL IOH = -10 A CMOS IOH = -400 A TTL Vcc 2.7V to 3.3V 4.5V to 5.5V 2.7V to 3.3V 4.5V to 5.5V 2.7V to 3.3V 4.5V to 5.5V 2.7V to 3.3V 4.5V to 5.5V Min. -- -- VCC - 0.2 2.4 2.4 2 -0.1 -0.1 1 1
ISSI
Max. 0.2 0.4 -- -- VCC VCC 0.6 0.8 1 1 V V V V V V A A
(R)
Unit
POWER SUPPLY CHARACTERISTICS
TA = 0C to +70C for IS93C66-3 and -40C to +85C for IS93C66-3I. IS93C66-3 Min. Typ. Max. -- -- -- -- 0.5 4 2 10 2 6 10 50 IS93C66-3I Min. Typ. Max. -- -- -- -- 0.5 4 2 10 2 6 10 50
Symbol ICC ICC ISB
Parameter Vcc Operating Supply Current Vcc Operating Supply Current Standby Current
Test Conditions CS = VIH, SK = 1 MHz CMOS Input Levels CS = VIH, SK = 1 MHz CMOS Input Levels CS = DIN = SK = 0V
Vcc 2.7V to 3.3V 4.5V to 5.5V 2.7V to 3.3V 4.5V to 5.5V
Unit mA mA A
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. G 04/26/01
5
IS93C66-3
AC ELECTRICAL CHARACTERISTICS
TA = 0C to +70C for IS93C66-3 and -40C to +85C for IS93C66-3. IS93C66-3 Min. Max. 0 0 500 250 1 250 500 250 100 50 200 100 0 0 400 100 -- -- -- -- -- -- -- -- -- -- 1 1 -- -- -- -- -- -- -- -- -- -- -- -- -- -- 500 500 500 500 500 500 200 100 10 10
ISSI
Test Conditions Vc c 2.7V to 6.0V 4.5V to 6.0V 2.7V to 6.0V 4.5V to 6.0V 2.7V to 6.0V 4.5V to 6.0V 2.7V to 6.0V 4.5V to 6.0V Relative to SK Relative to SK Relative to SK Relative to SK AC Test AC Test AC Test, CL = 100 pF CS = VIL 2.7V to 6.0V 4.5V to 6.0V 2.7V to 6.0V 4.5V to 6.0V 2.7V to 6.0V 4.5V to 6.0V 2.7V to 6.0V 4.5V to 6.0V 2.7V to 6.0V 4.5V to 6.0V 2.7V to 6.0V 4.5V to 6.0V 2.7V to 6.0V 4.5V to 6.0V 2.7V to 6.0V 4.5V to 6.0V 2.7V to 6.0V 4.5V to 6.0V IS93C66-3I Min. Max. 0 0 500 250 1 250 500 250 100 50 200 100 0 0 400 100 -- -- -- -- -- -- -- -- -- -- 1 1 -- -- -- -- -- -- -- -- -- -- -- -- -- -- 500 500 500 500 500 500 200 100 10 10
(R)
Symbol fSK tSKH tSKL tCS tCSS tDIS tCSH tDIH tPD1 tPD0 tSV tDF tWP
Parameter SK Clock Frequency SK HIGH Time SK LOW Time Minimum CS LOW Time CS Setup Time DIN Setup Time CS Hold Time DIN Hold Time Output Delay to "1" Output Delay to "0" CS to Status Valid CS to DOUT in 3-state Write Cycle Time
Unit MHz MHz ns s ns ns ns ns ns ns ns ns ns ns ns ns ms
6
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. G 04/26/01
IS93C66-3
AC WAVEFORMS FIGURE 2. SYNCHRONOUS DATA TIMING
ISSI
(R)
CS tCSS SK tDIS DIN tPD0 DOUT (READ) tSV DOUT (WRITE) (WRALL) (ERASE) (ERAL) tDIH tSKH
T tSKL tCSH
tPD1
tDF
tDF STATUS VALID
FIGURE 3. READ CYCLE TIMING
tCS CS
SK
DIN
1
1
0
A5
A0
DOUT
0
D15
D0
*
*Address Pointer Cycles to the Next Register
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. G 04/26/01
7
IS93C66-3
FIGURE 4. SYNCHRONOUS DATA TIMING
tCS CS
ISSI
(R)
SK
DIN
1
0
0
1
1
DOUT = 3-state
FIGURE 5. WRITE (WRITE) CYCLE TIMING
tCS CS
SK
DIN
1
0
1
A5
A0
D15
D0
tSV DOUT
BUSY READY
tDF
tWP
FIGURE 6. WRITE ALL (WRALL) TIMING
tCS CS
SK
DIN
1
0
0
0
1
D15
D0
tSV DOUT
BUSY READY
tWP
8
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. G 04/26/01
IS93C66-3
FIGURE 7. WRITE DISABLE (WDS) CYCLE TIMING
tCS CS
ISSI
(R)
SK
DIN
1
0
0
0
0
DOUT = 3-STATE
FIGURE 8. ERASE (REGISTER ERASE) CYCLE TIMING
SK tCS CS
DIN
1
1
1
A5
A4
A0
tSV DOUT
BUSY READY
tDF
tWP
FIGURE 9. ERASE ALL (ERAL) CYCLE TIMING
SK tCS CS
DIN
1
0
0
1
0
tSV DOUT
BUSY READY
tDF
tWP
Note for Figures 8 and 9: After the completion of the instruction (DOUT is in READY status) then it may perform another instruction. If device is in BUSY status (DOUT indicates BUSY status) then performs another instruction would cause device malfunction.
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. G 04/26/01
9
IS93C66-3
ORDERING INFORMATION Commercial Range: 0C to +70C
Speed (MHz) Order Part No. 1 1 1 IS93C66-3P IS93C66-3G IS93C66-3GR Package 300-mil Plastic DIP Small Outline (JEDEC) Small Outline (JEDEC)
ISSI
(R)
Industrial Range: -40C to +85C
Speed (MHz) Order Part No. 1 1 1 IS93C66-3PI IS93C66-3GI IS93C66-3GRI Package 300-mil Plastic DIP Small Outline (JEDEC) Small Outline (JEDEC)
ISSI
(R)
Integrated Silicon Solution, Inc.
2231 Lawson Lane Santa Clara, CA 95054 Tel: 1-800-379-4774 Fax: (408) 588-0806 E-mail: sales@issi.com www.issi.com
10
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. G 04/26/01


▲Up To Search▲   

 
Price & Availability of IS93C66-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X