Part Number Hot Search : 
MA4L031 GS81032A 02550 TDA8360 3747A 6J409T 00500 LD3500
Product Description
Full Text Search
 

To Download IRF620 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRF620 IRF620FI
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
TYPE IRF620 IRF620FI
s s s s
V DSS 200 V 200 V
R DS( on) < 0.8 < 0.8
ID 6A 4A
TYPICAL RDS(on) = 0.55 AVALANCHE RUGGED TECHNOLOGY 100% AVALANCHE TESTED REPETITIVE AVALANCHE DATA AT 100oC
3 1 2 1 3 2
APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s UNINTERRUPTIBLE POWER SUPPLY (UPS) s MOTOR CONTROL, AUDIO AMPLIFIERS s INDUSTRIAL ACTUATORS s DC-DC & DC-AC CONVERTERS FOR TELECOM, INDUSTRIAL AND CONSUMER ENVIRONMENT
TO-220
ISOWATT220
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol VD S V DG R V GS ID ID ID M(*) P tot V ISO T stg Tj Parameter IRF620 Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (cont.) at Tc = 25 oC Drain Current (cont.) at Tc = 100 C Drain Current (pulsed) Total Dissipation at Tc = 25 o C Derating Factor Insulation Withstand Voltage (DC) Storage Temperature Max. Operating Junction Temperature
o
Value IRF620FI 200 200 20 6 4 24 70 0.56 -65 to 150 150 4 2 24 30 0.24 2000
Unit V V V A A A W W/ o C V
o o
C C
(*) Pulse width limited by safe operating area
November 1996
1/9
IRF620/FI
THERMAL DATA
TO-220 R thj-cas e Rthj- amb R th c-s Tl Thermal Resistance Junction-case Max 1.79 62.5 0.5 300 ISOWATT220 4.17
o o o
C/W C/W C/W o C
Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature For Soldering Purpose
AVALANCHE CHARACTERISTICS
Symbol IA R E AS E AR IA R Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by T j max, < 1%) Single Pulse Avalanche Energy (starting T j = 25 o C, ID = I AR, VD D = 25 V) Repetitive Avalanche Energy (pulse width limited by T j max, < 1%) Avalanche Current, Repetitive or Not-Repetitive (T c = 100 o C, pulse width limited by T j max, < 1%)
o
Max Value 6 20 5 4
Unit A mJ mJ A
ELECTRICAL CHARACTERISTICS (Tcase = 25 C unless otherwise specified) OFF
Symbol V( BR)DSS I DS S IG SS Parameter Drain-source Breakdown Voltage Test Conditions I D = 250 A VG S = 0 Min. 200 10 100 100 Typ. Max. Unit V A A nA
Zero Gate Voltage V DS = Max Rating Drain Current (V GS = 0) V DS = Max Rating x 0.8 Gate-body Leakage Current (V D S = 0) V GS = 20 V
T c = 125 oC
ON ()
Symbol V G S(th) R DS( on) I D( on) Parameter Gate Threshold Voltage V DS = V GS Static Drain-source On Resistance On State Drain Current V GS = 10V Test Conditions ID = 250 A ID = 3 A VG S = 10 V 6 Min. 2 Typ. 3 0.55 Max. 4 0.8 Unit V A
V DS > ID( on) x RD S(on) max
DYNAMIC
Symbol gfs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions V DS > ID( on) x RD S(on) max V DS = 25 V f = 1 MHz ID = 3 A VG S = 0 Min. 1.5 Typ. 3.5 460 90 20 600 120 30 Max. Unit S pF pF pF
2/9
IRF620/FI
ELECTRICAL CHARACTERISTICS (continued) SWITCHING RESISTIVE LOAD
Symbol t d(on) tr t d(off ) tf Qg Q gs Q gd Parameter Turn-on Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions V DD = 100 V I D = 3 A VGS = 10 V R G = 50 (see test circuit) I D = 6 A V GS = 10 V V DD = Max Rating x 0.8 (see test circuit) Min. Typ. 30 70 135 45 20 6 8 Max. 45 100 190 65 30 Unit ns ns ns ns nC nC nC
SOURCE DRAIN DIODE
Symbol IS D I SDM(*) V S D () t rr Q rr Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge I SD = 6 A V GS = 0 170 1 Test Conditions Min. Typ. Max. 6 24 1.5 Unit A A V ns C
I SD = 6 A di/dt = 100 A/s V DD = 100 V T j = 150 o C
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
Safe Operating Area for TO-220
Safe Operating Area for ISOWATT220
3/9
IRF620/FI
Thermal Impedance for TO-220
Thermal Impedance for ISOWATT220
Derating Curve for TO-220
Derating Curve for ISOWATT220
Output Characteristics
Transfer Characteristics
4/9
IRF620/FI
Transconductance
Static Drain-source On Resistance
Maximum Drain Current vs Temperature
Gate Charge vs Gate-source Voltage
Capacitance Variations
Normalized Breakdown Voltage vs Temperature
5/9
IRF620/FI
Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
Unclamped Inductive Load Test Circuit
Unclamped Inductive Waveforms
Switching Time Test Circuit
Gate Charge Test Circuit
6/9
IRF620/FI
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
A
C
D1
L2 F1
D
G1
E
Dia. F2 F
L5 L7 L6
L9
L4
G
H2
P011C
7/9
IRF620/FI
ISOWATT220 MECHANICAL DATA
DIM. MIN. A B D E F F1 F2 G G1 H L2 L3 L4 L6 L7 O 28.6 9.8 15.9 9 3 4.4 2.5 2.5 0.4 0.75 1.15 1.15 4.95 2.4 10 16 30.6 10.6 16.4 9.3 3.2 1.126 0.385 0.626 0.354 0.118 mm TYP. MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.015 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
A
B
L3 L6 L7
F1
D
O
F
G1
E
H
F2
123 L2 L4
P011G
8/9
G
IRF620/FI
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequ ences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical compone in life support devices or systems without express nts written approval of SGS-THOMSON Microelectonics. (c) 1996 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A .
9/9


▲Up To Search▲   

 
Price & Availability of IRF620

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X