Part Number Hot Search : 
NJU3504 RZ3538A FR101 BH5510KV N33T1G B0515 A3031 AN792
Product Description
Full Text Search
 

To Download IR2121 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Previous Datasheet
Index
Next Data Sheet
Data Sheet No. PD-6.018D
IR2121
CURRENT LIMITING LOW SIDE DRIVER
Features
n Gate drive supply range from 12 to 18V n Undervoltage lockout n Current detection and limiting loop to limit driven power transistor current n Error lead indicates fault conditions and programs shutdown time n Output in phase with input
Product Summary
VOFFSET IO+/VOUT VCSth ton/off (typ.) 5V max. 1A / 2A 12 - 18V 230 mV 150 & 150 ns
Description
The IR2121 is a high speed power MOSFET and IGBT driver with over-current limiting protection circuitry. Latch immune CMOS technology enables ruggedized monolithic construction. Logic inputs are compatible with standard CMOS or LSTTL outputs. The output driver features a high pulse current buffer stage designed for minimum cross-conduction. The protection circuitry detects over-current in the driven power transistor and limits the gate drive voltage. Cycle-by-cycle shutdown is programmed by an external capacitor which directly controls the time interval between detection of the over-current limiting condition and latched shutdown. The output can be used to drive an N-channel power MOSFET or IGBT in the low side configuration.
Package
Typical Connection
TO LOAD
VCC IN
V CC IN ERR COM
V CC OUT CS VS
To Order
CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
B-91
Previous Datasheet
Index
Next Data Sheet
IR2121
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to COM. The Thermal Resistance and Power Dissipation ratings are measured under board mounted and still air conditions.
Symbol
VCC VS VO VIN VERR VCS PD RJA TJ TS TL
Parameter Definition
Fixed Supply Voltage Gate Drive Return Voltage Output Voltage Logic Input Voltage Error Signal Voltage Current Sense Voltage Package Power Dissipation @ TA +25C Thermal Resistance, Junction to Ambient Junction Temperature Storage Temperature Lead Temperature (Soldering, 10 seconds)
Value Min.
-0.3 VCC - 25 VS - 0.3 -0.3 -0.3 VS - 0.3 -- -- -- -55 --
Max.
25 VCC + 0.3 VCC + 0.3 VCC + 0.3 VCC + 0.3 VCC + 0.3 1.0 125 150 150 300
Units
V
W C/W C
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used within the recommended conditions. The VS offset rating is tested with all supplies biased at 15V differential.
Symbol
VCC VS VO VIN VERR VCS TA
Parameter Definition
Fixed Supply Voltage Gate Drive Return Voltage Output Voltage Logic Input Voltage Error Signal Voltage Current Sense Signal Voltage Ambient Temperature
Value Min.
VS + 10 -5 VS 0 0 VS -40
Max.
VS + 20 5 VCC VCC VCC VCC 125
Units
V
C
B-92
CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
To Order
Previous Datasheet
Index
Next Data Sheet
IR2121
Dynamic Electrical Characteristics
VBIAS (VCC) = 15V, CL = 3300 pF and TA = 25C unless otherwise specified. The dynamic electrical characteristics are defined in Figures 2 through 5.
Symbol
ton toff t sd tr tf t cs terr
Parameter Definition
Turn-On Propagation Delay Turn-Off Propagation Delay ERR Shutdown Propagation Delay Turn-On Rise Time Turn-Off Fall Time CS Shutdown Propagation Delay CS to ERR Pull-Up Propagation Delay
Value Figure Min. Typ. Max. Units Test Conditions
7 8 9 10 11 12 13 -- -- -- -- -- -- -- 150 150 1.7 43 26 0.7 9.0 200 190 2.2 60 35 1.2 12 ns s ns s
CERR = 270 pF
Static Electrical Characteristics
VBIAS (VCC) = 15V and TA = 25C unless otherwise specified. The V IN, VTH and IIN parameters are referenced to COM. The VO and IO parameters are referenced to VS .
Symbol
VIH VIL VCSTH+ VCSTHVOH VOL IQCC IIN+ IINICS+ I CSVCCUV+ VCCUVIERR IERR+ IERRI O+ IO-
Parameter Definition
Logic "1" Input Voltage Logic "0" Input Voltage CS Input Positive Going Threshold CS Input Negative Going Threshold High Level Output Voltage, VBIAS - VO Low Level Output Voltage, VO Quiescent VCC Supply Current Logic "1" Input Bias Current Logic "0" Input Bias Current "High" CS Bias Current "Low" CS Bias Current VCC Supply Undervoltage Positive Going Threshold VCC Supply Undervoltage Negative Going Threshold ERR Timing Charge Current ERR Pull-Up Current ERR Pull-Down Current Output High Short Circuit Pulsed Current Output Low Short Circuit Pulsed Current
Value Figure Min. Typ. Max. Units Test Conditions
14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 2.2 -- 150 130 -- -- -- -- -- -- -- 8.3 7.3 65 8.0 16 1.0 2.0 -- -- 230 200 -- -- 1.1 4.5 -- 4.5 -- 8.9 8.0 100 15 30 1.6 3.3 -- 0.8 320 260 100 100 2.2 10 1.0 10 1.0 9.6 8.7 130 -- mA -- -- -- A V VCC = 12V to 18V VCC = 12V to 18V VCC = 12V to 18V VCC = 12V to 18V I O = 0A I O = 0A VIN = VCS = 0V or 5V VIN = 5V VIN = 0V VCS = 3V or 5V VCS = 0V
mV
mA
A
V
A
VIN = 5V, VCS = 3V ERR < VERR+ VIN = 5V, VCS = 3V ERR > VERR+ VIN = 0V VO = 0V, VIN = 5V PW 10 s VO = 15V, VIN = 0V PW 10 s
To Order
CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
B-93
Previous Datasheet
Index
Next Data Sheet
IR2121
Functional Block Diagram
V CC UV DETECT
BUFFER
VCC
OUT
IN
PRE DRIVER 1.8V 0.23V ERROR TIMING + AMPLIFER 500 ns BLANK COMPARATOR CS VS
ERR
1.8V COM
Lead Definitions
Lead Symbol Description
VCC IN ERR COM OUT VS CS Logic and gate drive supply Logic input for gate driver output (OUT), in phase with OUT Serves multiple functions; status reporting, linear mode timing and cycle by cycle logic shutdown Logic ground Gate drive output Gate drive supply return Current sense input to current sense comparator
Lead Assignments
8 Lead DIP
IR2121 Part Number
B-94 CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
To Order
Previous Datasheet
Index
Next Data Sheet
IR2121
Device Information
Process & Design Rule Transistor Count Die Size Die Outline HVDCMOS 4.0 m 410 104 X 111 X 26 (mil)
Thickness of Gate Oxide Connections First Layer
Second Layer Contact Hole Dimension Insulation Layer Passivation (1) Passivation (2) Method of Saw Method of Die Bond Wire Bond Leadframe
Material Width Spacing Thickness Material Width Spacing Thickness Material Thickness Material Thickness Material Thickness
Package Remarks: * Patent Pending
Method Material Material Die Area Lead Plating Types Materials
800A Poly Silicon 4 m 6 m 5000A Al - Si (Si: 1.0% 0.1%) 6 m 9 m 20,000A 8 m X 8 m PSG (SiO2) 1.5 m PSG (SiO2) 1.5 m Proprietary* Proprietary* Full Cut Ablebond 84 - 1 Thermo Sonic Au (1.0 mil / 1.3 mil) Cu Ag Pb : Sn (37 : 63) 8 Lead PDIP EME6300 / MP150 / MP190
CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL B-95
To Order
Previous Datasheet
Index
Next Data Sheet
IR2121
IN VCC
CS OUT ERR 4 OUT IR2121
Figure 1. Input/Output Timing Diagram
Figure 2. Switching Time Test Circuit
50%
50%
50%
IN
ton tr 90% t off 90% tf
CS
tcs
OUT
90%
OUT
10%
10%
Figure 3. Switching Time Waveform Definitions
Figure 4. ERR Shutdown Waveform Definitions
50%
CS
50% t err 50% tcs
CS HO ERR
90% dt
1.8V
dt = C x
Figure 5. CS Shutdown Waveform Definitions
dV 1.8V = Cx IERR 100 uA
Figure 6. CS to ERR Waveform Definitions
B-96
CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
To Order
Previous Datasheet
Index
Next Data Sheet
IR2121
500 500 400 Turn-On Delay Time (ns) Turn-On Time (ns) 400
300
300
Max.
200
Max. Typ.
200
Typ.
100
100
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VBIAS Supply Voltage (V)
Figure 7A. Turn-On Time vs. Temperature
Figure 7B. Turn-On Time vs. Voltage
500
500
400 Turn-Off Delay Time (ns) Turn-Off Time (ns)
400
300
300
Max.
200
Max. Typ.
200
Typ.
100
100
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 VBIAS Supply Voltage (V)
Figure 8A. Turn-Off Time vs. Temperature
Figure 8B. Turn-Off Time vs. Voltage
5.00 ERR to Output Shutdown Delay Time (s) ERR to Output Shutdown Delay Time (s)
5.00
4.00
4.00
3.00
Max.
3.00
2.00
Typ.
2.00
Max.
1.00
1.00
Typ.
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 V BIAS Supply Voltage (V)
Figure 9A. ERR to Output Shutdown vs. Temperature
Figure 9B. ERR to Output Shutdown vs. Voltage
To Order
CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
B-97
Previous Datasheet
Index
Next Data Sheet
IR2121
100 100 80 Turn-On Rise Time (ns) Turn-On Rise Time (ns) 80
Max.
60
Max.
60
Typ.
40
Typ.
40
20
20
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 V BIAS Supply Voltage (V)
Figure 10A. Turn-On Rise Time vs. Temperature
Figure 10B. Turn-On Rise Time vs. Voltage
100
100
80 Turn-Off Fall Time (ns) Turn-Off Fall Time (ns)
80
60
60
Max.
40
Max. Typ.
40
Typ.
20
20
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 V BIAS Supply Voltage (V)
Figure 11A. Turn-Off Fall Time vs. Temperature
Figure 11B. Turn-Off Fall Time vs. Voltage
2.00 CS to Output Shutdown Delay Time (s) CS to Output Shutdown Delay Time (s)
2.00
1.60
1.60
Max.
1.20
Max.
1.20
Typ.
0.80
Typ.
0.80
0.40
0.40
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VBIAS Supply Voltage (V)
Figure 12A. CS to Output Shutdown vs. Temperature
Figure 12B. CS to Output Shutdown vs. Voltage
B-98
CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
To Order
Previous Datasheet
Index
Next Data Sheet
IR2121
20.0 20.0 CS to ERR Pull-Up Delay Time (s) 16.0
Max.
CS to ERR Pull-Up Delay Time (s)
16.0
12.0
Typ.
12.0
Max.
T yp.
8.0
8.0
4.0
4.0
0.0 -50 -25 0 25 50 75 100 125 Temperature (C)
0.0 10 12 14 16 18 20 VBIAS Supply Voltage (V)
Figure 13A. CS to ERR Pull-Up vs. Temperature
Figure 13B. CS to ERR Pull-Up vs. Voltage
5.00
5.00
4.00 Logic "1" Input Threshold (V) Logic "1" Input Threshold (V)
4.00
3.00
Min.
3.00
Min.
2.00
2.00
1.00
1.00
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VCC Logic Supply Voltage (V)
Figure 14A. Logic "1" Input Threshold vs. Temperature
Figure 14B. Logic "1" Input Threshold vs. Voltage
5.00
5.00
4.00 Logic "0" Input Threshold (V) Logic "0" Input Threshold (V)
Max.
4.00
3.00
3.00
2.00
2.00
1.00
1.00
Max.
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VCC Logic Supply Voltage (V)
Figure 15A. Logic "0" Input Threshold vs. Temperature
Figure 15B. Logic "0" Input Threshold vs. Voltage
To Order
CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
B-99
Previous Datasheet
Index
Next Data Sheet
IR2121
500 500 CS Input Positive Going Threshold (mV) 400
Max.
CS Input Positive Going Threshold (mV)
400
Max.
300
Typ.
300
Typ.
200
Min.
200
Min.
100
100
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 V BS Floating Supply Voltage (V)
Figure 16A. CS Input Threshold (+) vs. Temperature
Figure 16B. CS Input Threshold (+) vs. Voltage
500 CS Input Negative Going Threshold (mV) CS Input Negative Going Threshold (mV)
500
400
400
300
Max.
300
Max.
200
Typ.
200
Typ.
Min.
Min.
100
100
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 V BS Floating Supply Voltage (V)
Figure 17A. CS Input Threshold (-) vs. Temperature
Figure 17B. CS Input Threshold (-) vs. Voltage
1.00
1.00
0.80 High Level Output Voltage (V) High Level Output Voltage (V)
Max.
0.80
0.60
0.60
0.40
0.40
0.20
0.20
Max.
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VBS Floating Supply Voltage (V)
Figure 18A. High Level Output vs. Temperature
Figure 18B. High Level Output vs. Voltage
B-100 CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
To Order
Previous Datasheet
Index
Next Data Sheet
IR2121
1.00 1.00 0.80 Low Level Output Voltage (V) Low Level Output Voltage (V)
Max.
0.80
0.60
0.60
0.40
0.40
0.20
0.20
Max.
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VBS Floating Supply Voltage (V)
Figure 19A. Low Level Output vs. Temperature
Figure 19B. Low Level Output vs. Voltage
5.00
5.00
4.00 VCC Supply Current (mA) VCC Supply Current (mA)
4.00
3.00
3.00
2.00
Max.
2.00
Max.
1.00
Typ.
1.00
Typ.
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VCC Supply Voltage (V)
Figure 20A. VCC Supply Current vs. Temperature
Figure 20B. VCC Supply Current vs. Voltage
25
25
Logic "1" Input Bias Current (A)
15
Logic "1" Input Bias Current (A)
20
20
15
Max.
10
Max.
10
5
Typ.
5
Typ.
0 -50
0 -25 0 25 50 75 100 125 10 12 14 16 18 20 Temperature (C) V CC Logic Supply Voltage (V)
Figure 21A. Logic "1" Input Current vs. Temperature
Figure 21B. Logic "1" Input Current vs. Voltage
To Order
CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
B-101
Previous Datasheet
Index
Next Data Sheet
IR2121
5.00 5.00 4.00 4.00
Logic "0" Input Bias Current (A)
3.00
Logic "0" Input Bias Current (A)
3.00
2.00
2.00
1.00
Max.
1.00
Max.
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VCC Logic Supply Voltage (V)
Figure 22A. Logic "0" Input Current vs. Temperature
Figure 22B. Logic "0" Input Current vs. Voltage
25.0
25.0
20.0 "High" CS Bias Current (A) "High" CS Bias Current (A)
20.0
15.0
15.0
10.0
Max. Typ.
10.0
Max.
Typ.
5.0
5.0
0.0 -50 -25 0 25 50 75 100 125 Temperature (C)
0.0 10 12 14 16 18 20 VBS Floating Supply Voltage (V)
Figure 23A. "High" CS Bias Current vs. Temperature
Figure 23B. "High" CS Bias Current vs. Voltage
5.00
5.00
4.00 "Low" CS Bias Current (A) "Low" CS Bias Current (A)
Max.
4.00
3.00
3.00
2.00
2.00
Max.
1.00
1.00
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VBS Floating Supply Voltage (V)
Figure 24A. "Low" CS Bias Current vs. Temperature
Figure 24B. "Low" CS Bias Current vs. Voltage
B-102 CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
To Order
Previous Datasheet
Index
Next Data Sheet
IR2121
11.0 11.0 10.0
Max.
VCC Undervoltage Lockout + (V)
9.0
Typ.
VCC Undervoltage Lockout - (V)
10.0
9.0
Max.
Min.
8.0
8.0
Typ.
Min.
7.0
7.0
6.0 -50 -25 0 25 50 75 100 125 Temperature (C)
6.0 -50 -25 0 25 50 75 100 125 Temperature (C)
Figure 25. VCC Undervoltage (+) vs. Temperature
Figure 26. VCC Undervoltage (-) vs. Temperature
250
250
ERR Timing Charge Current (A)
150
Max.
ERR Timing Charge Current (A)
200
200
150
Max.
100
Typ.
Typ.
100
Min.
Min.
50
50
0 -50 -25 0 25 50 75 100 125 Temperature (C)
0 10 12 14 16 18 20 V CC Logic Supply Voltage (V)
Figure 27A. ERR Timing Charge Current vs. Temperature
Figure 27B. ERR Timing Charge Current vs. Voltage
25.0
25.0
20.0 ERR Pull-Up Current (A) ERR Pull-Up Current (A)
Typ.
20.0
15.0
15.0
Typ.
10.0
Min.
10.0
Min.
5.0
5.0
0.0 -50 -25 0 25 50 75 100 125 Temperature (C)
0.0 10 12 14 16 18 20 VCC Logic Supply Voltage (V)
Figure 28A. ERR Pull-Up Current vs. Temperature
Figure 28B. ERR Pull-Up Current vs. Voltage
To Order
CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
B-103
Previous Datasheet
Index
Next Data Sheet
IR2121
50 50 40 ERR Pull-Down Current (A)
Typ.
40 ERR Pull-Down Current (A)
30
30
Typ.
20
Min.
20
Max.
10
10
0 -50
0 -25 0 25 50 75 100 125 10 12 14 16 18 20 Temperature (C) V CC Logic Supply Voltage (V)
Figure 29A. ERR Pull-Down Current vs.Temperature
Figure 29B. ERR Pull-Down Current vs. Voltage
2.50
2.50
2.00 Output Source Current (A)
Typ.
2.00 Output Source Current (A)
1.50
Min.
1.50
1.00
1.00
Typ.
Min.
0.50
0.50
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VBS Floating Supply Voltage (V)
Figure 30A. Output Source Current vs.Temperature
Figure 30B. Output Source Current vs. Voltage
5.00
5.00
4.00 Output Sink Current (A)
Typ.
4.00 Output Sink Current (A)
3.00
Min.
3.00
Typ.
2.00
2.00
Min.
1.00
1.00
0.00 -50 -25 0 25 50 75 100 125 Temperature (C)
0.00 10 12 14 16 18 20 VBS Floating Supply Voltage (V)
Figure 31A. Output Sink Current vs.Temperature
Figure 31B. Output Sink Current vs. Voltage
B-104 CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
To Order
Previous Datasheet
Index
Next Data Sheet
IR2121
500
VCC = 15V
500
VCC = 15V
400 Turn-On Time (ns) Turn-Off Time (ns)
400
300
300
200
Typ.
200
Typ.
100
100
0 5 7.5 10 Input Voltage (V) 12.5 15
0 5 7.5 10 Input Voltage (V) 12.5 15
Figure 32A. Turn-On Time vs. Input Temperature
Figure 32B. Turn-Off Time vs. Input Voltage
0.00
-3.00 VS Offset Supply Voltage (V)
Typ. Typ.
-6.00
-9.00
-12.00
-15.00 10 12 14 16 18 20 VBS Floating Supply Voltage (V)
Figure 33. Maximum VS Negative Offset vs. Supply Voltage
To Order
CONTROL INTEGRATED CIRCUIT DESIGNERS MANUAL
B-105


▲Up To Search▲   

 
Price & Availability of IR2121

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X