Part Number Hot Search : 
B7720 V48C1 KBU80 0402B ZFXXX TL494CPW SMA33 AD8210
Product Description
Full Text Search
 

To Download IAA110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IAA110P
Integrated Telecom Circuits
Load Voltage Load Current Max RON
IAA110P 350 100 35
Units V mA
Features * Three Functions in One Package * Small 16 Pin SOIC Package (PCMCIA Compatible) * Bi-Directional Current Sensing * Bi-Directional Current Switching * 3750VRMS Input/Output Isolation * FCC Compatible * No EMI/RFI Generation * Machine Insertable, Wave Solderable * Tape & Reel Versions Available
Description The IAA110P Multifunction Telecom switch combines two 350V Form A relays and one optocoupler in a single package. The relay uses optically coupled MOSFET technology to provide 1500V of input to output isolation. The efficient MOSFET switches and photovoltaic die use Clare's patented OptoMOS architecture. The optically coupled input uses highly efficient GaAIAs infrared LEDs. IAA110P allows telecom circuit designers to combine three discrete functions in a single component. The IAA110P's small package uses less space than traditional discrete component solutions. Approvals * UL Recognized: File Number E76270 * CSA Certified: File Number LR 43639-12 * VDE Compatible * BSI Certified: * BS EN 60950:1992 (BS7002:1992) Certificate #:7969 * BS EN 41003:1993 Certificate #:7969
Applications * Telecommunications * Telecom Switching * Tip/Ring Circuits * Modem Switching (Laptop, Notebook, Pocket Size) * Hookswitch * Dial Pulsing * Ground Start * Ringer Injection * Instrumentation * Multiplexers * Data Acquisition * Electronic Switching * I/O Subsystems * Meters (Watt-Hour, Water, Gas) * Medical Equipment-Patient/Equipment Isolation * Security * Aerospace * Industrial Controls
Ordering Information Part # IAA110P IAA110PTR Description 16 Pin SOIC (50/Tube) 16 Pin SOIC (1000/Reel)
IAA110P Pinout
Pin Configuration
Switching Characteristics of Normally Open (Form A) Devices
10ms CONTROL
(N/C)
1 2 3 4 5 6
16 15 (Form A) 14 13 12 (Form A) 11 10 9
+ 90% LOAD 10% + TON 10%+ TOFF
7 (N/C) 8
Switching Characteristics of Normally Closed (Form B) Devices
10ms CONTROL
90% + +10% TOFF
+
90% TON
1. (N/C) 2. + LED - Form A Relay #1 3. - LED - Form A Relay #1 4. + LED - Form A Relay #2 5. - LED - Form A Relay #2 6. Emitter - Phototransistor 7. Collector - Phototransistor 8. (N/C) 9. LED - Phototransistor +/- 10. LED - Phototransistor -/+ 11. Output - Form A Relay #2 12. Common Source Relay #2 13. Output - Form A Relay #2 14. Output - Form A Relay #1 15. Common Source Relay #1 16. Output - Form A Relay #1
DS-IAA110P-R2
www.clare.com
1
IAA110P
Absolute Maximum Ratings (@ 25 C)
Parameter Total Package Dissipation Isolation Voltage Input to Output Operational Temperature Storage Temperature Soldering Temperature (10 Seconds Max.)
1
Min 3750 -40 -40 -
Typ Max Units 11 W VRMS +85 C +125 C +220 C
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this data sheet is not implied. Exposure of the device to the absolute maximum ratings for an extended period may degrade the device and effect its reliability.
Above 25 derate linerity 1.67mw/C
Electrical Characteristics
Parameter Relay Portion Output Characteristics @ 25C Load Voltage (Peak) Load Current (Continuous) Peak Load Current On-Resistance Off-State Leakage Current Switching Speeds Turn-On Turn-Off Output Capacitance Relay Portion Input Characteristics @ 25C Input Control Current Input Dropout Current Input Voltage Drop Reverse Input Voltage Reverse Input Current Detector Portion Output Characteristics @ 25C Phototransistor Blocking Voltage Phototransistor Dark Current Saturation Voltage Current Transfer Ratio Detector Portion Input Characteristics @ 25C Input Control Current Input Voltage Drop Input Current (Detector must be off) Input to Output Capacitance Input to Output Isolation Conditions Symbol Min Typ Max Units
IL= 1A 10ms IL=100mA VL=350V; TJ=25C IF=5mA, VL =10V IF=5mA, VL=10V VL=50V, f=1MHz
VL IL ILPK RON ILEAK TON TOFF -
-
25
350 100 350 35 1 3 3 -
V mA mA A ms ms pF
IL=100mA IL=1mA IF=5mA VR=5V
IF IF VF VR IR
5 0.4 0.9 -
1.2 -
50 1.4 5 10
mA mA V V A
IC =10A VCE=5V, IF =0mA IC=2mA, IF=16mA IF=6mA, VCE=0.5V
BVCEO ICEO VSAT CTR
20 33
50 50 0.3 -
500 0.5 -
V nA V %
IC=2mA,VCE=0.5V IF=5mA IC=1A, VCE=5V VL=50V, f=1MHz -
IF ICEO CI/O VI/O
6 0.9 5 3750
2 1.2 25 3 -
1.4 -
mA V A pF VRMS
2
www.clare.com
Rev. 2
IAA110P
PERFORMANCE DATA*
IAA110P Typical LED Forward Voltage Drop (N=50 Ambient Temperature = 25C; IF = 5mADC)
35 30 Device Count (N) Device Count (N) 25 20 15 10 5 0 1.17 1.19 1.21 1.23 1.25 LED Forward Voltage Drop (V)
35 30
IAA110P Typical On-Resistance Distribution (N=50 Ambient Temperature = 25C) (Load Current = 100mADC, IF = 5mADC)
IAA110P Typical Blocking Voltage Distribution (N=50 Ambient Temperature = 25C)
35 30 Device Count (N) 25 20 15 10 5 0
25 20 15 10 5 0 18.75 19.85 20.95 22.05 23.15 24.25 25.35 On-Resistance ()
377.5 388.5 399.5 410.5 421.5 432.5 443.5 Blocking Voltage (V)
IAA110P Typical IF for Switch Operation (N=50 Ambient Temperature = 25C) (Load Current = 100mADC)
25 20 15 10 5 0 0.39 0.65 0.91 1.17 1.43 1.69 1.95 LED Current (mA)
25 20 15 10 5 0
IAA110P Typical IF for Switch Dropout (N=50 Ambient Temperature = 25C) (Load Current = 100mADC)
25 20 15 10 5 0
IAA110P Typical Turn-On Time (N=50 Ambient Temperature = 25C) (Load Current = 100mADC; IF = 5mADC)
Device Count (N)
Device Count (N)
Device Count (N)
0.39
0.65
0.91
1.17
1.43
1.69
1.95
0.3
0.9
1.5
2.1
2.7
3.3
3.9
LED Current (mA)
Turn-On (ms)
25 20 15 10 5 0
IAA110P Typical Turn-Off Time (N=50 Ambient Temperature = 25C) (Load Current = 100mADC; IF = 5mADC)
IAA110P Typical Load Current vs. Temperature
180 160 Load Current (mA) 140 120 100 80 60 40 20 0 Leakage (A)
IAA110P Typical Leakage vs. Temperature (Measured across Pins 14 & 16 or 11 & 13)
0.016 0.014 0.012 0.010 0.008 0.006 0.004 0.002 0
Device Count (N)
20mA 10mA 5mA
0.05
0.15
0.25
0.35
0.45
0.55
0.65
-40
-20
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
Turn-Off (ms)
Temperature (C)
Temperature (C)
IAA110P Typical Blocking Voltage vs. Temperature
430 Blocking Voltage (VRMS) 425 Turn-On (ms) 420 415 410 405 400 395 -40 -20 0 20 40 60 80 100 Temperature (C) 5.000 4.500 4.000 3.500 3.000 2.500 2.000 1.500 1.000 0.500 0 -40
IAA110P Typical Turn-On vs. Temperature (Load Current = 100mADC)
1.000 0.900 0.800 0.700 0.600 0.500 0.400 0.300 0.200 0.100 0 -40
IAA110P Typical Turn-Off vs. Temperature (Load Current = 100mADC)
5mA 10mA 20mA -20 0 20 40 60 80 100
Turn-Off (ms)
5mA -20 0 20 40 60 80 100
Temperature (C)
Temperature (C)
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
Rev. 2
3
IAA110P
PERFORMANCE DATA*
IAA110P Typical LED Forward Voltage Drop vs. Temperature
LED Forward Voltage Drop (V) 1.8 1.6 1.4 1.2 1.0 0.8 -40 -20 0 20 40 60 80 100 120 Temperature (C)
Turn-On (ms)
IAA110P Typical Turn-On vs. LED Forward Current (Load Current = 100mADC)
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25 30 35 40 45 50 LED Forward Current (mA)
IAA110P Typical Turn-Off vs. LED Forward Current (Load Current = 100mADC)
0.7 0.6
Turn-Off (ms)
0.5 0.4 0.3 0.2 0.1 0 0 5 10 15 20 25 30 35 40 45 50 LED Forward Current (mA)
50mA 30mA 20mA 10mA 5mA
60
IAA110P Typical On-Resistance vs. Temperature (Load Current = 100mADC; IF = 5mA)
LED Current (mA)
IAA110P Typical IF for Switch Operation vs. Temperature (Load Current = 100mADC)
3.000 LED Current (mA) 2.500 2.000 1.500 1.000 0.500 0 -40 -20 0 20 40 60 80 100
IAA110P Typical IF for Switch Dropout vs. Temperature (Load Current = 100mADC)
3.000 2.500 2.000 1.500 1.000 0.500 0 -40 -20 0 20 40 60 80 100
On-Resistance ()
50 40 30 20 10 0 -40 -20 0 20 40 60 80 100 Temperature (C)
Temperature (C)
Temperature (C)
100 80 60 40 20 0 -20 -40 -60 -80 -100 -2.5 -2 -1.5 -1 -0.5 0
IAA110P Typical Load Current vs. Load Voltage (Ambient Temperature = 25C; IF = 5mADC)
IAA110P Energy Rating Curve
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 10s 100s 1ms 10ms 100ms Time
Normalized CTR (%)
IAA110P Typical Normalized CTR vs. Forward Current (VCE = 0.5V)
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0
Load Current (mA)
0.5
1
1.5
2
2.5
Load Current (A)
1s
10s 100s
0
2
4
6
8
10
12
14
16
18
20
Load Voltage (V)
IF (mA)
IAA110P Typical Normalized CTR vs. Temperature (VCE = 0.5V)
8
IAA110P Typical Collector Current vs. Forward Current (VCE = 0.5V)
12 10 8
IC (mA)
Normalized CTR (%)
7 6 5 4 3 2 1 0 -40 -20 0 20 40 60
6 4 2 0 0 2 4 6 8 10 12 14 16 18 20
1mA 2mA 5mA 10mA 15mA 20mA 80 100 120
Temperature (C)
IF (mA)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
4
www.clare.com
Rev. 2
IAA110P
Mechanical Dimensions
16 Pin SOIC ("P" Suffix)
10.160 .051 (.400 .002) 1.270 TYP. (.050)
PC Board Pattern (Top View)
1.270 (.050) 10.363 .127 (.408 .005)
1.981 TYP. (.078) 2.108 MAX. (.083)
7.493 .051 (.295 .002) 7.493 .127 (.295 .005) .254 (.010)
1.016 (.040)
9.728 .051 (.383 .002) 1.193 (.047) .787 (.031)
.406 TYP. (.016) 8.890 TYP. (.350)
Tape and Reel Packaging for 16 Pin SOIC Package
330.2 DIA. (13.00) Top Cover Tape Thickness .102 MAX. (.004) 12.090 (.476) 3.175 (.125) 6.731 MAX. (.265) 2.007 .102 1.498 .102 3.987 .102 (.079 .004) (.059 .004) (.157 .004)
1.753 .102 (.069 .004) .406 MAX. (.016) 7.493 .102 (.295 .004)
1
16
16.002 .305 (.630 .012) 10.693 .025 (.421 .001)
Embossed Carrier
Top Cover Tape
.050R TYP.
11.989 .102 (.472 .004) User Direction of Feed
10.897 .025 (.429 .001)
1.549 .102 (.061 .004)
Embossment
Dimensions mm (inches)
Rev. 2
5
Worldwide Sales Offices
CLARE LOCATIONS
Clare Headquarters 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Clare Micronix Division 145 Columbia Aliso Viejo, CA 92656-1490 Tel: 1-949-831-4622 Fax: 1-949-831-4628
EUROPE
European Headquarters CP Clare nv Bampslaan 17 B-3500 Hasselt (Belgium) Tel: 32-11-300868 Fax: 32-11-300890 France Clare France Sales Lead Rep 99 route de Versailles 91160 Champlan France Tel: 33 1 69 79 93 50 Fax: 33 1 69 79 93 59 Germany Clare Germany Sales ActiveComp Electronic GmbH Mitterstrasse 12 85077 Manching Germany Tel: 49 8459 3214 10 Fax: 49 8459 3214 29 Italy C.L.A.R.E.s.a.s. Via C. Colombo 10/A I-20066 Melzo (Milano) Tel: 39-02-95737160 Fax: 39-02-95738829 Sweden Clare Sales Comptronic AB Box 167 S-16329 Spanga Tel: 46-862-10370 Fax: 46-862-10371 United Kingdom Clare UK Sales Marco Polo House Cook Way Bindon Road Taunton UK-Somerset TA2 6BG Tel: 44-1-823 352541 Fax: 44-1-823 352797
ASIA/PACIFIC
Asian Headquarters Clare Room N1016, Chia-Hsin, Bldg II, 10F, No. 96, Sec. 2 Chung Shan North Road Taipei, Taiwan R.O.C. Tel: 886-2-2523-6368 Fax: 886-2-2523-6369
SALES OFFICES AMERICAS
Americas Headquarters Clare 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Eastern Region Clare P.O. Box 856 Mahwah, NJ 07430 Tel: 1-201-236-0101 Fax: 1-201-236-8685 Toll Free: 1-800-27-CLARE Central Region Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824 Western Region Clare 1852 West 11th Street, #348 Tracy, CA 95376 Tel: 1-209-832-4367 Fax: 1-209-832-4732 Toll Free: 1-800-27-CLARE Canada Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824
http://www.clare.com
Clare cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in this Clare product. No circuit patent licenses nor indemnity are expressed or implied. Clare reserves the right to change the specification and circuitry, without notice at any time. The products described in this document are not intended for use in medical implantation or other direct life support applications where malfunction may result in direct physical harm, injury or death to a person.
Specification: DS-IAA110P-R2 (c)Copyright 2000, Clare, Inc. OptoMOS(R) is a registered trademark of Clare, Inc. All rights reserved. Printed in USA. 3/23/01


▲Up To Search▲   

 
Price & Availability of IAA110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X