Part Number Hot Search : 
AD602 ANTXV2N SSR2045G 2SC3496 1A66C S20S200A RT1N430U KX022
Product Description
Full Text Search
 

To Download HER103G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
HER101(G) - HER108(G)
1A 1A HIGH EFFICIENCY GPP DIODES
Maximum Average Maximum Forward Rectified Current Maximum Peak Surge Current @ Half-Wave Peak Reverse @ 8.3ms Resistive Load 60Hz Voltage Superimposed PRV V PK IO @TL A AV C I FM (Surge) A PK Maximum Forward Voltage @ TA=25C I FM A PK V FM V PK
TYPE
Maximum Reverse Current @ PRV @ TA=25C IR Adc
Package Maximum Reverse Dimensions Recovery Time
Trr ns
HER101(G) HER102(G) HER103(G) HER104(G) HER105(G) HER106(G) HER107(G) HER108(G)
50 100 200 300 400 600 800 1000
1.0
50
30
5.0
1.0
1.00 1.00 1.00 1.30 1.30 1.85 1.85 1.85
DO - 41
50
70
Trr I F=0.5A, I R=1.0A, I RR=0.25A Trr Test Conditions: I F=0.5A, I R=1.0A, I RR=0.25A
1.0(25.4) MIN .205(5.2) .166(4.2) 1.0(25.4) MIN
.034(0.9) .028(0.7)
DIA .107(2.7) DIA .080(2.0)
DO - 41
41A-1/2
LESHAN RADIO COMPANY, LTD.
HER101(G) - HER108(G) 1A 1A RATING & CHARACTERISTIC CURVES OF HIGH EFFICIENCY GPP DIODES
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 NONINDUCTIVE 10 NONINDUCTIVE D.U.T. (-) PULSE G E N E R AT O R (NOTE 2) (+) 0 -0.25A
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
2.0 Single Phase Half Wave 60Hz Resistive or Inductive Load 1.0
+0.5A
Trr
(+) 25Vdc (APPROX) (-)
1
OSCILLOSCOPE NON. (NOTE 1) INDUCTIVE
NOTES:1.Rise Time=7ns max. Input Impedance=1megohm.22pF. 2.Rise Time=10ns max. Source Impedance=50 ohms.
-1.0A
0 0 50 100 150 175
SET TIME BASE FOR 10 ns/cm
1cm
AMBIENT TEMPER ATURE, (C)
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
100 TJ =150C
INSTANTANEOUS REVERSE CURRENT (A)
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
10.0
INSTANTANEOUS FORWARD CURRENT, (A)
10
1.0
50/ 100 /20 0V
30
TJ =100 C
0/
0 40
V
60
0V
1.0 TJ =25 C
0.1
.01 TJ =25C Pulse Width=300s 1% Duty Cycle .001 .2 .4 .6 .8 1.0 1.2 1.4 1.6 1.8
.01 20 40 60 80 100 120 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG. 5 - MAXINUM NON-REPETITIVE FOWARD SURGE CURRENT
50
PEAK FORWARD SURGE CURRENT,(A) JUNCTION CAPACITANCE,(pF)
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
200 100
8.3ms Single Half Sine-Wave (JEDEC Method) 40
60 40 20 10 TJ = 25C 6 4 2
HE R10 HE R10
30
1(G
80
.1
0/
10
)-H
00
V
ER1
05(
20
G)
6(G
)-H
ER1
08(
10
G)
0 1 2 4 6 8 10 20 40 60 80 100
1 .1 .2 .4 1.0 2 4 10 20 40 100
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,(V)
41A-2/2


▲Up To Search▲   

 
Price & Availability of HER103G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X