Part Number Hot Search : 
E008287 EKMR451 1008F PEB3558 ET7824 AD777602 LL15XB60 CY28419
Product Description
Full Text Search
 

To Download HD74HC112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74HC112
Dual J-K Flip-Flops (with Preset and Clear)
Description
Each flip-flop has independent J, K, preset, clear and clock inputs and Q and Q outputs. This device is edge sensitive to the clock input and change state on the negative going transition of the clock pulse. Clear and preset are independent of the clock and accomplished by a low logic level on the corresponding input.
Features
* * * * * High Speed Operation: tpd (Clock to Q) = 17 ns typ (CL = 50 pF) High Output Current: Fanout of 10 LSTTL Loads Wide Operating Voltage: VCC = 2 to 6 V Low Input Current: 1 A max Low Quiescent Supply Current: ICC (static) = 2 A max (Ta = 25C)
Function Table
Inputs Preset L H L H H H H H H H Note: Clear H L L H H H H H H H L H Clock X X X J X X X L L H H X X X K X X X L H L H X X X Output Q H L H*
1
Q L H H*1
No Change L H Toggle No Change No Change No Change H L
1. Q and Q will remain HIGH as long as Preset and Clear are Low, but Q and Q are unpredictable, if Preset and Clear go HIGH simultaneously.
HD74HC112
Pin Arrangement
1CK 1K 1J 1PR 1Q 1Q 2Q GND
1 2 3 4 5 6 7 8 (Top view) K CK J CLR PR Q Q J CK K PR CLR Q Q
16 Vcc 15 1CLR 14 2CLR 13 2CK 12 2K 11 2J 10 2PR 9 2Q
Logic Diagram (1/2)
PR CLR J K CK CK CK CK CK CK Q Q
CK CK CK CK
CK
2
HD74HC112
DC Characteristics
Ta = 25C Item Input voltage Symbol VIH Ta = -40 to +85C Max -- -- -- 0.5 1.35 1.8 -- -- -- -- -- 0.1 0.1 0.1 0.33 0.33 1.0 20 A A I OL = 4 mA I OL = 5.2 mA Vin = VCC or GND Vin = VCC or GND, Iout = 0 A V I OH = -4 mA I OH = -5.2 mA Vin = VIH or VIL I OL = 20 A V Vin = VIH or VIL I OH = -20 A V Unit V Test Conditions
VCC (V) Min Typ Max Min 2.0 4.5 6.0 1.5 -- 3.15 -- 4.2 -- -- -- -- -- -- -- -- -- -- 0.5 1.5 3.15 4.2 --
VIL
2.0 4.5 6.0
1.35 -- 1.8 -- 1.9 4.4 5.9 4.13 5.63 -- -- --
Output voltage
VOH
2.0 4.5 6.0 4.5 6.0
1.9 2.0 -- 4.4 4.5 -- 5.9 6.0 -- 4.18 -- 5.68 -- -- -- -- -- -- -- -- -- --
VOL
2.0 4.5 6.0 4.5 6.0
0.0 0.1 0.0 0.1 0.0 0.1 -- -- -- --
0.26 -- 0.26 -- 0.1 -- 2.0 --
Input current Quiescent supply current
Iin I CC
6.0 6.0
3
HD74HC112
AC Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25C Item Maximum clock frequency Symbol f max Ta = -40 to +85C Max 5 24 28 190 38 33 175 35 30 175 35 30 -- -- -- -- -- -- -- -- -- -- -- -- 95 19 16 10 pF ns ns Clear to Clock ns Clock to Data ns Data to Clock ns Clock, Clear Preset Q or Q Clear to Q or Q ns Clock to Q or Q Unit MHz Test Conditions
VCC (V) Min Typ Max Min 2.0 4.5 6.0 -- -- -- -- -- -- -- -- -- -- -- -- 80 16 14 -- -- -- -- 17 -- -- 15 -- -- 16 -- -- 9 -- 6 30 35 -- -- --
Propagation delay t PLH time t PHL
2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0
150 -- 30 26 -- --
140 -- 28 24 -- --
140 -- 28 24 -- -- -- -- -- -- -- -- -- -- -- -- 75 15 13 10 -- -- 100 20 17 125 25 21 5 5 5 125 25 21 -- -- -- --
Pulse width
tw
2.0 4.5 6.0
Setup time
t su
2.0 4.5 6.0
100 -- 20 17 5 5 5 3 -- -- -2 --
Hold time
th
2.0 4.5 6.0
Removal time
t rem
2.0 4.5 6.0
100 -- 20 17 -- -- -- -- 2 -- -- 5 -- 5
Output rise/fall time
t TLH t THL
2.0 4.5 6.0
Input capacitance
Cin
--
4
19.20 20.00 Max 16 9 7.40 Max 6.30
Unit: mm
1 1.3
1.11 Max
8
0.51 Min
2.54 Min 5.06 Max
7.62
2.54 0.25
0.48 0.10
0.25 - 0.05 0 - 15
Hitachi Code JEDEC EIAJ Weight (reference value)
+ 0.13
DP-16 Conforms Conforms 1.07 g
Unit: mm
10.06 10.5 Max 16 9
5.5
1
*0.22 0.05 0.20 0.04
8 0.80 Max
2.20 Max
0.20 7.80 + 0.30 -
1.15 0 - 8 0.70 0.20
1.27 *0.42 0.08 0.40 0.06
0.12 M
Hitachi Code JEDEC EIAJ Weight (reference value) FP-16DA -- Conforms 0.24 g
*Dimension including the plating thickness Base material dimension
0.10 0.10
0.15
Unit: mm
9.9 10.3 Max 16 9 3.95 1 1.27 0.635 Max 8
0.11 0.14 + 0.04 - 1.75 Max
*0.22 0.03 0.20 0.03
0.10 6.10 + 0.30 -
1.08 0 - 8
0.67 0.60 + 0.20 -
*0.42 0.08 0.40 0.06
0.15 0.25 M
*Dimension including the plating thickness Base material dimension
Hitachi Code JEDEC EIAJ Weight (reference value)
FP-16DN Conforms Conforms 0.15 g
Unit: mm
5.00 5.30 Max 16 9 4.40 1
0.08 *0.22 + 0.07 -
8 0.65 1.0 6.40 0.20 0 - 8 0.50 0.10
0.20 0.06
0.13 M 0.65 Max
*0.17 0.05 0.15 0.04
1.10 Max
0.10
0.07 +0.03 -0.04
*Dimension including the plating thickness Base material dimension
Hitachi Code JEDEC EIAJ Weight (reference value)
TTP-16DA -- -- 0.05 g
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica : http:semiconductor.hitachi.com/ Europe : http://www.hitachi-eu.com/hel/ecg Asia (Singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm Asia (Taiwan) : http://www.hitachi.com.tw/E/Product/SICD_Frame.htm Asia (HongKong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm Japan : http://www.hitachi.co.jp/Sicd/indx.htm For further information write to:
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Hitachi Europe GmbH Electronic components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 778322 Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 049318 Tel: 535-2100 Fax: 535-1533 Hitachi Asia Ltd. Taipei Branch Office 3F, Hung Kuo Building. No.167, Tun-Hwa North Road, Taipei (105) Tel: <886> (2) 2718-3666 Fax: <886> (2) 2718-8180 Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Tsim Sha Tsui, Kowloon, Hong Kong Tel: <852> (2) 735 9218 Fax: <852> (2) 730 0281 Telex: 40815 HITEC HX
Copyright ' Hitachi, Ltd., 1999. All rights reserved. Printed in Japan.


▲Up To Search▲   

 
Price & Availability of HD74HC112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X