Part Number Hot Search : 
DTA14 2PA1774J 7C135 S16S35PT DTA14 2815T 377B1 STK62
Product Description
Full Text Search
 

To Download HAS100-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducers HAS 50 to 600-S
For the electronic measurement of currents: DC, AC, pulsed, mixed, with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
IPN
=
50 .. 600 A
4V
VOUT =
Electrical data
Primary nominal r.m.s. current IPN (A) 50 100 200 300 400 500 600 Primary current measuring range IP (A)
150 300 600 900 900 900 900
Type
HAS 50-S HAS 100-S HAS 200-S HAS 300-S HAS 400-S HAS 500-S HAS 600-S
Features
* Hall effect measuring principle * Galvanic isolation between primary * * * *
and secondary circuit Isolation voltage 3000 V~ Low power consumption Extended measuring range (3 x IPN) Insulated plastic case made of polycarbonate PBT recognized according to UL 94-V0
VC IC IOC Vd Vb RIS VOUT 40 mV ROUT RL
Supply voltage ( 5 %) Current consumption Overload capacity R.m.s. voltage for AC isolation test, 50/60 Hz, 1 mn R.m.s. rated voltage, safe separation Isolation resistance @ 500 VDC Output voltage @ IPN, RL = 10 k, TA = 25C Output internal resistance Load resistance
15 15 30,000 3 5001) > 1000
V mA At kV V M 4V k
Advantages
* Easy mounting * Small size and space saving * Only one design for wide current * High immunity to external
ratings range interference.
approx. 100 >1
Accuracy - Dynamic performance data
X
L
VOE VOH VOT TC G tr di/dt f
Accuracy @ IPN, TA = 25C (without offset) Linearity 2) (0 .. IPN) Electrical offset voltage, TA = 25C Hysteresis offset voltage @ IP = 0; after an excursion of 1 x IPN Thermal drift of VOE HAS 50-S HAS 100 to HAS 600-S Thermal drift of the gain (% of reading) Response time @ 90% of IP di/dt accurately followed Frequency bandwidth (- 3 dB) 3)
<1 % < 1 % of IPN < 20 mV < 20 mV <2 mV/K <1 mV/K < 0.1 %/K <3 s > 50 A/s DC .. 50 kHz
Applications
* * * *
AC variable speed drives Static converters for DC motor drives Battery supplied applications Uninterruptible Power Supplies (UPS) * Switched Mode Power Supplies (SMPS) * Power supplies for welding applications.
General data
TA TS m Ambient operating temperature Ambient storage temperature Mass Standards 4) - 10 .. + 80 - 25 .. + 80 approx. 60 EN 50178 C C g
Notes :
1) 2)
Pollution class 2, overvoltage category III. Linearity data exclude the electrical offset. 3) Please refer to derating curves in the technical file to avoid excessive core heating at high frequency. 4) Please consult characterisation report for more technical details and application advice.
981007/4
LEM Components
www.lem.com
HA S 50 to 600-S Dimensions (in mm)
22.8 16 10.4
4.5
r 5 .2
I
20.4 x
4321 MOLEX 5045-04A 40 == 2.5 20 (Max . 8.0) 30
PINS ARRANGEMENT 1 = +15V 2 = 15V 3 = OUT PUT 4 = 0V
LEM reserves the right to change limits and dimensions.


▲Up To Search▲   

 
Price & Availability of HAS100-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X