Part Number Hot Search : 
MIIC5271 002000 CXA3785R TW9903 AV2636 S1500 LM39500 SKIIP
Product Description
Full Text Search
 

To Download FP205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:EN4494
FP205
PNP/NPN Epitaxial Planar Silicon Transistors
Push-Pull Circuit Applications
Features
* Composite type with a PNP transistor and an NPN transistor in one package, facilitating high-density mounting. * The FP205 is composed of 2 chips, one being equivalent to the 2SA1416 and the other 2SC3646, which are placed in one package. Electrical Connection
1:Base 2:Collector 3:Emitter Common 4:Collector 5:Base 6:Collector 7:Collector (Top view)
Package Dimensions
unit:mm 2097A
[FP205]
1:Base 2:Collector 3:Emitter Common 4:Collector 5:Base 6:Collector 7:Collector SANYO:PCP5 (Bottom view)
( ) : PNP
Conditions Ratings (-)120 (-)100 (-)6 (-)1 (-)2 (-)0.2 Unit V V V A A A W W
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Collector Current (Pulse) Base Current Collector Dissipation Total Power Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC ICP IB PC PT Tj Tstg
Mounted on ceramic board (250mm2x0.8mm) 1unit Mounted on ceramic board (250mm2x0.8mm)
0.8 1.1 150 -55 to +150
C C
Electrical Characteristics at Ta=25C
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain-Bandwidth Product Output Capacitance C-E Saturation Voltage B-E Saturation Voltage C-B Breakdown Voltage C-E Breakdown Voltage E-B Breakdown Voltage Turn-ON Time Storage Time Fall Time Symbol ICBO IEBO hFE fT Cob VCE(sat) VBE(sat) VCB=(-)100V, IE=0 VEB=(-)4V, IC=0 VCE=(-)5V, IC=(-)100mA VCE=(-)10V, IC=(-)100mA VCB=(-)10V, f=1MHz IC=(-)400mA, IB=(-)40mA 140 120 (13) 8.5 (-0.2) 0.1 IC=(-)400mA, IB=(-)40mA V(BR)CBO IC=(-)10A, IE=0 V(BR)CEO IC=(-)1mA, RBE= V(BR)EBO IE=(-)10A, IC=0 ton tstg tf See specified Test Circuit See specified Test Circuit See specified Test Circuit (-)0.85 (-)120 (-)100 (-)6 (80)80 (700) 850 (40)50 (-0.6) 0.4 (-)1.2 Conditons Ratings min typ max (-)100 (-)100 400 MHz pF pF V V V V V V ns ns ns Unit nA nA
Marking:205
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
52098HA (KT)/82494MT (KOTO) A8-9592 No.4494-1/4
FP205
Switching Time Test Circuit
No.4494-2/4
FP205
No.4494-3/4
FP205
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibilty for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of May, 1998. Specifications and information herein are subject to change without notice.
PS No.4494-4/4


▲Up To Search▲   

 
Price & Availability of FP205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X