Part Number Hot Search : 
90000 TW2816 74HC36 MBK32S SP6121 STRF6707 HV5761 ST3854
Product Description
Full Text Search
 

To Download FMC7G10US60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FMC7G10US60
October 2001
IGBT
FMC7G10US60
Compact & Complex Module
General Description
Fairchild's Insulated Gate Bipolar Transistor (IGBT) power modules provide low conduction and switching losses as well as short circuit ruggedness. They are designed for applications such as motor control, uninterrupted power supplies (UPS) and general inverters where short circuit ruggedness is a required feature.
Features
* * * * * * * UL Certified No. E209204 Short circuit rated 10us @ TC = 100C, VGE = 15V High speed switching Low saturation voltage : VCE(sat) = 2.2 V @ IC = 10A High input impedance Built in brake and 3 phase rectifier circuit Fast & soft anti-parallel FWD
R B S U T V W EU EV EW
Package Code : 21PM-AA
P
P1
GU
GV
GW
Applications
* * * * AC & DC motor controls General purpose inverters Robotics Servo controls
GB N E -GU -GV -GW
Internal Circuit Diagram
Absolute Maximum Ratings
Symbol VCES VGES IC ICM (1) IF IFM PD TSC VRRM IO IFSM I2t TJ Common TSTG VISO Mounting Torque
TC = 25C unless otherwise noted
Inverter & Brake
Converter
Description Collector-Emitter Voltage Gate-Emitter Voltage Collector Current @ TC = 25C Pulsed Collector Current Diode Continuous Forward Current @ TC = 100C Diode Maximum Forward Current Maximum Power Dissipation @ TC = 25C Short Circuit Withstand Time @ TC = 100C Repetitive Peak Reverse Voltage Average Output Rectified Current Surge Forward Current @ 1Cycle at 60Hz, Peak value Non-Repetitive 1 Cycle Surge Current Operating Junction Temperature Storage Temperature Range Isolation Voltage Mounting part Screw @ AC 1minute @ M4
FMC7G10US60 600 20 10 20 10 20 36 10 1200 10 100 41 -40 to +150 -40 to +125 2500 1.25
Units V V A A A A W us V A A A2s C C V N.m
Notes : (1) Repetitive rating : Pulse width limited by max. junction temperature
(c)2001 Fairchild Semiconductor Corporation
FMC7G10US60 Rev. A4
FMC7G10US60
Electrical Characteristics of the IGBT @ Inverter & Brake T
Symbol Parameter Test Conditions
C
= 25C unless otherwise noted
Min.
Typ.
Max.
Units
Off Characteristics
BVCES BVCES/ TJ ICES IGES Collector-Emitter Breakdown Voltage Temperature Coeff. of Breakdown Voltage Collector Cut-Off Current G-E Leakage Current VGE = 0V, IC = 250uA VGE = 0V, IC = 1mA VCE = VCES, VGE = 0V VGE = VGES, VCE = 0V 600 ----0.6 ----250 100 V V/C uA nA
On Characteristics
VGE(th) VCE(sat) G-E Threshold Voltage Collector to Emitter Saturation Voltage IC = 10mA, VCE = VGE IC = 10A, VGE = 15V 5.0 -6.0 2.2 8.5 2.8 V V
Dynamic Characteristics
Cies Coes Cres Input Capacitance Output Capacitance Reverse Transfer Capacitance VCE = 30V, VGE = 0V, f = 1MHz ---660 115 25 ---pF pF pF
Switching Characteristics
td(on) tr td(off) tf Eon Eoff Ets td(on) tr td(off) tf Eon Eoff Ets Tsc Qg Qge Qgc Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Switching Loss Turn-Off Switching Loss Total Switching Loss Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Switching Loss Turn-Off Switching Loss Total Switching Loss Short Circuit Withstand Time Total Gate Charge Gate-Emitter Charge Gate-Collector Charge --------------10 ---15 30 36 158 0.14 0.22 0.36 16 33 42 242 0.16 0.45 0.61 -30 5 8 --50 200 --0.5 --60 350 --0.86 -45 10 16 ns ns ns ns mJ mJ mJ ns ns ns ns mJ mJ mJ us nC nC nC
VCC = 300 V, IC = 10A, RG = 20, VGE = 15V, Inductive Load, TC = 25C
VCC = 300 V, IC = 10A, RG = 20, VGE = 15V, Inductive Load, TC = 125C
@ TC =
VCC = 300 V, VGE = 15V 100C
VCE = 300 V, IC = 10A, VGE = 15V
(c)2001 Fairchild Semiconductor Corporation
FMC7G10US60 Rev. A4
FMC7G10US60
Electrical Characteristics of the DIODE @ Inverter & Brake T
Symbol VFM trr Irr Qrr Parameter Diode Forward Voltage Diode Reverse Recovery Time Diode Peak Reverse Recovery Current Diode Reverse Recovery Charge IF = 10A di / dt = 20 A/us Test Conditions TC = 25C IF = 10A TC = 100C TC = 25C TC = 100C TC = 25C TC = 100C TC = 25C TC = 100C
C
= 25C unless otherwise noted
Min. ---------
Typ. 1.8 1.75 90 110 0.7 1 32 55
Max. 2.8 -130 -1.2 -70 --
Units V ns A nC
Electrical Characteristics of the DIODE @ Converter T
Symbol VFM IRRM Parameter Diode Forward Voltage Repetitive Reverse Current
C
= 25C unless otherwise noted
Test Conditions TC = 25C IF = 10A TC = 100C VR = VRRM TC = 25C TC = 100C
Min. -----
Typ. 1.1 1.0 -5
Max. 1.5 -8 --
Units V mA
Thermal Characteristics
Inverter Brake Converter Weight Symbol RJC RJC RJC RJC RJC Parameter Junction-to-Case (IGBT Part, per 1/6 Module) Junction-to-Case (DIODE Part, per 1/6 Module) Junction-to-Case (IGBT Part) Junction-to-Case (DIODE Part) Junction-to-Case (DIODE Part, per 1/6 Module) Weight of Module Typ. -----60 Max. 3.47 4.0 3.47 4.0 3.6 -Units C/W C/W C/W C/W C/W g
(c)2001 Fairchild Semiconductor Corporation
FMC7G10US60 Rev. A4
FMC7G10US60
40 35 30 Common Emitter T C = 25
30
20V 15V
25
12V
Collector Current, IC [A]
Collector Current, IC [A]
Common Emitter VGE = 15V TC = 25 TC = 125 ------
20
25 20 15 10 V GE = 10V
15
10
5
5 0 0 2 4 6 8
0 1 10
Collector - Emitter Voltage, VCE [V]
Collector - Emitter Voltage, V CE [V]
Fig 1. Typical Output Characteristics
Fig 2. Typical Saturation Voltage Characteristics
4.0
16 Common Emitter V GE = 15V 14 20A 12
VCC = 300V Load Current : peak of square wave
Collector - Emitter Voltage, VCE [V]
3.5
3.0
Load Current [A]
10 8 6 4
2.5 10A 2.0 IC = 5A
1.5
2 1.0 -50 0 50 100 150 0
Duty cycle : 50% T C = 100 Power Dissipation = 18W 0.1 1 10 100 1000
Case Temperature, T C []
Frequency [KHz]
Fig 3. Saturation Voltage vs. Case Temperature at Variant Current Level
Fig 4. Load Current vs. Frequency
20 Common Emitter T C = 25
20 Common Emitter T C = 125
Collector - Emitter Voltage, VCE [V]
Collector - Emitter Voltage, VCE [V]
16
16
12
12
8
8
4 IC = 5A 0 0 4 8
20A 10A
20A 4 IC = 5A 0 10A
12
16
20
0
4
8
12
16
20
Gate - Emitter Voltage, V GE [V]
Gate - Emitter Voltage, VGE [V]
Fig 5. Saturation Voltage vs. VGE
(c)2001 Fairchild Semiconductor Corporation
Fig 6. Saturation Voltage vs. VGE
FMC7G10US60 Rev. A4
FMC7G10US60
1400 Common Emitter V GE = 0V, f = 1MHz T C = 25 Common Emitter V CC = 300V, V GE = 15V IC = 10A T C = 25 T C = 125 -----100
1200
Ton
Capacitance [pF]
Switching Time [ns]
1000 Cies
800
Tr
600
400 Coes 200 Cres 0 1 10
10 10 100
Collector - Emitter Voltage, VCE [V]
Gate Resistance, R G [ ]
Fig 7. Capacitance Characteristics
Fig 8. Turn-On Characteristics vs. Gate Resistance
1000
Switching Time [ns]
Common Emitter VCC = 300V, V GE = 15V IC = 10A TC = 25 TC = 125 ------
1000 Toff Toff Tf
Common Emitter VCC = 300V, VGE = 15V IC = 10A TC = 25 TC = 125 -----Eoff Eon Eoff
Tf
Switching Loss [uJ]
100
100 10 100
10
100
Gate Resistance, R G [ ]
Gate Resistance, RG [ ]
Fig 9. Turn-Off Characteristics vs. Gate Resistance
Fig 10. Switching Loss vs. Gate Resistance
1000 Common Emitter V GE = 15V, RG = 20 T C = 25 T C = 125 -----Common Emitter VGE = 15V, RG = 20 TC = 25 TC = 125 -----Ton
Switching Time [ns]
100
Switching Time [ns]
Toff Tf Toff Tf 100
Tr
10 6 8 10 12 14 16 18 20 6 8 10 12 14 16 18 20
Collector Current, IC [A]
Collector Current, IC [A]
Fig 11. Turn-On Characteristics vs. Collector Current
(c)2001 Fairchild Semiconductor Corporation
Fig 12. Turn-Off Characteristics vs. Collector Current
FMC7G10US60 Rev. A4
FMC7G10US60
15 1000 Common Emitter VGE = 15V, RG = 20 TC = 25 TC = 125 ------
Gate - Emitter Voltage, VGE [ V ]
Common Emitter RL = 30 TC = 25 VCC = 100 V 300 V 200 V
12
Switching Loss [uJ]
9
Eoff
6
100 Eon
3
0 5 10 15 20 0 10 20 30
Collector Current, IC [A]
Gate Charge, Qg [ nC ]
Fig 13. Switching Loss vs. Collector Current
Fig 14. Gate Charge Characteristics
100 IC MAX. (Pulsed) 100us 1 1
50
Collector Current, I C [A]
Collector Current, I C [A]
10
IC MAX. (Continuous)
50us
10
DC Operation
0.1
Single Nonrepetitive Pulse TC = 25 Curves must be derated linearly with increase in temperature 0.1 1 10 100 1000
0.01
1
1
Safe Operating Area V GE = 20V, TC = 100 10 100 1000
Collector-Emitter Voltage, V CE [V]
Collector-Emitter Voltage, VCE [V]
Fig 15. SOA Characteristics
Fig 16. Turn-Off SOA Characteristics
50
10
Collector Current, I C [A]
10
Thermal Response, Zthjc [/W]
1
1
0.1
0.1
Single Nonrepetitive Pulse T J 125 VGE = 15V RG = 20 0 100 200 300 400 500 600 700
0.01 10
-5
IGBT : DIODE : 10
-4
10
-3
10
-2
10
-1
10
0
10
1
Collector-Emitter Voltage, VCE [V]
Rectangular Pulse Duration [sec]
Fig 17. RBSOA Characteristics
(c)2001 Fairchild Semiconductor Corporation
Fig 18. Transient Thermal Impedance
FMC7G10US60 Rev. A4
FMC7G10US60
40
20
Peak Reverse Recovery Current, Irr [A] Reverse Recovery Time, Trr [x10ns]
35 30 25 20 15 10 5 0 0
Common Cathode V GE = 0V T C = 25 T C = 125
10
T rr
Forward Current, I
F
[A]
1 Irr
Common Cathode di/dt = 20A/ TC = 25 TC = 100 0.1 2 4 6 8 10 12
1
2
3
4
Forward Voltage, V F [V]
Forward Current, IF [A]
Fig 19. Forward Characteristics
Fig 20. Reverse Recovery Characteristics
(c)2001 Fairchild Semiconductor Corporation
FMC7G10US60 Rev. A4
FMC7G10US60
Package Dimension
21PM-AA (FS PKG CODE BJ)
Dimensions in Millimeters
(c)2001 Fairchild Semiconductor Corporation FMC7G10US60 Rev. A4
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
FAST(R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM
OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SLIENT SWITCHER(R)
SMART STARTTM STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TruTranslationTM TinyLogicTM UHCTM UltraFET(R)
VCXTM
STAR*POWER is used under license
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR INTERNATIONAL. As used herein: 1. Life support devices or systems are devices or systems 2. A critical component is any component of a life support which, (a) are intended for surgical implant into the body, device or system whose failure to perform can be or (b) support or sustain life, or (c) whose failure to perform reasonably expected to cause the failure of the life support when properly used in accordance with instructions for use device or system, or to affect its safety or effectiveness. provided in the labeling, can be reasonably expected to result in significant injury to the user.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2001 Fairchild Semiconductor Corporation
Rev. H4


▲Up To Search▲   

 
Price & Availability of FMC7G10US60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X