Part Number Hot Search : 
ACT64 527277BP G5016 51089 TINY46 ZMM5228B F4585 HCF4040
Product Description
Full Text Search
 

To Download DMC40457 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 First Edition
Approved by
Production Div.
May 12, 1999
Checked by
Quality Assurance Div.
LCD Module Specification
Final Revision Checked by Design Engineering Div.
*******
Prepared by Type No. Production Div.
Table of Contents
1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11. General Specifications .............................................................................2 Electrical Specifications...........................................................................3 Optical Specifications ..............................................................................5 I/O Terminal.............................................................................................7 Test............................................................................................................9 Appearance Standards............................................................................10 Code System of Production Lot ..........................................................13 Type Number..........................................................................................13 Applying Precautions .............................................................................13 Precautions Relating Product Handling................................................14 Warranty..................................................................................................15
Revision History
Rev. Date Page Comment
DMC40457 (AA) No.99-0117
OPTREX
OPTREX CORPORATION
Page 1/15
1. General Specif ications
Operating Temp. Storage Temp. Display Format Display Fonts Viewing Area Outline Dimensions Weight LCD Type
min. 0 max. 50 min. -20 max. 70 40 characters x 4 lines 5 x 8 dots ( 1 character ) 147.0 (W) x 29.5 (H) mm 190.0 (W) x 54.0 (H) x 11.0 max. (D) mm 100g max. FRD-7705 ( TN / Clear-mode / Reflective) 6:00 None Dimensional Outline UE-30657
Viewing Angle Backlight Drawings
DMC40457 (AA) No.99-0117
OPTREX
OPTREX CORPORATION
Page 2/15
2.Electrical Specif ications
2.1.Absolute Maximum Ratings VSS=0V Parameter Supply Voltage (Logic) Supply Voltage (LCD Drive) Input Voltage VI -0.3 VCC+0.3 V VCC-VEE 0 6.5 V Symbol VCC-VSS Conditions Min. -0.3 Max. 6.5 Units V
2.2.DC Characteristics Ta=25, VSS=0V Parameter Supply Voltage (Logic) Supply Voltage (LCD Drive) High Level Input Voltage Low Level Input Voltage High Level Output Voltage Low Level Output Voltage Supply Current ICC VCC-VSS=5.0V 5.7 10.0 mA VOL IOL=1.2mA 0.4 V VOH IOH=-0.205mA 2.4 V VIL VCC=5.0V10% -0.3 0.6 V VIH VCC=5.0V10% 2.2 VCC V VCC-VEE Shown in 3.1 V Symbol VCC-VSS Conditions Min. 4.5 Typ. Max. 5.5 Units V
DMC40457 (AA) No.99-0117
OPTREX
OPTREX CORPORATION
Page 3/15
2.3.AC Characteristics VCC=5.0V10% Parameter Enable Cycle Time Enable Pulse Width Enable Rise/Fall Time Address Setup Time Address Hold Time Write Data Setup Time Write Data Hold Time Read Data Delay Time Read Data Hold Time
VIH VIL
Symbol
Conditions Fig.1, 2 Fig.1, 2 Fig.1, 2 Fig.1, 2 Fig.1, 2 Fig.1 Fig.1 Fig.2 Fig.2
VIH VIL
Min. 500 230 40 10 80 10 5
Max. 20 160
Units ns ns ns ns ns ns ns ns ns
tCYC
PWEH
tEr, tEf tAS tAH tDSW tDHW tDDR tDHR
RS
tAS
tAH
R/W
VIL PWEH
VIL
tEr
E
VIH VIL VIH
tEf
VIL VIL
tDSW
DB0DB7
VIH VIL
tDHW
VIH VIL
Valid Data
tCYC
Fig.1
VIH VIL
Write Operation Timing
VIH VIL
RS
tAS
VIH
tAH
VIH
R/W
PWEH
tEr
E
VIH VIL VIH
tEf
VIL VIL
tDDR
DB0DB7
VOH VOL
tDHR
VOH VOL
Valid Data
tCYC
Fig.2
Read Operation Timing
DMC40457 (AA) No.99-0117
OPTREX
OPTREX CORPORATION
Page 4/15
3.Optical Specif ications
3.1.LCD Driving Voltage Parameter Recommended LCD Driving Voltage Note 1 : VCC-VEE Symbol Conditions Ta= 0 Ta=25 Min. 4.2 Typ. 4.5 Max. 5.2 4.8 Units V V
Note 1 Ta=50 3.7 V Voltage (Applied actual waveform to LCD Module) for the best contrast. The range of minimum and maximum shows tolerance of the operating voltage. The specified contrast ratio and response time are not guaranteed over the entire range.
3.2.Optical Characteristics Ta=25, 1/16 Duty, 1/5 Bias, VD=4.5V (Note 4), =10 , =270 Parameter Contrast Ratio Viewing Angle Response Rise Note 2 TON Note 1 Symbol CR Conditions =20 , =270 Min. Typ. 7 Max. Units
Shown in 3.3 130 200 ms
Time Decay Note 3 TOFF 130 200 ms Note 1 : Contrast ratio is definded as follows. CR = LOFF / LON CR = LON / LOFF LON : Luminance of the ON segments LOFF : Luminance of the OFF segments Note 2 : The time that the luminance level reaches 90% of the saturation level from 0% when ON signal is applied. Note 3 : The time that the luminance level reaches 10% of the saturation level from 100% when OFF signal is applied. Note 4 : Definition of Driving Voltage VD Assuming that the typical driving waveforms shown below are applied to the LCD Panel at 1/A Duty - 1/B Bias ( A : Duty Number, B : Bias Number ). Driving voltage VD is definded as follows. VD = (Vth1+Vth2) / 2 Vth1 : The voltage VO-P that should provide 50% of the saturation level in the luminance measured at= 10 , =270 on the segment which the ON signal is applied to. Vth2 : The voltage VO-P that should provide 26% of the saturation level in the luminance measured at= 40 , =270 on the segment which the OFF signal is applied to.
VO-P
( B-2 )xVO-P / B 1 / ( fFxA ) 1 / fF
ON SIGNAL
OFF SIGNAL
DMC40457 (AA) No.99-0117
OPTREX
OPTREX CORPORATION
Page 5/15
3.3.Definition of Viewing Angle and Optimum Viewing Area Point shows the point where contrast ratio is measured. : = 0 , = Driving condition : 1/16 Duty, 1/5 Bias, VD=4.5V, fF=71.9Hz
90 135 45
90
180
10 20 30 40 50
(= 0 180 0
225 270
315 270
Area
shows typ. CR2
3.4.System Block Diagram
Temperature Chamber Rotation Table (,) Photometer #1980A WB LCD Optical Fiber
Computer
Control Unit & Waveform Generator Halogen bulb
DMC40457 (AA) No.99-0117
OPTREX
OPTREX CORPORATION
Page 6/15
4.I/O Terminal
4.1.Pin Assignment No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Symbol D7 D6 D5 D4 D3 D2 D1 D0 E1 R/W RS VEE VSS VCC E2 NC Level H/L H/L H/L H/L H/L H/L H/L H/L H,HL H/L H/L H,HL Data Bus Line Data Bus Line Data Bus Line Data Bus Line Data Bus Line / Non-connection at 4-bit operation Data Bus Line / Non-connection at 4-bit operation Data Bus Line / Non-connection at 4-bit operation Data Bus Line / Non-connection at 4-bit operation Enable Signal (No pull-up Resister) Read/Write Select Signal H : Read L : Write Register Select Signal Power Supply for LCD Drive Power Supply (0V, GND) Power Supply for Logic Enable Signal (No pull-up Resister) Non-connection Function
4.2.Example of Power Supply It is recommended to apply a potentiometer for the contrast adjust due to the tolerance of the driving voltage and its temperature dependence.
VCC VR MODULE VSS VSS (0V) VCC (+Voltage)
VEE VR=1020K
DMC40457 (AA) No.99-0117
OPTREX
OPTREX CORPORATION
Page 7/15
4.3.Block Diagram
8
DB7DB7 RS R/W E1 Control LSI HD44780 or equivalent
4
Column Driver MSM5259 x 4 or equivalent
SEG 40 SEG 160 COM 16
LCDP
8 COM 16
40 characters x 4 lines
Control LSI HD44780 or equivalent E2
SEG 40
SEG 160
4
Column Driver MSM5259 x 4 or equivalent
VCC
VSS
Bias Circuit
To LSI
VEE
DMC40457 (AA) No.99-0117
OPTREX
OPTREX CORPORATION
Page 8/15
5.Test
No change on display and in operation under the following test condition. No. 1 2 3 4 5 6 Parameter High Temperature Operating Low Temperature Operating High Temperature Storage Low Temperature Storage Damp Proof Test Vibration Test Conditions 502, 96hrs (operation state) 02, 96hrs (operation state) 702, 96hrs -202, 96hrs 402, 9095%RH, 96hrs Total fixed amplitude : 1.5mm Vibration Frequency : 1055Hz One cycle 60 seconds to 3 directions of X, Y, Z for each 15 minutes 7 Shock Test To be measured after dropping from 60cm high on the concrete surface in packing state. 3 4 3, 4 3, 4 5 Notes
F E B G D A 60cm Concrete Surface C
Dropping method corner dropping A corner : once Edge dropping B,C,D edge : once Face dropping E,F,G face : once
Note 1 : Unless otherwise specified, tests will be conducted under the following condition. Temperature : 205 Humidity : 655% Note 2 : Unless otherwise specified, tests will be not conducted under functioning state. Note 3 : No dew condensation to be observed. Note 4 : The function test shall be conducted after 4 hours storage at the normal temperature and humidity after removed from the test chamber. Note 5 : Vibration test will be conducted to the product itself without putting it in a container.
DMC40457 (AA) No.99-0117
OPTREX
OPTREX CORPORATION
Page 9/15
6.Appearance Standards
6.1.Inspection conditions The LCD shall be inspected under 40W white fluorescent light. The distance between the eyes and the sample shall be more than 30cm. All directions for inspecting the sample should be within 45 against perpendicular line.
45
6.2.Definition of applicable Zones
A Zone B Zone C Zone
Bezel Flame
A Zone : Active display area B Zone : Area from outside of "A Zone" to validity viewing area C Zone : Rest parts A Zone + B Zone = Validity viewing area
DMC40457 (AA) No.99-0117
OPTREX
OPTREX CORPORATION
Page 10/15
6.3.Standards No. 1 Parameter Black and White Spots, Foreign Substances Dimension (mm) D 0.1 0.1 D 0.2 0.2 D 0.3 0.3 D D = ( Long + Short ) / 2 (2) Line Shape Zone X(mm) 2.0L 1.0L 1.0L Y(mm) 0.02W 0.03W 0.04W 0.05W 0.05W A * 3 1 0 Acceptable Number B * 3 2 2 In the same way (1) * : Disregard C * * * * (1) Round Shape Zone A * 5 0 0 * : Disregard Acceptable Number B * 5 1 0 C * * * * Criteria
X : Length Y : Width
Total defects shall not exceed 5. 2 Air Bubbles (between glass & polarizer) Dimension (mm) D 0.15 0.15 D 0.3 0.3 D 0.5 0.5 D 1.0 * : Disregard Total defects shall not exceed 3. Zone A * 2 1 0 Acceptable Number B * 3 2 1 C * * * *
DMC40457 (AA) No.99-0117
OPTREX
OPTREX CORPORATION
Page 11/15
No. 3
Parameter The Shape of Dot (1) Dot Shape (with Dent)
0.15
Criteria
As per the sketch of left hand.
(2) Dot Shape (with Projection)
Should not be connected to next dot.
(3) Pin Hole
X
(X+Y) / 20.2mm
Y
(Less than 0.1mm is no counted.)
Total defects shall not exceed 5. 4 5 Polarizer Scratches Polarizer Dirts Not to be conspicuous defects. If the stains are removed easily from LCDP surface, the module is not defective. 6 Color Variation Not to be conspicuous defects.
DMC40457 (AA) No.99-0117
OPTREX
OPTREX CORPORATION
Page 12/15
7.Code System of Production Lot
The production lot of module is specified as follows.
Factory Number (Numeral) Factory Code (Alphabet) Production Week (15) Production Month (19, X, Y, Z) Production Year (Lower 2 digits)
8.Type Number
The type number of module is specified on the back of module as follows.
Etching or Printing
9.Applying Precautions
Please contact us when questions and/or new problems not specified in this specifications arise.
DMC40457 (AA) No.99-0117
OPTREX
OPTREX CORPORATION
Page 13/15
10.Precautions Relating Product Handling
The Following precautions will guide you in handling our product correctly. 1) Liquid crystal display devices The liquid crystal display device panel used in the liquid crystal display module is made of plate glass. Avoid any strong mechanical shock. Should the glass break handle it with care. The polarizer adhering to the surface of the LCD is made of a soft material. Guard against scratching it.
2) Care of the liquid crystal display module against static electricity discharge. When working with the module, be sure to ground your body and any electrical equipment you may be using. We strongly recommend the use of anti static mats ( made of rubber ), to protect work tables against the hazards of electrical shock. Avoid the use of work clothing made of synthetic fibers. We recommend cotton clothing or other conductivity-treated fibers. Slowly and carefully remove the protective film from the LCD module, since this operation can generate static electricity.
3) When the LCD module alone must be stored for long periods of time: Protect the modules from high temperature and humidity. Keep the modules out of direct sunlight or direct exposure to ultraviolet rays. Protect the modules from excessive external forces.
4) Use the module with a power supply that is equipped with an overcurrent protector circuit, since the module is not provided with this protective feature. 5) Do not ingest the LCD fluid itself should it leak out of a damaged LCD module. Should hands or clothing come in contact with LCD fluid, wash immediately with soap. 6) Conduc1tivity is not guaranteed for models that use metal holders where solder connections between the metal holder and the PCB are not used. Please contact us to discuss appropriate ways to assure conductivity.
7) For models which use CFL: High voltage of 1000V or greater is applied to the CFL cable connector area. Care should be taken not to touch connection areas to avoid burns. Protect CFL cables from rubbing against the unit and thus causing the wire jacket to become worn. The use of CFLs for extended periods of time at low temperatures will significantly shorten their service life.
DMC40457 (AA) No.99-0117
OPTREX
OPTREX CORPORATION
Page 14/15
8) For models which use touch panels: Do not stack up modules since they can be damaged by components on neighboring modules. Do not place heavy objects on top of the product. This could cause glass breakage.
9) For models which use COG,TAB,or COF: The mechanical strength of the product is low since the IC chip faces out unprotected from the rear. Be sure to protect the rear of the IC chip from external forces. Given the fact that the rear of the IC chip is left exposed, in order to protect the unit from electrical damage, avoid installation configurations in which the rear of the IC chip runs the risk of making any electrical contact.
10) Models which use flexible cable, heat seal, or TAB: In order to maintain reliability, do not touch or hold by the connector area. Avoid any bending, pulling, or other excessive force, which can result in broken connections.
11.Warranty
This product has been manufactured to your company's specifications as a part for use in your company's general electronic products. It is guaranteed to perform according to delivery specifications. For any other use apart from general electronic equipment, we cannot take responsibility if the product is used in medical devices, nuclear power control equipment, aerospace equipment, fire and security systems, or any other applications in which there is a direct risk to human life and where extremely high levels of reliability are required. If the product is to be used in any of the above applications, we will need to enter into a separate product liability agreement.
We cannot accept responsibility for any defect, which may arise from additional manufacturing of the product (including disassembly and reassembly), after product delivery. We cannot accept responsibility for any defect, which may arise after the application of strong external force to the product. We cannot accept responsibility for any defect, which may arise due to the application of static electricity after the product has passed your company's acceptance inspection procedures. When the product is in CFL models, CFL service life and brightness will vary according to the performance of the inverter used, leaks, etc. We cannot accept responsibility for product performance, reliability, or defect, which may arise. We cannot accept responsibility for industrial property, which may arise through the use of your product, with exception to those issues relating directly to the structure or method of manufacturing of our product. Optrex will not be held responsible for any quality guarantee issue for defect products judged as Optrex-origin longer than 2 (two) years from Optrex production or 1(one) year from Optrex, Optrex America, Optrex Europe, Display LC delivery which ever comes later.
DMC40457 (AA) No.99-0117
OPTREX
OPTREX CORPORATION
Page 15/15


▲Up To Search▲   

 
Price & Availability of DMC40457

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X