Part Number Hot Search : 
NTE1919 011IST5X 25002 AT1142 P2430 5929A TW0259A AN12942B
Product Description
Full Text Search
 

To Download DF20SC9M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Schottky Rectifiers (SBD)
Dual
DF20SC9M
90V 20A
FEATURES
*oe SMT
OUTLINE DIMENSIONS
Case : STO-220 Unit : mm
*oe Tj150*Z *oe PRRSM avalanche guaranteed *oe High current capacity with Small Package APPLICATION *oe Switching power supply *oe DC/DC converter *oe Home Appliances, Office Equipment *oe Telecommunication
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit Storage Temperature Tstg -40*150 *Z Operating Junction Temperature Tj 150 *Z VRM Maximum Reverse Voltage 90 V Repetitive Peak Surge ReverseVRRSM Voltage Pulse width 0.5ms, duty 1/40 100 V IO Average Rectified Forward Current 50Hz sine wave, R-load, Rating for each diode Io/2, Tc=111*Z 20 A Peak Surge Forward Current IFSM50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25 *Z A 200 Repetitive Peak Surge ReversePRRSM Power Pulse width 10Es, Rating of per diode, Tj=25*Z 660 W *oeElectrical Characteristics (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit Forward Voltage VF I =10A, Pulse measurement, Rating of per diode F Max.0.75 V IR V =V , Reverse Current R RM Pulse measurement, Rating of per diode Max.10 mA Junction Capacitance Cj f=1MHz,R V =10V, Rating of per diode Typ.370 pF Thermal Resistance AEjc junction to case Max.1.6 *Z/W
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
DF20SC9M
Forward Voltage
10
Forward Current IF [A]
Tc=150C [MAX] Tc=150C [TYP] Tc=25C [MAX] Tc=25C [TYP]
1
Pulse measurement per diode
0.1
0
0.5
1
1.5
2
2.5
Forward Voltage VF [V]
DF20SC9M
Junction Capacitance
f=1MHz Tc=25C TYP per diode
1000
Junction Capacitance Cj [pF]
100
1
10
100
Reverse Voltage VR [V]
DF20SC9M
10000
Reverse Current
1000
Tc=150C [MAX]
Tc=150C [TYP]
Reverse Current IR [mA]
100
Tc=125C [TYP]
Tc=100C [TYP] 10 Tc=75C [TYP]
1
Pulse measurement per diode
0.1
0
20
40
60
80
100
Reverse Voltage VR [V]
DF20SC9M
100
Reverse Power Dissipation
Reverse Power Dissipation PR [W]
80
DC D=0.05 0.1 0.2
60
0.3
40
0.5
20
SIN 0.8
0
0
20
40
60
80
100
120
Reverse Voltage VR [V]
Tj = 150C
0 VR tp D=tp /T T
DF20SC9M
30
Forward Power Dissipation
Forward Power Dissipation PF [W]
25 0.5
D=0.8 SIN
DC
20 0.2 0.1 15 0.05
0.3
10
5
0
0
5
10
15
20
25
30
35
Average Rectified Forward Current IO [A]
Tj = 150C 0
IO tp D=tp /T T
DF20SC9M
40
Derating Curve
Average Rectified Forward Current IO [A]
35 DC 30 D=0.8 25 20
0.5 SIN 0.3
15 0.2 10 5 0 0.1 0.05
0
20
40
60
80
100
120
140
160
Case Temperature Tc [C]
VR = 45V 0 0
IO
VR tp D=tp /T T
DF20SC9M
300
Peak Surge Forward Capability
IFSM
10ms 10ms
250
1 cycle
Peak Surge Forward Current IFSM [A]
non-repetitive, sine wave, Tj=25C before surge current is applied
200
150
100
50
0
1
2
5
10
20
50
100
Number of Cycles [cycles]
SBD
120
Repetitive Surge Reverse Power Derating Curve
100
PRRSM Derating [%]
80
60
40
20
0
0
50
100
150
Junction Temperature Tj [C]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP
SBD
10
Repetitive Surge Reverse Power Capability
PRRSM p) / PRRSM p=10s) Ratio (t (t
1
0.1
1
10
100
Pulse Width t p [s]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP


▲Up To Search▲   

 
Price & Availability of DF20SC9M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X