Part Number Hot Search : 
BFXXXX IRG4BC30 DAC8043 FP104 HT12F MBRF3010 00RTJ060 2520E
Product Description
Full Text Search
 

To Download DF158S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
DF150S - DF1510S
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features
! ! ! ! ! ! Glass Passivated Die Construction G Low Forward Voltage Drop High Current Capability High Surge Current Capability Designed for Surface Mount Application B Plastic Material - UL Recognition Flammability Classification 94V-O L J
~
+ ~
A C
D
E
H
Mechanical Data
! ! ! !
!
!
Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 K Polarity: As Marked on Case *Low profile models (J = 2.20~2.50mm) are available. Weight: 0.38 grams (approx.) Please consult factory. Mounting Position: Any Marking: Type Number
DF-S Dim Min Max A 7.40 7.90 B 6.20 6.50 C 0.009 0.25 D 0.076 0.33 E -- 10.40 G 1.02 1.53 H 8.13 8.51 J* 3.20 3.40 K 5.0 5.20 L 1.00 1.20 All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. DF 150S 50 35
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TA = 40C
Symbol VRRM VRWM VR VR(RMS) IO
DF 151S 100 70
DF 152S 200 140
DF 154S 400 280 1.5
DF 156S 600 420
DF 158S 800 560
DF 1510S 1000 700
Unit
V V A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage per element Peak Reverse Current At Rated DC Blocking Voltage @IF = 1.5A @TA = 25C @TA = 125C
IFSM VFM IRM Cj RJA Tj, TSTG
50 1.1 10 500 25 74 -65 to +150
A V A pF K/W C
Typical Junction Capacitance per element (Note 1) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Thermal resistance junction to ambient mounted on PC board with 5.0mm2 (0.03mm thick) land areas.
DF150S - DF1510S
1 of 3
(c) 2002 Won-Top Electronics
60 Hz Resistive or Inductive load
IF, INSTANTANEOUS FORWARD CURRENT (A)
2.0 IO, AVERAGE FORWARD CURRENT (A)
10
Tj = 25C Pulse Width = 300s 2% duty cycle
1.5
1.0
1.0
0.1
0.5
0 40 60 80 100 120 140
0.01 0.4 0.6 0.8 1.0 1.2 1.4
TA, AMBIENT TEMPERATURE (C) Fig. 1 Output Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typ Forward Characteristics (per element) 100
IFSM, PEAK FORWARD SURGE CURRENT (A)
60
Single half-sine-Wave (JEDEC Method)
50
CJ, CAPACITANCE (pF)
Tj = 25c f = 1.0 Mhz Vsig = 50 mV p-p
40
30
10
20
10 0 1 10 100
1 1 10 100
NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Forward Surge Current
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typ Junction Capacitance (per element)
IR, INSTANTANEOUS REVERSE CURRENT (A)
Tj = 125C
10
1.0
0.1
Tj = 25C
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typ Reverse Characteristics (per element)
DF150S - DF1510S
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
DF150S-T3 DF150S DF151S-T3 DF151S DF152S-T3 DF152S DF154S-T3 DF154S DF156S-T3 DF156S DF158S-T3 DF158S DF1510S-T3 DF1510S
Package Type
DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD
Shipping Quantity
1500/Tape & Reel 50 Units/Tube 1500/Tape & Reel 50 Units/Tube 1500/Tape & Reel 50 Units/Tube 1500/Tape & Reel 50 Units/Tube 1500/Tape & Reel 50 Units/Tube 1500/Tape & Reel 50 Units/Tube 1500/Tape & Reel 50 Units/Tube
Products listed in bold are WTE Preferred devices. ! T3 suffix refers to a 13" reel. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.047 MIN (1.20 MIN)
0.404 MAX (10.26 MAX)
0.06 MIN (1.52 MIN)
0.205(5.2) 0.195(5.0)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
DF150S - DF1510S
3 of 3


▲Up To Search▲   

 
Price & Availability of DF158S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X