Part Number Hot Search : 
32403 P6KE91C CTN393 C221M P4SMA91A 32F10 MP7683 CAT93C5
Product Description
Full Text Search
 

To Download DF158 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
DF150 - DF1510
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
Features
! ! ! ! ! ! Glass Passivated Die Construction Low Forward Voltage Drop + High Current Capability High Surge Current Capability Designed for Surface Mount Application A B Plastic Material - UL Recognition Flammability Classification 94V-O ~ ~ C E
D
Mechanical Data
! ! ! ! !
!
Case: Molded Plastic Terminals: Plated Leads Solderable per G H MIL-STD-202, Method 208 Polarity: As Marked on Case I Weight: 0.38 grams (approx.) *Low profile models (E = 2.20~2.50mm) are available. Mounting Position: Any Please consult factory. Marking: Type Number
DIL Dim Min Max A 7.40 7.90 B 6.20 6.50 C 8.13 8.51 D 7.60 8.90 E* 3.20 3.40 G 0.41 0.51 H 3.90 4.20 I 5.0 5.20 All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TA = 40C Symbol VRRM VRWM VR VR(RMS) IO DF150 50 35
@TA=25C unless otherwise specified
DF151 100 70
DF152 200 140
DF154 400 280 1.5
DF156 600 420
DF158 DF1510 800 560 1000 700
Unit V V A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage per element Peak Reverse Current At Rated DC Blocking Voltage @IF = 1.5A @TA = 25C @TA = 125C
IFSM VFM IRM Cj RJA Tj, TSTG
50 1.1 10 500 25 40 -55 to +150
A V A pF K/W C
Typical Junction Capacitance per element (Note 1) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Thermal resistance junction to ambient mounted on PC board with 13mm2 copper pad.
DF150 - DF1510
1 of 3
(c) 2002 Won-Top Electronics
60 Hz Resistive or Inductive load
IF, INSTANTANEOUS FORWARD CURRENT (A)
2.0 IO, AVERAGE FORWARD CURRENT (A)
10
Tj = 25C Pulse Width = 300s 2% duty cycle
1.5
1.0
1.0
0.1
0.5
0 40 60 80 100 120 140
0.01 0.4 0.6 0.8 1.0 1.2 1.4
TA, AMBIENT TEMPERATURE (C) Fig. 1 Output Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typ Forward Characteristics (per element) 100
IFSM, PEAK FORWARD SURGE CURRENT (A)
60
Single half-sine-Wave (JEDEC Method)
50
CJ, CAPACITANCE (pF)
Tj = 25c f = 1.0 Mhz Vsig = 50 mV p-p
40
30
10
20
10 0 1 10 100
1 1 10 100
NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Forward Surge Current
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typ Junction Capacitance (per element)
IR, INSTANTANEOUS REVERSE CURRENT (A)
Tj = 125C
10
1.0
0.1
Tj = 25C
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typ Reverse Characteristics (per element)
DF150 - DF1510
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
DF150 DF151 DF152 DF154 DF156 DF158 DF1510
Package Type
DIL Bridge DIL Bridge DIL Bridge DIL Bridge DIL Bridge DIL Bridge DIL Bridge
Shipping Quantity
50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
DF150 - DF1510
3 of 3


▲Up To Search▲   

 
Price & Availability of DF158

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X