Part Number Hot Search : 
PC84C 2N708 MCP25511 CP2180A 2SC4838 DS181 2SC4838 74LS21
Product Description
Full Text Search
 

To Download DDC124EK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDC (xxxx) K
NPN PRE-BIASED SMALL SIGNAL SOT-26 DUAL SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * * * * * * * * * *
Mechanical Data
Case: SOT-26, Molded Plastic Case material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking: Date Code and Marking Code (See Diagrams & Page 3) Weight: 0.015 grams (approx.) Ordering Information (See Page 3)
P/N DDC124EK DDC144EK DDC114YK DDC123JK DDC114EK DDC143TK DDC114TK R1 22KW 47KW 10KW 2.2KW 10KW 4.7KW 10KW R2 22KW 47KW 47KW 47KW 10KW MARKING N17 N20 N14 N06 N13 N07 N12
K
J
Maximum Ratings
Supply Voltage, (3) to (1) Input Voltage, (2) to (1)
@ TA = 25C unless otherwise specified Symbol VCC DDC124EK DDC144EK DDC114YK DDC123JK DDC114EK DDC143TK DDC114TK DDC124EK DDC144EK DDC114YK DDC123JK DDC114EK DDC143TK DDC114TK All Value 50 -10 to +40 -10 to +40 -6 to +40 -5 to +12 -10 to +40 -5 Vmax -5 Vmax 30 30 70 100 50 100 100 100 300 416.7 -55 to +150 Unit V
Characteristic
Output Current
Output Current Power Dissipation (Total) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range Note:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. 200mW per element must not be exceeded.
DS30348 Rev. 2 - 2
1 of 5
NXX YM
Epitaxial Planar Die Construction Complementary PNP Types Available (DDA) Built-In Biasing Resistors
A
SOT-26 Dim A
BC
Min 0.35 1.50 2.70
Max 0.50 1.70 3.00 0.95 1.90
Typ 0.38 1.60 2.80
NXX YM
G H
B C D G
M
H J K L M a
2.90 1.00 0.35 0.10 0
3.10 1.30 0.55 0.20 8
3.00 0.05 1.10 0.40 0.15 3/4
0.013 0.10
D
L
All Dimensions in mm
R1 R 2 R2 R 1
R1 R1
R1, R2
R1 Only SCHEMATIC DIAGRAM
VIN
V
IO
mA
IC (Max) Pd RqJA Tj, TSTG
mA mW C/W C
DDC (xxxx) K
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE DR1 fT Min 50 50 5 3/4 3/4 3/4 100 -30 3/4 Typ 3/4 3/4 3/4 3/4 3/4 3/4 250 3/4 250 Min 0.5 0.5 0.3 0.5 0.5 Max 3/4 3/4 3/4 0.5 0.5 0.3 600 +30 3/4 Typ 1.1 1.1 3/4 3/4 1.1 1.9 1.9 --1.9 Unit V V V mA mA V 3/4 % MHz Max Unit Test Condition IC = 50mA IC = 1mA IE = 50mA VCB = 50V VEB = 4V IC/IB = 2.5mA / 0.25mA IC/IB = 1mA / 0.1mA 3/4 VCE = 10V, IE = -5mA, f = 100MHz Test Condition DDC143TK DDC114TK
NEW PRODUCT
Characteristic (DDC143TK & DDC114TK only) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio Input Resistor (R1) Tolerance Gain-Bandwidth Product* Characteristic DDC124EK DDC144EK DDC114YK DDC123JK DDC114EK DDC124EK DDC144EK DDC114YK DDC123JK DDC114EK DDC124EK DDC144EK DDC114YK DDC123JK DDC114EK DDC124EK DDC144EK DDC114YK DDC123JK DDC114EK DDC124EK DDC144EK DDC114YK DDC123JK DDC114EK
IC = 1mA, VCE = 5V
Symbol
Vl(off)
3/4 V
VCC = 5V, IO = 100mA
Input Voltage
Vl(on)
3/4
3.0 3.0 1.4 1.1 3.0
VO = 0.3, IO = 5mA VO = 0.3, IO = 2mA VO = 0.3, IO = 1mA VO = 0.3, IO = 5mA VO = 0.3, IO = 10mA IO/Il = 10mA / 0.5mA IO/Il = 10mA / 0.5mA IO/Il = 5mA / 0.25mA IO/Il = 5mA / 0.25mA IO/Il = 10mA / 0.5mA
Output Voltage
VO(on)
3/4
0.1
0.3
V
Input Current
Il
3/4 3/4 56 68 68 80 30 -30 -20 3/4
3/4 3/4 3/4 3/4 3/4 250
0.36 0.18 0.88 3.6 0.88 0.5
mA
VI = 5V
Output Current
IO(off)
mA 3/4
VCC = 50V, VI = 0V VO = 5V, IO = 5mA VO = 5V, IO = 5mA VO = 5V, IO = 10mA VO = 5V, IO = 10mA VO = 5V, IO = 5mA 3/4 3/4 VCE = 10V, IE = 5mA, f = 100MHz
DC Current Gain
Gl DR1 R2/R1 fT
3/4
Input Resistor (R1) Tolerance Resistance Ratio Tolerance Gain-Bandwidth Product* * Transistor - For Reference Only
+30 +20 3/4
% % MHz
DS30348 Rev. 2 - 2
2 of 5
DDC (xxxx) K
Ordering Information
(Note 3) Packaging SOT-26 SOT-26 SOT-26 SOT-26 SOT-26 SOT-26 SOT-26 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
NEW PRODUCT
Device DDC124EK-7 DDC144EK-7 DDC114YK-7 DDC123JK-7 DDC114EK-7 DDC143TK-7 DDC114TK-7 Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
NXX = Product Type Marking Code See Sheet 1 Diagrams YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September 2005 S May 5 Jun 6 Jul 7 2006 T Aug 8 2007 U Sep 9 2008 V Oct O Nov N 2009 W Dec D
Date Code Key Year Code Month Code Jan 1 2002 N Feb 2 2003 P March 3 Apr 4 2004 R
DS30348 Rev. 2 - 2
NXX YM
NXX YM
3 of 5
DDC (xxxx) K
NEW PRODUCT
TYPICAL CURVES - DDC123JK ONE SECTION
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
250 PD, POWER DISSIPATION (mW)
1
IC/IB = 10
200
0.1
75C -25C 25C
150
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
1000
0.001 0
10
20
30
40
50
IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
hFE, DC CURRENT GAIN (NORMALIZED)
VCE = 10
4
IE = 0mA
75C
COB, CAPACITANCE (pF)
3
-25C
25C
100
2
1
0
10 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain
75C VO = 5V 25C
0
100
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
VO = 0.2
100 IC, COLLECTOR CURRENT (mA)
10
-25C
1
Vin, INPUT VOLTAGE (V)
-25C
1
0.1
75C
25C
0.01
0.001 0 1 2 3 4 5 6 7 8 9 10 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
0.1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
DS30348 Rev. 2 - 2
4 of 5
DDC (xxxx) K
NEW PRODUCT
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
250
TYPICAL CURVES - DDC114TK ONE SECTION
1
IC/IB = 10
PD, POWER DISSIPATION (mW)
200
0.1
150
75C -25C 25C
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
1000
0.001 0
10
20
30
40
50
IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
hFE, DC CURRENT GAIN (NORMALIZED)
75C
VCE = 10
4
IE = 0mA
COB, CAPACITANCE (pF)
-25C
100
25C
3
2
10
1
0
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 100
0
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
VO = 0.2
100
75C
IC, COLLECTOR CURRENT (mA)
25C
10
Vin, INPUT VOLTAGE (V)
-25C
1
-25C 75C 25C
1
0.1
0.01
0.001 0 1 2 3 4 5
6
7
8
9
10
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
DS30348 Rev. 2 - 2
5 of 5
DDC (xxxx) K


▲Up To Search▲   

 
Price & Availability of DDC124EK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X