Part Number Hot Search : 
DF28D C106M 2405E 48S3V MP6508 LH22440 GBJ10 2200A
Product Description
Full Text Search
 

To Download D25SC6MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Schottky Rectifiers (SBD)
Dual
D25SC6MR
60V 25A
FEATURES
*oeTj150*Z
OUTLINE DIMENSIONS
Case : ITO-3P Unit : mm
*oe PRRSM avalanche guaranteed
*oe High current capacity *oe Fully Isolated Molding APPLICATION *oe Switching power supply *oe DC/DC converter *oe Home Appliances, Office Equipment *oe Telecommunication
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit Storage Temperature Tstg -40*150 *Z Operating Junction Temperature Tj 150 *Z Maximum Reverse Voltage VRM 60 V Repetitive Peak Surge Reverse Voltage width 0.5ms, duty 1/40 VRRSM Pulse 65 V IO 50Hz sine wave, R-load, Rating for each diode Io/2, Tc=117*Z Average Rectified Forward Current 25 A Peak Surge Forward CurrentIFSM 50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=125*Z 300 A Repetitive Peak Surge Reverse Power PRRSM Pulse width 10Es, Rating of per diode, Tj=25*Z660 W Dielectric Strength Vdis Terminals to case, AC 1 minute 1.5 kV Mounting Torque F TOR (Recommended torque*0.5Nm) 0.8 Nm *oeElectrical Characteristics (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit Forward Voltage VF I =12.5A, Pulse measurement, Rating of per diode F Max.0.58 V IR V =V , Pulse measurement, Rating of per diodeMax.10 mA Reverse Current R RM =10V, Rating of per diode Junction Capacitance Cj f=1MHz,R V Typ.490 pF Thermal Resistance AEjc junction to case Max.1.5 *Z/W
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
D25SC6MR
Forward Voltage
10
Forward Current IF [A]
Tc=150C [MAX] Tc=150C [TYP] Tc=25C [MAX] 1 Tc=25C [TYP]
Pulse measurement per diode
0.1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage VF [V]
D25SC6MR
Junction Capacitance
f=1MHz Tc=25C TYP per diode
Junction Capacitance Cj [pF]
1000
100
0.1
1
10
Reverse Voltage VR [V]
D25SC6MR
1000
Reverse Current
Tc=150C [MAX] Tc=150C [TYP]
100
Tc=125C [TYP]
Reverse Current IR [mA]
Tc=100C [TYP] 10 Tc=75C [TYP]
1
0.1
Pulse measurement per diode
0.01
0
10
20
30
40
50
60
Reverse Voltage VR [V]
D25SC6MR
70
Reverse Power Dissipation
DC D=0.05 0.1 0.2 0.3
Reverse Power Dissipation PR [W]
60
50
40 0.5
30
20 SIN 0.8
10
0
0
10
20
30
40
50
60
70
Reverse Voltage VR [V]
Tj = 150C
0 VR tp D=tp /T T
D25SC6MR
25
Forward Power Dissipation
DC D=0.8
Forward Power Dissipation PF [W]
20 SIN 0.3 15 0.1 0.05 10 0.2
0.5
5
0
0
5
10
15
20
25
30
35
40
Average Rectified Forward Current IO [A]
Tj = 150C IO 0 tp D=tp /T T
D25SC6MR
50
Derating Curve
Average Rectified Forward Current IO [A]
40 DC D=0.8 30 0.5 SIN 0.3 20 0.2 0.1 10 0.05
0
0
20
40
60
80
100
120
140
160
Case Temperature Tc [C]
VR = 30V 0 0
IO
VR tp D=tp /T T
D25SC6MR
500
Peak Surge Forward Capability
IFSM
10ms 10ms
1 cycle
400
Peak Surge Forward Current IFSM [A]
non-repetitive, sine wave, Tj=125C before surge current is applied
300
200
100
0
1
2
5
10
20
50
100
Number of Cycles [cycles]
SBD
120
Repetitive Surge Reverse Power Derating Curve
100
PRRSM Derating [%]
80
60
40
20
0
0
50
100
150
Junction Temperature Tj [C]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP
SBD
10
Repetitive Surge Reverse Power Capability
PRRSM p) / PRRSM p=10s) Ratio (t (t
1
0.1
1
10
100
Pulse Width t p [s]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP


▲Up To Search▲   

 
Price & Availability of D25SC6MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X