Part Number Hot Search : 
R0515 98321 00030 SKP06N60 C4468 PMB2347 TXV2N ADT14GS
Product Description
Full Text Search
 

To Download CXT2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXT2222A SURFACE MOUNT NPN SILICON TRANSISTOR
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CXT2222A type is an NPN silicon transistor manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for small signal general purpose and switching applications.
SOT-89 CASE MAXIMUM RATINGS (TA=25C) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance SYMBOL VCBO VCEO VEBO IC PD TJ,Tstg JA UNITS V V V mA W C C/W
75 40 6.0 600 1.2 -65 to +150 104
ELECTRICAL CHARACTERISTICS (TA=25C unless otherwise noted) SYMBOL ICBO ICBO IEBO ICEV BVCBO BVCEO BVEBO VCE(SAT) VCE(SAT) VBE(SAT) VBE(SAT) hFE hFE hFE hFE hFE hFE fT Cob Cib TEST CONDITIONS VCB=60V VCB=60V, TA=125C VEB=3.0V VCE=60V, VEB=3.0V IC=10A IC=10mA IE=10A IC=150mA, IB=15mA IC=500mA, IB=50mA IC=150mA, IB=15mA IC=500mA, IB=50mA VCE=10V, IC=0.1mA VCE=10V, IC=1.0mA VCE=10V, IC=10mA VCE=10V, IC=150mA VCE=1.0V, IC=150mA VCE=10V, IC=500mA VCE=20V, IC=20mA, f=100MHz VCB=10V, IE=0, f=1.0MHz VEB=0.5V, IC=0, f=1.0MHz MIN MAX 10 10 10 10 UNITS nA A nA nA V V V V V V V
75 40 6.0 0.6 35 50 75 100 50 40 300 0.3 1.0 1.2 2.0
300 MHz pF pF
8.0 25
R3 ( 19-December 2001)
Central
TM
CXT2222A SURFACE MOUNT NPN SILICON TRANSISTOR
Semiconductor Corp.
ELECTRICAL CHARACTERISTICS (Continued) SYMBOL hie hie hre hre hfe hfe hoe hoe rb'Cc NF td tr ts tf TEST CONDITIONS VCE=10V, IC=1.0mA, f=1.0kHz VCE=10V, IC=10mA, f=1.0kHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=10V, IC=10mA, f=1.0kHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=10V, IC=10mA, f=1.0kHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=10V, IC=10mA, f=1.0kHz VCB=10V, IE=20mA, f=31.8MHz VCE=10V, IC=100A, RS=1.0k, f=1.0kHz VCC=30V, VBE=0.5, IC=150mA, IB1=15mA VCC=30V, VBE=0.5, IC=150mA, IB1=15mA VCC=30V, IC=150mA, IB1=IB2=15mA VCC=30V, IC=150mA, IB1=IB2=15mA MIN 2.0 0.25 50 75 5.0 25 MAX 8.0 1.25 8.0 4.0 300 375 35 200 150 4.0 10 25 225 60 UNITS k k x10-4 x10-4 mhos mhos ps dB ns ns ns ns
SOT-89 CASE - MECHANICAL OUTLINE
A B
E
F
G
H 1 C J L M 2 K R3 3
BOTTOM VIEW
LEAD CODE: 1) EMITTER 2) COLLECTOR 3) BASE
R3 ( 19-December 2001)


▲Up To Search▲   

 
Price & Availability of CXT2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X