Part Number Hot Search : 
C505C 8AG350 GRM1555C HT809 AS5DC3 CS42448 CS42448 040AR
Product Description
Full Text Search
 

To Download C67078-S1316-A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 71
Not for new design
SIPMOS (R) Power Transistor
* N channel * Enhancement mode * Avalanche-rated
Pin 1 G
Pin 2 D
Pin 3 S
Type BUZ 71
VDS
50 V
ID
14 A
RDS(on)
0.1
Package TO-220 AB
Ordering Code C67078-S1316-A2
Maximum Ratings Parameter Continuous drain current Symbol Values 14 Unit A
ID IDpuls
56
TC = 28 C
Pulsed drain current
TC = 25 C
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Avalanche energy, single pulse
IAR EAR EAS
14 1 mJ
ID = 14 A, VDD = 25 V, RGS = 25 L = 30.6 H, Tj = 25 C
Gate source voltage Power dissipation 6
VGS Ptot
20 40
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 1
Tj Tstg RthJC RthJA
-55 ... + 150 -55 ... + 150 3.1 75 E 55 / 150 / 56
C K/W
Semiconductor Group
07/96
BUZ 71
Not for new design
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
50 3 0.1 10 10 0.08 4
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
1 100
A
VDS = 50 V, VGS = 0 V, Tj = 25 C VDS = 50 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
100
nA 0.1
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 10 V, ID = 9 A
Semiconductor Group
2
07/96
BUZ 71
Not for new design
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
4 7.7 450 220 85 -
S pF 600 350 150 ns 20 30
VDS 2 * ID * RDS(on)max, ID = 9 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Rise time
tr
40 60
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Turn-off delay time
td(off)
55 70
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Fall time
tf
40 55
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Semiconductor Group
3
07/96
BUZ 71
Not for new design
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS A 1.5 60 0.1 14 56 V 1.8 ns C Values typ. max. Unit
TC = 25 C
Inverse diode direct current,pulsed
ISM
-
TC = 25 C
Inverse diode forward voltage
VSD trr Qrr
VGS = 0 V, IF = 28 A
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 71
Not for new design
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
15 A
45 W
Ptot
35 30 25 20 15 10 5 0 0 20 40 60 80 100 120 C 160
ID
12 11 10 9 8 7 6 5 4 3 2 1 0 0 20 40 60 80 100 120 C 160
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 2
t = 21.0s p
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
A
/ID =
) on S( RD
K/W
100 s
ID
10 1
VD
S
ZthJC
1 ms
10 0
10 ms
10 -1 D = 0.50 0.20
10
0
0.10 DC 10 -2 single pulse 0.05 0.02 0.01
10 -1 0 10
10
1
V 10
2
10 -3 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 71
Not for new design
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
32
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
0.32
Ptot = 40W
l kj i h
VGS [V] a 4.0
b 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0 10.0 20.0
A
RDS (on) 0.24
a
b
c
d
e
f
g
ID
24
g
c d
20
f
e f
0.20
16
e
g h i
0.16
h i j
12
dj
k l
0.12
8
c
0.08
k
4
a
b
0.04 VGS [V] =
a 4.0 4.5 b 5.0 c 5.5 d 6.0 e f 6.5 7.0 g 7.5 h i j k 8.0 9.0 10.0 20.0
0 0.0 1.0 2.0 3.0 4.0 V 6.0
0.00 0 4 8 12 16 20 24 A 30
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
18 A
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
10 S
ID
14 12
gfs
8 7 6
10 5 8 4 6 3 4 2 0 0 2 1 0 1 2 3 4 5 6 7 8 V 10 0 2 4 6 8 10 12
VGS
A ID
16
Semiconductor Group
6
07/96
BUZ 71
Not for new design
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 9 A, VGS = 10 V
0.32
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V
RDS (on) 0.24 VGS(th)
98%
4.0 3.6 3.2
typ
0.20
2.8 2.4
0.16
2%
98%
0.12
2.0 1.6 1.2 0.8
typ
0.08
0.04 0.00 -60 -20 20 60 100 C 160
0.4 0.0 -60 -20 20 60 100 C 160
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 1
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 2
nF C 10 0
A
IF
10 1
Ciss Coss
10 -1 10 0
Crss
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 -2 0
5
10
15
20
25
30
V VDS
40
10 -1 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 71
Not for new design
Avalanche energy EAS = (Tj ) parameter: ID = 14 A, VDD = 25 V RGS = 25 , L = 30.6 H
6.5 mJ 5.5 V
Typ. gate charge VGS = (QGate) parameter: ID puls = 22 A
16
EAS
5.0 4.5 4.0 3.5
VGS
12 0,2 VDS max 0,8 VDS max
10
8 3.0 2.5 2.0 1.5 1.0 0.5 0.0 20 40 60 80 100 120 C 160 0 0 4 8 12 16 20 24 nC 30 4 6
2
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
60 V
V(BR)DSS 57
56 55 54 53 52 51 50 49 48 47 46 45 -60
-20
20
60
100
C
160
Tj
Semiconductor Group
8
07/96
BUZ 71
Not for new design
Package Outlines TO-220 AB Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of C67078-S1316-A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X