Part Number Hot Search : 
TMC2005 B0000 SMC24 MC74AC B0000 PA09A N103M6 24LC128T
Product Description
Full Text Search
 

To Download BYG22A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYG22
Vishay Telefunken
Super Fast Silicon Mesa SMD Rectifier
Features
D D D D D D D D
Controlled avalanche characteristic Glass passivated junction Low reverse current Low forward voltage Soft recovery characteristic Very fast reverse recovery time Good switching characteristics
15 811
Wave and reflow solderable
Applications
Surface mounting Super fast rectifier Freewheeling diodes in SMPS and converters Snubber diodes
Absolute Maximum Ratings
Tj = 25_C Parameter Reverse voltage g =Repetitive peak reverse voltage Peak forward surge current Average forward current Junction and storage temperature range Pulse energy in avalanche mode, non repetitive (inductive load switch off) Test Conditions Type BYG22A BYG22B BYG22D Symbol VR=VRRM VR=VRRM VR=VRRM IFSM IFAV Tj=Tstg I(BR)R=1A, Tj=25C ER Value 50 100 200 35 2 -55...+150 20 Unit V V V A A C mJ
tp=10ms, half sinewave
Maximum Thermal Resistance
Tj = 25_C Parameter Test Conditions Junction lead TL=const. Junction ambient mounted on epoxy-glass hard tissue mounted on epoxy-glass hard tissue, 50mm2 35mm Cu mounted on Al-oxid-ceramic (Al2O3), 50mm2 35mm Cu Symbol RthJL RthJA RthJA RthJA Value 25 150 125 100 Unit K/W K/W K/W K/W
Document Number 86011 Rev. 3, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 1 (5)
BYG22
Vishay Telefunken Electrical Characteristics
Tj = 25_C Parameter Forward voltage g Reverse current Reverse recovery time Test Conditions IF=1A IF=2A VR=VRRM VR=VRRM, Tj=100C IF=0.5A, IR=1A, iR=0.25A Type Symbol VF VF IR IR trr Min Typ Max 1 1.1 1 10 25 Unit V V
mA mA
ns
Characteristics (Tj = 25_C unless otherwise specified)
100 I R - Reverse Current ( mA ) IF - Forward Current ( A ) 100
10
10 Tj = 125C 1 75C
1 VR = VR RM 0.1
25C 0.1
0.01 0
94 9347
0.01 40 80 120 160 200
94 9352
0
0.6
1.2
1.8
2.4
3.0
Tj - Junction Temperature ( C )
VF - Forward Voltage ( V )
Figure 1. Typ. Reverse Current vs. Junction Temperature
Figure 3. Max. Forward Current vs. Forward Voltage
140
I FAV- Average Forward Current ( A )
t rr - Reverse Recovery Time ( ns )
2.0 1.6 RthJA=25K/W 1.2 100K/W 0.8 0.4 150K/W 0 0 40 80 120 160 200 125K/W
Tamb= 125C 120 100 80 60 40 25C 20 0 0 0.2 IR=0.5A, iR=0.125A 0.4 0.6 0.8 1.0 IF - Forward Current ( A ) 100C 75C 50C
94 9351
Tamb - Ambient Temperature ( C )
94 9353
Figure 2. Max. Average Forward Current vs. Ambient Temperature
Figure 4. Max. Reverse Recovery Time vs. Forward Current
www.vishay.de * FaxBack +1-408-970-5600 2 (5)
Document Number 86011 Rev. 3, 24-Jun-98
BYG22
Vishay Telefunken
60 Qrr - Reverse Recovery Charge ( nC ) Tamb= 125C 50 100C 40 30 20 25C 10 IR=0.5A, iR=0.125A 0 0
94 9354
75C 50C
0.2
0.4
0.6
0.8
1.0
IF - Forward Current ( A )
Figure 5. Max. Reverse Recovery Charge vs. Forward Current
Z thp - Thermal Resistance for Pulse Cond. (K/W) 1000
125K/W DC 100 tp/T=0.5 tp/T=0.2 10 tp/T=0.1 tp/T=0.05 tp/T=0.02 tp/T=0.01 1 10-5 10-4 10-3 10-2 10-1 100 101 102 Single Pulse
94 9339
tp - Pulse Length ( s )
Figure 6. Thermal Response
Document Number 86011 Rev. 3, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 3 (5)
BYG22
Vishay Telefunken Dimensions in mm
14275
www.vishay.de * FaxBack +1-408-970-5600 4 (5)
Document Number 86011 Rev. 3, 24-Jun-98
BYG22
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
Document Number 86011 Rev. 3, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 5 (5)


▲Up To Search▲   

 
Price & Availability of BYG22A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X