Part Number Hot Search : 
D1271A 6MBI1 1J2ZKI21 47362 XR415108 2N2364 SMBJ10 331E3
Product Description
Full Text Search
 

To Download BU941P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BU941/BU941P BU941PFI
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
s s
s s
s
NPN DARLINGTON INTEGRATED ANTIPARALLEL COLLECTOR-EMITTER DIODE VERY RUGGED BIPOLAR TECHNOLOGY HIGH OPERATING JUNCTION TEMPERATURE WIDE RANGE OF PACKAGES
TO-3
1 2
APPLICATIONS s HIGH RUGGEDNESS ELECTRONIC IGNITIONS
3 2
3 2
TO-218
1
ISOWATT218
1
INTERNAL SCHEMATIC DIAGRAM
for TO-3 Emitter: pin 2 Base: pin1 Collector: tab
ABSOLUTE MAXIMUM RATINGS
Symbol V CES V CEO V EBO IC I CM IB I BM P t ot T stg Tj Parameter BU941 Collector-Emitter Voltage (VBE = 0) Collector-Emitter Voltage (IB = 0) Emitter-Base Voltage (IC = 0) Collector Current Collector Peak Current Base Current Base Peak Current Total Dissipation at Tc = 25 C Storage T emperature Max. O perating Junction Temperature
o
Value BU941P 500 400 5 15 30 1 5 180 -65 to 200 200 155 -65 to 175 175 65 -65 to 175 175 BUB941PFI
Uni t V V V A A A A W
o o
C C 1/8
December 1999
BU941 / BU941P / BUB941PFI
THERMAL DATA
TO-3 R t hj-ca se Thermal Resistance Junction-case Max 0.97 TO-218 0.97 ISOW AT T218 2.3
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symb ol I CES I CEO I EBO Parameter Collector Cut-off Current (V BE = 0) Collector Cut-off Current (I B = 0) Emitter Cut-off Current (I C = 0) Test Cond ition s V CE = 500 V V CE = 500 V V CE = 450 V V CE = 450 V V EB = 5 V I C = 100 mA V Clamp = 400 V (See FIG .4) IC = 8 A I C = 10 A I C = 12 A IC = 8 A I C = 10 A I C = 12 A IC = 5 A L = 10 mH 400 Tj = 125 C Tj = 125 o C
o
Min.
Typ .
Max. 100 0.5 100 0.5 20
Un it A mA A mA mA V
V CEO(sus ) Collector-Emitter Sustaining Voltage (I B = 0) V CE(sat ) Collector-Emitter Saturation Voltage Base-Emitt er Saturation Voltage DC Current Gain
IB = 100 mA IB = 250 mA IB = 300 mA IB = 100 mA IB = 250 mA IB = 300 mA V CE = 10 V 300
1.6 1.8 2 2.2 2.5 2.7
V V V V V V
V BE(s at)
h F E VF
Diode F orward Voltage I F = 10 A Functional T est (see fig. 1) V CC = 24 V L = 7 mH V CC = 12 V V BE = 0 L = 7 mH I B = 70 mA V Clamp = 400 V V Cl amp = 300 V R BE = 47 IC = 7 A 10
2.5
V A
ts tf
INDUCTIVE LO AD Storage Time Fall Time (see fig. 3)
15 0.5
s s
Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
Safe Operating Area
DC Current Gain
2/8
BU941 / BU941P / BUB941PFI
DC Current Gain Collector-emitter Saturation Voltage
Collector-emitter Saturation Voltage
Base-emitter Saturation Voltage
Switching Time Inductive Load (see fig.3)
3/8
BU941 / BU941P / BUB941PFI
FIGURE 1: Functional Test Circuit FIGURE 2: Functional Test Waveforms
FIGURE 3: Switching Time Test Circuit
FIGURE 4: Sustaining Voltage Test Circuit
4/8
BU941 / BU941P / BUB941PFI
TO-3 MECHANICAL DATA
mm MIN. A B C D E G N P R U V 11.00 0.97 1.50 8.32 19.00 10.70 16.50 25.00 4.00 38.50 30.00 TYP. MAX. 13.10 1.15 1.65 8.92 20.00 11.10 17.20 26.00 4.09 39.30 30.30 MIN. 0.433 0.038 0.059 0.327 0.748 0.421 0.649 0.984 0.157 1.515 1.187 inch TYP. MAX. 0.516 0.045 0.065 0.351 0.787 0.437 0.677 1.023 0.161 1.547 1.193
DIM.
P G
A
D
C
U
V
N
O
R
B
P003F
E
5/8
BU941 / BU941P / BUB941PFI
TO-218 (SOT-93) MECHANICAL DATA
mm MIN. A C D E F G H L2 L3 L5 L6 R O - 4 3.95 31 12.2 4.1 - 0.157 0.5 1.1 10.8 14.7 - 18 4.15 0.155 1.220 0.480 0.161 4.7 1.17 2.5 0.78 1.3 11.1 15.2 16.2 0.019 0.043 0.425 0.578 - 0.708 0.163 TYP. MAX. 4.9 1.37 MIN. 0.185 0.046 0.098 0.030 0.051 0.437 0.598 0.637 inch TYP. MAX. 0.193 0.054
DIM.
A
C
L5 L3 L2
L6
D
E H F R 1 2 3
P025A
6/8
G
BU941 / BU941P / BUB941PFI
ISOWATT218 MECHANICAL DATA
DIM. A C D D1 E F F2 F3 G H L L1 L2 L3 L4 L5 L6 N R DIA mm TYP. inch TYP.
MIN. 5.35 3.30 2.90 1.88 0.75 1.05 1.50 1.90 10.80 15.80 20.80 19.10 22.80 40.50 4.85 20.25 2.1
MAX. 5.65 3.80 3.10 2.08 0.95 1.25 1.70 2.10 11.20 16.20 21.20 19.90 23.60 42.50 5.25 20.75 2.3
MIN. 0.211 0.130 0.114 0.074 0.030 0.041 0.059 0.075 0.425 0.622 0.819 0.752 0.898 1.594 0.191 0.797 0.083
MAX. 0.222 0.150 0.122 0.082 0.037 0.049 0.067 0.083 0.441 0.638 0.835 0.783 0.929 1.673 0.207 0.817 0.091
9
0.354
4.6 3.5 3.7 0.138
0.181 0.146
- Weight : 4.9 g (typ.) - Maximum Torque (applied to mounting flange) Recommended 0.8 Nm; Maximum: 1 Nm : - The side of the dissipator must be flat within 80 m
P025C/A
7/8
BU941 / BU941P / BUB941PFI
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com .
8/8


▲Up To Search▲   

 
Price & Availability of BU941P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X