Part Number Hot Search : 
60N02RG ST216001 GM71V RA30H 1N4937G 74HC45 80021 XOSM51BC
Product Description
Full Text Search
 

To Download BSS135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIPMOS(R) Small-Signal Transistor
BSS 135
q q q q q q q
VDS 600 V ID 0.080 A RDS(on) 60
N channel Depletion mode High dynamic resistance Available grouped in VGS(th)
1
2
3
Type
Ordering Code
Tape and Reel Information
Pin Configuration Marking 1 G 2 D 3 S SS135
Package TO-92
BSS 135 Q67000-S237 E6325: 2000 pcs/carton; Ammopack Maximum Ratings Parameter Drain-source voltage Drain-gate voltage, RGS = 20 k Gate-source voltage Gate-source peak voltage, aperiodic Continuous drain current, TA = 42 C Pulsed drain current, Max. power dissipation,
Symbol
Values 600 600 14 20 0.080 0.24 1.0 - 55 ... + 150 125 E 55/150/56
Unit V
VDS VDGR VGS Vgs ID ID puls Ptot Tj, Tstg RthJA
- -
A W C K/W -
TA = 25 C TA = 25 C
Operating and storage temperature range Thermal resistance, chip-ambient (without heat sink) DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Semiconductor Group
1
04.97
BSS 135
Electrical Characteristics at Tj = 25 C, unless otherwise specified. Parameter Symbol min. Static Characteristics Drain-source breakdown voltage VGS = - 3 V, ID = 0.25 mA Gate threshold voltage VDS = 3 V, ID = 1 mA Drain-source cutoff current VDS = 600 V, VGS = - 3 V Tj = 25 C Tj = 125 C Gate-source leakage current VGS = 20 V, VDS = 0 Drain-source on-resistance VGS = 0 V, ID = 0.01 A Dynamic Characteristics Forward transconductance VDS 2 x ID x RDS(on)max, ID = 0.01 A Input capacitance VGS = - 3 V, VDS = 25 V, f = 1 MHz Output capacitance VGS = - 3 V, VDS = 25 V, f = 1 MHz Reverse transfer capacitance VGS = - 3 V, VDS = 25 V, f = 1 MHz Turn-on time ton, (ton = td(on) + tr) Values typ. max. Unit
V(BR)DSS
600 - - 1.5 - - 0.7
V
VGS(th) IDSS
- 1.8
- -
- - 10 40
100 200 100
nA A nA
IGSS
-
RDS(on)
- 60
gfs
0.01 0.04 110 8 3 4 10 15 20 -
S pF - 150 12 5 6 15 20 30 ns
Ciss Coss
-
Crss
-
td(on) tr td(off) tf
- - - -
VDD = 30 V, VGS = - 3 V ... + 5 V, RGS = 50 , ID = 0.2 A
Turn-off time toff, (toff = td(off) + tf)
VDD = 30 V, VGS = - 3 V ... + 5 V, RGS = 50 , ID = 0.2 A
Semiconductor Group
2
BSS 135
Electrical Characteristics (cont'd) at Tj = 25 C, unless otherwise specified. Parameter Symbol min. Reverse Diode Continuous reverse drain current TA = 25 C Pulsed reverse drain current TA = 25 C Diode forward on-voltage IF = 0.16 A, VGS = 0 Values typ. max. Unit
IS
- - - 0.80 0.080 0.240
A
ISM
-
VSD
- 1.30
V
VGS(th) Grouping
Range of VGS(th) Threshold voltage selected in groups P R S T U V W
1):
Symbol VGS(th)
Limit Values min. - - 0.95 - 1.08 - 1.21 - 1.34 - 1.47 - 1.60 - 1.73 max. 0.15 - 0.80 - 0.93 - 1.06 - 1.19 - 1.32 - 1.45 - 1.58
Unit V V V V V V V V
Test Condition -
VGS(th)
VDS1 = 0.2 V; VDS2 = 3 V; ID = 1 mA
1) A specific group cannot be ordered separately. Each reel only contains transistors from one group.
Semiconductor Group
3
BSS 135
Characteristics at Tj = 25 C, unless otherwise specified. Total power dissipation Ptot = f (TA) Safe operating area ID = f (VDS) parameter: D = 0.01, TC = 25 C
Typ. output characteristics ID = f (VDS) parameter: tp = 80 s
Typ. drain-source on-resistance RDS(on) = f (ID) parameter: VGS
Semiconductor Group
4
BSS 135
Typ. transfer characteristics ID = f (VGS) parameter: tp = 80 s, VDS 2 x ID x RDS(on)max.
Typ. forward transconductance gfs = f (ID) parameter: VDS 2 x ID x RDS(on)max., tp = 80 s
Drain-source on-resistance RDS(on) = f (Tj) parameter: ID = 0.01 A, VGS = 0 V, (spread)
Typ. capacitances C = f (VDS) parameter: VGS = 0, f = 1 MHz
Semiconductor Group
5
BSS 135
Gate threshold voltage VGS(th) = f (Tj) parameter: VDS = 3 V, ID = 1 mA, (spread)
Forward characteristics of reverse diode IF = f (VSD) parameter: tp = 80 s, Tj, (spread)
Drain current ID = f (TA) parameter: VGS 3 V
Drain-source breakdown voltage V(BR) DSS = b x V(BR)DSS (25 C)
Semiconductor Group
6


▲Up To Search▲   

 
Price & Availability of BSS135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X