Part Number Hot Search : 
56160 MBRF2015 Y100E GF1004 471MCL 24005 D9F2000S 7461113
Product Description
Full Text Search
 

To Download BAS170WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VISHAY
BAS170WS
Vishay Semiconductors
Schottky Diodes
Features
* * * * Schottky diode for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing
17431
Mechanical Data
Case: SOD-323 Plastic Package Weight: approx. 4 mg Packaging Codes/Options: GS18 / 10 k per 13" reel (8 mm tape), 10 k/box GS08 / 3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Part BAS170WS Ordering code BAS170WS-GS18 or BAS170WS-GS08 73 Marking Remarks Tape and Reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Repetitive peak reverse voltage Forward continuous current Surge forward current Power
1)
Test condition Tamb = 25 C tp < 1 s, Tamb = 25 C Tamb = 25 C
Symbol VRRM IF IFSM Ptot
Value 70 70 600 200
Unit V mA mA mW
dissipation1)
Valid provided that electrodes are kept at ambient temperature
Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Thermal resistance junction to ambient air1) Junction temperature Operating temperature range Storage temperature range
1)
Test condition
Symbol RJA Tj Tamb TS
Value 650 150 - 55 to + 125 - 55 to +150
Unit C/W C C C
Valid provided that electrodes are kept at ambient temperature
Document Number 85653 Rev. 1.2, 18-Nov-03
www.vishay.com 1
BAS170WS
Vishay Semiconductors Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Reverse breakdown voltage Leakage current Forward voltage
1)
VISHAY
Test condition IR = 10 A (pulsed) VR =50 V VR = 70 V IF = 200 mA ISymbol V(BR)R IR IR VF VF VF Ctot RF
Min 70
Typ.
Max 0.1 10
Unit V A A V V mV pF ps
375 705 880 1.5 100 34
410 750 1000 2
Forward voltage Capacitance
Charge carrier lifetime Differential forward resistance
1)
Pulse test; tp 300 s
www.vishay.com 2
Document Number 85653 Rev. 1.2, 18-Nov-03
VISHAY
Package Dimensions in Inches (mm)
BAS170WS
Vishay Semiconductors
0.3 (0.012)
Cathode Band
2.85 (0.112) 2.55 (0.100) 1.95 (0.076) 1.65 (0.065)
ISO Method A
1.5 (0.059) 1.1 (0.043)
1.25 (0.049) max.
0.1 (0.004) max.
0.25 (0.010) min.
0.15 (0.006) max.
17443
Mounting Pad Layout
1.40 (0.055)
1.60 (0.062)
17444
Document Number 85653 Rev. 1.2, 18-Nov-03
1.20 (0.047)
www.vishay.com 3
BAS170WS
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements.
VISHAY
2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
www.vishay.com 4
Document Number 85653 Rev. 1.2, 18-Nov-03


▲Up To Search▲   

 
Price & Availability of BAS170WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X