Part Number Hot Search : 
29LV160 DHM185AA ES110 B5NC90Z RT9229 MMSZ523 A26K1V1 4431C
Product Description
Full Text Search
 

To Download BA9737KV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Regulator ICs
4-channel switching regulator controller
BA9737KV
The BA9737KV is a 4-channel controller that includes all of the circuits required to construct a switching regulator. The circuits on the chip include a triangular-wave oscillator, a reference voltage circuit, an error amplifier, a PWM comparator, a pseudo-totem-pole driver, and a short-circuit protection circuit. FApplications Camcoders and digital still cameras etc. FFeatures 1) The totem-pole driver can directly drive power transistors, and the on current can be set to the rating current using an external resistor. For the off current, the peak current can be set using an external capacitor. 2) Output cutoff circuit (timer latch type) for overload protection.
3) Channels 2 and 3 are supplied using the internal reference voltage, and use a positive voltage only. Channels 1 and 4 are general-purpose channels, and all inputs are externally available. 4) Channels can be switched off individually or all together (STB and STB1 to STB4). 5) Dead-time control is provided for all channels, and duty limits can be used.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)
412
Regulator ICs
FBlock diagram
BA9737KV
413
Regulator ICs
FPin assignments
BA9737KV
FPin descriptions
414
Regulator ICs
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 6.0V, fosc = 0.45MHz, STB, STB1 to STB4 = 5V)
BA9737KV
415
Regulator ICs
FOperation notes (1) Use short and wide wiring tracks for the power supply and ground to keep the mutual impedance as small as possible, and use inductors and capacitors to keep ripple to a minimum. (2) Great care has been paid to the quality of this component. However, if the absolute maximum ratings for temperature and applied voltage are exceeded, the IC may be destroyed. Since it is not possible to predict whether it will be in short mode or open mode if the IC is destroyed, if there is a chance that the maximum ratings of the IC will be exceeded, use appropriate physical protective measures (fuses etc.).
BA9737KV
(3) Set the dead-time input voltage to 0.58V or more. (4) This IC does not use an internal circuit to generate the output on peak current, so we recommend that you connect capacitors to each end of RBIAS to externally generate the on peak current (after taking power dissipation and efficiency into consideration). In this case, there is a possibility that the output waveform may become unstable due to the current impedance, so we recommend that you connect resistors (of about 100 to 500) in series with the off peak capacitors.
FExternal dimensions (Units: mm)
416


▲Up To Search▲   

 
Price & Availability of BA9737KV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X