Part Number Hot Search : 
MC10H602 12D05 10035 MC10H602 IR21593 NTX1N RM100 SBL3030P
Product Description
Full Text Search
 

To Download BA7602 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multimedia ICs
Video signal switcher
BA7602 / BA7602F
The BA7602 and BA7602F are switching ICs developed for use in VCRs. Each contains three two-channel analog multiplexers. They feature a large dynamic range, and wide operating frequency range, and are suitable for switching audio and video signals.
*Applications recorders and televisions Video cassette *Features / 1-output switches. 1) Three 2-input
2) 5V power supply. 3) Low power consumption (70mW Typ.). 4) Excellent frequency characteristics (10MHz, 0dB Typ.). 5) Wide dynamic range (3.1VP-P Typ.). 6) High input impedance (20k Typ.). 7) Fast switching speed (50ns Typ.).
*Block diagram
IN2a CTLa OUTa GND OUTb OUTc CTLc IN2c 1 2 3 4 5 6
Sc Sb Sa
16 IN1a 15 GND 14 IN2b 13 VCC 12 CTLb 11 IN1b 10 GND 9 IN1c CTL L H Output IN2 IN1
7 8
*Absolute maximum ratings (Ta = 25C)
Parameter Power supply voltage Power dissipation Operating temperature Storage temperature Symbol VCC Pd Topr Tstg Limits 9 500 - 40 ~ + 85 - 55 ~ + 125 Unit V mV C C
Reduced by 5.0mW for each increase in Ta of 1C over 25C. 1
Multimedia ICs
BA7602 / BA7602F
*Equivalent circuits
Sa, Sb, Sc
IN VCC R3 8.4k I2 0.3mA Q5 R6 20k R7 100 Q9 Q6 R12 200 R16 200
R4 200
R2 9.4k
Q4
R9 200
Q7
Q8
Q10 Q11
R15 200
Q3 R10 100 Q2 Q12 Q1 OUT R1 1k R5 33k R8 25k I1 0.6mA I3 0.5mA I4 0.6mA I5 1mA R11 100 R13 100 R14 100
CTL
VCC R1 50k I2 0.6mA Q1 Q6 R6 25k
R2 200 CTL
2 Q3
2 Q5
Q2
Q4
R5 25k
I1 0.25mA
R3 400
R4 400
I3 0.06mA
2
Multimedia ICs
BA7602 / BA7602F
*Electrical characteristics (unless otherwise noted, Ta = 25C, VCC = 5.0V)
Parameter Operating voltage Supply current Maximum output level Voltage gain Interchannel crosstalk Frequency characteristic Input impedance CTL pin switch level Symbol VCC ICC Vom GV CT Gf ZIN VTH Min. 4.5 -- 2.8 - 0.5 -- -3 14 20 Typ. 5.0 14.0 3.1 0 - 65 0 20 2.5 Max. 5.5 20.5 -- 0.5 -- 1 26 3.0 Unit V mA VP-P dB dB dB k V Conditions -- -- f = 1kHz, THD = 0.5% f = 1MHz, VIN= 1VP-P f = 4.43MHz, VIN = 1VP-P 10MHz / 1MHz, VIN = 1VP-P -- --
Note: Refer to the measurement circuit given in Fig. 1.
*Reference data(reference values) Pin DC voltages
Pin No. 1 2 3 4 5 6 7 8 DC voltage 3.27 4.91 1.84 0 1.84 1.84 4.91 3.27 Pin No. 9 10 11 12 13 14 15 16
Units: Vdc DC voltage 3.27 0 3.27 4.91 5.00 3.27 0 3.27
Electrical characteristics
Parameter Input impedance (no clamp) Output impedance Min. -- -- Typ. 20k 30 Max. -- -- Unit
The input coupling capacitor values should be 0.1F to 1F.
3
Multimedia ICs
BA7602 / BA7602F
*Measurement circuit
OSC
~
105
50
VCC
~
V
105
50
V V
1 2 3
1 2 3 105
1 2 3 105
VCC
47 / 16
223
S2b
S3b
SIb
A
16
15
14
13
12
11
10
9
Sia
S1C
1 2 3 105 105
1 2 3 105 1 2 3 4 5 6 7 8
V
OSC
VOUTa
VOUTb VOUTc
V
105 OSC
~
50
V
V
V
~
S2C
50
S2a
S3a
1 2 3 105 105
123
V
OSC
S3C
V
V
VCC
12 3
12 105 OSC
3 105
~
50
V
VCC
~
50
Fig.1
4
Multimedia ICs
BA7602 / BA7602F
*Measurment conditions
Switch settings Parameter Current dissipation IN1a IN2a IN1b IN2b IN1c IN2c IN1a IN2a IN1b IN2b IN1c IN2c IN1a IN2a IN1b IN2b IN1c IN2c IN1a IN2a IN1b IN2b IN1c IN2c CTLa CTLb CTLc IN1a IN2a IN1b IN2b IN1c IN2c Symbol ICC VOm VOm VOm VOm VOm VOm GV GV GV GV GV GV CT CT CT CT CT CT Gf Gf Gf Gf Gf Gf VTH VTH VTH ZIN ZIN ZIN ZIN ZIN ZIN S1a 2 3 2 2 2 2 2 3 2 2 2 2 2 2 3 2 2 2 2 3 2 2 2 2 2 3 2 2 1 2 2 2 2 2 S2a 2 2 3 2 2 2 2 2 3 2 2 2 2 3 2 2 2 2 2 2 3 2 2 2 2 2 2 2 2 1 2 2 2 2 S3a 2 2 3 2 2 2 2 2 3 2 2 2 2 2 3 2 2 2 2 2 3 2 2 2 2 1 2 2 2 3 2 2 2 2 S1b 2 2 2 3 2 2 2 2 2 3 2 2 2 2 2 2 3 2 2 2 2 3 2 2 2 2 3 2 2 2 1 2 2 2 S2b 2 2 2 2 3 2 2 2 2 2 3 2 2 2 2 3 2 2 2 2 2 2 3 2 2 2 2 2 2 2 2 1 2 2 S3b 2 2 2 2 3 2 2 2 2 2 3 2 2 2 2 2 3 2 2 2 2 2 3 2 2 2 1 2 2 2 2 3 2 2 S1C 2 2 2 2 2 3 2 2 2 2 2 3 2 2 2 2 2 2 3 2 2 2 2 3 2 2 2 3 2 2 2 2 1 2 S2C 2 2 2 2 2 2 3 2 2 2 2 2 3 2 2 2 2 3 2 2 2 2 2 2 3 2 2 2 2 2 2 2 2 1 S3C 2 2 2 2 2 2 3 2 2 2 2 2 3 2 2 2 2 2 3 2 2 2 2 2 3 2 2 1 2 2 2 2 2 3 Measurement method
Maximum output level
f = 1kHz THD = 0.5% Note 1
Voltage gain
f = 1kHz V = 1VP-P Note 2
Interchannel crosstalk
f = 4.43MHz V = 1VPP Note 3
Frequency characteristic
f = 10M / f = 1M V = 1VPP Note 4
CTL pin switching level
Note 5
Input impedance
Note 6
Note 1: Connect a distortion meter to the output, and input a f = 1kHz sine wave. Adjust the output level until the output distortion is 0.5%. This output voltage at this time is the maximum output level Vom (VP-P). Note 2: Input a 1VP-P, 1MHz sine wave. The voltage gain is given by GV = 20 log (VOUT / VIN). Note 3: Input a 1VP-P, 4.43MHz sine wave. The interchannel crosstalk is given by CT = 20 log (VOUT / VIN). Note 4: Input 1VP-P, 1MHz and 10MHz sine waves. The frequency characteristic is given by Gf = 20 log (VOUT (f = 10MHz) / VOUT (f = 1MHz)). Note 5: Input a 1VP-P, 1MHz sine wave. Reduce the CTL pin voltage from VCC. The CTL pin switching level (VTH) is the CTL pin voltage at which the Vout level drops below 20mVP-P. Note 6: Measure the input pin voltage VIN50 when a current of DC50A is flowing into the input pin. Measure the input pin open-circuit voltage. The input impedance is given by Z = (VIN50 - VIN0) / 50 x 10-6 [].
5
Multimedia ICs
BA7602 / BA7602F
*External dimensions (Units: mm)
BA7602 BA7602F
19.4 0.3 16 9 6.5 0.3 16 6.2 0.3 4.4 0.2 9 10.0 0.2
0.51Min.
1
8 7.62
3.2 0.2 4.25 0.3
1 1.5 0.1
8
0.11
0.3 0.1
1.27
2.54
0.5 0.1
0.4 0.1
0.3Min. 0.15
0 ~ 15
DIP16
SOP16
6
0.15 0.1


▲Up To Search▲   

 
Price & Availability of BA7602

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X