Part Number Hot Search : 
XMXXX 3731I PTC60 20CTR S4806CBI LXT914 DTC124 FB38N20
Product Description
Full Text Search
 

To Download AT90S4433 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* High-performance and Low-power AVR(R) 8-bit RISC Architecture
- 118 Powerful Instructions - Most Single Cycle Execution - 32 x 8 General Purpose Working Registers - Up to 8 MIPS Throughput at 8 MHz Data and Nonvolatile Program Memory - 2K/4K Bytes of In-System Programmable Flash Endurance 1,000 Write/Erase Cycles - 128 Bytes of SRAM - 128/256 Bytes of In-System Programmable EEPROM Endurance: 100,000 Write/Erase Cycles - Programming Lock for Flash Program and EEPROM Data Security Peripheral Features - One 8-bit Timer/Counter with Separate Prescaler - Expanded 16-bit Timer/Counter with Separate Prescaler, Compare, Capture Modes and 8-, 9- or 10-bit PWM - On-chip Analog Comparator - Programmable Watchdog Timer with Separate On-chip Oscillator - Programmable UART - 6-channel, 10-bit ADC - Master/Slave SPI Serial Interface Special Microcontroller Features - Brown-Out Reset Circuit - Enhanced Power-on Reset Circuit - Low-Power Idle and Power Down Modes - External and Internal Interrupt Sources Specifications - Low-power, High-speed CMOS Process Technology - Fully Static Operation Power Consumption at 4 MHz, 3V, 25C - Active: 3.4 mA - Idle Mode: 1.4 mA - Power Down Mode: <1 A I/O and Packages - 20 Programmable I/O Lines - 28-pin PDIP and 32-pin TQFP Operating Voltage - 2.7V - 6.0V (AT90LS2333 and AT90LS4433) - 4.0V - 6.0V (AT90S2333 and AT90S4433) Speed Grades - 0 - 4 MHz (AT90LS2333 and AT90LS4433) - 0 - 8 MHz (AT90S2333 and AT90S4433)
*
*
*
8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash AT90S2333 AT90LS2333 AT90S4433 AT90LS4433 Preliminary
* *
* * *
Pin Configurations
TQFP Top View
PD2 (INT0) PD1 (TXD) PD0 (RDX) RESET PC5 (ADC5) PC4 (ADC4) PC3 (ADC3) PC2 (ADC2)
PDIP
RESET (RXD) PD0 (TXD) PD1 (INT0) PD2 (INT1) PD3 (T0) PD4 VCC GND XTAL1 XTAL2 (T1) PD5 (AIN0) PD6 (AIN1) PD7 (ICP) PB0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 PC5 (ADC5) PC4 (ADC4) PC3 (ADC3) PC2 (ADC2) PC1 (ADC1) PC0 (ADC0) AGND AREF AVCC PB5 (SCK) PB4 (MISO) PB3 (MOSI) PB2 (SS) PB1 (OC1)
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 9 10 11 12 13 14 15 16
(INT1) PD3 (T0) PD4 NC VCC GND NC XTAL1 XTAL2
1 2 3 4 5 6 7 8
PC1 (ADC1) PC0 (ADC0) NC AGND AREF NC AVCC PB5 (SCK)
Rev. 1042DS-04/99
(T1) PD5 (AIN0) PD6 (AIN1) PD7 (ICP) PB0 (OC1) PB1 (SS) PB2 (MOS1) PB3 (MOS0) PB4
Note: This is a summary document. For the complete 103 page document, please visit our Web site at www.atmel.com or e-mail 1 at literature@atmel.com and request literature #1042D.
Description
The AT90S2333/4433 is a low-power CMOS 8-bit microcontroller based on the AVR RISC architecture. By executing powerful instructions in a single clock cycle, the AT90S2333/4433 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed. The AVR core combines a rich instruction set with 32 general purpose working registers. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs up to ten times faster than conventional CISC microcontrollers. The AT90S2333/4433 provides the following features: 2K/4K bytes of In-System Programmable Flash, 128/256 bytes EEPROM, 128 bytes SRAM, 20 general purpose I/O lines, 32 general purpose working registers, two flexible timer/counters with compare modes, internal and external interrupts, a programmable serial UART, 6-channel, 10-bit ADC, programmable Watchdog Timer with internal oscillator, an SPI serial port and two software selectable power saving modes. The Idle mode stops the CPU while allowing the SRAM, timer/counters, SPI port and interrupt system to continue functioning. The Power Down mode saves the register contents but freezes the oscillator, disabling all other chip functions until the next interrupt or hardware reset. The device is manufactured using Atmel's high density nonvolatile memory technology. The on-chip Flash program memory can be reprogrammed in-system through an SPI serial interface or by a conventional nonvolatile memory programmer. By combining a RISC 8-bit CPU with In-System Programmable Flash on a monolithic chip, the Atmel AT90S2333/4433 is a powerful microcontroller that provides a highly flexible and cost effective solution to many embedded control applications. The AT90S2333/4433 AVR is supported with a full suite of program and system development tools including: C compilers, macro assemblers, program debugger/simulators, in-circuit emulators, and evaluation kits. Table 1. Comparison Table
Device AT90S2333 AT90LS2333 AT90S4433 AT90LS4433 Flash 2K 2K 4K 4K EEPROM 128B 128B 256B 256B SRAM 128B 128B 128B 128B Voltage Range 4.0V - 6.0V 2.7V - 6.0V 4.0V - 6.0V 2.7V - 6.0V Frequency 0 - 8 MHz 0 - 4 MHz 0 - 8 MHz 0 - 4 MHz
2
AT90S/LS2333 and AT90S/LS4433
AT90S/LS2333 and AT90S/LS4433
Block Diagram
Figure 1. The AT90S2333/4433 Block Diagram
PC0 - PC5
VCC
PORTC DRIVERS
GND DATA REGISTER PORTC DATA DIR. REG. PORTC
8-BIT DATA BUS
AVCC
ANALOG MUX AGND AREF
ADC XTAL1
INTERNAL OSCILLATOR
OSCILLATOR
PROGRAM COUNTER
STACK POINTER
WATCHDOG TIMER
TIMING AND CONTROL
XTAL2 RESET
PROGRAM FLASH
SRAM
MCU CONTROL REGISTER
INSTRUCTION REGISTER
GENERAL PURPOSE REGISTERS
X Y Z
TIMER/ COUNTERS
INSTRUCTION DECODER
INTERRUPT UNIT
CONTROL LINES
ALU
EEPROM
STATUS REGISTER
PROGRAMMING LOGIC
SPI
UART
DATA REGISTER PORTB
DATA DIR. REG. PORTB
DATA REGISTER PORTD
DATA DIR. REG. PORTD
+ ANALOG COMPARATOR
PORTB DRIVERS
PORTD DRIVERS
PB0 - PB5
PD0 - PD7
3
Pin Descriptions
VCC Supply voltage GND Ground Port B (PB5..PB0) Port B is a 6-bit bi-directional I/O port with internal pullup resistors. The Port B output buffers can sink 20 mA. As inputs, Port B pins that are externally pulled low will source current if the pull-up resistors are activated. Port B also serves the functions of various special features of the AT90S2333/4433. The port B pins are tristated when a reset condition becomes active, even if the clock is not running. Port C (PC5..PC0) Port C is a 6-bit bi-directional I/O port with internal pullup resistors. The Port C output buffers can sink 20 mA. As inputs, Port C pins that are externally pulled low will source current if the pull-up resistors are activated. Port C also serves as the analog inputs to the A/D Converter. The port C pins are tristated when a reset condition becomes active, even if the clock is not running. Port D (PD7..PD0) Port D is an 8-bit bi-directional I/O port with internal pull-up resistors. The Port D output buffers can sink 20 mA. As inputs, Port D pins that are externally pulled low will source current if the pull-up resistors are activated. Port D also serves the functions of various special features of the AT90S2333/4433. The port D pins are tristated when a reset condition becomes active, even if the clock is not running. RESET Reset input. An external reset is generated by a low level on the RESET pin. Reset pulses longer than 50 ns will generate a reset, even if the clock is not running. Shorter pulses are not guaranteed to generate a reset. XTAL1 Input to the inverting oscillator amplifier and input to the internal clock operating circuit. XTAL2 Output from the inverting oscillator amplifier AVCC This is the supply voltage pin for the A/D Converter. It should be externally connected to V CC via a low-pass filter. See Datasheet for details on operation of the ADC. AREF This is the analog reference input for the A/D Converter. For ADC operations, a voltage in the range 2.7V to AVCC must be applied to this pin. AGND If the board has a separate analog ground plane, this pin should be connected to this ground plane. Otherwise, connect to GND.
4
AT90S/LS2333 and AT90S/LS4433
AT90S/LS2333 and AT90S/LS4433
Architectural Overview
The fast-access register file concept contains 32 x 8-bit general purpose working registers with a single clock cycle access time. This means that during one single clock cycle, one Arithmetic Logic Unit (ALU) operation is executed. Two operands are output from the register file, the operation is executed, and the result is stored back in the register file - in one clock cycle. Six of the 32 registers can be used as three 16-bits indirect address register pointers for Data Space addressing - enabling efficient address calculations. One of the three address pointers is also used as the address pointer for the constant table look up function. These added function registers are the 16-bits X-register, Y-register and Z-register. The ALU supports arithmetic and logic functions between registers or between a constant and a register. Single register operations are also executed in the ALU. Figure 2 shows the AT90S2333/4433 AVR RISC microcontroller architecture. In addition to the register operation, the conventional memory addressing modes can be used on the register file as well. This is enabled by the fact that the register file is assigned the 32 lowermost Data Space addresses ($00 - $1F), allowing them to be accessed as though they were ordinary memory locations. Figure 2. The AT90S2333/4433 AVR RISC Architecture
AVR AT90S2333/4433 Architecture
Data Bus 8-bit
1K/2K X 16 Program Memory
Program Counter
Status and Control
Interrupt Unit
Instruction Register
32 x 8 General Purpose Registrers
SPI Unit
Serial UART
Indirect Addressing
Instruction Decoder
Direct Addressing
ALU
8-bit Timer/Counter
Control Lines
16-bit Timer/Counter with PWM 128 x 8 Data SRAM
Watchdog Timer
128/256 x 8 EEPROM 20 I/O Lines
Analog to Digital Converter
Analog Comparator
5
The I/O memory space contains 64 addresses for CPU peripheral functions as Control Registers, Timer/Counters, A/Dconverters, and other I/O functions. The I/O Memory can be accessed directly, or as the Data Space locations following those of the register file, $20 - $5F. The AVR uses a Harvard architecture concept - with separate memories and buses for program and data. The program memory is executed with a two stage pipeline. While one instruction is being executed, the next instruction is pre-fetched from the program memory. This concept enables instructions to be executed in every clock cycle. The program memory is In-System Programmable Flash memory. With the relative jump and call instructions, the whole 1K/2K word address space is directly accessed. Most AVR instructions have a single 16-bit word format. Every program memory address contains a 16- or 32-bit instruction. During interrupts and subroutine calls, the return address program counter (PC) is stored on the stack. The stack is effectively allocated in the general data SRAM, and consequently the stack size is only limited by the total SRAM size and the usage of the SRAM. All user programs must initialize the SP in the reset routine (before subroutines or interrupts are executed). The 8-bit stack pointer SP is read/write accessible in the I/O space. The 128 bytes data SRAM can be easily accessed through the five different addressing modes supported in the AVR architecture. The memory spaces in the AVR architecture are all linear and regular memory maps. Figure 3. AT90S2333/4433 Memory Maps
Program Memory $000
Data Memory 32 Gen. Purpose $0000 Working Registers $001F $0020 64 I/O Registers
Program Flash (1K/2K x 16)
$005F $0060
Internal SRAM (128 x 8)
$00DF
$3FF/ $7FF
A flexible interrupt module has its control registers in the I/O space with an additional global interrupt enable bit in the status register. All the different interrupts have a separate interrupt vector in the interrupt vector table at the beginning of the program memory. The different interrupts have priority in accordance with their interrupt vector position. The lower the interrupt vector address, the higher the priority. 6
AT90S/LS2333 and AT90S/LS4433
AT90S/LS2333 and AT90S/LS4433
Register Summary
Address
$3F ($5F) $3E ($5E) $3D ($5D) $3C ($5C) $3B ($5B) $3A ($5A) $39 ($59) $38 ($58) $37 ($57) $36 ($56) $35 ($55) $34 ($54) $33 ($53) $32 ($52) $31 ($51) $30 ($50) $2F ($4F) $2E ($4E) $2D ($4D) $2C ($4C) $2B ($4B) $2A ($4A) $29 ($49) $28 ($48) $27 ($47) $26 ($46) $25 ($45) $24 ($44) $23 ($43) $22 ($42) $21 ($41) $20 ($40) $1F ($3F) $1E ($3E) $1D ($3D) $1C ($3C) $1B ($3B) $1A ($3A) $19 ($39) $18 ($38) $17 ($37) $16 ($36) $15 ($35) $14 ($34) $13 ($33) $12 ($32) $11 ($31) $10 ($30) $0F ($2F) $0E ($2E) $0D ($2D) $0C ($2C) $0B ($2B) $0A ($2A) $09 ($29) $08 ($28) $07 ($27) $06 ($26) $05 ($25) $04 ($24) $03 ($23)
Name
SREG Reserved SP Reserved GIMSK GIFR TIMSK TIFR Reserved Reserved MCUCR MCUSR TCCR0 TCNT0 Reserved Reserved TCCR1A TCCR1B TCNT1H TCNT1L OCR1H OCR1L Reserved Reserved ICR1H ICR1L Reserved Reserved Reserved Reserved WDTCR Reserved Reserved EEAR EEDR EECR Reserved Reserved Reserved PORTB DDRB PINB PORTC DDRC PINC PORTD DDRD PIND SPDR SPSR SPCR UDR UCSRA UCSRB UBRR ACSR ADMUX ADCSR ADCH ADCL UBRRHI
Bit 7
I SP7 INT1 INTF1 TOIE1 TOV1
Bit 6
T SP6 INT0 INTF0 OCIE1 OCF1
Bit 5
H SP5 -
Bit 4
S SP4 -
Bit 3
V SP3 TICIE1 ICF1
Bit 2
N SP2 -
Bit 1
Z SP1 TOIE0 TOV0
Bit 0
C SP0 -
Timer/Counter0 (8 Bits)
SE -
SM -
ISC11 WDRF -
ISC10 BORF CS02
ISC01 EXTRF CS01
ISC00 PORF CS00
COM11 COM10 ICNC1 ICES1 Timer/Counter1 - Counter Register High Byte Timer/Counter1 - Counter Register Low Byte Timer/Counter1 - Output Compare Register High Byte Timer/Counter1 - Output Compare Register Low Byte
-
CTC1
CS12
PWM11 CS11
PWM10 CS10
Timer/Counter1 - Input Capture Register High Byte Timer/Counter1 - Input Capture Register Low Byte
-
-
-
WDTOE
WDE
WDP2
WDP1
WDP0
EEPROM Address Register EEPROM Data Register -
-
-
EERIE
EEMWE
EEWE
EERE
PORTD7 PORTD6 DDD7 DDD6 PIND7 PIND6 SPI Data Register SPIF WCOL SPIE SPE UART I/O Data Register RXC TXC RXCIE TXCIE UART Baud Rate Register AINBG ACD ADCBG ADEN ADSC ADC7 ADC6
PORTB5 DDB5 PINB5 PORTC5 DDC5 PINC5 PORTD5 DDD5 PIND5 DORD UDRE UDRIE ACO ADFR ADC5
PORTB4 DDB4 PINB4 PORTC4 DDC4 PINC4 PORTD4 DDD4 PIND4 MSTR FE RXEN ACI ADIF ADC4
PORTB3 DDB3 PINB3 PORTC3 DDC3 PINC3 PORTD3 DDD3 PIND3 CPOL OR TXEN ACIE ADIE ADC3
PORTB2 DDB2 PINB2 PORTC2 DDC2 PINC2 PORTD2 DDD2 PIND2 CPHA CHR9
PORTB1 DDB1 PINB1 PORTC1 DDC1 PINC1 PORTD1 DDD1 PIND1 SPR1 RXB8
PORTB0 DDB0 PINB0 PORTC0 DDC0 PINC0 PORTD0 DDD0 PIND0 SPR0 TXB8 ACIS0 MUX0 ADPS0 ADC8 ADC0
ACIC ACIS1 MUX2 MUX1 ADPS2 ADPS1 ADC9 ADC2 ADC1 UART Baud Rate Register High
7
Register Summary (Continued)
Address
$02 ($22) $01 ($21) $00 ($20)
Name
Reserved Reserved Reserved
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Notes:
1. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses should never be written. 2. Some of the status flags are cleared by writing a logical one to them. Note that the CBI and SBI instructions will operate on all bits in the I/O register, writing a one back into any flag read as set, thus clearing the flag. The CBI and SBI instructions work with registers $00 to $1F only.
8
AT90S/LS2333 and AT90S/LS4433
AT90S/LS2333 and AT90S/LS4433
Instruction Set Summary
Mnemonics Operands Description Operation
Rd Rd + Rr Rd Rd + Rr + C Rdh:Rdl Rdh:Rdl + K Rd Rd - Rr Rd Rd - K Rd Rd - Rr - C Rd Rd - K - C Rdh:Rdl Rdh:Rdl - K Rd Rd * Rr Rd Rd * K Rd Rd v Rr Rd Rd v K Rd Rd Rr Rd $FF - Rd Rd $00 - Rd Rd Rd v K Rd Rd * ($FF - K) Rd Rd + 1 Rd Rd - 1 Rd Rd * Rd Rd Rd Rd Rd $FF PC PC + k + 1 PC Z PC PC + k + 1 PC Z PC STACK PC STACK if (Rd = Rr) PC PC + 2 or 3 Rd - Rr Rd - Rr - C Rd - K if (Rr(b)=0) PC PC + 2 or 3 if (Rr(b)=1) PC PC + 2 or 3 if (P(b)=0) PC PC + 2 or 3 if (P(b)=1) PC PC + 2 or 3 if (SREG(s) = 1) then PCPC+k + 1 if (SREG(s) = 0) then PCPC+k + 1 if (Z = 1) then PC PC + k + 1 if (Z = 0) then PC PC + k + 1 if (C = 1) then PC PC + k + 1 if (C = 0) then PC PC + k + 1 if (C = 0) then PC PC + k + 1 if (C = 1) then PC PC + k + 1 if (N = 1) then PC PC + k + 1 if (N = 0) then PC PC + k + 1 if (N V= 0) then PC PC + k + 1 if (N V= 1) then PC PC + k + 1 if (H = 1) then PC PC + k + 1 if (H = 0) then PC PC + k + 1 if (T = 1) then PC PC + k + 1 if (T = 0) then PC PC + k + 1 if (V = 1) then PC PC + k + 1 if (V = 0) then PC PC + k + 1 if ( I = 1) then PC PC + k + 1 if ( I = 0) then PC PC + k + 1
Flags
Z,C,N,V,H Z,C,N,V,H Z,C,N,V,S Z,C,N,V,H Z,C,N,V,H Z,C,N,V,H Z,C,N,V,H Z,C,N,V,S Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V Z,C,N,V Z,C,N,V,H Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V None None None None None None I None Z, N,V,C,H Z, N,V,C,H Z, N,V,C,H None None None None None None None None None None None None None None None None None None None None None None None None
#Clocks
1 1 2 1 1 1 1 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 2 3 3 4 4 1/2/3 1 1 1 1/2/3 1/2/3 1/2/3 1/2/3 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2
ARITHMETIC AND LOGIC INSTRUCTIONS ADD Rd, Rr Add two Registers ADC Rd, Rr Add with Carry two Registers ADIW Rdl,K Add Immediate to Word SUB Rd, Rr Subtract two Registers SUBI Rd, K Subtract Constant from Register SBC Rd, Rr Subtract with Carry two Registers SBCI Rd, K Subtract with Carry Constant from Reg. SBIW Rdl,K Subtract Immediate from Word AND Rd, Rr Logical AND Registers ANDI Rd, K Logical AND Register and Constant OR Rd, Rr Logical OR Registers ORI Rd, K Logical OR Register and Constant EOR Rd, Rr Exclusive OR Registers COM Rd One's Complement NEG Rd Two's Complement SBR Rd,K Set Bit(s) in Register CBR Rd,K Clear Bit(s) in Register INC Rd Increment DEC Rd Decrement TST Rd Test for Zero or Minus CLR Rd Clear Register SER Rd Set Register BRANCH INSTRUCTIONS RJMP k Relative Jump IJMP Indirect Jump to (Z) RCALL k Relative Subroutine Call ICALL Indirect Call to (Z) RET Subroutine Return RETI Interrupt Return CPSE Rd,Rr Compare, Skip if Equal CP Rd,Rr Compare CPC Rd,Rr Compare with Carry CPI Rd,K Compare Register with Immediate SBRC Rr, b Skip if Bit in Register Cleared SBRS Rr, b Skip if Bit in Register is Set SBIC P, b Skip if Bit in I/O Register Cleared SBIS P, b Skip if Bit in I/O Register is Set BRBS s, k Branch if Status Flag Set BRBC s, k Branch if Status Flag Cleared BREQ k Branch if Equal BRNE k Branch if Not Equal BRCS k Branch if Carry Set BRCC k Branch if Carry Cleared BRSH k Branch if Same or Higher BRLO k Branch if Lower BRMI k Branch if Minus BRPL k Branch if Plus BRGE k Branch if Greater or Equal, Signed BRLT k Branch if Less Than Zero, Signed BRHS k Branch if Half Carry Flag Set BRHC k Branch if Half Carry Flag Cleared BRTS k Branch if T Flag Set BRTC k Branch if T Flag Cleared BRVS k Branch if Overflow Flag is Set BRVC k Branch if Overflow Flag is Cleared BRIE k Branch if Interrupt Enabled BRID k Branch if Interrupt Disabled
9
Instruction Set Summary (Continued)
Mnemonics Operands Description
Move Between Registers Load Immediate Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect with Displacement Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect with Displacement Load Direct from SRAM Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect with Displacement Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect with Displacement Store Direct to SRAM Load Program Memory In Port Out Port Push Register on Stack Pop Register from Stack Set Bit in I/O Register Clear Bit in I/O Register Logical Shift Left Logical Shift Right Rotate Left Through Carry Rotate Right Through Carry Arithmetic Shift Right Swap Nibbles Flag Set Flag Clear Bit Store from Register to T Bit load from T to Register Set Carry Clear Carry Set Negative Flag Clear Negative Flag Set Zero Flag Clear Zero Flag Global Interrupt Enable Global Interrupt Disable Set Signed Test Flag Clear Signed Test Flag Set Twos Complement Overflow. Clear Twos Complement Overflow Set T in SREG Clear T in SREG Set Half Carry Flag in SREG Clear Half Carry Flag in SREG No Operation Sleep Watchdog Reset
Operation
Rd Rr Rd K Rd (X) Rd (X), X X + 1 X X - 1, Rd (X) Rd (Y) Rd (Y), Y Y + 1 Y Y - 1, Rd (Y) Rd (Y + q) Rd (Z) Rd (Z), Z Z+1 Z Z - 1, Rd (Z) Rd (Z + q) Rd (k) (X) Rr (X) Rr, X X + 1 X X - 1, (X) Rr (Y) Rr (Y) Rr, Y Y + 1 Y Y - 1, (Y) Rr (Y + q) Rr (Z) Rr (Z) Rr, Z Z + 1 Z Z - 1, (Z) Rr (Z + q) Rr (k) Rr R0 (Z) Rd P P Rr STACK Rr Rd STACK I/O(P,b) 1 I/O(P,b) 0 Rd(n+1) Rd(n), Rd(0) 0 Rd(n) Rd(n+1), Rd(7) 0 Rd(0)C,Rd(n+1) Rd(n),CRd(7) Rd(7)C,Rd(n) Rd(n+1),CRd(0) Rd(n) Rd(n+1), n=0..6 Rd(3..0)Rd(7..4),Rd(7..4)Rd(3..0) SREG(s) 1 SREG(s) 0 T Rr(b) Rd(b) T C1 C0 N1 N0 Z1 Z0 I1 I0 S1 S0 V1 V0 T1 T0 H1 H0 (see specific descr. for Sleep function) (see specific descr. for WDR/timer)
Flags
None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None Z,C,N,V Z,C,N,V Z,C,N,V Z,C,N,V Z,C,N,V None SREG(s) SREG(s) T None C C N N Z Z I I S S V V T T H H None None None
#Clocks
1 1 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 3 1 1 2 2 2 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 3 1
DATA TRANSFER INSTRUCTIONS MOV Rd, Rr LDI Rd, K LD Rd, X LD Rd, X+ LD Rd, - X LD Rd, Y LD Rd, Y+ LD Rd, - Y LDD Rd,Y+q LD Rd, Z LD Rd, Z+ LD Rd, -Z LDD Rd, Z+q LDS Rd, k ST X, Rr ST X+, Rr ST - X, Rr ST Y, Rr ST Y+, Rr ST - Y, Rr STD Y+q,Rr ST Z, Rr ST Z+, Rr ST -Z, Rr STD Z+q,Rr STS k, Rr LPM IN Rd, P OUT P, Rr PUSH Rr POP Rd BIT AND BIT-TEST INSTRUCTIONS SBI P,b CBI P,b LSL Rd LSR Rd ROL Rd ROR Rd ASR Rd SWAP Rd BSET s BCLR s BST Rr, b BLD Rd, b SEC CLC SEN CLN SEZ CLZ SEI CLI SES CLS SEV CLV SET CLT SEH CLH NOP SLEEP WDR
10
AT90S/LS2333 and AT90S/LS4433
AT90S/LS2333 and AT90S/LS4433
Ordering Information
Power Supply 2.7 - 6.0V Speed (MHz) 4 Ordering Code AT90LS2333-4AC AT90LS2333-4PC AT90LS2333-4AI AT90LS2333-4PI 4.0 - 6.0V 8 AT90S2333-8AC AT90S2333-8PC AT90S2333-8AI AT90S2333-8PI 2.7 - 6.0V 4 AT90LS4433-4AC AT90LS4433-4PC AT90LS4433-4AI AT90LS4433-4PI 4.0 - 6.0V 8 AT90S4433-8AC AT90S4433-8PC AT90S4433-8AI AT90S4433-8PI Package 32A 28P3 32A 28P3 32A 28P3 32A 28P3 32A 28P3 32A 28P3 32A 28P3 32A 28P3 Operation Range Commercial (0C to 70C) Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C)
Package Type 28P3 32A 28-lead, 0.300" Wide, Plastic Dual in Line Package (PDIP) 32-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP)
11
Packaging Information
28P3, 28-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) Dimensions in Inches and (Millimeters) 32A, 32-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP) Dimensions in Millimeters and (Inches)
PIN 1 ID
9.00 (0.354) BSC
0.45 (0.018) 0.30 (0.012)
0.80 (0.031) BSC
9.00 (0.354) BSC
7.00 (0.276) BSC 0 7
1.20 (0.047) MAX
0.20 (0.008) 0.10 (0.004)
0.75 (0.030) 0.45 (0.018)
0.15 (0.006) 0.05 (0.002)
12
AT90S/LS2333 and AT90S/LS4433
Atmel Headquarters
Corporate Headquarters
2325 Orchard Parkway San Jose, CA 95131 TEL (408) 441-0311 FAX (408) 487-2600
Atmel Operations
Atmel Colorado Springs
1150 E. Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL (719) 576-3300 FAX (719) 540-1759
Europe
Atmel U.K., Ltd. Coliseum Business Centre Riverside Way Camberley, Surrey GU15 3YL England TEL (44) 1276-686-677 FAX (44) 1276-686-697
Atmel Rousset
Zone Industrielle 13106 Rousset Cedex France TEL (33) 4-4253-6000 FAX (33) 4-4253-6001
Asia
Atmel Asia, Ltd. Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimhatsui East Kowloon Hong Kong TEL (852) 2721-9778 FAX (852) 2722-1369
Japan
Atmel Japan K.K. 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan TEL (81) 3-3523-3551 FAX (81) 3-3523-7581
Fax-on-Demand
North America: 1-(800) 292-8635 International: 1-(408) 441-0732
e-mail
literature@atmel.com
Web Site
http://www.atmel.com
BBS
1-(408) 436-4309
(c) Atmel Corporation 1999. Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life suppor t devices or systems. Marks bearing
(R)
and/or
TM
are registered trademarks and trademarks of Atmel Corporation. Printed on recycled paper.
1042DS-04/99/xM
Terms and product names in this document may be trademarks of others.


▲Up To Search▲   

 
Price & Availability of AT90S4433

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X