Part Number Hot Search : 
CD5022GO M7CA005 768KHZ 0LVEL TSM3460 KRC120 SI7942DP 1N4751A
Product Description
Full Text Search
 

To Download AT001D6-25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs IC 4 Bit Digital Attenuator 3 dB LSB DC-1 GHz
AT001D6-25 Features
s Attenuation in 3 dB Steps to 45 dB s Low DC Power Consumption s Low Cost SOIC-16 Plastic Package
PIN 16
SOIC-16
0.050 (1.27 mm) BSC
PIN 1 INDICATOR
0.244 (6.20 mm) 0.228 (5.80 mm)
Description
The AT001D6-25 is an IC FET digital attenuator consisting of four monolithic attenuators with LSB of 3 dB and a total attenuation of 45 dB with all attenuators connected. The attenuator is packaged in the plastic 16 lead surface mount package for low cost commercial cellular radio applications.
PIN 1 0.068 (1.73 mm) MAX. 0.020 (0.51 mm) 0.013 (0.33 mm) 0.049 (1.24 mm) 0.016 (0.41 mm) 0.016 MAX. (0.41 mm) x 45 CHAMFER 8 MAX. 0.394 (10.00 mm) 0.386 (9.80 mm) 0.010 (0.25 mm) 0.004 (0.10 mm) 0.0098 (0.25 mm) 0.0075 (0.19 mm) 0.158 (4.00 mm) 0.150 (3.80 mm)
Electrical Specifications at 25C (0, -5 V)
Parameter1 Insertion Loss3 Frequency2 DC-0.5 GHz DC-1.0 GHz DC-1.0 GHz Min. Typ. 2.5 3.5 Max. 3.2 4.0 Unit dB dB
Attenuation Range4
10% or 0.5 dB Whichever is Greater 12% for 45 dB Attenuation 1.4:1 1.6:1 1.6:1 1.8:1
VSWR (I/O)
DC-0.5 GHz DC-1.0 GHz
Operating Characteristics at 25C (0, -5 V)
Parameter Switching Characteristics5 Condition Rise, Fall (10/90% or 90/10% RF) On, Off (50% CTL to 90/10% RF) Video Feedthru 0.50-1.0 GHz 0.05 GHz For Two-tone Input Power +13 dBm 0.50-1.0 GHz 0.05 GHz Frequency Min. Typ. 10 20 20 +24 +14 +43 +32 Max. Unit ns ns mV dBm dBm dBm dBm
Input Power for 1 dB Compression Intermodulation Intercept Point (IP3) Control Voltages
VLow = 0 to -0.2 V @ 20 A Max. VHigh = -5 V @ 50 A to -8 V at 200 A Max.
1. All measurements made in a 50 system, unless otherwise specified. 2. DC = 300 kHz. 3. Insertion loss changes by 0.003 dB/C. 4. Attenuation referenced to insertion loss. 5. Video feedthru measured with 1 ns risetime pulse and 500 MHz bandwidth.
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 3/99A
1
GaAs IC 4 Bit Digital Attenuator 3 dB LSB DC-1 GHz
AT001D6-25
Typical Performance Data (0, -5 V)
5 4 3 +85C -40C 15 12 9
dB
2 1 0 DC 0.5
dB
6 3 0 1.0 DC 0.5 1.0
Frequency (GHz)
Frequency (GHz)
Insertion Loss vs. Frequency
45 40 35 2.5 2.2 1.9 1.6 1.3 1.0 DC 0.5 1.0 DC
3, 6, 12 dB States
dB
30 25 20
0.5
1.0
Frequency (GHz)
Frequency (GHz)
24, 36, 45 dB States
VSWR vs. Frequency (All States)
Absolute Maximum Ratings
Characteristic RF Input Power Control Voltage Operating Temperature Storage Temperature JC Value 2 W > 500 MHz 0/-8 V 0.5 W @ 50 MHz 0/-8 V +0.2 V, -8 V -40C to +85C -65C to +150C 25C/W
Pin Out
GND GND J1 GND GND J2
16 15 14 13 12 11
GND GND
10 9
24 dB
6 dB
3 dB
12 dB
Note: Exceeding these parameters may cause irreversible damage.
1
2
3
4
5
6
7
8
V8
V7
V6
V5
V4
V3
V2
V1
Truth Table
V1 -5 -5 -5 0 -5 0 V2 0 0 0 -5 0 -5 V3 -5 0 -5 -5 -5 0 V4 0 -5 0 0 0 -5 V5 0 0 -5 0 0 -5 V6 6 dB -5 -5 0 -5 -5 0 0 0 0 0 -5 -5 V7 V8 -5 -5 -5 -5 0 0 12 dB 3 dB 24 dB Attenuation J1-J2 Reference I.L. 3 dB 6 dB 12 dB 24 dB 45 dB
2
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 3/99A


▲Up To Search▲   

 
Price & Availability of AT001D6-25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X