Part Number Hot Search : 
SB830 T960026 M100A XF0705P D2424 IPCBP76 BJ22A 2SC4463
Product Description
Full Text Search
 

To Download AN1432 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Voltage Regulators
AN1432MS
Variable output, low voltage operation shunt regulator IC
The AN1432MS is a low voltage operation and positive voltage variable output type shunt regulator IC. Since the output voltage is adjustable from approximately 1.26 V to 15 V, it is suitable for a power supply of small-sized 3 V-system portable equipment. Also, it contributes to the miniaturization of set equipment by the adoption of the small type surface mounting package.
0.65 0.15
s Overview
0.40 1.45 3
+ 0.10 - 0.05
Unit: mm
0.16 + 0.10 - 0.06
1.50 + 0.25 - 0.05
2.80 + 0.20 - 0.30
1 0.95
2
0.65 0.15
0.95
s Features
* High precision reference voltage: 1.26 V (allowance: 2%) * Low voltage operation: 1.26 V to 15 V * Small type surface mounting package
1.90 0.20 + 2.90 - 0.20 0.05 10
s Applications
* Portable telephone, PHS, office automation equipment, and other small-sized portable equipment
MINI-3D
s Block Diagram
K
Constant current source 1 Error amplifier Reference voltage Output transistor
Ref.
A
3
2
+ 0.20 0 to 0.1 1.10 - 0.10
0.30 1.10 + 0.10 -
5
0.40 0.20
1
AN1432MS
s Pin Descriptions
Pin No. 1 Symbol Reference Description
Voltage Regulators
The reference voltage (1.26 V typical) pin. Although the impedance is high under the normal using conditions, be careful that the impedance drops and current flows into the IC inside if a current or voltage is forced to apply from the outside. The pin for the combined use of the power source current supply of IC and the constant voltage output as the shunt regulator. An excessive current supplied to this pin is bypassed to the anode pin through the output transistor. The constant voltage reference pin of the shunt regulator and flows out the current from the cathode and reference. Usually grounded.
2
Cathode
3
Anode
s Absolute Maximum Ratings
Parameter Supply voltage Reference voltage Supply current Reference current Cathode anode reverse current Cathode reference reverse current Power dissipation
*2 *1
Symbol VK VREF IK IREF -IKA -IKR PD Topr Tstg
Rating 15 7 20 50 -10 -10 104 -30 to +85 -55 to +150
Unit V V mA A mA mA mW C C
Operating ambient temperature Storage temperature
*1
Note) 1. Do not apply external currents or voltages to any pins not specifically mentioned. For circuit currents, '+' denotes current flowing into the IC, and '-' denotes current flowing out of the IC. 2. *1: Except for the operating ambient temperature and storage temperature, all ratings are for Ta = 25C. *2: The value at Ta = 85C.
s Recommended Operating Range
Parameter Supply voltage Symbol VCC Range VREF to 15 Unit V
s Electrical Characteristics at Ta = 25C
Parameter Reference voltage Reference voltage fluctuation 1 Reference voltage fluctuation 2 Reference input current Minimum cathode current Off time cathode current Dynamic impedance Symbol VREF VREF /VKA VREF /VKA IREF IK min IK OFF ZKA Conditions VKA = VREF , IK = 10 mA VREF VKA 5 V, IK = 10 mA 5 V VKA 15 V, IK = 10 mA RI = 10 k, IK = 10 mA VKA = VREF VKA = 15 V, VREF = 0 V VKA = VREF , f 1 kHz, IK = 1 mA to 10 mA Min 1.235 Typ 1.26 1.9 1.0 2.5 290 0.1 Max 1.285 3.5 2.0 4.4 350 1.0 0.5 Unit V mV/V mV/V A A A
2
Voltage Regulators
s Electrical Characteristics at Ta = 25C (continued)
* Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
AN1432MS
Parameter Reference voltage change with temperature Reference input current change with temperature
Symbol VREF /Ta IREF /Ta
Conditions VKA = VREF , IKA = 10 mA 0 C Ta +70 C R1 =10 k, IK = 10 mA 0 C Ta +70 C
Reference value 3 0.4
Unit mV A
s Application Notes
* PD Ta curves of mini-type 3-pin package PD T a
200
175 Independent IC Rth(j-a) = 625C/W PD = 200 mW (25C)
Power dissipation PD (mW)
150
125 104 100
75
50
25
0 0 25 50 75 85 100 125 150
Ambient temperature Ta (C)
s Application Circuit Example
This circuit amplifies the error voltage of the secondary side output voltage in the insulation type switching power supply, then transfer it to the primary side via a photocoupler. Replaceable with the conventional product (AN1431M/AN1431T). (Primary side) (Secondary side) VOUT
AN1432
Primary side to control IC
3


▲Up To Search▲   

 
Price & Availability of AN1432

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X