|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
a FEATURES Wide Input Voltage Range: 3.6 V to 30 V Adjustable and Fixed (3.3 V, 5 V) Output Options Integrated 1 A Power Switch Uses Small Surface-Mount Components Cycle-By-Cycle Current Limiting Peak Input Voltage (100 ms): 60 V Thermally Enhanced 8-Lead SOIC Package Configurable as a Buck, Buck-Boost and SEPIC Regulator APPLICATIONS Industrial Power Systems PC Peripheral Power Systems Preregulator for Linear Regulators Distributed Power Systems Automotive Systems Battery Chargers 200 kHz, 1 A High-Voltage Step-Down Switching Regulator ADP3050 FUNCTIONAL BLOCK DIAGRAM BIAS IN CURRENT SENSE AMPLIFIER SD GND 2.5V REGULATOR FREQUENCY AND CURRENT LIMIT FOLDBACK CURRENT LIMIT + 200kHz OSCILLATOR BOOST CMP S R gm Q DRIVER SWITCH FB 1.2V ADP3050 COMP GENERAL DESCRIPTION The ADP3050 is a current-mode monolithic buck (step-down) PWM switching regulator that contains a high current 1 A power switch and all control, logic, and protection functions. It uses a unique compensation scheme that allows the use of any type of output capacitor (tantalum, ceramic, electrolytic, OS-CON). Unlike some buck regulators, the design is not restricted to using a specific type of output capacitor or ESR value. A special boosted drive stage is used to saturate the NPN power switch, providing a system efficiency higher than conventional bipolar buck switchers. Further efficiency improvements are obtained by using the low voltage regulated output to provide the device's internal operating current. A high switching frequency allows the use of small external surface-mount components. A wide variety of standard off-the-shelf devices can be used, providing a great deal of design flexibility. A complete regulator design requires only a few external components. The ADP3050 includes a shutdown input that places the device in a low-power mode, reducing the total supply current to under 20 A. Internal protection features include thermal shutdown circuitry and a cycle-by-cycle current-limit for the power switch to provide complete device protection under fault conditions. The ADP3050 provides excellent line and load regulation, maintaining typically less than 3% output voltage accuracy over temperature and under all input voltage and output current conditions. The ADP3050 is specified over the industrial temperature range of -40C to +85C and is available in a thermally enhanced 8-lead SOIC package. REV. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2000 ADP3050-SPECIFICATIONS (V Parameter FEEDBACK Feedback Voltage ADP3050 ADP3050-3.3 ADP3050-5 Line Regulation Load Regulation Symbol VFB 1 IN = 10 V, TA = -40 C to +85 C, unless otherwise noted) Min Typ Max Unit Conditions Over Line and Temperature 1.16 3.20 4.85 VIN = 10 V to 30 V, no load ILOAD = 100 mA to 1 A, ADP3050AR Only ADP3050AR-3.3, ADP3050AR-5 ADP3050AR Only 1.20 3.30 5.00 0.005 +0.1 +0.1 0.65 1250 300 1.24 3.40 5.15 V V V %/V %/A %/A A Mho V/V A A A -1.0 -0.5 Input Bias Current ERROR AMPLIFIER Transconductance2 Voltage Gain2 Output Current ADP3050 ADP3050-3.3 ADP3050-5 OSCILLATOR Oscillator Frequency3 Minimum Duty Cycle Maximum Duty Cycle SWITCH Average Output Current Limit4 ADP3050 ADP3050-3.3 ADP3050-5 Peak Switch Current Limit5 Saturation Voltage Leakage Current SHUTDOWN Input Voltage Low Input Voltage High SUPPLY Minimum Input Voltage6 Minimum BIAS Voltage Minimum BOOST Voltage IN Supply Current Normal Mode Shutdown Mode BIAS Supply Current BOOST Supply Current IFB gm AVOL +1.0 +0.5 2 COMP = 1.0 V, FB = 1.1 V to 1.3 V COMP = 1.0 V, FB = 3.0 V to 3.6 V COMP = 1.0 V, FB = 4.5 V to 5.5 V fOSC DMIN DMAX ICL(AVG) BOOST = 15 V, FB = 1.1 V BOOST = 15 V, FB = 3.0 V BOOST = 15 V, FB = 4.5 V ICL(PEAK) BOOST = 15 V, ILOAD = 1 A 1.0 1.0 1.0 1.5 170 115 120 135 200 10 90 240 kHz % % 1.25 1.25 1.25 1.7 0.65 50 1.5 1.5 1.5 2.1 0.95 A A A A V nA V V V V V mA A mA mA mA 0.4 2.0 VIN VBIAS VBOOST IQ IBIAS IBOOST BIAS = 5.0 V SD = 0 V, VIN 30 V BIAS = 5.0 V BOOST = 15 V, ISW = 0.5 A BOOST = 15 V, ISW = 1.0 A 0.7 15 4.0 18 20 3.6 3.0 3.0 1.5 40 6.0 40 NOTES 1 All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC). 2 Transconductance and voltage gain measurements refer to the internal amplifier without the voltage divider. To calculate the transconductance and gain of the fixed voltage parts, divide the values shown by FB/1.20. 3 The switching frequency is reduced when the feedback pin is lower than 0.8 FB. 4 See Figure 22 for test circuit. 5 Switch current limit is measured with no diode, no inductor, and no output capacitor. 6 Minimum input voltage is not measured directly, but is guaranteed by other tests. The actual minimum input voltage needed to keep the output in regulation will depend on output voltage and load current. Specifications subject to change without notice. -2- REV. 0 ADP3050 ABSOLUTE MAXIMUM RATINGS* PIN FUNCTION DESCRIPTION IN Voltage Steady State . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +30 V Peak (<100 ms) . . . . . . . . . . . . . . . . . . . . . -0.3 V to +60 V BOOST Voltage Steady State . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +45 V Peak (<100 ms) . . . . . . . . . . . . . . . . . . . . . -0.3 V to +65 V SD, BIAS Voltage . . . . . . . . . . . . . . . . . -0.3 V to IN + 0.3 V FB Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +8 V COMP Voltage . . . . . . . . . . . . . . . . . . . -0.3 V to IN + 0.3 V SWITCH Voltage . . . . . . . . . . . . . . . . . -0.3 V to IN + 0.3 V Operating Ambient Temperature Range . . . . -40C to +85C Operating Junction Temperature Range . . . -40C to +125C Storage Temperature Range . . . . . . . . . . . . -65C to +150C JA (2-Layer PCB) . . . . . . . . . . . . . . . . . . . . . . . . . . 108C/W JA (4-Layer PCB) . . . . . . . . . . . . . . . . . . . . . . . . . . . 81C/W Lead Temperature Range (Soldering, 60 sec.) . . . . . . . . 300C *This is a stress rating only; operation beyond these limits can cause the device to be permanently damaged. Unless otherwise specified, all voltages are referenced to GND Pin 1 Name SWITCH Function This is the emitter of the internal NPN power switch. The voltage at this pin switches between VIN and approximately -0.5 V. This pin is used to provide a boosted voltage (higher than VIN) for the drive stage of the NPN power switch. With the higher drive voltage, the power switch can be saturated, greatly reducing the switch power losses. Connect this pin to the regulated output voltage to maximize system efficiency. When this pin is above 2.7 V, most of the ADP3050 operating current will be taken from the output instead of the input supply. Leave unconnected if not used. This feedback pin senses the regulated output voltage. Connect this pin directly to the output (fixed output versions). This pin is used to compensate the regulator with an external resistor and capacitor. This pin can be used to override the control loop, but the voltage on this pin should not exceed about 2 V, as the pin is internally clamped to ensure a fast transient response. Use a pull-up resistor if this pin is to be pulled higher than 2 V. Use this pin to turn the device on and off. If this feature is not needed, tie this pin directly to VIN. Connect this pin to local ground plane. Connect this pin to the input supply voltage. An input bypass capacitor must be placed close to this pin to ensure proper regulator operation. 2 BOOST 3 BIAS 4 FB ORDERING GUIDE 5 Package* SO-8 SO-8 SO-8 COMP Model ADP3050AR ADP3050AR-3.3 ADP3050AR-5 Output Voltage ADJ 3.3 V 5.0 V Temperature Range -40C to +85C -40C to +85C -40C to +85C 6 SD *SO = Small Outline Package PIN CONFIGURATION 8-Lead SOIC (R-Suffix) SWITCH 1 BOOST 2 8 7 8 GND IN IN GND TOP VIEW BIAS 3 (Not to Scale) 6 SD FB 4 5 COMP 7 ADP3050 CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this device features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. REV. 0 -3- ADP3050 - Typical Characteristics 5.0 QUIESCENT OPERATING CURRENT - mA 2.0 VIN = 10V, NO LOAD VIN = 10V 1.8 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 45 35 INTO VIN PIN 25 15 5 5 15 25 35 45 TEMPERATURE - C 55 65 75 85 AVERAGE OUTPUT CURRENT - A INTO BIAS PIN 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 45 35 25 15 5 5 15 25 35 45 TEMPERATURE - C 55 65 75 85 Figure 1. Quiescent Operating Current vs. Temperature Figure 4. Average Output Current Limit vs. Temperature 25 SHUTDOWN QUIESCENT CURRENT - A 25 VIN = 10V 20 20 BOOST CURRENT - mA 15 15 10 10 5 5 0 0 0 5 10 15 20 SUPPLY VOLTAGE - V 25 30 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 LOAD CURRENT - A 0.8 0.9 1.0 Figure 2. Shutdown Quiescent Current vs. Supply Voltage Figure 5. Boost Current vs. Load Current 10 QUIESCENT OPERATING CURRENT - mA 100 BIAS TIED TO VOUT VIN = 6V 90 80 70 EFFICIENCY - % 8 6 VOUT = 5V 4 VOUT = 3.3V 2 60 50 40 30 20 10 VIN = 12V VIN = 18V VIN = 24V VIN = 30V L = 33 H CIN = 22 F COUT = 100 F 0 0 0 5 10 15 20 SUPPLY VOLTAGE - V 25 30 0 200 400 600 800 1k OUTPUT CURRENT - mA Figure 3. Quiescent Operating Current vs. Supply Voltage Figure 6. 5 V Output Efficiency -4- REV. 0 ADP3050 100 VIN = 5V 90 80 70 0.6 VOUT = 3.3V OUTPUT VOLTAGE CHANGE - % 0.4 0.2 ILOAD = 100mA 0 ILOAD = 1A 0.2 EFFICIENCY - % 60 50 40 30 20 10 0 0 VIN = 12V VIN = 24V VIN = 30V VIN = 18V L = 33 H CIN = 22 F COUT = 100 F 0.4 200 400 600 800 1k 0.6 0 OUTPUT CURRENT - mA 10 20 INPUT VOLTAGE - V 30 Figure 7. 3.3 V Output Efficiency Figure 10. 3.3 V Output Voltage Change vs. Input Voltage 0.5 0.4 VIN = 10V ILOAD = 1A 8 OUTPUT VOLTAGE CHANGE - % 7 MINIMUM INPUT VOLTAGE - V 0.3 0.2 0.1 0 0.1 0.2 0.3 0.4 0.5 45 35 25 15 5 5 15 25 35 45 TEMPERATURE - C 55 65 75 85 6 VOUT = 5V 5 4 VOUT = 3.3V 3 2 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 LOAD CURRENT - A 0.8 0.9 1.0 Figure 8. Output Voltage Change vs. Temperature Figure 11. Minimum Input Voltage vs. Load Current 0.6 VOUT = 5V OUTPUT VOLTAGE CHANGE - % 0 VIN = 10V 0.02 OUTPUT VOLTAGE CHANGE - % 30 0.4 0.04 0.06 0.08 0.10 0.12 0.14 0.16 0.2 ILOAD = 1A 0.0 ILOAD = 100mA 0.2 0.4 0.6 0 10 20 INPUT VOLTAGE - V 0.18 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 LOAD CURRENT - A 0.8 0.9 1.0 Figure 9. 5 V Output Voltage Change vs. Input Voltage Figure 12. Load Regulation REV. 0 -5- ADP3050 0.8 VIN = 10V 0.7 0.6 0.5 0.4 SWITCH SATURATION VOLTAGE - V VSW = 5V/DIV 0V IL = 500mA/DIV 0.3 0.2 0A 0.1 0.0 0.1 VIN = 10V VOUT = 5V ILOAD = 800mA L = 33 H CIN = 22 F COUT = 100 F TIME - 1 s/DIV 0.2 0.3 0.4 0.5 0.6 0.7 LOAD CURRENT - A 0.8 0.9 1.0 Figure 13. Switch Saturation Voltage vs. Load Current Figure 16. Continuous Conduction-Mode Waveforms 210 208 SWITCHING FREQUENCY - kHz VIN = 10V ILOAD = 250 A VSW = 5V/DIV 206 204 202 200 198 0V VIN = 10V VOUT = 5V ILOAD = 100mA L = 33 H CIN = 22 F COUT = 100 F IL = 500mA/DIV 196 194 192 0A 190 45 35 25 15 5 5 15 25 35 45 55 AMBIENT TEMPERATURE - C 65 75 85 TIME - 1 s/DIV Figure 14. Switching Frequency vs. Temperature Figure 17. Discontinuous Conduction-Mode Waveforms 250 VIN = 10V COMP = 0.4V SWITCHING FREQUENCY - kHz 200 VOUT = 20mV/DIV 5V 150 100 ILOAD 1A VIN = 10V VOUT = 5V ILOAD = 100mA TO 1A SWITCHED L = 33 H CIN = 22 F COUT = 100 F 50 0A 0 0 0.2 0.4 0.6 0.8 NORMALIZED FEEDBACK VOLTAGE - V 1.0 TIME - 400 s/DIV Figure 15. Frequency Foldback Figure 18. Transient Response -6- REV. 0 ADP3050 57.6 220 200 180 NO LOAD PHASE - Degrees MAGNITUDE - dB VIN = 10V VOUT = 5V VOUT = 1V/DIV RLOAD = 19 L = 33 H COILTRONICS UP2B-330 CIN = 22 F COUT = 100 F 48.0 38.4 28.8 19.2 9.6 0 9.6 160 140 120 100 80 60 40 0 100 1k 10k FREQUENCY - Hz 100k 20 1M 0V IL = 500mA/DIV 0A 19.2 28.8 38.4 TIME - 100 s/DIV Figure 19. Start-Up from Shutdown 1,500 VIN = 10V, NO LOAD 1,450 Figure 21. Error Amplifier Gain TRANSCONDUCTANCE - Mho 1,400 1,350 1,300 1,250 1,200 1,150 1,100 1,050 1,000 45 35 25 15 5 5 15 25 35 45 TEMPERATURE - C 55 65 75 85 ADP3050 is drawn from the input supply. When the BIAS pin is above 2.7 V, the majority of the operating current is then drawn from this pin (usually tied to the regulator's low-voltage output) instead of from the higher-voltage input supply. This can provide substantial efficiency improvements at light-load conditions, especially for systems where the input voltage is much higher than the output voltage. The ADP3050 uses a special drive stage that allows the power switch to saturate. An external diode and capacitor provide a boosted voltage to the drive stage that is higher than the input supply voltage. Overall efficiency is dramatically improved by using this type of saturating drive stage. Pulling the SD pin below 0.4 V puts the device in a low-power mode, shutting off all internal circuitry and reducing the supply current to under 20 A. 3.3V VOUT Figure 20. Error Amplifier Transconductance vs. Temperature THEORY OF OPERATION The ADP3050 is a fixed-frequency, current-mode buck regulator. Current mode systems provide excellent transient response, and are much easier to compensate than voltage-mode systems. (Refer to the functional block diagram.) At the beginning of each clock cycle, the oscillator sets the latch, turning on the power switch. The signal at the noninverting input of the comparator is a replica of the switch current (summed with the oscillator ramp). When this signal reaches the appropriate level set by the output of the error amplifier, the comparator resets the latch and turns off the power switch. In this manner, the error amplifier sets the correct current trip level to keep the output in regulation. If the error amplifier output increases, more current is delivered to the output; if it decreases, less current is delivered to the output. The current sense amplifier provides a signal proportional to switch current to both the comparator and to a cycle-by-cycle current limit. If the current limit is exceeded, the latch will be reset, turning the switch off until the beginning of the next clock cycle. The ADP3050 has a foldback current limit that reduces the switching frequency under fault conditions to reduce stress to the IC and to the external components. Most of the control circuitry is biased from the 2.5 V internal regulator. When the BIAS pin is left open, or when the voltage at this pin is less than 2.7 V, all of the operating current for the L1 33 H D1 1N5818 + C4 D2 1N914 C3 220nF 1 2 3 4 SWITCH BOOST BIAS FB IN GND SD COMP 8 7 6 5 R1 4k 100 F U1 ADP3050-3.3 12V VIN + C1 22 F C2 1nF Figure 22. Typical Application Circuit Setting the Output Voltage The output of the adjustable version (ADP3050AR) can be set to any voltage between 1.25 V and 12 V by connecting a resistor divider to the FB pin as shown in Figure 23. V R2 = R1 x OUT - 1 1.2 (1) REV. 0 -7- ADP3050 L1 22 H D1 1N5817 C3 0.22 F R2 21.5k 1 2 3 4 D2 1N4148 R1 20k SWITCH BOOST BIAS FB IN GND SD COMP 8 7 6 5 RC 7.5k CC 4.7nF 2.5V VOUT C4 + 2 22 F CERAMIC CF Where VIN(MAX) is the maximum input voltage, VOUT is the regulated output voltage, and fSW is the switching frequency (200 kHz). The initial choice for the amount of ripple current may seem arbitrary, but it will serve as a good starting point for finding a standard off-the-shelf inductor value (i.e., 10 H, 15 H, 22 H, 33 H, and 47 H). If a specific inductance value is to be used, simply rearrange the above equation to find the ripple current. For an 800 mA, 12 V to 5 V system, and a ripple current of 320 mA (40% of 800 mA) is chosen, the inductance would be: U1 ADP3050 5V VIN + C1 2 10 F CERAMIC C2 0.01 F GND 12 - 5 1 5 x x = 45.5 H 3 0.32 200 x 10 12 A 47 H inductor is the closest standard value, which gives a ripple current of about 310 mA. The peak switch current is equal to the load current plus one-half the ripple current (this is also the peak current for the inductor and the catch diode): L= 1 IRIPPLE 2 (3) = 0.8 + 0.155 = 0.95 A Pick an inductor with a dc (or saturation) current rating about 20% larger than ISW(PK) to ensure that the inductor is not running near the edge of saturation. For this example, 1.20 0.95 A = 1.14 A, so use an inductor with a dc current rating of at least 1.2 A. The maximum switch current is internally limited to 1.5 A, and this limit, along with the ripple current, will determine the maximum load current the system can provide. I SW(PK) = IOUT(MAX) + If the load current decreases to below one-half the ripple current, the regulator will operate in discontinuous mode. Discontinuous Mode Figure 23. Adjustable Output Application Circuit APPLICATION INFORMATION The complete process for designing a step-down switching regulator using the ADP3050 is given in the following sections. Each section includes a list of recommended devices. These lists do not include every available device, nor every available manufacturer. They contain only surface-mount devices, but equivalent through-hole devices can be substituted if needed. In choosing components, keep in mind what is most important to the design (efficiency, cost, size, etc.) as these things will ultimately determine which components are used. Also, make sure the design specifications are clearly defined and that they reflect the worstcase conditions. Key specifications include the minimum and maximum input voltage, the output voltage and ripple, and the minimum and maximum load current. INDUCTOR SELECTION The inductor value will determine the mode of operation for the regulator: continuous mode, where the inductor current flows continuously; or discontinuous mode, where the inductor current reduces to zero during every switch cycle. Continuous mode is the best choice for many applications. It provides higher output power, lower peak currents in the switch, inductor, and diode, and a lower inductor ripple current (which means lower output ripple voltage). Discontinuous mode does allow the use of smaller magnetics, but at a price: lower available load current, and higher peak and ripple currents. Designs with a high input voltage or a low load current often operate in discontinuous mode to minimize inductor value and size. The ADP3050 is designed to work well in both modes of operation. Continuous Mode For load currents less than around 0.5 A, discontinuous mode operation can be used. This will allow the use of a smaller inductor, but the ripple current will be much higher (which means a higher output ripple voltage). If a larger output capacitor must be used to reduce the output ripple voltage, the overall system may actually take up more board area than if a larger inductor was used. The operation and equations for the two modes are quite different, but the boundary between these two modes occurs when the ripple current is equal to twice the load current (when IRIPPLE = 2 IOUT). From this we can use Equation 2 to find the minimum inductor value needed to keep the system in continuous mode operation (solve for the inductor value with IRIPPLE = 2 IOUT). LDIS = VIN (MAX) - VOUT 2 x IOUT x VOUT 1 x f SW VIN (MAX) (4) Using an inductor below this value will cause the system to operate in discontinuous mode. For a 400 mA, 24 V to 5 V system: LDIS 24 - 5 1 5 x x 2 x 0.4 200 x 10 3 24 24.7 H The inductor current in a continuous mode system is a triangular waveform (equal to the ripple current) centered around a dc value (equal to the load current). The amount of ripple current is determined by the inductor value, and is usually between 20% and 40% of the maximum load current. To reduce the inductor size, ripple currents between 40% and 80% are often used in continuous mode designs with a high input voltage or a low output current. The inductor value can be calculated using the following equation: L= VIN (MAX) - VOUT IRIPPLE x 1 f SW x VOUT VIN (MAX) (2) If the chosen inductor value is too small, the internal current limit will trip each cycle and the regulator will have trouble providing the necessary load current. Inductor Core Types and Materials Many types of inductors are currently available. Numerous core styles along with numerous core materials often make the selection process seem even more confusing. A quick overview of the -8- REV. 0 ADP3050 types of inductors available will make the selection process a little easier to understand. Open-core geometries (bobbin core) are usually less expensive than closed-core geometries (toroidal core) and can be a good choice for some applications, but care must be taken when they are used. In open-core inductors, the magnetic flux is not completely contained inside the core. The radiating magnetic field will generate ElectroMagnetic Interference (EMI), often inducing voltages onto nearby circuit board traces. These inductors may not be suitable for systems that contain very high accuracy circuits or sensitive magnetics. A few manufacturers have "semiclosed" and "shielded" cores, where an outer magnetic shield surrounds a bobbin core. These devices have less EMI than the standard open core, and will usually be smaller than a closed core. Most core materials used in surface-mount inductors are either powdered iron or ferrite. For many designs, material choice will be arbitrary, but the properties of each material should be recognized. Ferrites will have lower core losses than powdered iron, but the lower loss means a higher price. Powdered iron cores will saturate softly (the inductance gradually reduces as current rating is exceeded), while ferrite cores will saturate much more abruptly (the inductance rapidly reduces). Kool M(R) is one type of ferrite that is specially designed to minimize core losses and heat generation (especially at switching frequencies above 100 kHz), but again, these devices will be more expensive. Do not overlook the dc winding resistance (DCR) of the inductor. A high DCR can decrease the system efficiency by 2%-5% for lower output voltages at heavy loads. To obtain a lower DCR means using a physically larger inductor, so a trade-off in size and efficiency must be made. The power loss due to this resistance is simply IOUT2 DCR. For an 800 mA, 5 V to 3.3 V system with an inductor DCR of 100 m, the winding resistance will dissipate (0.82 0.1 ) = 64 mW. This represents a power loss to the system of 64 mW/(3.3 V 800 mA) = 2.4%. Typical DCR values will be between 10 m and 200 m. Choosing an Inductor 3. Estimate the dc winding resistance based on the inductance value. A good rule of thumb is to allow about 5 m of resistance per H of inductance. 4. Pick the core material and type. First decide if an open-core inductor can be used with the design. If you are not sure, you can always get a few samples of each type (open core, semi-closed core, shielded core, and closed core) and try them out. Do not be discouraged from using open core inductors simply because they require a little extra care; just be aware of what to look for if you do use them. They are quite small and inexpensive, and are used successfully in many different applications. OUTPUT CAPACITOR SELECTION The ADP3050 can be used with any type of output capacitor. The trade-offs between price, component size, and regulator performance can be evaluated to determine the best choice for each application. The Effective Series Resistance (ESR) of the capacitor plays an important role in both the loop compensation and the system performance. The ESR provides a "zero" in the feedback loop, therefore the ESR value must be known so that the loop can be compensated correctly (most manufacturers specify maximum ESR in their data sheets). The capacitor ESR also contributes to the output ripple voltage (VRIPPLE = ESR IRIPPLE). Solid tantalum or multilayer ceramic capacitors are recommended, providing good performance with a small size and reasonable cost. Solid tantalum capacitors have a good combination of low ESR and high capacitance, and are available from several different manufacturers (AVX TPS series, Sprague 593D series, Kemet T495 series, NEMCO LSR series). Capacitance values from 22 F to more than 500 F can be used, but values of 47 F to 220 F will be sufficient for most designs. A smaller value can be used, but ESR is size-dependent, so a smaller device will have a higher ESR. Ensure that the capacitor's ripple current rating is larger than the inductor ripple current (the ripple current will flow into the output capacitor). Multilayer ceramic capacitors can be used in applications where minimum output voltage ripple is a priority. They have a very low ESR (a 22 F ceramic can have an ESR one-fifth that of a 22 F solid tantalum), but may require more board area for the same value of output capacitance. A few manufacturers have recently improved upon their low voltage ceramic capacitors, providing a smaller package with a lower ESR (Tokin, Murata, Taiyo Yuden and AVX). Several ceramics can be used in parallel to give an extremely low ESR and a good value of capacitance. If your design is very cost-sensitive and not severely space-limited, several aluminum electrolytic capacitors can be used in parallel (their size and ESR are larger than ceramic and solid tantalum). OS-CON capacitors can also be used, but they are typically larger and more expensive than ceramic or solid tantalum capacitors. Choosing an Output Capacitor Several considerations must be made when choosing an inductor: cost, size, EMI, core and copper losses, and maximum current rating. Follow the steps below to choose an inductor that is right for the system (refer to the calculations and descriptions from the previous sections). Table I shows an extensive list of inductors that can be used. Contact the manufacturers for their full product offering, availability and pricing. They offer many more values and package sizes to suit numerous applications. 1. Choose a mode of operation, then calculate the inductor value using the appropriate equation. For continuous mode systems, a ripple current of 40% the maximum load current is a good starting point. The inductor value can then be increased or decreased if desired. 2. Calculate the peak switch current (this will be the maximum current seen by the inductor). Make sure that the dc (or saturation) current rating of the inductor is high enough (around 1.2 times the peak switch current). Inductors with dc current ratings of at least 1 A should be used for all designs. This will provide a safety margin for start-up and fault conditions where the inductor current will be higher than normal. If an inductor's current rating is exceeded, the core will saturate, causing the inductance value to decrease and the inductor's temperature to increase. Kool M is a registered trademark of Magnetics, Inc. Use the following steps to choose an appropriate capacitor. Several choices for output capacitors are contained in Table III. 1. Decide the maximum output ripple voltage for the design, and this will determine your maximum ESR (remember that VRIPPLE ESR IRIPPLE). Typical output ripple voltages range between 0.5% and 2% of the output voltage. To lower the output voltage ripple, there are only two choices: either increase the inductor value, or use an output capacitor with a lower ESR. -9- REV. 0 ADP3050 Vendor/ Model Sumida CD73 CD73 CD73 CR75 CR75 CR75 CDRH73 CDRH73 CDRH6D38 CDRH6D38 CDR105B CDR105B CDR105B COILCRAFT DO1608 DO3316 DO3316 DO3316 DO3316 DO3316 DT3316 DT3316 COILTRONICS* CTX10-1 CTX20-1 CTX10-2 CTX20-2 CTX33-2 CTX10-2 CTX10-1P CTX15-1P CTX20-1P CTX20-2P UP2-330 UP2-470 TOKIN SSB64 SSB64 SSB84 SSB84 SSB84 Value (H) 10 15 22 22 33 47 10 15 22 33 22 33 47 10 10 15 22 33 47 10 15 10 20 10 20 33 40 10 15 20 20 33 47 10 15 10 15 22 Max IDC (A) 1.4 1.2 1.1 1.5 1.2 1.1 1.7 1.3 1.3 1.1 1.4 1.2 1.0 1.1 3.8 3.0 2.6 2.0 1.6 2.0 1.8 1.9 1.0 2.5 1.3 1.5 1.3 1.6 1.2 1.0 1.3 1.7 1.4 1.2 1.0 1.4 1.2 1.2 Table I. Inductor Selection Guide Max DCR () 0.08 0.10 0.13 0.11 0.13 0.18 0.08 0.13 0.10 0.12 0.08 0.11 0.14 0.14 0.03 0.04 0.05 0.09 0.14 0.06 0.06 0.04 0.14 0.03 0.11 0.09 0.12 0.03 0.05 0.08 0.11 0.10 0.15 0.12 0.15 0.10 0.11 0.16 Core Type Open Open Open Open Open Open S.C. S.C. S.C. S.C. S.C. S.C. S.C. Open Open Open Open Open Open S.C. S.C. Toroid Toroid Toroid Toroid Toroid Toroid Toroid Toroid Toroid Toroid Open Open Open Open Open Open Open Core Material Ferrite Ferrite Ferrite Ferrite Ferrite Ferrite Ferrite Ferrite Ferrite Ferrite Ferrite Ferrite Ferrite Ferrite Ferrite Ferrite Ferrite Ferrite Ferrite Ferrite Ferrite Kool M Kool M Kool M Kool M Kool M Kool M P.I. P.I. P.I. P.I. Ferrite Ferrite Ferrite Ferrite Ferrite Ferrite Ferrite Package Dimensions (mm) W L H 7.0 7.0 7.0 7.0 7.0 7.0 7.3 7.3 6.7 6.7 9.0 9.0 9.0 4.6 9.4 9.4 9.4 9.4 9.4 9.4 9.4 8.9 8.9 8.9 8.9 8.9 8.9 8.9 8.9 8.9 8.9 8.8 8.8 6.3 6.3 8.3 8.3 8.3 7.8 7.8 7.8 7.8 7.8 7.8 7.3 7.3 6.7 6.7 10.0 10.0 10.0 6.6 13.0 13.0 13.0 13.0 13.0 13.0 13.0 8.9 8.9 8.9 8.9 8.9 8.9 8.9 8.9 8.9 8.9 10.6 10.6 6.3 6.3 8.3 8.3 8.3 3.5 3.5 3.5 5.0 5.0 5.0 3.4 3.4 4.0 4.0 5.0 5.0 5.0 2.9 5.1 5.1 5.1 5.1 5.1 5.1 5.1 4.2 4.2 6.0 6.0 6.0 6.0 4.2 4.2 4.2 6.0 5.9 5.9 6.0 6.0 6.0 6.0 6.0 S.C. = semiclosed, P.I. = powdered iron, Toroid is a closed core. *Coiltronics toroidal inductors consist of two windings on one core that can be connected in parallel (for a higher current rating) or in series (for a higher inductance value); consult Coiltronics data sheet. Table II. Inductor Manufacturers Company Sumida (USA) Sumida (Japan) Coilcraft Coiltronics Tokin (USA) Tokin (Japan) Phone (847) 956-0666 81-3-3607-5111 (847) 639-6400 (561) 241-7876 (408) 432-8020 81-22-211-1281 Fax (847) 956-0702 81-3-3607-5144 (847) 639-1469 (561) 241-9339 (408) 434-0375 81-22-211-0975 -10- Web Site www.sumida.com www.sumida.com www.coilcraft.com www.coiltronics.com www.tokin.com www.tokin.com REV. 0 ADP3050 2. Decide what type of capacitor to use (tantalum, ceramic, etc.), then look at the table for some possible devices. Many more values, sizes, and voltage ratings are available, so contact each manufacturer for a complete product list. If a certain type of capacitor must be used and space permits, simply use several devices in parallel to reduce the total ESR. 3. Check the capacitor voltage rating and ripple current rating to ensure it will work for your application (these ratings are derated for higher temperatures, so always check the manufacturer's data sheet). 4. Make sure the final choice for the output capacitor has been optimized for cost, size, availability, and performance while still meeting the required capacitance. The recommended capacitance is in the 47 F to 220 F range. CATCH DIODE SELECTION voltage and 1 A average forward current. For lower input voltages, use a lower voltage Schottky to reduce the diode forward voltage drop and increase overall system efficiency (i.e., a 12 V to 5 V system does not need a 30 V diode). For automotive applications, a 60 V Schottky may be necessary. The average forward current for the catch diode can be calculated by: IDIODE(AVG) = IOUT x VIN - VOUT VIN (5) For the earlier continuous mode example (12 V to 5 V at 800 mA), the average diode current would be: IDIODE(AVG) = 0.8 x 12 - 5 = 0.47 A 12 The recommended catch diode is a type 1N5818 Schottky or an equivalent. The low forward voltage drop (450 mV typical at 1 A) and fast switching speed of a Schottky rectifier provide the best performance and efficiency. The 1N5818 is rated at 30 V reverse For this system, a 1N5817 would be a good choice (rated at 20 V and 1 A). Do not use catch diodes rated less than 1 A. Even though the average current can be less than 1 A under normal operating conditions, since the diode current will be much higher under fault conditions. The worst case fault condition for the diode occurs when the regulator becomes slightly overloaded (sometimes called a soft Table III. Capacitor Selection Guide Vendor/ Series AVX TPS TPS TPS TPS Y5V Y5V Y5V Y5V Sprague 593D 593D 593D 593D Tokin CU CU CU CU CU Value ( F) 100 47 100 100 10 10 18 22 47 68 100 100 10 10 18 10 22 ESR* () 0.150 0.150 0.100 0.125 ~0.040 ~0.040 ~0.040 ~0.040 0.150 0.150 0.100 0.100 ~0.040 ~0.040 ~0.040 ~0.040 ~0.030 Max Voltage (V) 6.3 16 10 16 10 16 10 10 16 16 10 16 10 25 25 50 25 Type Tantalum Tantalum Tantalum Tantalum MLC MLC MLC MLC Tantalum Tantalum Tantalum Tantalum MLC MLC MLC MLC MLC Package Dimensions (mm) W L H 3.2 4.3 4.3 4.3 1.6 2.5 2.5 2.5 4.3 4.3 4.3 4.3 1.6 2.7 5.0 5.0 5.0 6.0 7.3 7.3 7.3 3.2 3.2 3.2 3.2 7.3 7.3 7.3 7.3 3.2 5.7 5.7 5.7 5.7 2.6 2.9 2.9 2.9 1.5 1.7 1.7 1.7 2.8 2.8 2.8 4.0 1.6 2.5 2.5 3.0 3.0 *Maximum ESR ratings at 100 kHz; MLC = multilayer ceramic. Table IV. Capacitor Manufacturers Company AVX Kemet Murata (USA) Nemco Sprague Tokin (USA) Tokin (Japan) Taiyo Yuden (USA) Taiyo Yuden (Japan) REV. 0 Phone (803) 448-9411 (864) 963-6300 (800) 831-9172 (800) 227-4058 (207) 324-4140 (408) 432-8020 81-22-211-1281 (800) 348-2496 81-33-833-5441 Fax (803) 448-1943 (864) 963-6521 (770) 436-3030 (650) 571-0825 (207) 324-7223 (408) 434-0375 81-22-211-0975 (847) 925-0899 81-33-835-4754 -11- Web Address www.avxcorp.com www.kemet.com www.murata.com www.nemcocaps.com www.vishay.com www.tokin.com www.tokin.com www.t-yuden.com www.t-yuden.com ADP3050 short). This is usually only a problem when the input voltage to output voltage ratio is greater than 2.5. Under this condition, the load current needed is slightly more than the regulator can provide. The output voltage then droops slightly, and the switch stays on every cycle until the internal current limit is reached. Under this condition, the load current can reach around 1.2 A. For example: a system with an input voltage of 24 V and an output voltage of 5 V, if a gradual overload causes the output voltage to droop to 4 V, the average diode current would be: IDIODE(AVG) = 1.2 x 24 - 4 = 1.0 A 24 This rating is crucial, as the input capacitor must be able to withstand the large current pulses present at the input of a stepdown regulator. Values of 20 F to 50 F are typical, but the main criteria for capacitor selection should be the ripple current and voltage ratings. Ceramics are an excellent choice for input bypassing due to their low ESR and high ripple current rating. Ceramics are especially suited for high input voltages, and are available from many different manufacturers. Tantalums are often used for input bypassing, but precautions must be taken, as they occasionally fail when subjected to large inrush currents during power-up. These surges are common when the regulator input is connected to a battery or high-capacitance supply. Several manufacturers now offer surface-mount solid tantalum capacitors that are surge tested (AVS TPS series, Sprague 593D series, Kemet T495 series, and NEMCO LSR series), but even these devices can fail if the current surge occurs when the capacitor voltage is near its maximum rating. For this reason, a 2:1 derating is suggested for tantalum capacitors used in applications where large inrush currents are present (i.e., a 20 V tantalum should only be used for an input voltage up to 10 V). Aluminum electrolytics are the cheapest choice, but it takes several in parallel to get a good rms current rating. OS-CON capacitors have a good ESR and ripple current rating, but they are typically larger and more costly. Refer to Table IV for a list of capacitor manufacturers. DISCONTINUOUS MODE RINGING If the system must survive such gradual overloads for a prolonged period of time, ensure that the diode chosen can survive these conditions. A larger 2 A or 3 A diode can be used if necessary. Choosing a Catch Diode Use the following steps to pick an appropriate catch diode. Table V shows several Schottky rectifiers with different reverse voltage and forward current ratings. 1. The average diode current rating must be sufficient to provide the required load current (see above calculations). Diodes rated below 1 A should not be used, even if the average diode current is much lower. 2. The reverse voltage rating of the catch diode should be at least the maximum input voltage. Often a higher rating is chosen (1.2 times the maximum input voltage) to provide a safety margin. INPUT CAPACITOR SELECTION The input bypass capacitor plays an important role in proper regulator operation, minimizing voltage transients at the input and providing a short local loop for the switching current. Place this capacitor close to ADP3050 between the VIN and GND pins using short, wide traces. This input capacitor should have an rms ripple current rating of at least: When operating in discontinuous mode, high frequency ringing will appear at the switch node when the inductor current has decreased to zero. This ringing is normal, and is not a result of loop instability. It is caused by the switch and diode capacitance reacting with the inductor to form a damped sinusoidal ringing. This ringing is usually in the range of several megahertz, and is not harmful to normal circuit operation. SETTING THE OUTPUT VOLTAGE ICIN(RMS) IOUT x VOUT VOUT - VIN VIN 2 (6) The fixed voltage versions of the ADP3050 (3.3 V and 5 V) have the feedback resistor divider included on-chip. For the adjustable version, the output voltage is set using two external resistors. Referring to Figure 23, pick a value for R1 between 10 k and 20 k, then calculate the appropriate value for R2 using: V R2 = R1 x OUT - 1 1.20 (7) Table V. Schottky Diode Selection Guide VR 15 V 20 V 1 A Diodes 10BQ15 1N5817 SK12 B120 EC10QS02 V1N5818 SK13 B130 MBRS130 EC10QS03 1N5819 SK14 B140 MBRS140 10BQ040 EC10QS04 2 A Diodes 30BQ15 B220 3 A Diodes SK32 B320 NSQ03A02 SK33 B330 Company Motorola MBRSxxx It is important to note that the accuracy of these resistors directly affects the accuracy of the output voltage. The FB pin threshold variation is 3%, and the tolerances of R1 and R2 will add to this Table VI. Schottky Diode Manufacturers 30 V B230 EC21QS03 NSQ03A03 Phone (602) 244-3576 (805) 446-4800 (310) 322-3331 Fax (602) 244-4015 www.mot.com (805) 446-4850 www.diodes.com (310) 322-3332 www.irf.com Diodes, Inc. 1N58xx, Bxxx, SKxxx B240 EC21QS04 SK34 B340 MBRS340 30BQ040 NSQ03A04 International Rectifier 10BQxxx, 30BQxxx Nihon Inter Electronic (USA) Nihon Inter Electronic (Japan) ECxxxxxx, NSQxxxx -12- 40 V (661) 867-2555 (661) 867-2698 81-33-343-3411 81-33-343-7377 REV. 0 ADP3050 to determine the total output variation. Use 1% resistors placed close to the FB pin to prevent noise pick up. FREQUENCY COMPENSATION If this ripple voltage were more than 100 mV, RC would need to be decreased to prevent subharmonic switching. Typical values for RC will be in the range of 2 k to 10 k. For output voltages greater than 5 V, it may be necessary to add a small capacitor in parallel with R2, as shown in Figure 23. This will improve stability and transient response. For tantalum output capacitors, the typical value for CF is 100 pF. For ceramic output capacitors, the typical value for CF is 400 pF. CURRENT LIMIT/FREQUENCY FOLDBACK The ADP3050 uses a unique compensation scheme that allows the use of any type of output capacitor. The designer is not limited to a specific type of capacitor nor a specific ESR range. External compensation allows the designer to optimize the loop for transient response and system performance. The values for RC and CC will set the pole and zero locations for the error amplifier to compensate the regulator loop. For tantalum output capacitors, the typical compensation values are RC = 4 k and CC = 1 nF; for ceramics, the typical values are RC = 4 k and CC = 4.7 nF. These values may not be optimized for all designs, but they should provide a good starting point for selecting the final compensation values. Other types of output capacitors will require different values of CC between 0.5 nF and 10 nF. Typically, the lower the ESR of the output capacitor, the larger the value for CC. Normal variations in capacitor ESR, output capacitance, and inductor value (due to production tolerances, changes in operating point, changes in temperature) will affect the loop gain and phase response. Always check the final design over its complete operating range to ensure proper regulator operation. Adjusting the RC and CC values can optimize the compensation for your system. Use the typical values above as a starting point, then try increasing and decreasing each independently and observing the transient response. An easy way to check the transient response of the design is by observing the output while pulsing the load current at a rate of around 100 Hz to 1 kHz. There should be some slight ringing at the output when the load pulses, but this should not be excessive (just a few rings). The frequency of this ringing shows the approximate unity gain frequency of the loop. Again, always check the design over its full operating range of input voltage, output current, and temperature to ensure that the loop is compensated correctly. In addition to setting the zero location, RC also sets the high frequency gain of the error amplifier. If this gain is too large, output ripple voltage will appear at the COMP pin (the output of the error amplifier) with enough amplitude to interfere with normal regulator operation. If this happens, subharmonic switching will occur (the pulsewidth of the switch waveform will change, even though the output voltage stays regulated). The voltage ripple at the COMP pin should be kept below about 100 mV to prevent this from occurring. The amount of ripple can be estimated by the following formula, where gm is the error amplifier transconductance (gm = 1,250 Mho): VFB (8) VOUT For example: a 12 V to 5 V, 800 mA regulator with an inductor of L = 47 H has IRIPPLE = 310 mA (example from earlier section); if a 100 F tantalum output capacitor with a maximum ESR of 100 m and compensation values of RC = 4 k and CC = 1 nF are used. The ripple voltage at the COMP pin will be: VCOMP, RIPPLE = ( g m x RC ) x ( IRIPPLE x ESR ) x The ADP3050 uses a cycle-by-cycle current limit to protect the device under fault and high stress conditions. When the current limit is exceeded, the power switch turns off until the beginning of the next oscillator cycle. If the voltage on the feedback pin drops below 80% of its nominal value, the oscillator frequency starts to decrease (see Figure 15 in the Typical Performance Characteristics section). The frequency gradually reduces to a minimum value of around 80 kHz (this minimum occurs when the feedback voltage falls to 30% of its nominal value). This reduces the power dissipation in the IC, the external diode, and the inductor during short circuit conditions. This frequency foldback method provides complete device fault protection without interfering with the normal device operation. BIAS PIN CONNECTION To help improve efficiency, most of the internal operating current can be drawn from the lower voltage regulated output voltage instead of from the input supply. For example, if the input voltage is 24 V and the output voltage is 5 V, a quiescent current of 4 mA will waste 96 mW if drawn from the input supply, but only 20 mW is drawn from the regulated 5 V output. This power savings will be most evident at high input voltages and low load currents. The output voltage must be 3 V or higher to take advantage of this feature. BOOSTED DRIVE STAGE An external capacitor and diode are used to provide the boosted voltage needed for the special drive stage. If the output voltage is above 4 V, connect the anode of the boost diode to the regulated output; for output voltages less than or equal to 3 V, connect it to the input supply. For some low voltage systems (i.e., 5 V to 3.3 V converters), the anode of the boost diode can be connected to either the input or output voltage. During switch off-time, the boost capacitor is charged up to the voltage at the anode of the boost diode. When the switch turns on, this voltage is added to the switch voltage (the boost diode is reverse-biased) providing a voltage higher than the input supply. The peak voltage appearing on the BOOST pin will be the sum of the input voltage and the boost voltage (either VIN + VOUT or 2 VIN). Ensure that this peak voltage does not exceed the BOOST pin maximum rating of 45 V. For most applications, a 1N4148 or 1N914 type diode can be used with a 220 nF capacitor. A 470 nF capacitor may be needed for output voltages between 3 V and 4 V. The boost capacitor should have an ESR less than 2 to ensure that it will be adequately charged up during switch off-time. Most any type of film or ceramic capacitor can be used. START-UP/MINIMUM INPUT VOLTAGE VCOMP, RIPPLE = 1, 250 x 10 -6 x 4 x 10 3 x (0.310 x 0.1) 1.20 x = 37.2 mV 5.0 ( ) For most designs, the regulated output voltage provides the boosted voltage for the drive stage. During startup, the output voltage is zero, so there is no boosted supply for the drive stage. REV. 0 -13- ADP3050 To deal with this problem, the ADP3050 contains a backup drive stage to get everything started. As the output voltage increases, so will the boost voltage. When the boost voltage reaches around 2.5 V, the switch drive will transition smoothly from the backup driver to the boosted driver. If the boost voltage should decrease below around 2.5 V (i.e., short circuit, overload condition), the backup stage will again take over to provide switch drive. The minimum input voltage needed for the ADP3050 to function correctly is about 3.6 V (this will ensure proper operation of the internal circuitry), but a small amount of headroom is needed for all step-down regulators. The following formula gives the approximate minimum input voltage needed for a given system, where VSAT is the switch saturation voltage (see Figure 13 for the appropriate value of VSAT). Figure 11 also shows the typical minimum input voltage needed for 3.3 V and 5 V systems. VIN (MIN) = VOUT + VSAT 0.85 (9) The ADP3050 uses a thermally enhanced SO-8 package with a package thermal resistance, JA, of around 80C/W for a fourlayer board (poor layout techniques will result in a higher thermal resistance). This allows the ADP3050 to provide 1 A load currents in an SO-8 package. The maximum die temperature, TJ, can be calculated using the thermal resistance and the maximum ambient temperature: TJ = TA + JA x PTOTAL (14) For the previous example (5 V to 3.3 V at 800 mA system, SO-8 thermally enhanced package using good layout techniques) with a worst-case ambient temperature of 70C: TJ = 70C + 80C/W x 0.41 = 103C The maximum operating junction (die) temperature is 125C, so this system will operate within the safe limits of the ADP3050. Check the die temperature at minimum and maximum supply voltages to ensure proper operation under all conditions. The PC board and its copper traces will provide sufficient heat-sinking, but be sure to follow the layout suggestions in the Board Layout Guidelines section. For any design that combines high output current with high duty cycle and/or high input voltage, the junction temperature must be calculated to ensure normal operation. Always use the equations in this section to estimate the power dissipation. BOARD LAYOUT GUIDELINES THERMAL CONSIDERATIONS Several factors contribute to IC power dissipation: ac and dc switch losses, boost current, and quiescent current. The following formulas can be used to calculate these losses to determine the power dissipation of the IC. These formulas assume continuous mode operation, but they provide a reasonable estimate for discontinuous mode systems (do not use these formulas to calculate efficiency at light loads). Switch loss: V PSW = IOUT x VSAT x OUT + (tOV x IOUT x VIN x f SW ) (10) VIN Boost current loss: PBOOST = Quiescent current loss: IOUT VOUT x SW VIN 2 A good board layout is essential when designing a switching regulator. The high switching currents along with parasitic wiring inductances can generate significant voltage transients and cause havoc in sensitive circuits. For best results, keep the main switching path as tight as possible (keep L1, D1, CIN, and COUT close together) and minimize the copper area of the SWITCH and BOOST nodes (without violating current density requirements) to reduce the amount of noise coupling into other sensitive nodes. L1 VIN IN SWITCH VOUT (11) PQ = VIN x IQ + (VOUT x I BIAS ) ( ) (12) CIN + ADP3050 D1 GND COUT + where VSAT is ~0.6 V at IOUT = 800 mA (taken from Figure 13), fSW is the switch frequency (200 kHz), tOV is the switch current/voltage overlap time (~50 ns), SW is the current gain of the NPN power switch (~50), IQ is the quiescent current drawn from VIN (~1 mA) and IBIAS is the quiescent current drawn from VOUT (~4 mA). For example: for a 5 V to 3.3 V system with IOUT = 800 mA: 3.3 PSW = 0.8 x 0.6 x + 5.0 GND GND Figure 24. Main Switching Path (50 x 10 ( -9 x 0.8 x 5.0 x 200 x 10 3 = 357 mW ) PBOOST = 0.8 3.32 x = 35 mW 50 5.0 PQ = 5 x 10 -3 + 3.3 x 4 x 10 -3 = 18 mW )( ) For a total IC power dissipation of: PTOTAL = PSW + PBOOST + PQ = 410 mW (13) The external components should be located as close to the ADP3050 as possible. For best thermal performance, use wide copper traces for all IC connections, and always connect the GND pin to a large piece of copper or ground plane. The additional copper will improve heat transfer from the IC, greatly reducing the package thermal resistance. Further improvements of the thermal performance can be made by using multilayer boards and using vias to transfer heat to the other layers. A single layer board layout is shown in Figure 25. The amount of copper used for the input, output, and ground traces can be reduced, but were made large to improve the thermal performance. For the 5 V and 3.3 V versions, leave out R1 and R2; for the Adjustable version, remove the trace that shorts out R2. Route all sensitive traces and components, such as those associated with the feedback and compensation away from the BOOST and SWITCH traces. REV. 0 -14- ADP3050 OUTPUT GROUND INPUT ground), but its operation is quite different. For this topology, the feedback pin is grounded and the GND pin is tied to the negative output, allowing the feedback network of the IC to regulate the negative output voltage. L1 47 H + C1 D2 1N4148 C3 0.22 F 1 2 NC 3 4 SWITCH BOOST BIAS FB IN GND SD COMP 8 7 6 5 R1 5.1k C4 3.3nF VOUT 5V @ 0.5A 12V VIN + C1 22 F GND C2 0.01 F C5 100 F L1 C3 D1 1N5818 D1 U1 ADP3050-5 SD D2 C2 R2 R1 CC RC ADP3050 Figure 27. Inverting (Buck-Boost) Regulator Figure 25. Recommended Board Layout TYPICAL APPLICATIONS 5 V to 3.3 V Buck (Step-Down) Regulator The circuit in Figure 26 shows the ADP3050 in a buck configuration. It is used to generate 3.3 V regulated output from 5 V input voltage with the following specifications: VIN = 4.5 V to 5.5 V VOUT = 3.3 V IOUT = 0.75 A IRIPPLE = 0.4 A 0.75 A = 0.3 A VOUT RIPPLE = 50 mV L1 22 H D1 1N5817 3.3V VOUT + C5 100 F 1 2 3 4 SWITCH BOOST BIAS FB IN GND SD COMP 8 7 6 5 R1 7.5k C4 1nF The design procedure used for the standard buck converter cannot be used for a buck-boost converter due to fundamental differences in how the output voltage is generated. The switch currents in the buck-boost are much higher than in the standard buck converter, thus lowering the available load current. To calculate the maximum output current for a given maximum switch current use the following equation: IOUT (MAX) = VIN x VIN + VOUT D2 1N4148 C3 0.22 F VIN x VOUT (15) I SW (MAX) - 2 x f SW x L x VIN + VOUT where ISW(MAX) is the switch current limit rating of the ADP3050 and VIN is the minimum input voltage. The inductor ripple current can be estimated using the following equation: ( ) IRIPPLE = VIN (MAX) L x 1 f SW x VOUT VIN (MAX) + VOUT (16) For the circuit in Figure 27, the maximum ripple current (at the maximum input voltage) is: = 0.375 A 12 + - 5 47 x 10 200 x 10 High ripple currents are present in both the input and output capacitors, and their ripple current ratings must be large enough to sustain the large switching currents present in this topology. The capacitors should have a ripple current rating of at least: -6 3 U1 ADP3050-3.3 SD 5V VIN + C1 22 F GND C2 0.01 F IRIPPLE = 12 x 1 x -5 Figure 26. 5 V to 3.3 V Buck Regulator INVERTING (BUCK-BOOST) REGULATOR The circuit in Figure 27 shows the ADP3050 in a buck-boost configuration, which produces a negative output voltage from a positive input voltage. This topology looks quite similar to the buck shown in Figure 26 above (except the IC and the output filter are now referenced to the negative output instead of REV. 0 VIN The peak current seen by the diode, switch, and inductor can be found by rearranging the load current equation: VIN + VOUT 1 IPEAK = x IOUT + x IRIPPLE VIN 2 -15- (18) IRMS(CIN, COUT) IOUT x VOUT (17) ADP3050 The largest peak currents occur at the lowest input voltage. For this design with a load current of 500 mA: 12 + - 5 1 IPEAK = x 0.5 + x 0.375 = 0.9 A 12 2 The average current diode will be equal to the load current. An inductor with a current rating 20% greater than 0.9 A should be used (rating of at least 1.2 A). Inductors and diodes with ratings greater than 1 A should always be used, even if the calculated peak and average currents are lower. This will ensure that start-up and fault conditions will not overstress the components. For the buck-boost topology, the input voltage can be less than the output voltage (i.e., VIN = 4 V, VOUT = -5 V), but the available load current will be even lower. The equations given in this section are valid for input voltages less than and greater than the output voltage. The voltage seen by the ADP3050 is equal to the sum of the input and output voltages (the BOOST pin sees the sum of VIN + 2 |VOUT|). Make sure that the maximum voltage ratings of these pins are not exceeded. Dual Output SEPIC Regulator the -5 V supply. The -5 V output would be generated even without C6 in the circuit, but its inclusion greatly improves the regulation of the negative output and lowers the inductor ripple current. The total output current available for both supplies is limited by the ADP3050 (internally limited to around 1.0 A). Keeping load currents below 500 mA and 250 mA, for the positive and negative supplies, respectively, will ensure that current limit is not reached under normal operation. These limits are not interchangeable; 500 mA cannot be drawn from the -5 V supply while drawing only 250 mA from the +5 V supply. The maximum current available from the -5 V output is directly related to the +5 V load current due to the fact that the +5 V output is used to regulate both supplies. Typically, the -5 V load current should be around one-half of the +5 V load current to ensure good regulation of both outputs. Additionally, the -5 V output should have a preload (the minimum current level) of 1% to 2% of the +5 V load current. This will help maintain good regulation of the -5 V output at light loads. The ripple voltage of the +5 V output is that of a normal buck regulator (as described in the Applications Information section). This ripple voltage is determined by the inductor ripple current and the ESR of the output capacitor. For the system below, the positive output voltage ripple is a 30 mV peak-to-peak triangular wave. The ripple voltage of the -5 V output is a rectangular wave (due to the rectangular shape of the current waveform into the -5 V output capacitor). The amplitude of this current waveform is approximately equal to twice the -5 V load current. For a load current of 200 mA and an ESR of 100 m, the negative output voltage ripple is around 2 200 mA 100 m, or about 40 mV. The edges of this ripple waveform are quite fast, which, along with the inductance of the output capacitor, generates narrow spikes on the negative output voltage. These spikes can easily be filtered out using an additional 5 F to 10 F bypass capacitor close to the load (the inductance of the PC board trace and the additional capacitor create a low-pass filter to remove these high frequency spikes). C3451-2.5-3/00 (rev. 0) PRINTED IN U.S.A. For many systems, a dual polarity supply is needed. The circuit in Figure 28 generates both a positive and a negative 5 V output using a single magnetic component. The two inductors shown are actually two separate windings on a single core contained in a small, surface-mount package. The windings can be connected in parallel or in series to be used as a single inductor for a conventional buck regulator, or they can be used as a 1:1 transformer, as in this application. One winding is used as the standard buck inductor for the +5 V output. The second winding is used to generate the -5 V output along with D2, C6, and C7. + C7 100 F 5V @ 0.25A VOUT D2 1N5818 L1* 25 H + L1* 25 H D1 1N5818 C6 100 F D3 1N4148 C3 0.22 F 1 2 3 4 SWITCH BOOST BIAS FB IN GND SD COMP 8 7 6 5 R1 5.1k +5V @ 0.5A VOUT + C5 100 F OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 8-Lead SOIC (R Suffix) 0.1968 (5.00) 0.1890 (4.80) C4 1nF 8 5 4 *INDUCTOR IS A SINGLE CORE WITH TWO WINDINGS COILTRONICS CTX25-4 SD 12V VIN + C1 22 F GND U1 ADP3050-5 0.1574 (4.00) 0.1497 (3.80) 1 0.2440 (6.20) 0.2284 (5.80) C2 0.01 F PIN 1 0.0098 (0.25) 0.0040 (0.10) 0.0688 (1.75) 0.0532 (1.35) 0.0196 (0.50) x 45 0.0099 (0.25) Figure 28. Dual Output +5 V and -5 V Regulator 0.0500 0.0192 (0.49) SEATING (1.27) 0.0098 (0.25) PLANE BSC 0.0138 (0.35) 0.0075 (0.19) 8 0 0.0500 (1.27) 0.0160 (0.41) These components form a SEPIC (Single Ended Primary Inductance Converter) using the 1:1 coupled inductor to generate the negative supply. When the switch is off, the voltage across the buck winding is equal to VO + VD (VD is the diode drop). This voltage is generated across the second winding, which is connected to produce -16- REV. 0 |
Price & Availability of ADP3050 |