Part Number Hot Search : 
PMF51A 10209 ADM4855 EFMA210 ADM1027 1IM6626 EL5152IS HDL62PLA
Product Description
Full Text Search
 

To Download AD766JN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Zero-Chip Interface to Digital Signal Processors Complete DACPORT(R) On-Chip Voltage Reference Voltage and Current Outputs Serial, Twos-Complement Input 3 V Output Sample Rates to 390 kSPS 94 dB Minimum Signal-to-Noise Ratio -81 dB Maximum Total Harmonic Distortion 15-Bit Monotonicity 5 V to 12 V Operation 16-Pin Plastic and Ceramic Packages Available in Commercial, Industrial, and Military Temperature Ranges APPLICATIONS Digital Signal Processing Noise Cancellation Radar Jamming Automatic Test Equipment Precision Industrial Equipment Waveform Generation
16-Bit DSP DACPORT AD766
FUNCTIONAL BLOCK DIAGRAM
PRODUCT DESCRIPTION
The AD766 16-bit DSP DACPORT provides a direct, threewire interface to the serial ports of popular DSP processors, including the ADSP-2101, TMS320CXX, and DSP56001. No additional "glue logic" is required. The AD766 is also complete, offering on-chip serial-to-parallel input format conversion, a 16-bit current-steering DAC, voltage reference, and a voltage output op amp. The AD766 is fabricated in Analog Devices' BiMOS II mixed-signal process which provides bipolar transistors, MOS transistors, and thin-film resistors for precision analog circuits in addition to CMOS devices for logic. The design and layout of the AD766 have been optimized for ac performance and are responsible for its guaranteed and tested 94 dB signal-to-noise ratio to 20 kHz and 79 dB SNR to 250 kHz. Laser-trimming the AD766's silicon chromium thinfilm resistors reduces total harmonic distortion below -81 dB (at 1 kHz), a specification also production tested. An optional linearity trim pin allows elimination of midscale differential linearity error for even lower THD with small signals. The AD766's output amplifier provides a 3 V signal with a high slew rate, small glitch, and fast settling. The output amplifier is short circuit protected and can withstand indefinite shorts to ground.
DACPORT is a registered trademark of Analog Devices, Inc.
The serial interface consists of bit clock, data, and latch enable inputs. The twos-complement data word is clocked MSB first on falling clock edges into the serial-to-parallel converter, consistent with the serial protocols of popular DSP processors. The input clock can support data transfers up to 12.5 MHz. The falling edge of latch enable updates the internal DAC input register at the sample rate with the sixteen bits most recently clocked into the serial input register. The AD766 operates over a 5 V to 12 V power supply range. The digital supplies, +VL and -VL, can be separated from the analog signal supplies, +VS and -VS, for reduced digital crosstalk. Separate analog and digital ground pins are also provided. An internal bandgap reference provides a precision voltage source to the output amp that is stable over temperature and time. Power dissipation is typically 120 mW with 5 V supplies and 300 mW with 12 V. The AD766 is available in commercial (0C to +70C), industrial (-40C to +85C), and military (-55C to +125C) grades. Commercial and industrial grade parts are available in a 16-pin plastic DIP; military parts processed to MIL-STD-883B are packaged in a 16-pin ceramic DIP. See Analog Devices' Military Products Databook or current military data sheet for specifications for the military version.
REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 Fax: 617/326-8703
AD766-SPECIFICATIONS MSB trimming is used.)
Parameter RESOLUTION DIGITAL INPUTS VIH VIL IIH, VIH = VL IIL, VIL = 0.4 SERIAL PORT TIMING Serial Clock Period (tCLK) Serial Clock HI (tHI) Serial Clock LO (tLO) Data Valid (tDATA) Data Setup (tS) Data Hold (tH) Clock-to-Latch-Enable (tCTLE) Latch-Enable-to-Clock (tLETC) Latch Enable HI (tLEHI) Latch Enable LO (tLELO) ACCURACY1 Gain Error Gain Drift Midscale Output Voltage Error Bipolar Zero Drift Differential Linearity Error Monotonicity TOTAL HARMONIC DISTORTION FOU T = 1037 Hz1 0 dB -20 dB -60 dB FOUT = 49.07 kHz2 0 dB -20 dB -60 dB SIGNAL-TO-NOISE RATIO3 20 Hz to 20 kHz (FOUT = 1037 Hz)1 20 kHz to 250 kHz (FOUT = 49.07 kHz)2 SETTLING TIME (to 0.0015% of FSR) Voltage Output1 6 V Step 1 LSB Step Slew Rate Current Output 1 mA Step 10 to 100 Load 1 k Load OUTPUT Voltage Output Configuration1 Bipolar Range Output Current Output Impedance Short Circuit Duration Current Output Configuration Bipolar Range Output Impedance ( 30%) POWER SUPPLY Voltage: +VL and +VS Voltage: -VL and -VS Current Case 11: VS and VL = +5 V Current Case 11: -VS and -VL = -5 V Current Case 2:1 VS and VL = +12 V Current Case 2:1 -VS and -VL = -12 V Current Case 34: VS and VL = +5 V Current Case 2:1 -VS and -VL = -12 V Power Dissipation: VS and VL = 5 V1 Power Dissipation: VS and VL = 12 V Power Dissipation: VS and VL = +5 V, Power Dissipation: -VS and -VL = -12 V4 94 79 2.0 Min AD766J Typ
(TMIN to TMAX,
5 V supplies, FS = 500 kSPS unless otherwise noted. No deglitchers or
AD766A Typ
Max 16 +VL 0.8 1.0 -10
Min
Max 16
Units Bits V V A A ns ns ns ns ns ns ns ns ns ns
2.0
+VL 0.8 1.0 -10
95 30 30 40 15 15 80 15 40 40 2.0 25 30 4 0.001 15
115 30 70 40 20 20 100 15 40 80 2.0 25 30 4 0.001 15
% of FSR ppm of FSR/C mV ppm of FSR/C % of FSR Bits
-88 -75 -37 -77 -69 -25 102 83
-81 -65 -27 -72 -66 -21 94 79
-88 -75 -37 -77 -69 -25 102 83
-81 -65 -27 -72 -66 -21
dB dB dB dB dB dB dB dB
1.5 1.0 9 350 350
1.5 1.0 9 350 350
s s V/s ns ns
2.88
3.0 3.12 8.0 0.1 Indefinite to Common 1.0 1.7 1.3
2.88
3.0 3.12 8.0 0.1 Indefinite to Common 1.0 1.7 1.3
V mA
0.7
0.7
mA k V V mA mA mA mA mA mA mW mW mW
4.75 -13.2 +I -I +I -I +I -I 12.0 -12.0 10.5 -14 12 -14 120 300 225
13.2 -4.75 15.0 -15.0
4.75 -13.2 12.0 -12.0 10.5 -14 12 -14 120 300 225
13.2 -4.75 15.0 -15.0
150
150
-2-
REV. A
AD766
Parameter TEMPERATURE RANGE Specified Storage Min 0 -60 AD766J Typ Max +70 +100 Min -40 -60 AD766A Typ Max +85 +100 Units C C
NOTES 1 For A grade only, voltage outputs are guaranteed only if +V S 7 V and -VS -7 V. 2 Specified using external op amp, see Figure 3 for more details.
3 4
Tested at full-scale input. For A grade only, power supplies must be symmetric, i.e., V S = |-VS| and +VL = |-VL|. Each supply must independently meet this equality within 5%.
All min and max specifications are guaranteed. Specifications in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS*
VL to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0 to 13.2 V VS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0 to 13.2 V -VL to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . -13.2 V to 0 V -VS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . -13.2 V to 0 V Digital Inputs to DGND . . . . . . . . . . . . . . . . . . . . -0.3 V to VL AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3 V Short Circuit Protection . . . . . . . . Indefinite Short to Ground Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300C, 10 sec
*Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Model
Temperature Range
Package Option* N-16 N-16 D-16
AD766JN 0C to +70C AD766AN -40C to +85C AD766SD/883B -55C to +125C
*N = Plastic DIP; D = Ceramic DIP.
CONNECTION DIAGRAM
PIN DESIGNATIONS
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Function -VS DGND VL NC CLK LE DATA -VL VOUT RF SJ AGND IOUT MSB ADJ TRIM VS
Description Analog Negative Power Supply Digital Ground Logic Positive Power Supply No Connection Clock Input Latch Enable Input Serial Data Input Logic Negative Power Supply Voltage Output Feedback Resistor Summing Junction Analog Ground Current Output MSB Adjustment Terminal MSB Trimming Potentiometer Terminal Analog Positive Power Supply
ESD SENSITIVITY
The AD766 features input protection circuitry consisting of large "distributed" diodes and polysilicon series resistors to dissipate both high energy discharges (Human Body Model) and fast, low energy pulses (Charged Device Model). Per Method 3015.2 of MIL-STD-883C, the AD766 has been classified as a Category 1 Device. Proper ESD precautions are strongly recommended to avoid functional damage or performance degradation. Charges as high as 4000 volts readily accumulate on the human body and test equipment, and discharge without detection. Unused devices must be stored in conductive foam or shunts, and the foam discharged to the destination socket before devices are removed. For further information on ESD precaution, refer to Analog Devices' ESD Prevention Manual. REV. A -3-
WARNING!
ESD SENSITIVE DEVICE
AD766-Definition of Specifications
TOTAL HARMONIC DISTORTION FUNCTIONAL DESCRIPTION
Total Harmonic Distortion (THD) is defined as the ratio of the square root of the sum of the squares of the values of the harmonics to the value of the fundamental input frequency. It is expressed in percent (%) or decibels (dB). THD is a measure of the magnitude and distribution of integral linearity error and differential linearity error. The distribution of these errors may be different, depending on the amplitude of the output signal. Therefore, to be most useful, THD should be specified for both large and small signal amplitudes.
SETTLING TIME
Serial input data is clocked into the AD766's shift register by the falling edge of CLK. Data is presumed to be in twos complement format with MSB (i.e., the sign bit) clocked in first. The shift register converts the most recently clocked-in 16 bits to a parallel word. The falling edge of the latch enable (LE) signal causes the most recent parallel word to be transferred to the internal DAC input latch. See Figure 2 for detailed serial port timing requirements. The contents of the DAC input latch cause the 16-bit DAC to generate a corresponding current. This 1 mA current is available directly on the IOUT pin. To use the internal op amp, connect IOUT (Pin 13) directly to the summing junction pin, SJ (Pin 11) and connect the feedback resistor pin, RF (Pin 10) to VOUT (Pin 9). Note that the internal op amp is in the inverting configuration. Using the internal 3 k feedback resistor, this op amp will produce 3 V outputs. One advantage of external pins at each end of the feedback resistor is that it allows the user to implement a single pole active low-pass filter simply by adding a capacitor across these pins (Pins 10 and 13). The circuit can best be understood redrawn as shown in Figure 1.
Settling Time is the time required for the output to reach and remain within a specified error band about its final value, measured from the digital input transition. It is the primary measure of dynamic performance.
BIPOLAR ZERO ERROR
Bipolar Zero Error or midscale error is the deviation of the actual analog output from the ideal output (0 V) when the 2s complement input code representing half scale (all 0s) is loaded in the input register.
DIFFERENTIAL LINEARITY ERROR
Differential Linearity Error is the measure of the variation in analog value, normalized to full scale, associated with a 1 LSB change in the digital input. Monotonic behavior requires that the differential linearity error not exceed 1 LSB in the negative direction.
MONOTONICITY
A D/A converter is monotonic if the output either increases or remains constant as the digital input increases.
SIGNAL-TO-NOISE RATIO
Figure 1. Low-Pass Filter Using External Capacitor
The frequency response from this filter will be
V OUT (s) -RF = RF * C * s +1 IOUT
SNR is defined as the ratio of the fundamental to the square root of the sum of the squares for the values of all the nonfundamental, nonharmonic signals for a specified bandwidth. SNR is tested at full-scale input. The AD766 specifies SNR for 20 kHz and 250 kHz bandwidths.
where RF is 3 k ( 20%).
Figure 2. AD766 Serial Input Timing
REV. A -4-
Analog Circuit Considerations-AD766
For applications requiring broader bandwidths and/or even lower noise than that afforded by the AD766's internal op amp, an external op amp can easily by used in its place. IOUT (Pin 13) drives the negative (inverting) input terminal of the external op amp, and its external voltage output is connected to the feedback resistor pin, RF (Pin 10). To insure that the AD766's unused internal op amp remains in a closed-loop configuration, VOUT (Pin 9) should be tied to the summing junction pin, SJ (Pin 11). As an example, Figure 3 shows the AD766 using the AD744 op amp as an external current-to-voltage converter. In this inverting configuration, the AD744 will provide the same 3 V output as the internal op amp would have. Other recommended amplifiers include the AD845 and AD846. Note that a single pole of low-pass filtering could also be attained with this circuit simply by adding a capacitor in parallel with the feedback resistor as just shown in Figure 1.
Figure 5. Recommended Circuit Schematic
The digital ground pin returns ground current from the digital logic portions of the AD766 circuitry. This pin should be connected to the digital common point in the system. As illustrated in Figure 5, the analog and digital grounds should be connected together at one point in the system.
The AD766 has four power supply input pins. VS provide the supply voltages to operate the linear portions of the DAC including the voltage reference, output amplifier and control amplifier. The VS supplies are designed to operate from 5 V to 12 V. The VL supplies operate the digital portions of the chip, including the input shift register and the input latching circuitry. The VL supplies are also designed to operate from 5 V to 12 V. To assure freedom from latch-up, -VL should never go more negative than -VS. Special restrictions on power supplies apply to extended temperature range versions of the AD766 that do not apply to the commercial AD766J. First, supplies must be symmetric. That is, +VS = -VS and +VL = -VL . Each supply must independently meet this equality within 5%. Since we require that -VS -VL to guarantee latch-up immunity, this symmetry principle implies that the positive analog supply must be greater than or equal to the positive digital supply, i.e., VS -VL for extended-temperature range parts. In other words, the digital supply range must be inside the analog supply range. Second, the internal op amp's performance in generating voltage outputs is only guaranteed if +VS 7 V (and -VS -7 V, by the symmetry principle). These constraints do not apply to the AD766J. Decoupling capacitors should be used on all power supply pins. Furthermore, good engineering practice suggests that these capacitors be placed as close as possible to the package pins as well as the common points. The logic supplies, VL, should be decoupled to digital common; and the analog supplies, VS, should be decoupled to analog common. The use of four separate power supplies will reduce feedthrough from the digital portion of the system to the linear portions of the system, thus contributing to the performance as tested. However, four separate voltage supplies are not necessary for good circuit performance. For example, Figure 6 illustrates a
POWER SUPPLIES AND DECOUPLING
Figure 3. External Op Amp Connections
Residual DAC differential linearity error around midscale can be externally trimmed out, improving THD beyond the AD766's guaranteed tested specifications. This error is most significant with low-amplitude signals because the ratio of the midscale linearity error to the signal amplitude is greatest in this case, thereby increasing THD. The MSB adjust circuitry shown in Figure 4 can be used for improving THD with low-level signals. Otherwise, the AD766 will operate to its specifications with MSB ADJ (Pin 14) and TRIM (Pin 15) unconnected.
Figure 4. Optional MSB Adjustment Circuit
ANALOG CIRCUIT CONSIDERATIONS
GROUNDING RECOMMENDATIONS
The AD766 has two ground pins, designated AGND (analog ground) and DGND (digital ground). The analog ground pin is the "high-quality" ground reference point for the device. The analog ground pin should be connected to the analog common point in the system. The output load should also be connected to that same point.
REV. A
-5-
AD766
system where only a single positive and a single negative supply are available. In this case, the positive logic and positive analog supplies may both be connected to the single positive supply. The negative logic and negative analog supplies may both be connected to the single negative supply. Performance would benefit from a measure of isolation between the supplies introduced by using simple low-pass filters in the individual power supply leads. in signal processing applications, the DAC is tested at two output frequencies and at three signal levels over the full operating temperature ranges. A block diagram of the test setup is shown in Figure 8. In this test setup, a digital data stream, representing a 0 dB, -20 dB or -60 dB sine wave is sent to the device under test. The frequencies used are 1037 Hz and 49.07 kHz. Input data is latched into the AD766 at 500 kSPS. The AD766 under test produces an analog output signal using the on-board op amp for 1 kHz and an external op amp for 50 kHz. The automatic test equipment digitizes the output test waveform, and then an FFT to 250 kHz is performed on the results of the test. Based on the first 9 harmonics of the fundamental 1037 Hz and the first 3 harmonics of the 49.07 kHz output waves, the total harmonic distortion of the device is calculated. Neither a deglitcher nor an MSB trim is used during the THD test. The circuit design, layout and manufacturing techniques employed in the production of the AD766 result in excellent THD performance. Figure 9 shows the typical unadjusted THD performance of the AD766 for various amplitudes of 1 kHz and 50 kHz sine waves. As can be seen, the AD766 offers excellent performance even at amplitudes as low as 60 dB. Figure 10 illustrates the typical THD versus frequency performance from the internal amplifier for a filtered AD766 output. At frequencies greater than approximately 30 kHz, depending on the lowpass filter used, an improvement in THD of 3-4 dB over the performance shown in the figure can be achieved. Figure 11 illustrates the consistent THD performance of the AD766 over temperature.
Figure 6. Alternate Recommended Schematic
Figure 7. Power Dissipation vs. Clock Frequency
As with most linear circuits, changes in the power supplies will affect the output of the DAC. Analog Devices recommends that well regulated power supplies with less than 1% ripple be incorporated into the design of any system using these device.
MEASUREMENT OF TOTAL HARMONIC DISTORTION
The THD specification of a DSP DAC represents the amount of undesirable signal produced during reconstruction of a digital waveform. To account for the variety of operating conditions
Figure 9. Typical Unadjusted THD
Figure 8. Distortion Test Circuit
-6-
REV. A
Applications-AD766
AD766 TO TMS320C25
Figure 13 shows the zero-chip interface to the TMS320C25. The interface to other TMS320C2X processors is similar. Note that the C25 should be run in continuous mode. The C25's frame synch signal (FSX) will be asserted at the beginning of each 16-bit word but will actually latch in the previous word.
Figure 10. Typical THD vs. Frequency Figure 12. AD766 to ADSP-2101/ADSP-2102/ ADSP-2105/ ADSP-2111
Figure 13. AD766 to TMS320C25
Figure 11. THD vs. Temperature
INTERFACING THE AD766 TO DIGITAL SIGNAL PROCESSORS
The CLKS, FSX and DX outputs of the TMS320C25 are connected to the CLK, LE and DATA inputs of the AD766, respectively. Data (DX) is valid on the falling edge of CLKX. The maximum serial clock rate of the TMS320C25 is 5 MHz.
AD766 TO DSP56000/56001
The AD766 is specifically designed to easily interface to several popular digital signal processors (DSP) without any additional logic. Such an interface reduces the possibility of interface problems and improves system reliability by minimizing component count.
AD766 TO ADSP-2101
Figure 14 shows the zero-chip interface to the DSP56000/ 56001. The SSI of the 56000/56001 allows serial clock rates up to fosc/4. SCK, SC2 and STD can be directly connected to the CLK, LE and DATA inputs of the AD766. The CRA control register of the 56000 allows SCK to be internally generated and software configurable to various divisions of the master clock frequency. The data (STD) is valid on the falling edge of SCK.
The ADSP-2101 incorporates two complete serial ports which can be directly interfaced to the AD766 as shown in Figure 12. The SCLK, TFS and DT outputs of the ADSP-2101 are connected directly to the CLK, LE and DATA inputs of the AD766, respectively. SCLK is internally generated and can be programmed to operate from 94 Hz to 6.25 MHz. Data (DT) is valid on the falling edge of SCLK. After 16 bits have been transmitted, the falling edge of TFS updates the AD766's data latch. Using both serial ports of the ADSP-2101, two AD766's can be directly interfaced with no additional hardware.
Figure 14. AD766 to DSP56000/DSP56001
REV. A
-7-
AD766
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Pin Plastic DIP (N-16)
D-16 16-Lead Side Brazed Ceramic DIP
-8-
REV. A
PRINTED IN U.S.A.
C1385a-16-3/91


▲Up To Search▲   

 
Price & Availability of AD766JN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X