Part Number Hot Search : 
HA17012 ADP321 AS5DC3 XWS1215 R16V2 FDG63 24010 AS5DC3
Product Description
Full Text Search
 

To Download 2SK3354 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
2SK3354
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
ORDERING INFORMATION
PART NUMBER 2SK3354 2SK3354-S 2SK3354-Z PACKAGE TO-220AB TO-262 TO-220SMD
DESCRIPTION
The 2SK3354 is N-channel MOS Field Effect Transistor designed for high current switching applications.
FEATURES
* Super low on-state resistance: 5 5 RDS(on)1 = 8.0 m MAX. (VGS = 10 V, ID = 42 A) RDS(on)2 = 12 m MAX. (VGS = 4 V, ID = 42 A) * Built-in gate protection diode
5 * Low Ciss: Ciss = 6300 pF TYP.
ABSOLUTE MAXIMUM RATINGS (TA = 25C)
Drain to Source Voltage Gate to Source Voltage Drain Current (DC) Drain Current (pulse)
Note1
VDSS VGSS(AC) ID(DC) ID(pulse) PT PT Tch Tstg
Note2 Note2
60 20 83 332 100 1.5 150 -55 to +150 55 302
V V A A W W C C A mJ
Total Power Dissipation (TC = 25C) Total Power Dissipation (TA = 25C) Channel Temperature Storage Temperature
5 5
Single Avalanche Current Single Avalanche Energy
IAS EAS
Notes 1. PW 10 s, Duty cycle 1 % 5 2. Starting Tch = 25 C, RG = 25 , VGS = 20 V 0 V
THERMAL RESISTANCE
Channel to Case Channel to Ambient Rth(ch-C) Rth(ch-A) 1.25 83.3 C/W C/W
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability and additional information.
Document No. D14131EJ1V0DS00 (1st edition) Date Published June 1999 NS CP(K) Printed in Japan
The mark 5 shows major revised points.
(c)
1999
2SK3354
5 ELECTRICAL CHARACTERISTICS (TA = 25 C)
CHARACTERISTICS Drain to Source On-state Resistance SYMBOL RDS(on)1 RDS(on)2 Gate to Source Cut-off Voltage Forward Transfer Admittance Drain Leakage Current Gate to Source Leakage Current Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain Charge Body Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS(off) | yfs | IDSS IGSS Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VF(S-D) trr Qrr IF = 83 A, VGS = 0 V IF = 83 A, VGS = 0 V, di/dt = 100 A/s ID = 83 A , VDD = 48 V, VGS = 10 V ID = 42 A, VGS(on) = 10 V, VDD = 30 V, RG = 10 TEST CONDITIONS VGS = 10 V, ID = 42 A VGS = 4 V, ID = 42 A VDS = 10 V, ID = 1 mA VDS = 10 V, ID = 42 A VDS = 60 V, VGS = 0 V VGS = 20 V, VDS = 0 V VDS = 10 V, VGS = 0 V, f = 1 MHz 6300 1000 490 100 1500 300 440 106 20 30 1.0 55 100 1.5 35 MIN. TYP. 6.3 8.0 2.0 59 10 10 MAX. 8.0 12 2.5 UNIT m m V S
A A
pF pF pF ns ns ns ns nC nC nC V ns nC
TEST CIRCUIT 1 AVALANCHE CAPABILITY
D.U.T. RG = 25 PG. VGS = 20 0 V 50
TEST CIRCUIT 2 SWITCHING TIME
D.U.T.
L VDD PG. RG RG = 10
VGS RL VDD ID
90 % 90 % ID
VGS
Wave Form
0
10 %
VGS(on)
90 %
BVDSS IAS ID VDD VDS
VGS 0 = 1 s Duty Cycle 1 %
ID
Wave Form
0
10 % td(on) ton tr td(off) toff
10 % tf
Starting Tch
TEST CIRCUIT 3 GATE CHARGE
D.U.T. IG = 2 mA PG. 50
RL VDD
2
Data Sheet D14131EJ1V0DS00
2SK3354
PACKAGE DRAWING (Unit: mm)
1) TO-220AB (MP-25) 2) TO-262 (MP-25 Fin Cut)
3.00.3
10.6 MAX. 10.0
4.8 MAX.
1.00.5
3.60.2
5.9 MIN.
1.30.2 (10)
4.8 MAX. 1.30.2
15.5 MAX.
4
4 123
1
2
3
6.0 MAX.
12.7 MIN.
1.30.2
1.30.2
12.7 MIN.
8.50.2
0.750.1 2.54 TYP.
0.50.2 2.54 TYP. 1.Gate 2.Drain 3.Source 4.Fin (Drain)
2.80.2
0.750.3 2.54 TYP.
0.50.2 2.54 TYP. 1.Gate 2.Drain 3.Source 4.Fin (Drain)
2.80.2
3) TO-220SMD (MP-25Z)
(10) 4
4.8 MAX. 1.30.2
EQUIVALENT CIRCUIT
Drain
1.00.5
8.50.2
Gate
) .5R 8R) 0. (
Body Diode
1.40.2 1.00.3 2.54 TYP. 1 2
110.4
3.00.5
(0
0.50.2
3 2.54 TYP. 1.Gate 2.Drain 3.Source 4.Fin (Drain)
Gate Protection Diode
Source
Remark
The diode connected between the gate and source of the transistor serves as a protector against ESD. When this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device.
2.80.2
Data Sheet D14131EJ1V0DS00
3
2SK3354
* The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. * NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. * Descriptions of circuits, software, and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software, and information in the design of the customer's equipment shall be done under the full responsibility of the customer. NEC Corporation assumes no responsibility for any losses incurred by the customer or third parties arising from the use of these circuits, software, and information. * While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. * NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance.
M7 98. 8


▲Up To Search▲   

 
Price & Availability of 2SK3354

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X