Part Number Hot Search : 
1N5341B ISL43141 AXX2520 15PFI SGM8521 TA4103F 855728 1N4003
Product Description
Full Text Search
 

To Download 2SK3340-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3340-01
N-CHANNEL SILICON POWER MOS-FET
Features
High speed switching Low on-resistance No secondary breadown Low driving power Avalanche-proof
FUJI POWER MOS-FET
Applications
Switching regulators UPS (Uninterruptible Power Supply) DC-DC converters
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25C unless otherwise specified)
Item Drain-source voltage Continuous drain current Pulsed drain current Gate-source voltage Repetitive or non-repetitive Maximum Avalanche Energy Max. power dissipation Operating and storage temperature range Symbol VDS ID ID(puls] VGS IAR *2 EAV *1 PD Tch Tstg Rating 400 23 92 30 23 545 295 +150 -55 to +150 Unit V A A V A mJ W C < *2 Tch=150C
Equivalent circuit schematic
Drain(D)
Gate(G) Source(S)
*1 L=1.89mH, Vcc=40V
Electrical characteristics (Tc =25C unless otherwise specified)
Item Drain-source breakdown voltaget Gate threshold voltage Zero gate voltage drain current Gate-source leakage current Drain-source on-state resistance Forward transcondutance Input capacitance Output capacitance Reverse transfer capacitance Turn-on time ton Turn-off time toff Total gate charge Gate-Source charge Gete-Drain charge Avalanche capability Diode forward on-voltage Reverse recovery time Reverse recovery charge Symbol V(BR)DSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD IAV VSD trr Qrr Test Conditions ID=1mA VGS=0V ID=1mA VDS=VGS VDS=400V VGS=0V VGS=30V VDS=0V ID=11.5A VGS=10V ID=11.5A VDS=25V VDS=25V VGS=0V f=1MHz VCC=300V ID=23A VGS=10V RGS=10 Vcc=200V ID=23A VGS=10V L=1.89mH Tch=25C IF=2xIDR VGS=0V Tch=25C IF=IDR VGS=0V -di/dt=100A/s Tch=25C
Min.
400 2.5 Tch=25C Tch=125C
Typ.
Max.
Units
V V A mA nA S pF
3.0 3.5 10 500 0.2 1.0 10 100 0.16 0.2 8.5 17 2650 3975 500 750 230 345 22 35 105 160 225 340 120 180 137 210 36 55 48 75 23 1.15 1.73 450 8.6
ns
nC
A V ns C
Thermalcharacteristics
Item Thermal resistance Symbol Rth(ch-c) Rth(ch-a) Test Conditions channel to case channel to ambient
Min.
Typ.
Max.
0.424 50.0
Units
C/W C/W
1
2SK3340-01
Characteristics
Allowable Power Dissipation PD=f(Tc)
400
FUJI POWER MOSFET
Safe operating area ID=f(VDS):Single Pulse,Tc=25C
350 10 300
2
t= 1s 10s
250
D.C.
PD [W]
200
ID [A]
10
1
100s
1ms
150 10ms 100 10
0
t D= t T
100ms
50
T
-1
0
0
25
50
75
100
125
150
10
10
0
10
1
10
2
10
3
Tc [C]
VDS [V]
Typical Output Characteristics ID=f(VDS):80s pulse test,Tch=25C
60 15V 10V 6.5V 40 6.0V 10 100
Typical Transfer Characteristic ID=f(VGS):80s pulse test,VDS=25V,Tch=25C
20V 50
ID [A]
30
5.5V
ID[A]
1 5.0V VGS=4.5V 0.1 0 2 4 6 8 10 12 14 0 1 2 3 4 5 6 7 8
20
10
0
VDS [V]
VGS[V]
Typical Transconductance gfs=f(ID):80s pulse test,VDS=25V,Tch=25C
100 0.5
Typical Drain-Source on-state Resistance RDS(on)=f(ID):80s pulse test,Tch=25C
VGS=4.5V 0.4
5.0V
5.5V
10
RDS(on) [ ]
0.3 6.0V 6.5V 0.2 10V 15V 20V
gfs [S]
1
0.1
0.1 0.1
1
10
100
0.0
0
10
20
30
40
50
60
ID [A]
ID [A]
2
2SK3340-01
Drain-Source On-state Resistance RDS(on)=f(Tch):ID=11.5A,VGS=10V
0.8 5.0 4.5 0.7 4.0 0.6 3.5 0.5
FUJI POWER MOSFET
Gate Threshold Voltage vs. Tch VGS(th)=f(Tch):VDS=VGS,ID=1mA
max.
VGS(th) [V]
3.0 2.5 2.0 typ.
RDS(on) [ ]
0.4
0.3
min.
max.
typ. 1.5
0.2 1.0 0.1 0.5 0.0 -50 -25 0 25 50 75 100 125 150
0.0
-50
-25
0
25
50
75
100
125
150
Tch [C]
Tch [C]
Typical Gate Charge Characteristics VGS=f(Qg):ID=23A,Tch=25C
25 10
-7
Typical Capacitance C=f(VDS):VGS=0V,f=1MHz
20 10
-8
Vcc= 80V 15 200V
Ciss
VGS [V]
C [F]
320V
10
-9
Coss Crss 10
-10
10
5
0 0 50 100 150 200 250 300
10
-11
10
-2
10
-1
10
0
10
1
10
2
Qg [C]
VDS [V]
Typical Forward Characteristics of Reverse Diode IF=f(VSD):80s pulse test,Tch=25C
100 10
4
Typical Switching Characteristics vs. ID t=f(ID):Vcc=300V,VGS=10V,RG=10
10
10
3
td(off)
IF [A]
t [ns]
tf 1 10
2
tr
td(on)
0.1 0.00
10 0.25 0.50 0.75 1.00 1.25 1.50
1
10
-1
10
0
10
1
10
2
VSD [V]
ID [A]
3
2SK3340-01
Maximum Avalanche Energy vs. starting Tch E(AV)=f(starting Tch):Vcc=40V,I(AV)<=23A
600
FUJI POWER MOSFET
Transient Thermal impedance Zth(ch-c)=f(t) parameter:D=t/T
10
0
0.5
500
10
-1
0.2 0.1 0.05 0.02
400
EAV [mJ]
Zth(ch-c) [K/W]
300
10
-2
0.01 0
t D= t T
200
T
10 -5 10
100
-3
10
-4
10
-3
10
-2
10
-1
10
0
10
1
t [s]
0 0 25 50 75 100 125 150
starting Tch [C]
4


▲Up To Search▲   

 
Price & Availability of 2SK3340-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X