|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DATA SHEET MOS FIELD EFFECT TRANSISTOR 2SK3326 SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE ORDERING INFORMATION PART NUMBER 2SK3326 PACKAGE Isolated TO-220 DESCRIPTION The 2SK3326 is N-Channel DMOS FET device that features a low gate charge and excellent switching characteristics, and designed for high voltage applications such as switching power supply, AC adapter. FEATURES * Low gate charge : QG = 22 nC TYP. (VDD = 400 V, VGS = 10 V, ID = 10 A) * Gate voltage rating : 30 V * Low on-state resistance : RDS(on) = 0.85 MAX. (VGS = 10 V, ID = 5.0 A) * Avalanche capability ratings * Isolated TO-220(MP-45F) package (Isolated TO-220) ABSOLUTE MAXIMUM RATINGS (TA = 25C) Drain to Source Voltage (VGS = 0 V) Gate to Source Voltage (VDS = 0 V) Drain Current (DC) Drain Current (pulse) Note1 VDSS VGSS(AC) ID(DC) ID(pulse) PT PT Tch Tstg 500 30 10 40 40 2.0 150 -55 to +150 10 10.7 V V A A W W C C A mJ Total Power Dissipation (TC = 25C) Total Power Dissipation (TA = 25C) Channel Temperature Storage Temperature Single Avalanche Current Single Avalanche Energy Note2 Note2 IAS EAS Notes 1. PW 10 s, Duty Cycle 1 % 2. Starting Tch = 25 C, VDD = 150 V, RG = 25 , VGS = 20 V 0 V The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. Not all devices/types available in every country. Please check with local NEC representative for availability and additional information. Document No. D14204EJ1V0DS00 (1st edition) Date Published March 2000 NS CP(K) Printed in Japan (c) 2000 2SK3326 ELECTRICAL CHARACTERISTICS (TA = 25 C) CHARACTERISTICS Drain Leakage Current Gate to Source Leakage Current Gate to Source Cut-off Voltage Forward Transfer Admittance Drain to Source On-state Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain Charge Body Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge SYMBOL IDSS IGSS VGS(off) | yfs | RDS(on) Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VF(S-D) trr Qrr IF = 10 A, VGS = 0 V IF = 10 A, VGS = 0 V, di/dt = 50 A / s VDD = 400 V, VGS = 10 V, ID = 10 A VDD = 150 V, ID = 5.0 A, VGS(on) = 10 V, RG = 10 , RL = 60 TEST CONDITIONS VDS = 500 V, VGS = 0 V VGS = 30 V, VDS = 0 V VDS = 10 V, ID = 1 mA VDS = 10 V, ID = 5.0 A VGS = 10 V, ID = 5.0 A VDS = 10 V, VGS = 0 V, f = 1 MHz 2.5 2.0 4.0 0.68 1200 190 10 21 11 40 9.5 22 6.5 7.5 1.0 0.5 2.6 0.85 MIN. TYP. MAX. 100 100 3.5 UNIT A nA V S pF pF pF ns ns ns ns nC nC nC V s C TEST CIRCUIT 1 AVALANCHE CAPABILITY D.U.T. RG = 25 PG. VGS = 20 0 V 50 TEST CIRCUIT 2 SWITCHING TIME D.U.T. L VDD PG. RG VGS RL VDD ID 90 % 90 % ID VGS Wave Form 0 10 % VGS(on) 90 % BVDSS IAS ID VDD VDS VGS 0 = 1 s Duty Cycle 1 % ID Wave Form 0 10 % td(on) ton tr td(off) toff 10 % tf Starting Tch TEST CIRCUIT 3 GATE CHARGE D.U.T. IG = 2 mA PG. 50 RL VDD 2 Data Sheet D14204EJ1V0DS00 2SK3326 TYPICAL CHARACTERISTICS(TA = 25 C) Figure1. DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA 100 dT - Percentage of Rated Power - % 50 Figure2. TOTAL POWER DISSIPATION vs. CASE TEMPERATURE PT - Total Power Dissipation - W 80 40 60 40 30 20 20 10 0 20 40 60 80 100 120 140 160 0 20 40 60 80 100 120 140 160 Tc - Case Temperature - C Figure3. FORWARD BIAS SAFE OPERATING AREA 100 d ite ) im 0 V )L 1 (on S = S RD t VG (a Tc - Case Temperature - C Figure4. DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE 20 Pulsed ID (pulse) P 10 W = ID - Drain Current - A 10 10 ID (DC) 0 1m Po 10 s ID - Drain Current - A s VGS = 20 V 10 V 8.0 V 10 s we 1 rD 10 iss m 0 s m ip s n Li m at io VGS = 6.0 V 0.1 1 Tc = 25 C Single Pulse 10 ite d 100 1000 VDS - Drain to Source Voltage - V Figure5. DRAIN CURRENT vs. GATE TO SOURCE VOLTAGE 100 10 Pulsed 0 4 8 12 16 VDS - Drain to Source Voltage - V ID - Drain Current - A 1 0.1 0.01 TA = -25 C 25 C 75 C 125 C 0.001 0.0001 0 5 10 15 VGS - Gate to Source Voltage - V Data Sheet D14204EJ1V0DS00 3 2SK3326 Figure6. TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH rth (t) - Transient Thermal Resistance - C/W 100 Rth(ch-A) = 62.5 C/W 10 Rth(ch-C) = 3.2 C/W 1 0.1 Tc = 25 C Single Pulse 0.01 0.0001 0.001 0.01 0.1 1 10 100 1000 PW - Pulse Width - s Figure7. FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT Figure8. DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE 2.0 IyfsI - Forward Transfer Admittance - S 10 1 TA = -25 C 25 C 75 C 125 C 0.1 RDS(on) - Drain to Source On-state Resistance - 1.0 ID = 10 A 5.0 A 2.0 A 0.01 0.01 VDS = 10 V Pulsed 0.1 1 ID - Drain Current - A 10 100 0.0 Pulsed 0 5 10 15 20 25 VGS - Gate to Source Voltage - V RDS(on) - Drain to Source On-state Resistance - Figure9. DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT VGS(off) - Gate to Source Cut-off Voltage - V Figure10. GATE TO SOURCE CUT-OFF VOLTAGE vs. CHANNEL TEMPERATURE 4.0 VDS = 10 V ID = 1 mA 3.0 3.0 Pulsed 2.0 2.0 1.0 1.0 0 0.1 0.0 -50 0 50 100 150 200 1 10 100 ID - Drain Current - A Tch - Channel Temperature - C 4 Data Sheet D14204EJ1V0DS00 2SK3326 RDS(on) - Drain to Source On-state Resistance - Figure11. DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE 3.0 Figure12. SOURCE TO DRAIN DIODE FORWARD VOLTAGE 100 ISD - Diode Forward Current - A Pulsed 10 2.0 ID = 10 A 1 VGS = 10 V VGS = 0 V 1.0 ID = 5.0 A 0.1 0.0 -50 VGS = 10 V 0 50 100 150 Tch - Channel Temperature - C 0.01 0.0 0.5 1.0 1.5 VSD - Source to Drain Voltage - V Figure14. SWITCHING CHARACTERISTICS 1000 Figure13. CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE VGS = 0 V f = 1.0 MHz td(on), tr, td(off), tf - Switching Time - ns 10000 Ciss, Coss, Crss - Capacitance - pF tr tf Ciss 1000 Coss 100 100 td(on) td(off) 10 VDD = 150 V VGS = 10 V RG = 10 0.1 1 10 ID - Drain Current - A 100 10 Crss 1 1 0.1 1 10 100 1000 VDS - Drain to Source Voltage - V Figure15. REVERSE RECOVERY TIME vs. DRAIN CURRENT 1000 900 Figure16. DYNAMIC INPUT/OUTPUT CHARACTERISTICS 800 VDS - Drain to Source Voltage - V trr - Reverse Recovery Time - ns di/dt = 50 A/s VGS = 0 V 700 600 500 400 300 200 100 0 5 VDS VDD = 400 V 250 V 100 V 14 12 VGS 10 8 6 4 2 15 20 0 25 800 700 600 500 400 300 200 100 0 0.1 1 10 100 IF - Drain Current - A 10 QG - Gate Charge - nC Data Sheet D14204EJ1V0DS00 VGS - Gate to Source Voltage - V ID = 10 A 5 2SK3326 Figure17. SINGLE AVALANCHE ENERGY vs STARTING CHANNEL TEMPERATURE 16 ID(peak) = IAS RG = 25 VGS = 20 V 0 V VDD = 150 V EAS = 10.7 mJ 10 8 6 4 2 0 25 50 75 100 125 150 175 Starting Tch - Starting Channel Temperature - C Figure18. SINGLE AVALANCHE ENERGY vs INDUCTIVE LOAD 100 IAS - Single Avalanche Energy - A EAS - Single Avalanche Energy - mJ 14 12 RG = 25 VDD = 150 V VGS = 20 V 0 V Starting Tch = 25 C IAS = 10 A EAS = 10 10 .7 m J 1 0.1 10 100 1m 10 m L - Inductive Load - H 6 Data Sheet D14204EJ1V0DS00 2SK3326 PACKAGE DRAWING (Unit: mm) Isolated TO-220(MP-45F) 10.00.3 4.50.2 3.20.2 2.70.2 15.00.3 30.1 12.00.2 EQUIVALENT CIRCUIT Drain 40.2 13.5 MIN. Gate Body Diode 0.70.1 2.54 1.30.2 1.50.2 2.54 2.50.1 0.650.1 Source 1. Gate 2. Drain 3. Source 123 Remark Strong electric field, when exposed to this device, cause destruction of the gate oxide and ultimately degrade the device operation. Steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it once, when it has occurred. Data Sheet D14204EJ1V0DS00 7 2SK3326 * The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. * NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. * Descriptions of circuits, software, and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software, and information in the design of the customer's equipment shall be done under the full responsibility of the customer. NEC Corporation assumes no responsibility for any losses incurred by the customer or third parties arising from the use of these circuits, software, and information. * While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. * NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. M7 98. 8 |
Price & Availability of 2SK3326 |