Part Number Hot Search : 
CBCP68 TDA892 SWF8N60 P3055 TDA892 S10H15 MBR10 GL620USB
Product Description
Full Text Search
 

To Download 2SK3313 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3313
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (-MOSV)
2SK3313
Chopper Regulator, DC-DC Converter Applications Motor Drive Applications
l Fast reverse recovery time l Low drain-source ON resistance l High forward transfer admittance l Low leakage current l Enhancement-mode : trr = 90 ns (typ.) : RDS (ON) = 0.5 (typ.) : |Yfs| = 8.5 S (typ.) Unit: mm
l Built-in high-speed free-wheeling diode
: IDSS = 100 A (max) (VDS = 500 V) : Vth = 2.0~4.0 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current DC (Note 1) Symbol VDSS VDGR VGSS ID IDP PD EAS IAR EAR Tch Tstg Rating 500 500 30 12 48 40 324 12 4.0 150 -55~150 Unit V V V A A W mJ A mJ C C
Pulse (Note 1)
Drain power dissipation (Tc = 25C) Single pulse avalanche energy (Note 2) Avalanche current Repetitive avalanche energy (Note 3) Channel temperature Storage temperature range
JEDEC JEITA TOSHIBA
-- SC-67 2-10R1B
Weight: 1.9 g (typ.)
Thermal Characteristics
Characteristics Thermal resistance, channel to case Thermal resistance, channel to ambient Symbol Rth (ch-c) Rth (ch-a) Max 3.125 62.5 Unit C / W C / W
Note 1: Please use devices on condition that the channel temperature is below 150C. Note 2: VDD = 90 V, Tch = 25C (initial), L = 3.83 mH, RG = 25 , IAR = 12 A Note 3: Repetitive rating; Pulse width limited by maximum channel temperature. This transistor is an electrostatic sensitive device. Please handle with caution.
1
2002-09-02
2SK3313
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Gate-source breakdown voltage Drain cut-off current Drain-source breakdown voltage Gate threshold voltage Drain-source ON resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Symbol IGSS V (BR) GSS IDSS V (BR) DSS Vth RDS (ON) |Yfs| Ciss Crss Coss tr VDS = 10 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 25 V, VDS = 0 V IG = 100 A, VDS = 0 V VDS = 500 V, VGS = 0 V ID = 10 mA, VGS = 0 V VDS = 10 V, ID = 1 mA VGS = 10 V, ID = 6 A VGS = 10 V, ID = 6 A Min -- 30 -- 500 2.0 -- 3.0 -- -- -- -- Typ. -- -- -- -- -- 0.5 8.5 2040 210 630 22 Max 10 -- 100 -- 4.0 0.62 -- -- -- -- -- pF Unit A V A V V S
Turn-on time Switching time Fall time
ton tf toff Qg Qgs Qgd VDD 400 V, VGS = 10 V, ID = 12 A
--
58
-- ns
--
36
--
Turn-off time Total gate charge (Gate-source plus gate-drain) Gate-source charge Gate-drain ("miller") charge
-- -- -- --
180 45 25 20
-- -- -- -- nC
Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristics Continuous drain reverse current (Note 1) Pulse drain reverse current (Note 1) Forward voltage (diode) Reverse recovery time Reverse recovery charge Symbol IDR IDRP VDSF trr Qrr Test Condition -- -- IDR = 12 A, VGS = 0 V IDR = 12 A, VGS = 0 V dIDR / dt = 100 A / s Min -- -- -- -- -- Typ. -- -- -- 90 0.25 Max 12 48 -1.7 160 -- Unit A A V ns C
Marking
2
2002-09-02
2SK3313
3
2002-09-02
2SK3313
4
2002-09-02
2SK3313
RG = 25 VDD = 90 V, L = 3.83 mH
E AS =
1 B VDSS ae o x L x I2 x c / 2 B VDSS - VDD o e
5
2002-09-02
2SK3313
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
6
2002-09-02
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2SK3313

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X