Part Number Hot Search : 
SP2526 A2210 SN74481 2SC5776 1SS35 250BZI 5KE180 PMB2525
Product Description
Full Text Search
 

To Download 2SK3120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:ENN6103A
N-Channel Silicon MOSFET
2SK3120
Ultrahigh-Speed Switching Applications
Features
* Low ON resistance. * Ultrahigh-speed switching. * 4V drive.
Package Dimensions
unit:mm 2062A
[2SK3120]
4.5 1.6 1.5
0.4 3 1.5 2 3.0 0.75
0.5 1
1.0
4.25max
2.5
0.4
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Symbol VDSS VGSS ID IDP PD Tch Tstg
PW10s, duty cycle1% Tc=25C Mounted on a ceramic board (250mm2x0.8mm)
1 : Gate 2 : Drain 3 : Source SANYO : PCP (Bottom view)
Conditions
Ratings 30 20 2 8 3.5 1.3 150 -55 to +150
Unit V V A A W W
C C
Electrical Characteristics at Ta = 25C
Parameter Drain-to-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Symbol V(BR)DSS IDSS IGSS VGS(off) | yfs | RDS(on)1 RDS(on)2 ID=1mA, VGS=0 VDS=30V, VGS=0 VGS=16V, VDS=0 VDS=10V, ID=1mA VDS=10V, ID=1A ID=1A, VGS=10V ID=500mA, VGS=4V Conditions Ratings min 30 10 10 1.0 1.2 1.8 230 350 300 480 2.4 typ max Unit V A A V S m m
Marking : KT
Continued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
30100TS (KOTO) TA-2495 No.6103-1/4
2SK3120
Continued from preceding page.
Parameter Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD IS=2A, VGS=0 VDS=10V, VGS=10V, ID=2A VDS=10V, f=1MHz VDS=10V, f=1MHz VDS=10V, f=1MHz See specified Test Circuit See specified Test Circuit See specified Test Circuit See specified Test Circuit Conditions Ratings min typ 90 50 22 7 10 17 8 5 1 1 1.0 1.2 max Unit pF pF pF ns ns ns ns nC nC nC V
Switching Time Test Circuit
10V 0V VIN VDD=15V ID=1A RL=15 D VOUT
VIN PW=10s D.C.1%
G
2SK3120 P.G 50 S
2.0 1.8 1.6
ID - VDS
8.0V 6.0V
4.0
ID - VGS
-25 C Tc=
1.8 2.4 3.0 3.6 4.2
10
.0
4.0
3.5V
3.2
Drain Current, ID - A
Drain Current, ID - A
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7
2.8 2.4 2.0 1.6 1.2 0.8
3.0V
VGS=2.5V
0.8 0.9 1.0
0.4 0 0 0.6 1.2 4.8 5.4
Drain-to-Source Voltage, VDS - V
800
Gate-to-Source Voltage, VGS - V Tc=25C Static Drain-to-Source On-State Resistance, RDS(on) - m
600
R DS(on) - VGS
R DS(on) - Tc
Static Drain-to-Source On-State Resistance, RDS(on) - m
700 600 500
500
400
ID=1.0A
400 300 200 100 0 0
I D=
300
,VG 0.5A
4V S=
ID=0.5A
.0 I D=1
200
=10V A,VGS
100
2
4
6
8
10
12
14
16
18
20
0 -60
-40
-20
0
20
40
60
80
100
75 C
120 140
25
160
V
V
3.6
Gate-to-Source Voltage, VGS - V
Case Temperature, Tc - C
C
VDS=10V
No.6103-2/4
2SK3120
10
| yfs | - ID
VDS=10V
Forward Transfer Admittance, | yfs | - S
7 5 3 2
10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2
I F - VSD
VGS= 0
Tc=
7
1.0 7 5 3 2
5C
25C
Forward Current, IF - A
C -25
25 C
75C
0.1 0.01
2
3
5 7 0.1
2
3
5 7 1.0
2
3
5 7 10
0.01 0
0.2
0.4
0.6
Tc=0.8 1.0
25C
1.2
1.4
Drain Current, ID - A
1000 7 5
Diode Forward Voltage, VSD - V f= 1MHz Gate-to-Source Voltage, VGS - V
10 9 8 7 6 5 4 3 2 1 32 0 0 1 2 3 4 5
Ciss,Coss,Crss - VDS
VGS - Qg
VDS=10V ID =2A
Ciss, Coss, Crss - pF
3 2
100 7 5 3 2
Ciss
Coss
Crss
4 8 12 16 20 24 28
10 0
Drain-to-Source Voltage,VDS - V
100 7
Total Gate Charge, Qg - nC
SW Time - I D
VDD=15V VGS=10V Drain Current, ID - A
ASO
2 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2
I DP = 8 A
Switching Time, SW Time - ns
5 3 2
I D =2A
td(off)
tf
10 7 5 3 2
100s 1m 10 s ms 10 0m DC s op era tio n
tr
td(on)
Operation in this area is limited by R DS (on).
1.0 7
0.1
2
3
5
7
1.0
2
3
5
7
10
0.01 0.1
Tc= 25C 1pulse
2 3 5 7 1.0 2 3 5 7 10 2 3 5
Drain Current, ID - A
1.4
Drain-to-Source Voltage,VDS - V
4.0
PD M ou
Ta
Allowable Power Dissipation, PD - W
3.5
PD -
Tc
Allowable Power Dissipation, PD - W
1.3 1.2
nt
ed
1.0
on
3.0
ac
er
0.8
am
ic
bo
ar
0.6
d
2.0
(2
50
m
0.4
m2 x0
.8
m
1.0
m
0.2
)
0
0
20
40
60
80
100
120
140
160
0
0
20
40
60
80
100
120
140
160
Ambient Temperature, Ta - C
Case Temperature, Tc - C
No.6103-3/4
2SK3120
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of March, 2000. Specifications and information herein are subject to change without notice.
PS No.6103-4/4


▲Up To Search▲   

 
Price & Availability of 2SK3120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X