Part Number Hot Search : 
6292BCRZ TB0400A P6KE250A UFS160G TB0400A TIP122TU A2755 S24C0
Product Description
Full Text Search
 

To Download 1SS133 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SS133
Diodes
Switching diode
1SS133
!Applications High speed switching !External dimensions (Units : mm)
CATHODE BAND (YELLOW) 0.40.1
!Features 1) Glass sealed envelope. (MSD) 2) High speed. (trr=1.2ns Typ.) 3) High reliability.
29.01.0
2.70.3
29.01.0
1.80.2
ROHM : MSD EIAJ : - JEDEC : DO-34
!Construction Silicon epitaxial planar
!Absolute maximum ratings (Ta=25C)
Parameter Peak reverse voltage DC reverse voltage Peak forward current Mean rectifying current Surge current (1s) Power dissipation Junction temperature Storage temperature Symbol VRM VR IFM IO Isurge P Tj Tstg Limits 90 80 400 130 600 300 175 -65~+175 Unit V V mA mA mA mW
C C
!Electrical characteristics (Ta=25C)
Parameter Forward voltage Reverse current Capacitance between terminals Reverse recovery time Symbol VF IR CT trr Min. - - - - Typ. - - - - Max. 1.2 0.5 2 4 Unit V A pF ns IF=100mA VR=80V VR=0.5V, f=1MHz VR=6V, IF=10mA, RL=50 Conditions
1SS133
Diodes
!Electrical characteristics curves (Ta=25C)
CAPACITANCE BETWEEN TERMINALS : CT(pF)
100 50
FORWARD CURRENT : IF (mA)
3.0 f=1MHz 2.5 2.0 1.5 1.0 0.5 0 0
3000
REVERSE CURRENT : IR (nA)
100C
20 10 5 2 1 0.5 0.2 0
Ta=12 5C Ta=75 C Ta=25C Ta=-25 C
1000 300
70C
50C
100 30 10 3
Ta=25C
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100 120
5
10
15
20
25
30
FORWARD VOLTAGE : VF (V)
REVERSE VOLTAGE : VR (V)
REVERSE VOLTAGE : VR (V)
Fig. 1 Forward characteristics
Fig. 2 Reverse characteristics
Fig. 3 Capacitance between terminals characteristics
3
REVERSE RECOVERY TIME : trr (ns)
SURGE CURRENT : Isurge (A)
10
VR=6V Irr=1/10IR
5
PULSE Single pulse
2
2 1 0.5
1
0.2 0.1 0.01
0 0
10
20
30
0.1
1
10
100
1000
FORWARD CURRENT : IF (mA)
PULSE WIDTH : Tw (ms)
Fig. 4 Reverse recovery time characteristics
Fig.5 Surge current characteristics
0.01F
D.U.T.
5k PULSE GENERATOR OUTPUT 50 50 SAMPLING OSCILLOSCOPE
Fig. 6 Reverse recovery time (trr) measurement circuit


▲Up To Search▲   

 
Price & Availability of 1SS133

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X