Part Number Hot Search : 
S3F9454 R5005CNJ 2SK42 MMBT2369 FR014 470M0 CSP1027 74458002
Product Description
Full Text Search
 

To Download TISP3072F3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TISP3072F3, TISP3082F3 DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
Copyright (c) 1997, Power Innovations Limited, UK MARCH 1994 - REVISED SEPTEMBER 1997
TELECOMMUNICATION SYSTEM SECONDARY PROTECTION
q
Ion-Implanted Breakdown Region Precise and Stable Voltage Low Voltage Overshoot under Surge
DEVICE `3072F3 `3082F3 VDRM V 58 66 V(BO) V 72 82
D PACKAGE (TOP VIEW)
T NC NC R
1 2 3 4
8 7 6 5
G G G G
MDXXAE
NC - No internal connection
q
Planar Passivated Junctions Low Off-State Current < 10 A Rated for International Surge Wave Shapes
WAVE SHAPE 2/10 s 8/20 s 10/160 s 10/560 s 0.5/700 s 10/700 s 10/1000 s STANDARD FCC Part 68 ANSI C62.41 FCC Part 68 FCC Part 68 RLM 88 FTZ R12 VDE 0433 CCITT IX K17/K20 REA PE-60 ITSP A 80 70 60 45 38 50 50 50 35
P PACKAGE (TOP VIEW)
q
T G G R
1 2 3 4
8 7 6 5
T G G R
MDXXAF
Specified T terminal ratings require connection of pins 1 and 8. Specified R terminal ratings require connection of pins 4 and 5. SL PACKAGE (TOP VIEW)
T
1 2 3
MDXXAG MD23AA
q
Surface Mount and Through-Hole Options
PACKAGE Small-outline Small-outline taped and reeled Plastic DIP Single-in-line PART # SUFFIX D DR P SL
G R
device symbol
T R
q
UL Recognized, E132482
description
These low voltage dual symmetrical transient voltage suppressor devices are designed to protect ISDN applications against transients caused by lightning strikes and a.c. power lines. Offered in two voltage variants to meet battery and protection requirements they are guaranteed to suppress and withstand the listed international lightning surges in both polarities. Transients are initially clipped by breakdown clamping until the voltage rises to the breakover level, which causes the device to crowbar. The high crowbar holding current prevents d.c. latchup as the current subsides.
SD3XAA
G
Terminals T, R and G correspond to the alternative line designators of A, B and C
These monolithic protection devices are fabricated in ion-implanted planar structures to ensure precise and matched breakover control and are virtually transparent to the system in normal operation
PRODUCT
INFORMATION
Information is current as of publication date. Products conform to specifications in accordance with the terms of Power Innovations standard warranty. Production processing does not necessarily include testing of all parameters.
1
TISP3072F3, TISP3082F3 DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
MARCH 1994 - REVISED SEPTEMBER 1997
description (Continued)
The small-outline 8-pin assignment has been carefully chosen for the TISP series to maximise the inter-pin clearance and creepage distances which are used by standards (e.g. IEC950) to establish voltage withstand ratings.
absolute maximum ratings
RATING Repetitive peak off-state voltage (0C < TJ < 70C) Non-repetitive peak on-state pulse current (see Notes 1, 2 and 3) 1/2 s (Gas tube differential transient, open-circuit voltage wave shape 1/2 s) 2/10 s (FCC Part 68, open-circuit voltage wave shape 2/10 s) 8/20 s (ANSI C62.41, open-circuit voltage wave shape 1.2/50 s) 10/160 s (FCC Part 68, open-circuit voltage wave shape 10/160 s) 5/200 s (VDE 0433, open-circuit voltage wave shape 2 kV, 10/700 s) 0.5/310 s (RLM 88, open-circuit voltage wave shape 1.5 kV, 0.5/700 s) 5/310 s (CCITT IX K17/K20, open-circuit voltage wave shape 2 kV, 10/700 s) 5/310 s (FTZ R12, open-circuit voltage wave shape 2 kV, 10/700 s) 10/560 s (FCC Part 68, open-circuit voltage wave shape 10/560 s) 10/1000 s (REA PE-60, open-circuit voltage wave shape 10/1000 s) Non-repetitive peak on-state current (see Notes 2 and 3) 50 Hz, 1s D Package P Package SL Package Initial rate of rise of on-state current, Junction temperature Storage temperature range Linear current ramp, Maximum ramp value < 38 A diF/dt TJ Tstg ITSM ITSP 120 80 70 60 50 38 50 50 45 35 4 6 6 250 -40 to +150 -40 to +150 A/s C C A rms A `3072F3 `3082F3 SYMBOL VDRM VALUE 58 66 UNIT V
NOTES: 1. Further details on surge wave shapes are contained in the Applications Information section. 2. Initially the TISP must be in thermal equilibrium with 0C < TJ <70C. The surge may be repeated after the TISP returns to its initial conditions. 3. Above 70C, derate linearly to zero at 150C lead temperature.
electrical characteristics for the T and R terminals, TJ = 25C
PARAMETER IDRM ID Coff Repetitive peak offstate current Off-state current TEST CONDITIONS VD = 2VDRM, 0C < TJ < 70C VD = 50 V f = 100 kHz, Vd = 100 mV Off-state capacitance VD = 0, D Package P Package SL Package 50 65 30 Third terminal voltage = -50 V to +50 V (see Notes 4 and 5) TISP3072F3 MIN MAX 10 10 150 200 100 50 65 30 TISP3082F3 MIN MAX 10 10 150 200 100 fF UNIT A A
NOTES: 4. These capacitance measurements employ a three terminal capacitance bridge incorporating a guard circuit. The third terminal is connected to the guard terminal of the bridge. 5. Further details on capacitance are given in the Applications Information section. Typical value of the parameter, not a limit value.
electrical characteristics for the T and G or the R and G terminals, TJ = 25C
PARAMETER IDRM Repetitive peak offstate current TEST CONDITIONS VD = VDRM, 0C < TJ < 70C TISP3072F3 MIN MAX 10 TISP3082F3 MIN MAX 10 UNIT A
PRODUCT
INFORMATION
2
TISP3072F3, TISP3082F3 DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
MARCH 1994 - REVISED SEPTEMBER 1997
electrical characteristics for the T and G or the R and G terminals, TJ = 25C (Continued)
PARAMETER dv/dt = 250 V/ms, V(BO) V(BO) I(BO) VT IH dv/dt ID Coff Breakover voltage Source Resistance = 300 di/dt < 20 A/s 86 96 V Source Resistance = 50 dv/dt = 250 V/ms, Breakover current On-state voltage Holding current Critical rate of rise of off-state voltage Off-state current Off-state capacitance Source Resistance = 300 IT = 5 A, tW = 100 s di/dt = -/+30 mA/ms Linear voltage ramp, 5 Maximum ramp value < 0.85V(BR)MIN VD = 50 V f = 100 kHz, Vd = 100 mV VD = 0, VD = -5 V VD = -50 V 82 49 25 Third terminal voltage = -50 V to +50 V (see Notes 6 and 7) 10 140 85 40 82 49 25 10 140 85 40 A pF pF pF 5 kV/s 0.15 0.15 0.6 3 0.15 0.15 0.6 3 A V A 72 82 V TEST CONDITIONS TISP3072F3 MIN MAX TISP3082F3 MIN MAX UNIT
Impulse breakover volt- dv/dt = 1000 V/s, age
NOTES: 6 These capacitance measurements employ a three terminal capacitance bridge incorporating a guard circuit. The third terminal is connected to the guard terminal of the bridge. 7. Further details on capacitance are given in the Applications Information section.
PARAMETER MEASUREMENT INFORMATION
+i ITSP Quadrant I Switching Characteristic
ITSM IT VT IH V(BR)M -v I(BR) V(BR) I(BO) VDRM IDRM IH VD ID ID VD VDRM V(BR)M IDRM V(BR) I(BR) +v
V(BO)
I(BO)
V(BO)
VT IT ITSM
Quadrant III Switching Characteristic ITSP -i
PMXXAA
Figure 1. VOLTAGE-CURRENT CHARACTERISTIC FOR ANY PAIR OF TERMINALS
PRODUCT
INFORMATION
3
TISP3072F3, TISP3082F3 DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
MARCH 1994 - REVISED SEPTEMBER 1997 Typical value of the parameter, not a limit value.
thermal characteristics
PARAMETER D Package RJA Junction to free air thermal resistance P Package SL Package MIN TYP MAX 160 100 105 C/W UNIT
TYPICAL CHARACTERISTICS T and G, or R and G terminals
OFF-STATE CURRENT vs JUNCTION TEMPERATURE
100
TC3LAF
NORMALISED BREAKDOWN VOLTAGES vs JUNCTION TEMPERATURE
TC3LAI
Normalised to V(BR) 1.2 10 ID - Off-State Current - A Normalised Breakdown Voltages I(BR) = 100 A and 25C Positive Polarity
1
1.1
0*1
VD = 50 V VD = -50 V
V(BR)M 1.0 V(BR) V(BO)
0*01
0*001 -25 0 25 50 75 100 125 150 TJ - Junction Temperature - C
0.9 -25 0 25 50 75 100 125 150 TJ - Junction Temperature - C
Figure 2.
Figure 3.
PRODUCT
INFORMATION
4
TISP3072F3, TISP3082F3 DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
MARCH 1994 - REVISED SEPTEMBER 1997
TYPICAL CHARACTERISTICS T and G, or R and G terminals
NORMALISED BREAKDOWN VOLTAGES vs JUNCTION TEMPERATURE
TC3LAJ
ON-STATE CURRENT vs ON-STATE VOLTAGE
100
TC3LAL
Normalised to V(BR) 1.2 Normalised Breakdown Voltages I(BR) = 100 A and 25C Negative Polarity IT - On-State Current - A
1.1 V(BR)M V(BO) V(BR)
10
1.0
150C
25C -40C
0.9 -25 0 25 50 75 100 125 150 TJ - Junction Temperature - C
1 1 2 3 4 5 6 7 8 9 10 VT - On-State Voltage - V
Figure 4.
Figure 5.
HOLDING CURRENT & BREAKOVER CURRENT vs JUNCTION TEMPERATURE
IH, I(BO) - Holding Current, Breakover Current - A 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 IH 0.2 I(BO)
TC3LAH
0.1 -25 0 25 50 75 100 125 150 TJ - Junction Temperature - C
Figure 6.
PRODUCT
INFORMATION
5
TISP3072F3, TISP3082F3 DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
MARCH 1994 - REVISED SEPTEMBER 1997
TYPICAL CHARACTERISTICS T and G, or R and G terminals
NORMALISED BREAKOVER VOLTAGE vs RATE OF RISE OF PRINCIPLE CURRENT
1.3
TC3LAB
OFF-STATE CAPACITANCE vs TERMINAL VOLTAGE
100
TC3LAE
Normalised Breakover Voltage
Positive Bias Off-State Capacitance - pF
1.2 Positive
Negative Bias
1.1 Negative
1.0 0*001
0*01
0*1
1
10
100
10 0*1
1 Terminal Voltage - V
10
50
di/dt - Rate of Rise of Principle Current - A/s
Figure 7.
Figure 8.
OFF-STATE CAPACITANCE vs JUNCTION TEMPERATURE
500
TC3LAD
Off-State Capacitance - pF
100 Terminal Bias = 0
Terminal Bias = 50 V
Terminal Bias = -50 V
10 -25 0 25 50 75 100 125 150 TJ - Junction Temperature - C
Figure 9.
PRODUCT
INFORMATION
6
TISP3072F3, TISP3082F3 DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
MARCH 1994 - REVISED SEPTEMBER 1997
TYPICAL CHARACTERISTICS T and G, or R and G terminals
SURGE CURRENT vs DECAY TIME
1000
TC3LAA
Maximum Surge Current - A
100
10 2 10 100 Decay Time - s 1000
Figure 10.
TYPICAL CHARACTERISTICS T and R terminals
OFF-STATE CURRENT vs JUNCTION TEMPERATURE
100 VD = 50 V 1.2 10 ID - Off-State Current - A Normalised Breakdown Voltages
TC3LAG
NORMALISED BREAKDOWN VOLTAGES vs JUNCTION TEMPERATURE
TC3LAK
Normalised to V(BR) I(BR) = 100 A and 25C Both Polarities
1
1.1
0*1
V(BR)M 1.0 V(BR)
V(BO)
0*01
0*001 -25 0 25 50 75 100 125 150 TJ - Junction Temperature - C
0.9 -25 0 25 50 75 100 125 150 TJ - Junction Temperature - C
Figure 11.
Figure 12.
PRODUCT
INFORMATION
7
TISP3072F3, TISP3082F3 DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
MARCH 1994 - REVISED SEPTEMBER 1997
TYPICAL CHARACTERISTICS T and R terminals
NORMALISED BREAKOVER VOLTAGE vs RATE OF RISE OF PRINCIPLE CURRENT
1.3
TC3LAC
OFF-STATE CAPACITANCE vs TERMINAL VOLTAGE
100 90 80 70 60 Off-State Capacitance - fF
TC3XAA
P Package D Package
Normalised Breakover Voltage
1.2
50 40 SL Package 30
1.1
20
Both Voltage Polarities 1.0 0*001 0*01 0*1 1 10 100 10 0*1 1 Terminal Voltage - V 10 50
di/dt - Rate of Rise of Principle Current - A/s
Figure 13.
Figure 14.
THERMAL INFORMATION
MAXIMUM NON-RECURRING 50 Hz CURRENT vs CURRENT DURATION
TI3LAA
THERMAL RESPONSE
ZJ - Transient Thermal Impedance - C/W
TI3MAA
ITRMS - Maximum Non-Recurrent 50 Hz Current - A
VGEN = 250 Vrms RGEN = 10 to 150 10 SL Package
100
D Package P Package
P Package
10
SL Package
D Package 1 0*1
1
10
100
1000
1 0*0001 0*001
0*01
0*1
1
10
100
1000
t - Current Duration - s
t - Power Pulse Duration - s
Figure 15.
Figure 16.
PRODUCT
INFORMATION
8
TISP3072F3, TISP3082F3 DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
MARCH 1994 - REVISED SEPTEMBER 1997
APPLICATIONS INFORMATION
electrical characteristics
The electrical characteristics of a TISP are strongly dependent on junction temperature, TJ. Hence a characteristic value will depend on the junction temperature at the instant of measurement. The values given in this data sheet were measured on commercial testers, which generally minimise the temperature rise caused by testing. Application values may be calculated from the parameters' temperature curves, the power dissipated and the thermal response curve (Z ).
lightning surge
wave shape notation Most lightning tests, used for equipment verification, specify a unidirectional sawtooth waveform which has an exponential rise and an exponential decay. Wave shapes are classified in terms of peak amplitude (voltage or current), rise time and a decay time to 50% of the maximum amplitude. The notation used for the wave shape is amplitude, rise time/decay time. A 50A, 5/310 s wave shape would have a peak current value of 50 A, a rise time of 5 s and a decay time of 310 s. The TISP surge current graph comprehends the wave shapes of commonly used surges. generators There are three categories of surge generator type, single wave shape, combination wave shape and circuit defined. Single wave shape generators have essentially the same wave shape for the open circuit voltage and short circuit current (e.g. 10/1000 s open circuit voltage and short circuit current). Combination generators have two wave shapes, one for the open circuit voltage and the other for the short circuit current (e.g. 1.2/50 s open circuit voltage and 8/20 s short circuit current) Circuit specified generators usually equate to a combination generator, although typically only the open circuit voltage waveshape is referenced (e.g. a 10/700 s open circuit voltage generator typically produces a 5/310 s short circuit current). If the combination or circuit defined generators operate into a finite resistance the wave shape produced is intermediate between the open circuit and short circuit values. current rating When the TISP switches into the on-state it has a very low impedance. As a result, although the surge wave shape may be defined in terms of open circuit voltage, it is the current wave shape that must be used to assess the required TISP surge capability. As an example, the CCITT IX K17 1.5 kV, 10/700 s surge is changed to a 38 A, 5/310 s waveshape when driving into a short circuit. Thus the TISP surge current capability, when directly connected to the generator, will be found for the CCITT IX K17 waveform at 310 s on the surge graph and not 700 s. Some common short circuit equivalents are tabulated below: STANDARD OPEN CIRCUIT VOLTAGE 1.5 kV, 10/700 s 1 kV, 10/700 s 1.5 kV, 0.5/700 s 2.0 kV, 10/700 s 2.0 kV, 10/700 s SHORT CIRCUIT CURRENT 38 A, 5/310 s 25 A, 5/310 s 38 A, 0.2/310 s 50 A, 5/200 s 50 A, 5/310 s
CCITT IX K17 CCITT IX K20 RLM88 VDE 0433 FTZ R12
Any series resistance in the protected equipment will reduce the peak circuit current to less than the generators' short circuit value. A 2 kV open circuit voltage, 50 A short circuit current generator has an effective output impedance of 40 (2000/50). If the equipment has a series resistance of 25 then the surge current requirement of the TISP becomes 31 A (2000/65) and not 50 A.
PRODUCT
INFORMATION
9
TISP3072F3, TISP3082F3 DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
MARCH 1994 - REVISED SEPTEMBER 1997
APPLICATIONS INFORMATION
protection voltage
The protection voltage, (V(BO) ), increases under lightning surge conditions due to thyristor regeneration. This increase is dependent on the rate of current rise, di/dt, when the TISP is clamping the voltage in its breakdown region. The V(BO) value under surge conditions can be estimated by multiplying the 50 Hz rate V(BO) (250 V/ms) value by the normalised increase at the surge's di/dt (Figure 6.) . An estimate of the di/dt can be made from the surge generator voltage rate of rise, dv/dt, and the circuit resistance.
As an example, the CCITT IX K17 1.5 kV, 10/700 s surge has an average dv/dt of 150 V/s, but, as the rise is exponential, the initial dv/dt is higher, being in the region of 450 V/s. The instantaneous generator output resistance is 25 . If the equipment has an additional series resistance of 20 , the total series resistance becomes 45 . The maximum di/dt then can be estimated as 450/45 = 10 A/s. In practice the measured di/dt and protection voltage increase will be lower due to inductive effects and the finite slope resistance of the TISP breakdown region.
capacitance
off-state capacitance
The off-state capacitance of a TISP is sensitive to junction temperature, TJ , and the bias voltage, comprising of the dc voltage, VD , and the ac voltage, Vd . All the capacitance values in this data sheet are measured with an ac voltage of 100 mV. The typical 25C variation of capacitance value with ac bias is shown in Figure 17 When VD >> Vd the capacitance value is independent on the value of Vd . The capacitance is essentially constant over the range of normal telecommunication frequencies.
NORMALISED CAPACITANCE vs RMS AC TEST VOLTAGE
1.05
AIXXAA
1.00 Normalised Capacitance
0.95
0.90
0.85
0.80 Normalised to Vd = 100 mV DC Bias, VD = 0 0.70 1 10 100 1000 Vd - RMS AC Test Voltage - mV
0.75
Figure 17.
PRODUCT
INFORMATION
10
TISP3072F3, TISP3082F3 DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
MARCH 1994 - REVISED SEPTEMBER 1997
APPLICATIONS INFORMATION
longitudinal balance
Figure 18 shows a three terminal TISP with its equivalent "delta" capacitance Each capacitance, CTG , CRG and CTR , is the true terminal pair capacitance measured with a three terminal or guarded capacitance bridge. If wire R is biased at a larger potential than wire T then CTG > CRG . Capacitance CTG is equivalent to a capacitance of CRG in parallel with the capacitive difference of (C TG - CRG ). The line capacitive unbalance is due to (CTG - CRG ) and the capacitance shunting the line is CTR + CRG/2 .
Figure 18.
All capacitance measurements in this data sheet are three terminal guarded to allow the designer to accurately assess capacitive unbalance effects. Simple two terminal capacitance meters (unguarded third terminal) give false readings as the shunt capacitance via the third terminal is included.
PRODUCT
INFORMATION
11
TISP3072F3, TISP3082F3 DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
MARCH 1994 - REVISED SEPTEMBER 1997
MECHANICAL DATA
D008 plastic small-outline package
This small-outline package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
D008 5,00 (0.197) 4,80 (0.189) 8 7 6 5 Designation per JEDEC Std 30: PDSO-G8
6,20 (0.244) 5,80 (0.228)
4,00 (0.157) 3,81 (0.150)
1
2
3
4
1,75 (0.069) 1,35 (0.053)
7 NOM 3 Places
0,50 (0.020) x 45NOM 0,25 (0.010)
5,21 (0.205) 4,60 (0.181)
0,203 (0.008) 0,102 (0.004) 0,79 (0.031) 0,28 (0.011) Pin Spacing 1,27 (0.050) (see Note A) 6 Places
0,51 (0.020) 0,36 (0.014) 8 Places 0,229 (0.0090) 0,190 (0.0075)
7 NOM 4 Places
4 4
1,12 (0.044) 0,51 (0.020)
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
MDXXAA
NOTES: A. B. C. D.
Leads are within 0,25 (0.010) radius of true position at maximum material condition. Body dimensions do not include mold flash or protrusion. Mold flash or protrusion shall not exceed 0,15 (0.006). Lead tips to be planar within 0,051 (0.002).
PRODUCT
INFORMATION
12
TISP3072F3, TISP3082F3 DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
MARCH 1994 - REVISED SEPTEMBER 1997
MECHANICAL DATA
P008 plastic dual-in-line package
This dual-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions The package is intended for insertion in mounting-hole rows on 7,62 (0.300) centers. Once the leads are compressed and inserted, sufficient tension is provided to secure the package in the board during soldering. Leads require no additional cleaning or processing when used in soldered assembly.
P008 10,2 (0.400) MAX 8 7 6 5 Designation per JEDEC Std 30: PDIP-T8
Index Dot C L 7,87 (0.310) 7,37 (0.290) T.P. 6,60 (0.260) 6,10 (0.240) C L
1
2
3
4
1,78 (0.070) MAX 4 Places
5,08 (0.200) MAX Seating Plane 0,51 (0.020) MIN 105 90 8 Places
3,17 (0.125) MIN 2,54 (0.100) T.P. 6 Places (see Note A) 0,533 (0.021) 0,381 (0.015) 8 Places
0,36 (0.014) 0,20 (0.008) 8 Places
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES NOTE A: Each pin centerline is located within 0,25 (0.010) of its true longitudinal position
MDXXABA
PRODUCT
INFORMATION
13
TISP3072F3, TISP3082F3 DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
MARCH 1994 - REVISED SEPTEMBER 1997
MECHANICAL DATA
SL003 3-pin plastic single-in-line package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
SL003 10,2 (0.400) MAX 4,57 (0.180) MAX
8,31 (0.327) MAX Index Dot 12,9 (0.492) MAX
6,60 (0.260) 6,10 (0.240)
4,267 (0.168) MIN 1 2 3 Pin Spacing 2,54 (0.100) T.P. (see Note A) 2 Places
1,854 (0.073) MAX
0,356 (0.014) 0,203 (0.008) 3 Places
0,711 (0.028) 0,559 (0.022) 3 Places
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES NOTES: A. Each pin centerline is located within 0,25 (0.010) of its true longitudinal position. B. Body molding flash of up to 0,15 (0.006) may occur in the package lead plane.
MDXXAD
PRODUCT
INFORMATION
14
TISP3072F3, TISP3082F3 DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
MARCH 1994 - REVISED SEPTEMBER 1997
MECHANICAL DATA
D008 tape dimensions
D008 Package (8 pin SOIC) Single-Sprocket Tape
4,10 3,90 8,05 7,95 2,05 1,95
1,60 1,50 0,40 0,8 MIN.
5,55 5,45
12,30 11,70
6,50 6,30 Carrier Tape Embossment
o 1,5 MIN.
0 MIN. Direction of Feed 2,2 2,0
Cover Tape
ALL LINEAR DIMENSIONS IN MILLIMETERS
NOTES: A. Taped devices are supplied on a reel of the following dimensions:Reel diameter: Reel hub diameter: Reel axial hole: B. 2500 devices are on a reel. 330 +0,0/-4,0 mm 100 2,0 mm 13,0 0,2 mm
MDXXAT
PRODUCT
INFORMATION
15
TISP3072F3, TISP3082F3 DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
MARCH 1994 - REVISED SEPTEMBER 1997
IMPORTANT NOTICE
Power Innovations Limited (PI) reserves the right to make changes to its products or to discontinue any semiconductor product or service without notice, and advises its customers to verify, before placing orders, that the information being relied on is current. PI warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with PI's standard warranty. Testing and other quality control techniques are utilized to the extent PI deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed, except as mandated by government requirements. PI accepts no liability for applications assistance, customer product design, software performance, or infringement of patents or services described herein. Nor is any license, either express or implied, granted under any patent right, copyright, design right, or other intellectual property right of PI covering or relating to any combination, machine, or process in which such semiconductor products or services might be or are used. PI SEMICONDUCTOR PRODUCTS ARE NOT DESIGNED, INTENDED, AUTHORIZED, OR WARRANTED TO BE SUITABLE FOR USE IN LIFE-SUPPORT APPLICATIONS, DEVICES OR SYSTEMS.
Copyright (c) 1997, Power Innovations Limited
PRODUCT
INFORMATION
16


▲Up To Search▲   

 
Price & Availability of TISP3072F3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X