Part Number Hot Search : 
X25170AE BU450 X20061RS MX7547JN STP08DP 28512 ONTROL H15S4
Product Description
Full Text Search
 

To Download TEMD5000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TEMD5000
Vishay Telefunken
Silicon PIN Photodiode
Description
TEMD5000 is a high speed and high sensitive PIN photodiode in a miniature flat plastic package. Its top view construction makes it ideal as a low cost replacement of TO-5 devices in many applications. Due to its waterclear epoxy the device is sensitive to visible and infrared radiation. The large active area combined with a flat case gives a high sensitivity at a wide viewing angle.
Features
D D D D D D
Large radiant sensitive area (A=7.5 mm2) Wide angle of half sensitivity = 65 High photo sensitivity Fast response times Small junction capacitance Suitable for visible and near infrared radiation
12775
Applications
High speed photo detector
Absolute Maximum Ratings
Tamb = 25_C Parameter Reverse Voltage Power Dissipation Junction Temperature Storage Temperature Range Soldering Temperature Thermal Resistance Junction/Ambient Test Conditions Tamb Symbol VR PV Tj Tstg Tsd RthJA Value 60 215 100 -55...+100 260 350 Unit V mW C C C K/W
x 25 C
t
x3s
Document Number 81552 Rev. 3, 25-May-00
www.vishay.de * FaxBack +1-408-970-5600 1 (5)
TEMD5000
Vishay Telefunken Basic Characteristics
Tamb = 25_C Parameter Breakdown Voltage Reverse Dark Current Diode Capacitance Open Circuit Voltage Temp. Coefficient of Vo Short Circuit Current Temp. Coefficient of Ik Reverse Light Current g Test Conditions IR = 100 mA, E = 0 VR = 10 V, E = 0 VR = 0 V, f = 1 MHz, E = 0 VR = 3 V, f = 1 MHz, E = 0 Ee = 1 mW/cm2, l = 950 nm Ee = 1 mW/cm2, l = 950 nm EA = 1 klx Ee = 1 mW/cm2, l = 950 nm Ee = 1 mW/cm2, l = 950 nm EA = 1 klx, VR = 5 V Ee = 1 mW/cm2, l = 950 nm, VR = 5 V Symbol V(BR) Iro CD CD Vo TKVo Ik Ik TKIk Ira Ira Min 60 Typ 2 70 25 350 -2.6 70 50 0.1 75 55 65 900 600...1050 4x10-14 100 100 Max 30 40 Unit V nA pF pF mV mV/K
mA mA mA mA
%/K
40
Angle of Half Sensitivity Wavelength of Peak Sensitivity Range of Spectral Bandwidth Noise Equivalent Power VR = 10 V, l = 950 nm Rise Time VR = 10 V, RL = 1 kW, l = 820 nm Fall Time VR = 10 V, RL = 1 kW, l = 820 nm
lp l0.5
NEP tr tf
deg nm nm W/ Hz ns ns
Typical Characteristics (Tamb = 25_C unless otherwise specified)
I ra rel - Relative Reverse Light Current 1000 I ro - Reverse Dark Current ( nA ) 1.4
1.2
100
l=950nm
VR=5V
1.0
10
0.8
VR=10V 1 20 40 60 80 100
0.6 0
94 8416
20
40
60
80
100
94 8403
Tamb - Ambient Temperature ( C )
Tamb - Ambient Temperature ( C )
Figure 1. Reverse Dark Current vs. Ambient Temperature
Figure 2. Relative Reverse Light Current vs. Ambient Temperature
www.vishay.de * FaxBack +1-408-970-5600 2 (5)
Document Number 81552 Rev. 3, 25-May-00
TEMD5000
Vishay Telefunken
1000 Ira - Reverse Light Current ( m A ) CD - Diode Capacitance ( pF ) 80 E=0 f=1MHz 60
100
10
40
1
VR=5V l=950nm
20
0.1 0.01
12787
0 0.1 1 10
94 8407
0.1
1
10
100
Ee - Irradiance ( mW / cm2 )
VR - Reverse Voltage ( V )
Figure 3. Reverse Light Current vs. Irradiance
1000 Ira - Reverse Light Current ( m A )
Figure 6. Diode Capacitance vs. Reverse Voltage
S ( l ) rel - Relative Spectral Sensitivity
1.0 0.8 0.6 0.4 0.2 0 350
100
10 VR=5V 1
0.1 101
94 8418
102
103
104
94 8420
550
750
950
1150
EA - Illuminance ( lx )
l - Wavelength ( nm )
Figure 4. Reverse Light Current vs. Illuminance
100 Ira - Reverse Light Current ( m A ) 1 mW/cm2 0.5 mW/cm2
Figure 7. Relative Spectral Sensitivity vs. Wavelength
0 10 20 30
S rel - Relative Sensitivity
40 1.0 0.9 0.8 0.7 50 60 70 80
0.2 mW/cm2 10 0.1 mW/cm2 0.05 mW/cm2
1 0.1
12788
l=950nm
1
10
100
94 8406
0.6
0.4
0.2
0
0.2
0.4
0.6
VR - Reverse Voltage ( V )
Figure 5. Reverse Light Current vs. Reverse Voltage
Figure 8. Relative Radiant Sensitivity vs. Angular Displacement
Document Number 81552 Rev. 3, 25-May-00
www.vishay.de * FaxBack +1-408-970-5600 3 (5)
TEMD5000
Vishay Telefunken Dimensions in mm
12774
www.vishay.de * FaxBack +1-408-970-5600 4 (5)
Document Number 81552 Rev. 3, 25-May-00
TEMD5000
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
Document Number 81552 Rev. 3, 25-May-00
www.vishay.de * FaxBack +1-408-970-5600 5 (5)


▲Up To Search▲   

 
Price & Availability of TEMD5000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X