Part Number Hot Search : 
2SK1585 PN2483 TX0275A KV2302 DS121 010VG MMAD1107 P160J
Product Description
Full Text Search
 

To Download STP4NC60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP4NC60 - STP4NC60FP STB4NC60-1
N-CHANNEL 600V - 1.8 - 4.2A TO-220/TO-220FP/I2PAK PowerMeshTMII MOSFET
TYPE STP4NC60 STP4NC60FP STB4NC60-1
s s s s s
VDSS 600V 600V 600V
RDS(on) < 2.2 < 2.2 < 2.2
ID 4.2A 4.2A 4.2A
3 1 2
TYPICAL RDS(on) = 1.8 EXTREMELY HIGH dv/dt CAPABILITY 100% AVALANCHE TESTED NEW HIGH VOLTAGE BENCHMARK GATE CHARGE MINIMIZED
TO-220
TO-220FP
DESCRIPTION The PowerMESHTMII is the evolution of the first generation of MESH OVERLAYTM. The layout refinements introduced greatly improve the Ron*area figure of merit while keeping the device at the leading edge for what concerns swithing speed, gate charge and ruggedness. APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s SWITH MODE POWER SUPPLIES (SMPS) s DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVERS
I PAK (Tabless TO-220)
2
12
3
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol VDS VDGR VGS ID ID IDM ( ) PTOT dv/dt(1) VISO Tstg Tj Parameter Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuos) at TC = 25C Drain Current (continuos) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Peak Diode Recovery voltage slope Insulation Withstand Voltage (DC) Storage Temperature Max. Operating Junction Temperature 4.2 2.6 16.8 100 0.8 3.5 -65 to 150
(*)Limited only by maximum Temperature allowed
Value STP(B)4NC60(-1) 600 600 30 4.2(*) 2.6(*) 16.8(*) 35 0.28 3.5 2500 STP4NC60FP
Unit V V V A A A W W/C V/ns V C
(*)Pulse width limited by safe operating area (1)ISD 4.2A, di/dt 300A/s, VDD V(BR)DSS, Tj T JMAX.
April 2003
1/10
STP4NC60/FP/STB4NC60-1
THERMAL DATA
TO-220/I2PAK Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Maximum Lead Temperature For Soldering Purpose 1.25 62.5 300 TO-220FP 3.57 C/W C/W C
AVALANCHE CHARACTERISTICS
Symbol IAR EAS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 C, ID = IAR, VDD = 50 V) Max Value 4.2 250 Unit A mJ
ELECTRICAL CHARACTERISTICS (TCASE = 25 C UNLESS OTHERWISE SPECIFIED) OFF
Symbol V(BR)DSS IDSS IGSS Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Test Conditions ID = 250 A, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 30V Min. 600 1 50 100 Typ. Max. Unit V A A nA
ON (1)
Symbol VGS(th) RDS(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance Test Conditions VDS = VGS, ID = 250A VGS = 10V, ID =1.5 A Min. 2 Typ. 3 1.8 Max. 4 2.2 Unit V
DYNAMIC
Symbol gfs (1) Ciss Coss Crss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VDS > ID(on) x RDS(on)max, ID = 2A VDS = 25V, f = 1 MHz, VGS = 0 Min. Typ. 3.7 475 72 10 Max. Unit S pF pF pF
2/10
STP4NC60/FP/STB4NC60-1
ELECTRICAL CHARACTERISTICS (CONTINUED) SWITCHING ON
Symbol td(on) tr Qg Qgs Qgd Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VDD = 300V, ID = 2A RG = 4.7 VGS = 10V (see test circuit, Figure 3) VDD = 480V, ID = 4A, VGS = 10V Min. Typ. 14 14 16.5 2.5 9 23.1 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbol tr(Voff) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Conditions VDD = 480V, ID = 4A, RG = 4.7, VGS = 10V (see test circuit, Figure 5) Min. Typ. 15 19 24 Max. Unit ns ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM (2) VSD (1) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 4.2A, VGS = 0 ISD = 4A, di/dt = 100A/s, VDD = 100V, Tj = 150C (see test circuit, Figure 5) 600 2.7 9 Test Conditions Min. Typ. Max. 4.2 16.8 1.6 Unit A A V ns C A
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area.
Safe Operating Area for TO-220 / I2PAK
Safe Operating Area for TO-220FP
3/10
STP4NC60/FP/STB4NC60-1
Thermal Impedance for To-220 / IPAK Thermal Impedance for TO-220FP
Output Characteristics
Transfer Characteristics
Transconductance
Static Drain-source On Resistance
4/10
STP4NC60/FP/STB4NC60-1
Gate Charge vs Gate-source Voltage Capacitance Variations
Normalized Gate Thereshold Voltage vs Temp.
Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
5/10
STP4NC60/FP/STB4NC60-1
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/10
STP4NC60/FP/STB4NC60-1
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
A
C
D1
L2
D
F1
G1
E
Dia. L5 L7 L6 L4
P011C
L9
F2
F
G
H2
7/10
STP4NC60/FP/STB4NC60-1
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.5 1.5 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1
D
F
G1 H
F2
L2 L5
E
123
L4
8/10
G
STP4NC60/FP/STB4NC60-1
TO-262 (I2PAK) MECHANICAL DATA
mm MIN. A A1 B B2 C C2 D e E L L1 L2 4.4 2.49 0.7 1.14 0.45 1.23 8.95 2.4 10 13.1 3.48 1.27 TYP. MAX. 4.6 2.69 0.93 1.7 0.6 1.36 9.35 2.7 10.4 13.6 3.78 1.4 MIN. 0.173 0.098 0.027 0.044 0.017 0.048 0.352 0.094 0.393 0.515 0.137 0.050 inch TYP. MAX. 0.181 0.106 0.036 0.067 0.023 0.053 0.368 0.106 0.409 0.531 0.149 0.055
DIM.
A
C2
B2
B
E
L1 L2 D L
P011P5/E
e
A1
C
9/10
STP4NC60/FP/STB4NC60-1
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2000 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of STP4NC60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X