Part Number Hot Search : 
PHC20306 2SD2556 NTE616 XXXGP MAX20271 1002D SD850 2SK22
Product Description
Full Text Search
 

To Download ST16C554DC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST16C554/554D ST68C554
QUAD UART WITH 16-BYTE FIFOS
DESCRIPTION
The ST16C554D is a universal asynchronous receiver and transmitter (UART) with a dual foot print interface. The 554D is an enhanced UART with 16 byte FIFOs, receive trigger levels and data rates up to 1.5Mbps. Onboard status registers provide the user with error indications and operational status, modem interface control. System interrupts may be tailored to meet user requirements. An internal loopback capability allows onboard diagnostics. The 554D is available in 64 pin TQFP, and 68 pin PLCC packages. The 68 pin PLCC package offer an additional 68 mode which allows easy integration with Motorola, and other popular microprocessors. The ST16C554CQ64 (64 pin) offers three state interrupt control while the ST16C554DCQ64 provides constant active interrupt outputs. The 64 pin devices do not offer TXRDY/ RXRDY outputs. The 554D combines the package interface modes of the 16C554 and 68C554 series on a single integrated chip.
PLCC Package
INTSEL -CDD 61 60 59 58 57 56 55 54 -CDA GND VCC RXD 63 RXA -RID 62 -RIA
D7
D6
D5
D4
D3
D2
D1 67
68
66
D0
65
-DSRA -CTSA -DTRA VCC -RTSA INTA -CSA TXA -IOW TXB -CSB INTB -RTSB GND -DTRB -CTSB -DSRB
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
64
9
8
7
6
5
4
3
2
1
-DSRD -CTSD -DTRD GND -RTSD INTD -CSD TXD -IOR TXC -CSC INTC -RTSC VCC -DTRC -CTSC -DSRC
ST16C554DCJ68 16 MODE
53 52 51 50 49 48 47 46 45 44
-CDB
RXB
VCC
RXC
-RIC
-RXRDY
-TXRDY
16/-68
RESET
XTAL1
XTAL2
* Compatibility with the Industry Standard ST16C454, ST68C454, ST68C554, TL16C554 * 1.5 Mbps transmit/receive operation (24MHz) * 16 byte transmit FIFO * 16 byte receive FIFO with error flags * Independent transmit and receive control * Software selectable Baud Rate Generator * Four selectable Receive FIFO interrupt trigger levels * Standard modem interface
ORDERING INFORMATION
Part number
ST16C554DCJ68 ST16C554DCQ64 ST16C554CQ64 ST16C554DIJ68 ST16C554DIQ64
68 64 64 68 64
Pins
PLCC TQFP TQFP PLCC TQFP
Package Operating temperature
0 C to + 70 C 0 C to + 70 C 0 C to + 70 C -40 C to + 85 C -40 C to + 85 C
Rev. 3.10 EXAR Corporation, 48720 Kato Road, Fremont, CA 94538 * (510) 668-7000 * FAX (510) 668-7017
-CDC
A2
A1
A0
GND
-RIB
FEATURES
ST16C554/554D/68C554
Figure 1, Package Descriptions
64 Pin TQFP Package
-CDD -CDA GND -CDA VCC RXD RXA -RID -RIA -RIA D7 D6 D5 D4 D3 D2 D1 D0
68 Pin PLCC Package
-CDD 61 60 59 58 57 56 55 54 GND VCC RXD 63 RXA -RID 62 N.C. 65 D7 D6 D5 D4 D3 D2 D1 67 D0 66
68
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
-DSRA -CTSA -DTRA VCC -RTSA INTA -CSA TXA -IOW -TXB -CSB INTB -RTSB GND -DTRB -CTSB
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
48 47 46 45 44 43 42
-DSRD -CTSD -DTRD GND -RTSD INTD -CSD TXD -IOR TXC -CSC INTC -RTSC VCC -DTRC -CTSC
-DSRA -CTSA -DTRA VCC -RTSA -IRQ -CS TXA R/-W TXB A3 N.C. -RTSB GND -DTRB -CTSB -DSRB
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
64
9
8
7
6
5
4
3
2
1
-DSRD -CTSD -DTRD GND -RTSD N.C. N.C. TXD N.C. TXC A4 N.C. -RTSC VCC -DTRC -CTSC -DSRC
ST16C554CQ64 ST16C554DCQ64
41 40 39 38 37 36 35 34 33
ST16C554DCJ68 68 MODE
53 52 51 50 49 48 47 46 45 44
VCC
GND
RXC
RESET
-DSRC
-DSRB
XTAL1
XTAL2
-CDC
RXB
-RIB
A2
A1
A0
-CDB
-RIC
-CDB
RXB
VCC
RXC
-RIC
-RXRDY
-TXRDY
16/-68
-RESET
XTAL1
XTAL2
Rev. 3.10
2
-CDC
A2
A1
A0
GND
-RIB
ST16C554/554D/68C554
Figure 2, Block Diagram 16 Mode
D0-D7 -IOR -IOW RESET
Data bus & Control Logic
Transmit FIFO Registers
Transmit Shift Register
TX A-D
Inter Connect Bus Lines & Control signals
A0-A2 -CS A-D
Receive FIFO Registers
Receive Shift Register
Register Select Logic
RX A-D
INTSEL
Interrupt Control Logic
INT A-D -RXRDY -TXRDY
-DTR A-D -RTS A-D Clock & Baud Rate Generator Modem Control Logic -CTS A-D -RI A-D -CD A-D -DSR A-D
XTAL1 XTAL2
Rev. 3.10
3
ST16C554/554D/68C554
Figure 3, Block Diagram 68 Mode
D0-D7 R/-W -RESET
Data bus & Control Logic
Transmit FIFO Registers
Transmit Shift Register
TX A-D
A0-A4 -CS
Inter Connect Bus Lines & Control signals
Receive FIFO Registers
Receive Shift Register
Register Select Logic
RX A-D
-IRQ -RXRDY -TXRDY
Interrupt Control Logic
-DTR A-D -RTS A-D Modem Control Logic -CTS A-D -RI A-D -CD A-D -DSR A-D
XTAL1 XTAL2
Rev. 3.10
4
Clock & Baud Rate Generator
ST16C554/554D/68C554
SYMBOL DESCRIPTION
Symbol 16/-68
68 31
Pin
64 -
Signal type I
Pin Description 16/68 Interface Type Select (input with internal pull-up). This input provides the 16 (Intel) or 68 (Motorola) bus interface type select. The functions of -IOR, -IOW, INT AD, and -CS A-D are re-assigned with the logical state of this pin. When this pin is a logic 1, the 16 mode interface 16C554D is selected. When this pin is a logic 0, the 68 mode interface (68C554) is selected. When this pin is a logic 0, IOW is re-assigned to -R/W, RESET is re-assigned to RESET, -IOR is not used, and INT A-D(s) are connected in a WIRE-OR configuration. The WIRE-OR outputs are connected internally to the open source IRQ signal output. This pin is not available on 64 pin packages which operate in the 16 mode only. Address-0 Select Bit. Internal registers address selection in 16 and 68 modes. Address-1 Select Bit. Internal registers address selection in 16 and 68 modes. Address-2 Select Bit. - Internal registers address selection in 16 and 68 modes. Address 3-4 Select Bits. - When the 68 mode is selected, these pins are used to address or select individual UARTs (providing -CS is a logic 0). In the 16 mode, these pins are reassigned as chip selects, see -CSB and -CSC. These pins are not available on 64 pin packages which operate in the 16 mode only. Chip Select. (active low) - In the 68 mode, this pin functions as a multiple channel chip enable. In this case, all four UARTs (A-D) are enabled when the -CS pin is a logic 0. An individual UART channel is selected by the data contents of address bits A3-A4. When the 16 mode is selected (68 pin device), this pin functions as -CSA, see definition under -CS A-B. This pin is not available on 64 pin packages which operate in the 16 mode only.
A0 A1 A2 A3-A4
34 33 32 20,50
24 23 22 -
I I I I
-CS
16
-
I
Rev. 3.10
5
ST16C554/554D/68C554
SYMBOL DESCRIPTION
Symbol -CS A-B -CS C-D
68 16,20 50,54
Pin
64 7,11 38,42
Signal type I
Pin Description
Chip Select A, B, C, D (active low) - This function is associated with the 16 mode only, and for individual channels, A through D. When in 16 Mode, these pins enable data transfers between the user CPU and the ST16C554D for the channel(s) addressed. Individual UART sections (A, B, C, D) are addressed by providing a logic 0 on the respective -CS A-D pin. When the 68 mode is selected, the functions of these pins are reassigned. 68 mode functions are described under the their respective name/pin headings. Data Bus (Bi-directional) - These pins are the eight bit, three state data bus for transferring information to or from the controlling CPU. D0 is the least significant bit and the first data bit in a transmit or receive serial data stream. Signal and power ground. Interrupt A, B, C, D (active high) - This function is associated with the 16 mode only. These pins provide individual channel interrupts, INT A-D. INT A-D are enabled when MCR bit-3 is set to a logic 1, interrupts are enabled in the interrupt enable register (IER), and when an interrupt condition exists. Interrupt conditions include: receiver errors, available receiver buffer data, transmit buffer empty, or when a modem status flag is detected. When the 68 mode is selected, the functions of these pins are reassigned. 68 mode functions are described under the their respective name/pin headings. Interrupt Select. (active high, with internal pull-down) - This function is associated with the 16 mode only. When the 16 mode is selected, this pin can be used in conjunction with MCR bit-3 to enable or disable the three state interrupts, INT A-D or override MCR bit-3 and force continuous interrupts. Interrupt outputs are enabled continuously by making this
D0-D2 D3-D7
66-68 1-5
53-55 56-60
I/O
GND GND INT A-B INT C-D
6,23 40,57 15,21 49,55
14,28 45,61 6,12 37,43
Pwr O
INTSEL
65
-
I
Rev. 3.10
6
ST16C554/554D/68C554
SYMBOL DESCRIPTION
Symbol
68
Pin
64
Signal type
Pin Description pin a logic 1. Making this pin a logic 0 allows MCR bit-3 to control the three state interrupt output. In this mode, MCR bit-3 is set to a logic 1 to enable the three state outputs. This pin is disabled in the 68 mode. Due to pin limitations on 64 pin packages, this pin is not available. To cover this limitation, two 64 pin QFP package versions are offered. The ST16C554DCQ64 operates in the continuos interrupt enable mode by bonded this pin to VCC internally. The ST16C554CQ64 operates with MCR bit-3 control by bonding this pin to GND.
-IOR
52
40
I
Read strobe. (active low Strobe) - This function is associated with the 16 mode only. A logic 0 transition on this pin will load the contents of an Internal register defined by address bits A0-A2 onto the ST16C554D data bus (D0-D7) for access by an external CPU. This pin is disabled in the 68 mode. Write strobe. (active low strobe) - This function is associated with the 16 mode only. A logic 0 transition on this pin will transfer the contents of the data bus (D0-D7) from the external CPU to an internal register that is defined by address bits A0/A2. When the 16 mode is selected, this pin functions as -R/W, see definition under R/W. Interrupt Request or Interrupt A - This function is associated with the 68 mode only. In the 68 mode, interrupts from UART channels A-D are WIRE-ORed internally to function as a single IRQ interrupt. This pin transitions to a logic 0 (if enabled by the interrupt enable register) whenever a UART channel(s) requires service. Individual channel interrupt status can be determined by addressing each channel through its associated internal register, using -CS and A3A4. In the 68 mode an external pull-up resistor must be connected between this pin and VCC. The function of this pin changes to INTA when operating in the 16 mode, see definition under INTA.
-IOW
18
9
I
-IRQ
15
-
O
Rev. 3.10
7
ST16C554/554D/68C554
SYMBOL DESCRIPTION
Symbol -RESET RESET
68 37
Pin
64 27
Signal type I
Pin Description
Reset. - In the 16 mode a logic 1 on this pin will reset the internal registers and all the outputs. The UART transmitter output and the receiver input will be disabled during reset time. (See ST16C554D External Reset Conditions for initialization details.) When 16/-68 is a logic 0 (68 mode), this pin functions similarly but, as an inverted reset interface signal, -RESET. Read/Write Strobe (active low) - This function is associated with the 68 mode only. This pin provides the combined functions for Read or Write strobes. A logic 1 to 0 transition transfers the contents of the CPU data bus (D0-D7) to the register selected by -CS and A0-A4. Similarly a logic 0 to 1 transition places the contents of a 554D register selected by -CS and A0-A4 on the data bus, D0-D7, for transfer to an external CPU. Receive Ready (active low) - This function is associated with 68 pin packages only. -RXRDY contains the wire ORed status of all four receive channel FIFOs, RXRDY A-D. A logic 0 indicates receive data ready status, i.e. the RHR is full or the FIFO has one or more RX characters available for unloading. This pin goes to a logic 1 when the FIFO/RHR is full or when there are no more characters available in either the FIFO or RHR. For 64/68 pin packages, individual channel RX status is read by examining individual internal registers via -CS and A0-A4 pin functions. Transmit Ready (active low) - This function is associated with 68 pin package only. -TXRDY contains the wire ORed status of all four transmit channel FIFOs, TXRDY A-D. A logic 0 indicates a buffer ready status, i.e., at least one location is empty and available in one of the TX channels (AD). This pin goes to a logic 1 when all four channels have no more empty locations in the TX FIFO or THR. Power supply inputs.
-R/W
18
-
I
-RXRDY
38
-
O
-TXRDY
39
-
O
VCC VCC
13 47,64
4,21 35,52
I
Rev. 3.10
8
ST16C554/554D/68C554
SYMBOL DESCRIPTION
Symbol XTAL1
68 35
Pin
64 25
Signal type I
Pin Description Crystal or External Clock Input - Functions as a crystal input or as an external clock input. A crystal can be connected between this pin and XTAL2 to form an internal oscillator circuit (see figure 8). Alternatively, an external clock can be connected to this pin to provide custom data rates (see Baud Rate Generator Programming). Output of the Crystal Oscillator or Buffered Clock - (See also XTAL1). Crystal oscillator output or buffered clock output. Carrier Detect (active low) - These inputs are associated with individual UART channels A through D. A logic 0 on this pin indicates that a carrier has been detected by the modem for that channel. Clear to Send (active low) - These inputs are associated with individual UART channels, A through D. A logic 0 on the CTS pin indicates the modem or data set is ready to accept transmit data from the 554D. Status can be tested by reading MSR bit-4. Data Set Ready (active low) - These inputs are associated with individual UART channels, A through D. A logic 0 on this pin indicates the modem or data set is powered-on and is ready for data exchange with the UART. This pin has no effect on the UARTs transmit or receive operation. This pin has no effect on the UARTs transmit or receive operation. Data Terminal Ready (active low) - These inputs are associated with individual UART channels, A through D. A logic 0 on this pin indicates that the 554D is powered-on and ready. This pin can be controlled via the modem control register. Writing a logic 1 to MCR bit-0 will set the -DTR output to logic 0, enabling the modem. This pin will be a logic 1 after writing a logic 0 to MCR bit-0. This pin has no effect on the UARTs transmit or receive operation.
XTAL2 -CD A-B -CD C-D
36 9,27 43,61
26 64,18 31,49
O
I
-CTS A-B -CTS C-D
11,25 45,59
2,16 33,47
I
-DSR A-B -DSR C-D
10,26 44,60
1,17 32,48
I
-DTR A-B -DTR C-D
12,24 46,58
3,15 34,46
O
Rev. 3.10
9
ST16C554/554D/68C554
SYMBOL DESCRIPTION
Symbol -RI A-B -RI C-D
68 8,28 42,62
Pin
64 63,19 30,50
Signal type I
Pin Description
Ring Indicator (active low) - These inputs are associated with individual UART channels, A through D. A logic 0 on this pin indicates the modem has received a ringing signal from the telephone line. A logic 1 transition on this input pin will generate an interrupt. Request to Send (active low) - These outputs are associated with individual UART channels, A through D. A logic 0 on the -RTS pin indicates the transmitter has data ready and waiting to send. Writing a logic 1 in the modem control register (MCR bit-1) will set this pin to a logic 0 indicating data is available. After a reset this pin will be set to a logic 1. This pin has no effect on the UARTs transmit or receive operation. Receive Data Input RX A-D. - These inputs are associated with individual serial channel data to the ST16C554D. The RX signal will be a logic 1 during reset, idle (no data), or when the transmitter is disabled. During the local loopback mode, the RX input pin is disabled and TX data is internally connected to the UART RX Input, internally. Transmit Data - These outputs are associated with individual serial transmit channel data from the 554D. The TX signal will be a logic 1 during reset, idle (no data), or when the transmitter is disabled. During the local loopback mode, the TX input pin is disabled and TX data is internally connected to the UART RX Input.
-RTS A-B -RTS C-D
14,22 48,56
5,13 36,44
O
RX A-B RX C-D
7,29 41,63
62,20 29,51
I
TX A-B TX C-D
17,19 51,53
8,10 39,41
O
Rev. 3.10
10
ST16C554/554D/68C554
GENERAL DESCRIPTION
The 554D provides serial asynchronous receive data synchronization, parallel-to-serial and serial-to-parallel data conversions for both the transmitter and receiver sections. These functions are necessary for converting the serial data stream into parallel data that is required with digital data systems. Synchronization for the serial data stream is accomplished by adding start and stops bits to the transmit data to form a data character (character orientated protocol). Data integrity is insured by attaching a parity bit to the data character. The parity bit is checked by the receiver for any transmission bit errors. The electronic circuitry to provide all these functions is fairly complex especially when manufactured on a single integrated silicon chip. The ST16C554D represents such an integration with greatly enhanced features. The 554D is fabricated with an advanced CMOS process to achieve low drain power and high speed requirements. The 554D is an upward solution that provides 16 bytes of transmit and receive FIFO memory, instead of 1 bytes provided in the 16/68C454. The 554D is designed to work with high speed modems and shared network environments, that require fast data processing time. Increased performance is realized in the 554D by the larger transmit and receive FIFOs. This allows the external processor to handle more networking tasks within a given time. This increases the service interval giving the external CPU additional time for other applications and reducing the overall UART interrupt servicing time. The 554D combines the package interface modes of the 16C554D and 68C554 series on a single integrated chip. The 16 mode interface is designed to operate with the Intel type of microprocessor bus while the 68 mode is intended to operate with Motorola, and other popular microprocessors. Following a reset, the 554D is down-ward compatible with the ST16C454/ ST68C454 dependent on the state of the interface mode selection pin, 16/-68. The 554D is capable of operation to 1.5Mbps with a 24 MHz crystal or external clock input. With a crystal of 14.7464 MHz, the user can select data rates up to
921.6Kbps. The rich feature set of the 554D is available through internal registers. Selectable receive FIFO trigger levels, selectable TX and RX baud rates, modem interface controls. In the 16 mode INTSEL and MCR bit-3 can be configured to provide a software controlled or continuous interrupt capability. Due of pin limitations for the 64 pin 554D this feature is offered by two different QFP packages. The ST16C554DCQ64 operates in the continuos interrupt enable mode by bonded INTSEL to VCC internally. The ST16C554CQ64 operates in conjunction with MCR bit-3 by bonding INTSEL to GND internally.
FUNCTIONAL DESCRIPTIONS
Interface Options Two user interface modes are selectable for the 554D package. These interface modes are designated as the 16 mode and the 68 mode. This nomenclature corresponds to the early 16C554D and 68C554 package interfaces respectively. The 16 Mode Interface The 16 mode configures the package interface pins for connection as a standard 16 series (Intel) device and operates similar to the standard CPU interface available on the 16C554D. In the 16 mode (pin 16/-68 logic 1) each UART is selected with individual chip select (CSx) pins as shown in Table 2 below. Table 2, SERIAL PORT CHANNEL SELECTION GUIDE, 16 MODE INTERFACE -CSA 1 0 1 1 1 -CSB 1 1 0 1 1 -CSC 1 1 1 0 1 -CSD 1 1 1 1 0 UART CHANNEL None A B C D
Rev. 3.10
11
ST16C554/554D/68C554
The 68 Mode Interface The 68 mode configures the package interface pins for connection with Motorola, and other popular microprocessor bus types. The interface operates similar to the 68C454/554. In this mode the 554D decodes two additional addresses, A3-A4 to select one of the four UART ports. The A3-A4 address decode function is used only when in the 68 mode (16/-68 logic 0), and is shown in Table 3 below. Table 3, SERIAL PORT CHANNEL SELECTION GUIDE, 68 MODE INTERFACE -CS 1 0 0 0 0 A4 N/A 0 0 1 1 A3 N/A 0 1 0 1 UART CHANNEL None A B C D
Internal Registers The 554D provides 13 internal registers for monitoring and control. These resisters are shown in Table 4 below. Twelve registers are similar to those already available in the standard 16C454. These registers function as data holding registers (THR/RHR), interrupt status and control registers (IER/ISR), line status and control registers (LCR/LSR), modem status and control registers (MCR/MSR), programmable data rate (clock) control registers (DLL/DLM), and a user assessable scratchpad register (SPR). Register functions are more fully described in the following paragraphs.
Table 4, INTERNAL REGISTER DECODE
A2 A1 A0 READ MODE WRITE MODE
General Register Set (THR/RHR, IER/ISR, MCR/MSR, LCR/LSR, SPR): 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 Receive Holding Register Interrupt Status Register Line Status Register Modem Status Register Scratchpad Register Transmit Holding Register Interrupt Enable Register FIFO Control Register Line Control Register Modem Control Register Scratchpad Register
Baud Rate Register Set (DLL/DLM): Note *2 0 0 0 0 0 1 LSB of Divisor Latch MSB of Divisor Latch LSB of Divisor Latch MSB of Divisor Latch
Note *2: These registers are accessible only when LCR bit-7 is set to a logic 1. Rev. 3.10
12
ST16C554/554D/68C554
FIFO Operation The 16 byte transmit and receive data FIFOs are enabled by the FIFO Control Register (FCR) bit-0. With 16C554 devices, the user can only set the receive trigger level. The receiver FIFO section includes a time-out function to ensure data is delivered to the external CPU. An interrupt is generated whenever the Receive Holding Register (RHR) has not been read following the loading of a character or the receive trigger level has not been reached. Timeout Interrupts The interrupts are enabled by IER bits 0-3. Care must be taken when handling these interrupts. Following a reset the transmitter interrupt is enabled, the 554D will issue an interrupt to indicate that transmit holding register is empty. This interrupt must be serviced prior to continuing operations. The LSR register provides the current singular highest priority interrupt only. Servicing the interrupt without investigating further interrupt conditions can result in data errors. When two interrupt conditions have the same priority, it is important to service these interrupts correctly. Receive Data Ready and Receive Time Out have the same interrupt priority (when enabled by IER bit-0). The receiver issues an interrupt after the number of characters have reached the programmed trigger level. In this case the 554D FIFO may hold more characters than the programmed trigger level. Following the removal of a data byte, the user should recheck LSR bit-0 for additional characters. A Receive Time Out will not occur if the receive FIFO is empty. The time out counter is reset at the center of each stop bit received or each time the receive holding register (RHR) is read. The actual time out value is T (Time out length in bits) = 4 X P (Programmed word length) + 12. To convert the time out value to a character value, the user has to consider the complete word length, including data information length, start bit, parity bit, and the size of stop bit, i.e., 1X, 1.5X, or 2X bit times. Example -A: If the user programs a word length of 7, with no parity and one stop bit, the time out will be: T = 4 X 7( programmed word length) +12 = 40 bit times. The character time will be equal to 40 / 9 = 4.4 Rev. 3.10
13
characters, or as shown in the fully worked out example: T = [(programmed word length = 7) + (stop bit = 1) + (start bit = 1) = 9]. 40 (bit times divided by 9) = 4.4 characters. Example -B: If the user programs the word length = 7, with parity and one stop bit, the time out will be: T = 4 X 7(programmed word length) + 12 = 40 bit times. Character time = 40 / 10 [ (programmed word length = 7) + (parity = 1) + (stop bit = 1) + (start bit = 1) = 4 characters. In the 16 mode for 68 pin packages, the system/board designer can optionally provide software controlled three state interrupt operation. This is accomplished by INTSEL and MCR bit-3. When INTSEL interface pin is left open or made a logic 0, MCR bit-3 controls the three state interrupt outputs, INT A-D. When INTSEL is a logic 1, MCR bit-3 has no effect on the INT A-D outputs and the package operates with interrupt outputs enabled continuously. Programmable Baud Rate Generator The 554D supports high speed modem technologies that have increased input data rates by employing data compression schemes. For example a 33.6Kbps modem that employs data compression may require a 115.2Kbps input data rate. A 128.0Kbps ISDN modem that supports data compression may need an input data rate of 460.8Kbps. The 554D can support a standard data rate of 921.6Kbps. Single baud rate generator is provided for the transmitter and receiver, allowing independent TX/ RX channel control. The programmable Baud Rate Generator is capable of accepting an input clock up to 24 MHz, as required for supporting a 1.5Mbps data rate. The 554D can be configured for internal or external clock operation. For internal clock oscillator operation, an industry standard microprocessor crystal (parallel resonant/ 22-33 pF load) is connected externally between the XTAL1 and XTAL2 pins (see figure 8). Alternatively, an external clock can be connected to the XTAL1 pin to clock the internal baud rate generator for standard or custom rates. (see Baud Rate Generator Programming).
ST16C554/554D/68C554
The generator divides the input 16X clock by any divisor from 1 to 216 -1. The 554D divides the basic crystal or external clock by 16. Further division of this 16X clock provides two table rates to support low and high data rate applications using the same system design. Customized Baud Rates can be achieved by selecting the proper divisor values for the MSB and LSB sections of baud rate generator. Programming the Baud Rate Generator Registers DLM (MSB) and DLL (LSB) provides a user capability for selecting the desired final baud rate. The example in Table 5 below, shows the two selectable baud rate tables available when using a 7.3728 MHz crystal.
Figure 8, Crystal oscillator connection
XTAL1
X1 1.8432 MHz C1 22pF C2 33pF
Table 5, BAUD RATE GENERATOR PROGRAMMING TABLE: Output Output User Baud Rate Baud Rate 16 x Clock (1.8432 MHz (7.3728 MHz Divisor Clock) Clock) (Decimal) 50 300 600 1200 2400 4800 9600 19.2k 38.4k 57.6k 115.2k 200 1200 2400 4800 9600 19.2K 38.4k 76.8k 153.6k 230.4k 460.8k 2304 384 192 96 48 24 12 6 3 2 1 User 16 x Clock Divisor (HEX) 900 180 C0 60 30 18 0C 06 03 02 01 DLM Program Value (HEX) 09 01 00 00 00 00 00 00 00 00 00 DLL Program Value (HEX) 00 80 C0 60 30 18 0C 06 03 02 01
Rev. 3.10
14
XTAL2
ST16C554/554D/68C554
DMA Operation The 554D FIFO trigger level provides additional flexibility to the user for block mode operation. LSR bits 5-6 provide an indication when the transmitter is empty or has an empty location(s). The user can optionally operate the transmit and receive FIFOs in the DMA mode (FCR bit-3). When the transmit and receive FIFOs are enabled and the DMA mode is deactivated (DMA Mode 0), the 554D activates the interrupt output pin for each data transmit or receive operation. When DMA mode is activated (DMA Mode 1), the user takes the advantage of block mode operation by loading or unloading the FIFO in a block sequence determined by the preset trigger level. In this mode, the 554D sets the interrupt output pin when characters in the transmit FIFOs are below the transmit trigger level, or the characters in the receive FIFOs are above the receive trigger level. Loopback Mode The internal loopback capability allows onboard diagnostics. In the loopback mode the normal modem interface pins are disconnected and reconfigured for loopback internally. MCR register bits 0-3 are used for controlling loopback diagnostic testing. In the loopback mode OP1 and OP2 in the MCR register (bits 3/2) control the modem -RI and -CD inputs respectively. MCR signals -DTR and -RTS (bits 0-1) are used to control the modem -CTS and -DSR inputs respectively. The transmitter output (TX) and the receiver input (RX) are disconnected from their associated interface pins, and instead are connected together internally (See Figure 12). The -CTS, -DSR, CD, and -RI are disconnected from their normal modem control inputs pins, and instead are connected internally to -DTR, -RTS, -OP1 and -OP2. Loopback test data is entered into the transmit holding register via the user data bus interface, D0-D7. The transmit UART serializes the data and passes the serial data to the receive UART via the internal loopback connection. The receive UART converts the serial data back into parallel data that is then made available at the user data interface, D0-D7. The user optionally compares the received data to the initial transmitted data for verifying error free operation of the UART TX/RX circuits. Rev. 3.10
15
In this mode, the receiver and transmitter interrupts are fully operational. The Modem Control Interrupts are also operational. However, the interrupts can only be read using lower four bits of the Modem Control Register (MCR bits 0-3) instead of the four Modem Status Register bits 4-7. The interrupts are still controlled by the IER.
ST16C554/554D/68C554
Figure 12, INTERNAL LOOPBACK MODE DIAGRAM
Receive FIFO Registers I n te r C o n n e ct B u s L in es & C o n tr o l s ig n a ls Register Select Logic
Receive Shift Register
MCR Bit-4=1 RX A-D -RTS A-D -CD A-D -DTR A-D Modem Control Logic -RI A-D (-OP1 A-D) -DSR A-D (-OP2 A-D) -CTS A-D
16
D0-D7 -IOR,-IOW RESET
A0-A2 -CS A-D
INT A-D -RXRDY -TXRDY
XTAL1 XTAL2
Rev. 3.10
Clock & Baud Rate Generator
Interrupt Control Logic
Data bus & Control Logic
Transmit FIFO Registers
Transmit Shift Register
TX A-D
ST16C554/554D/68C554
REGISTER FUNCTIONAL DESCRIPTIONS
The following table delineates the assigned bit functions for the fifteen 554D internal registers. The assigned bit functions are more fully defined in the following paragraphs.
Table 6, ST16C554D INTERNAL REGISTERS
A2 A1 A0
Register [Note *5]
BIT-7
BIT-6
BIT-5
BIT-4
BIT-3
BIT-2
BIT-1
BIT-0
General Register Set
0 0 0 0 0 0 0 0 1 RHR[XX] THR[XX] IER[00] bit-7 bit-7 0 bit-6 bit-6 0 bit-5 bit-5 0 bit-4 bit-4 0 bit-3 bit-3 modem status interrupt DMA mode select INT priority bit-2 parity enable -OP2/ INTx enable framing error delta -CD bit-3 bit-2 bit-2 receive line status interrupt XMIT FIFO reset INT priority bit-1 stop bits -OP1 bit-1 bit-1 transmit holding register RCVR FIFO reset INT priority bit-0 word length bit-1 -RTS bit-0 bit-0 receive holding register FIFO enable INT status word length bit-0 -DTR
0
1
0
FCR
RCVR trigger (MSB) FIFOs enabled divisor latch enable 0
RCVR trigger (LSB) FIFOs enabled set break 0
0
0
0
1
0
ISR[01]
0
0
0
1
1
LCR[00]
set parity 0
even parity loop back break interrupt CTS bit-4
1
0
0
MCR[00]
1
0
1
LSR[60]
FIFO data error CD bit-7
trans. empty RI bit-6
trans. holding empty DSR bit-5
parity error delta -RI bit-2
overrun error delta -DSR bit-1
receive data ready delta -CTS bit-0
1 1
1 1
0 1
MSR[X0] SPR[FF]
Special Register set: Note *2
0 0 0 0 0 1 DLL[XX] DLM[XX] bit-7 bit-15 bit-6 bit-14 bit-5 bit-13 bit-4 bit-12 bit-3 bit-11 bit-2 bit-10 bit-1 bit-9 bit-0 bit-8
Note *2: The Special register set is accessible only when LCR bit-7 is set to 1. Rev. 3.10
17
ST16C554/554D/68C554
Note *5: The value between the square brackets represents the registers initialized HEX value. Transmit (THR) and Receive (RHR) Holding Registers The serial transmitter section consists of an 8-bit Transmit Hold Register (THR) and Transmit Shift Register (TSR). The status of the THR is provided in the Line Status Register (LSR). Writing to the THR transfers the contents of the data bus (D7-D0) to the THR, providing that the THR or TSR is empty. The THR empty flag in the LSR register will be set to a logic 1 when the transmitter is empty or when data is transferred to the TSR. Note that a write operation can be performed when the transmit holding register empty flag is set (logic 0 = FIFO full, logic 1= at least one FIFO location available). The serial receive section also contains an 8-bit Receive Holding Register, RHR. Receive data is removed from the 554D and receive FIFO by reading the RHR register. The receive section provides a mechanism to prevent false starts. On the falling edge of a start or false start bit, an internal receiver counter starts counting clocks at 16x clock rate. After 7 1/2 clocks the start bit time should be shifted to the center of the start bit. At this time the start bit is sampled and if it is still a logic 0 it is validated. Evaluating the start bit in this manner prevents the receiver from assembling a false character. Receiver status codes will be posted in the LSR. Interrupt Enable Register (IER) The Interrupt Enable Register (IER) masks the interrupts from receiver ready, transmitter empty, line status and modem status registers. These interrupts would normally be seen on the INT A-D output pins in the 16 mode, or on WIRE-OR IRQ output pin, in the 68 mode. IER Vs Receive FIFO Interrupt Mode Operation When the receive FIFO (FCR BIT-0 = a logic 1) and receive interrupts (IER BIT-0 = logic 1) are enabled, the receive interrupts and register status will reflect the following: Rev. 3.10
18
A) The receive data available interrupts are issued to the external CPU when the FIFO has reached the programmed trigger level. It will be cleared when the FIFO drops below the programmed trigger level. B) FIFO status will also be reflected in the user accessible ISR register when the FIFO trigger level is reached. Both the ISR register status bit and the interrupt will be cleared when the FIFO drops below the trigger level. C) The data ready bit (LSR BIT-0) is set as soon as a character is transferred from the shift register to the receive FIFO. It is reset when the FIFO is empty. IER Vs Receive/Transmit FIFO Polled Mode Operation When FCR BIT-0 equals a logic 1; resetting IER bits 0-3 enables the 554D in the FIFO polled mode of operation. Since the receiver and transmitter have separate bits in the LSR either or both can be used in the polled mode by selecting respective transmit or receive control bit(s). A) LSR BIT-0 will be a logic 1 as long as there is one byte in the receive FIFO. B) LSR BIT 1-4 will provide the type of errors encountered, if any. C) LSR BIT-5 will indicate when the transmit FIFO is empty. D) LSR BIT-6 will indicate when both the transmit FIFO and transmit shift register are empty. E) LSR BIT-7 will indicate any FIFO data errors. IER BIT-0: This interrupt will be issued when the FIFO has reached the programmed trigger level or is cleared when the FIFO drops below the trigger level in the FIFO mode of operation. Logic 0 = Disable the receiver ready interrupt. (normal
ST16C554/554D/68C554
default condition) Logic 1 = Enable the receiver ready interrupt. IER BIT-1: This interrupt will be issued whenever the THR is empty and is associated with bit-1 in the LSR register. Logic 0 = Disable the transmitter empty interrupt. (normal default condition) Logic 1 = Enable the transmitter empty interrupt. IER BIT-2: This interrupt will be issued whenever a fully assembled receive character is transferred from the RSR to the RHR/FIFO, i.e., data ready, LSR bit-0. Logic 0 = Disable the receiver line status interrupt. (normal default condition) Logic 1 = Enable the receiver line status interrupt. IER BIT-3: Logic 0 = Disable the modem status register interrupt. (normal default condition) Logic 1 = Enable the modem status register interrupt. IER BIT 4-7: Not used - Initialized to a logic 0. FIFO Control Register (FCR) This register is used to enable the FIFOs, clear the FIFOs, set the transmit/receive FIFO trigger levels, and select the DMA mode. The DMA, and FIFO modes are defined as follows: DMA MODE Mode 0 Set and enable the interrupt for each single transmit or receive operation, and is similar to the ST16C454 mode. Transmit Ready (-TXRDY) will go to a logic 0 when ever an empty transmit space is available in the Transmit Holding Register (THR). Receive Ready (-RXRDY) will go to a logic 0 whenever the Receive Holding Register (RHR) is loaded with a character. Mode 1 Set and enable the interrupt in a block mode operation. The transmit interrupt is set when the transmit FIFO is below the programmed trigger level. -TXRDY remains a logic 0 as long as one empty FIFO location is available. The receive interrupt is set when the receive FIFO fills to the programmed trigger level. However the FIFO continues to fill regardless of the programmed level until the FIFO is full. -RXRDY Rev. 3.10
19
remains a logic 0 as long as the FIFO fill level is above the programmed trigger level. FCR BIT-0: Logic 0 = Disable the transmit and receive FIFO. (normal default condition) Logic 1 = Enable the transmit and receive FIFO. This bit must be a 1 when other FCR bits are written to or they will not be programmed. FCR BIT-1: Logic 0 = No FIFO receive reset. (normal default condition) Logic 1 = Clears the contents of the receive FIFO and resets the FIFO counter logic (the receive shift register is not cleared or altered). This bit will return to a logic 0 after clearing the FIFO. FCR BIT-2: Logic 0 = No FIFO transmit reset. (normal default condition) Logic 1 = Clears the contents of the transmit FIFO and resets the FIFO counter logic (the transmit shift register is not cleared or altered). This bit will return to a logic 0 after clearing the FIFO. FCR BIT-3: Logic 0 = Set DMA mode 0. (normal default condition) Logic 1 = Set DMA mode 1. Transmit operation in mode 0: When the 554D is in the ST16C450 mode (FIFOs disabled, FCR bit-0 = logic 0) or in the FIFO mode (FIFOs enabled, FCR bit-0 = logic 1, FCR bit-3 = logic 0) and when there are no characters in the transmit FIFO or transmit holding register, the -TXRDY pin will be a logic 0. Once active the -TXRDY pin will go to a logic 1 after the first character is loaded into the transmit holding register. Receive operation in mode 0: When the 554D is in mode 0 (FCR bit-0 = logic 0) or in the FIFO mode (FCR bit-0 = logic 1, FCR bit-3 = logic 0) and there is at least one character in the receive FIFO, the -RXRDY pin will be a logic 0. Once active the -RXRDY pin will go to a logic 1 when there are no more characters in the receiver.
ST16C554/554D/68C554
Transmit operation in mode 1: When the 554D is in FIFO mode ( FCR bit-0 = logic 1, FCR bit-3 = logic 1 ), the -TXRDY pin will be a logic 1 when the transmit FIFO is completely full. It will be a logic 0 if one or more FIFO locations are empty. Receive operation in mode 1: When the 554D is in FIFO mode (FCR bit-0 = logic 1, FCR bit-3 = logic 1) and the trigger level has been reached, or a Receive Time Out has occurred, the RXRDY pin will go to a logic 0. Once activated, it will go to a logic 1 after there are no more characters in the FIFO. FCR BIT 4-5: Not used - Initialized to a logic 0. FCR BIT 6-7: (logic 0 or cleared is the default condition, Rx trigger level = 1) These bits are used to set the trigger level for the receive FIFO interrupt. An interrupt is generated when the number of characters in the FIFO equals the programmed trigger level. However the FIFO will continue to be loaded until it is full.
BIT-7 0 0 1 1
BIT-6 0 1 0 1
RX FIFO trigger level 1 4 8 14
Interrupt Status Register (ISR) The 554D provides four levels of prioritized interrupts to minimize external software interaction. The Interrupt Status Register (ISR) provides the user with six interrupt status bits. Performing a read cycle on the ISR will provide the user with the highest pending interrupt level to be serviced. No other interrupts are acknowledged until the pending interrupt is serviced. Whenever the interrupt status register is read, the interrupt status is cleared. However it should be noted that only the current pending interrupt is cleared by the read. A lower level interrupt may be seen after rereading the interrupt status bits. The Interrupt Source Table 7 (below) shows the data values (bit 0-5) for the four prioritized interrupt levels and the interrupt sources associated with each of these interrupt levels:
Table 7, INTERRUPT SOURCE TABLE Priority Level 1 2 2 3 4 [ ISR BITS ] Bit-5 Bit-4 Bit-3 Bit-2 Bit-1 Bit-0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 1 1 0 0 1 0 0 1 0 0 0 0 0 0 Source of the interrupt LSR (Receiver Line Status Register) RXRDY (Received Data Ready) RXRDY (Receive Data time out) TXRDY ( Transmitter Holding Register Empty) MSR (Modem Status Register)
Rev. 3.10
20
ST16C554/554D/68C554
ISR BIT-0: Logic 0 = An interrupt is pending and the ISR contents may be used as a pointer to the appropriate interrupt service routine. Logic 1 = No interrupt pending. (normal default condition) ISR BIT 1-3: (logic 0 or cleared is the default condition) These bits indicate the source for a pending interrupt at interrupt priority levels 1, 2, and 3 (See Interrupt Source Table). ISR BIT 4-5: Not used - Initialized to a logic 0. ISR BIT 6-7: (logic 0 or cleared is the default condition) These bits are set to a logic 0 when the FIFO is not being used. They are set to a logic 1 when the FIFOs are enabled. Line Control Register (LCR) The Line Control Register is used to specify the asynchronous data communication format. The word length, the number of stop bits, and the parity are selected by writing the appropriate bits in this register. LCR BIT 0-1: (logic 0 or cleared is the default condition) These two bits specify the word length to be transmitted or received. BIT-1 0 0 1 1 BIT-0 0 1 0 1 Word length 5 6 7 8
BIT-2
Word length
Stop bit length (Bit time(s)) 1 1-1/2 2
0 1 1
5,6,7,8 5 6,7,8
LCR BIT-3: Parity or no parity can be selected via this bit. Logic 0 = No parity. (normal default condition) Logic 1 = A parity bit is generated during the transmission, receiver checks the data and parity for transmission errors. LCR BIT-4: If the parity bit is enabled with LCR bit-3 set to a logic 1, LCR BIT-4 selects the even or odd parity format. Logic 0 = ODD Parity is generated by forcing an odd number of logic 1s in the transmitted data. The receiver must be programmed to check the same format. (normal default condition) Logic 1 = EVEN Parity is generated by forcing an even the number of logic 1s in the transmitted. The receiver must be programmed to check the same format. LCR BIT-5: If the parity bit is enabled, LCR BIT-5 selects the forced parity format. LCR BIT-5 = logic 0, parity is not forced. (normal default condition) LCR BIT-5 = logic 1 and LCR BIT-4 = logic 0, parity bit is forced to a logical 1 for the transmit and receive data. LCR BIT-5 = logic 1 and LCR BIT-4 = logic 1, parity bit is forced to a logical 0 for the transmit and receive data.
LCR BIT-2: (logic 0 or cleared is the default condition) The length of stop bit is specified by this bit in conjunction with the programmed word length.
Rev. 3.10
21
ST16C554/554D/68C554
LCR Bit-5 X 0 0 1 1
LCR Bit-4 X 0 1 0 1
LCR Bit-3 0 1 1 1 1
Parity selection No parity Odd parity Even parity Force parity 1 Forced parity 0
Logic 0 = Forces INT (A-D) outputs to the three state mode during the 16 mode. (normal default condition) In the Loopback mode, sets -OP2 (-CD) internally to a logic 1. Logic 1 = Forces the INT (A-D) outputs to the active mode during the 16 mode. In the Loopback mode, sets -OP2 (-CD) internally to a logic 0. MCR BIT-4: Logic 0 = Disable loopback mode. (normal default condition) Logic 1 = Enable local loopback mode (diagnostics). MCR BIT 5-7: Not used - Initialized to a logic 0. Line Status Register (LSR) This register provides the status of data transfers between. the 554D and the CPU. LSR BIT-0: Logic 0 = No data in receive holding register or FIFO. (normal default condition) Logic 1 = Data has been received and is saved in the receive holding register or FIFO. LSR BIT-1: Logic 0 = No overrun error. (normal default condition) Logic 1 = Overrun error. A data overrun error occurred in the receive shift register. This happens when additional data arrives while the FIFO is full. In this case the previous data in the shift register is overwritten. Note that under this condition the data byte in the receive shift register is not transfered into the FIFO, therefore the data in the FIFO is not corrupted by the error. LSR BIT-2: Logic 0 = No parity error. (normal default condition) Logic 1 = Parity error. The receive character does not have correct parity information and is suspect. In the FIFO mode, this error is associated with the character at the top of the FIFO. LSR BIT-3: Logic 0 = No framing error. (normal default condition) Logic 1 = Framing error. The receive character did not
LCR BIT-6: When enabled the Break control bit causes a break condition to be transmitted (the TX output is forced to a logic 0 state). This condition exists until disabled by setting LCR bit-6 to a logic 0. Logic 0 = No TX break condition. (normal default condition) Logic 1 = Forces the transmitter output (TX) to a logic 0 for alerting the remote receiver to a line break condition. LCR BIT-7: Not used - Initialized to a logic 0. Modem Control Register (MCR) This register controls the interface with the modem or a peripheral device. MCR BIT-0: Logic 0 = Force -DTR output to a logic 1. (normal default condition) Logic 1 = Force -DTR output to a logic 0. MCR BIT-1: Logic 0 = Force -RTS output to a logic 1. (normal default condition) Logic 1 = Force -RTS output to a logic 0. MCR BIT-2: This bit is used in the Loopback mode only. In the loopback mode this bit is use to write the state of the modem -RI interface signal via -OP1. MCR BIT-3: (Used to control the modem -CD signal in the loopback mode.) Rev. 3.10
22
ST16C554/554D/68C554
have a valid stop bit(s). In the FIFO mode this error is associated with the character at the top of the FIFO. LSR BIT-4: Logic 0 = No break condition. (normal default condition) Logic 1 = The receiver received a break signal (RX was a logic 0 for one character frame time). In the FIFO mode, only one break character is loaded into the FIFO. LSR BIT-5: This bit is the Transmit Holding Register Empty indicator. This bit indicates that the UART is ready to accept a new character for transmission. In addition, this bit causes the UART to issue an interrupt to CPU when the THR interrupt enable is set. The THR bit is set to a logic 1 when a character is transferred from the transmit holding register into the transmitter shift register. The bit is reset to logic 0 concurrently with the loading of the transmitter holding register by the CPU. In the FIFO mode this bit is set when the transmit FIFO is empty; it is cleared when at least 1 byte is written to the transmit FIFO. LSR BIT-6: This bit is the Transmit Empty indicator. This bit is set to a logic 1 whenever the transmit holding register and the transmit shift register are both empty. It is reset to logic 0 whenever either the THR or TSR contains a data character. In the FIFO mode this bit is set to one whenever the transmit FIFO and transmit shift register are both empty. LSR BIT-7: Logic 0 = No Error. (normal default condition) Logic 1 = At least one parity error, framing error or break indication is in the current FIFO data. This bit is cleared when LSR register is read. Modem Status Register (MSR) This register provides the current state of the control interface signals from the modem, or other peripheral device that the 554D is connected to. Four bits of this register are used to indicate the changed information. These bits are set to a logic 1 whenever a control input
from the modem changes state. These bits are set to a logic 0 whenever the CPU reads this register. MSR BIT-0: Logic 0 = No -CTS Change (normal default condition) Logic 1 = The -CTS input to the 554D has changed state since the last time it was read. A modem Status Interrupt will be generated. MSR BIT-1: Logic 0 = No -DSR Change. (normal default condition) Logic 1 = The -DSR input to the 554D has changed state since the last time it was read. A modem Status Interrupt will be generated. MSR BIT-2: Logic 0 = No -RI Change. (normal default condition) Logic 1 = The -RI input to the 554D has changed from a logic 0 to a logic 1. A modem Status Interrupt will be generated. MSR BIT-3: Logic 0 = No -CD Change. (normal default condition) Logic 1 = Indicates that the -CD input to the has changed state since the last time it was read. A modem Status Interrupt will be generated. MSR BIT-4: -CTS (active high, logical 1). Normally MSR bit-4 bit is the compliment of the -CTS input. However in the loopback mode, this bit is equivalent to the RTS bit in the MCR register. MSR BIT-5: DSR (active high, logical 1). Normally this bit is the compliment of the -DSR input. In the loopback mode, this bit is equivalent to the DTR bit in the MCR register. MSR BIT-6: RI (active high, logical 1). Normally this bit is the compliment of the -RI input. In the loopback mode this bit is equivalent to the OP1 bit in the MCR register.
Rev. 3.10
23
ST16C554/554D/68C554
MSR BIT-7: CD (active high, logical 1). Normally this bit is the compliment of the -CD input. In the loopback mode this bit is equivalent to the OP2 bit in the MCR register. Scratchpad Register (SPR) The ST16C554D provides a temporary data register to store 8 bits of user information. ST16C554D EXTERNAL RESET CONDITIONS REGISTERS IER ISR LCR MCR LSR MSR FCR SIGNALS TX A-D -RTS A-D -DTR A-D -RXRDY -TXRDY RESET STATE IER BITS 0-7=0 ISR BIT-0=1, ISR BITS 1-7=0 LCR BITS 0-7=0 MCR BITS 0-7=0 LSR BITS 0-4=0, LSR BITS 5-6=1 LSR, BIT 7=0 MSR BITS 0-3=0, MSR BITS 4-7= input signals FCR BITS 0-7=0 RESET STATE High High High High Low
Rev. 3.10
24
ST16C554/554D/68C554
AC ELECTRICAL CHARACTERISTICS
TA=0 - 70C (-40 - +85C for Industrial grade packages), Vcc=3.3 - 5.0 V 10% unless otherwise specified. Symbol Parameter Limits 3.3 Min Max 17 5 10 35 0 40 10 35 0 40 20 5 8 Limits 5.0 Min Max 17 0 10 25 0 30 35 10 25 0 30 15 5 24 Units Conditions
T1w,T2w T3w T6s T7d T7w T7h T9d T12d T12h T13d T13w T13h T15d T16s T16h T17d T18d T19d T20d T21d T22d T23d T24d T25d T26d T27d T28d T30s T30w T30h T30d T31d T31h T32s T32h T32d
Clock pulse duration Oscillator/Clock frequency Address setup time -IOR delay from chip select -IOR strobe width Chip select hold time from -IOR Read cycle delay Delay from -IOR to data Data disable time -IOW delay from chip select -IOW strobe width Chip select hold time from -IOW Write cycle delay Data setup time Data hold time Delay from -IOW to output Delay to set interrupt from MODEM input Delay to reset interrupt from -IOR Delay from stop to set interrupt Delay from -IOR to reset interrupt Delay from stop to interrupt Delay from initial INT reset to transmit start Delay from -IOW to reset interrupt Delay from stop to set -RxRdy Delay from -IOR to reset -RxRdy Delay from -IOW to set -TxRdy Delay from start to reset -TxRdy Address setup time Chip select strobe width Address hold time Read cycle delay Delay from -CS to data Data disable time Write strobe setup time Write strobe hold time Write cycle delay
35 25
25 15
50 40 40 1 45 45 24 45 1 45 45 8
40 35 35 1 40 40 24 40 1 40 40 8
ns MHz ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns Rclk ns ns Rclk ns Rclk ns ns Rclk ns ns ns ns ns ns ns ns ns
100 pF load 100 pF load 100 pF load 100 pF load
8
8
10 40 15 70 15 10 10 70
10 40 15 70 15 15 10 10 70
Rev. 3.10
25
ST16C554/554D/68C554
AC ELECTRICAL CHARACTERISTICS
TA=0 - 70C (-40 - +85C for Industrial grade packages), Vcc=3.3 - 5.0 V 10% unless otherwise specified. Symbol Parameter Limits 3.3 Min Max 20 10 40 1 Limits 5.0 Min Max 15 10 40 1 Units Conditions
T33s T33h TR N
Data setup time Data hold time Reset pulse width Baud rate devisor
216-1
216-1
ns ns ns Rclk
Rev. 3.10
26
ST16C554/554D/68C554
ABSOLUTE MAXIMUM RATINGS
Supply range Voltage at any pin Operating temperature Storage temperature Package dissipation 7 Volts GND - 0.3 V to VCC +0.3 V -40 C to +85 C -65 C to 150 C 500 mW
DC ELECTRICAL CHARACTERISTICS
TA=0 - 70C (-40 - +85C for Industrial grade packages), Vcc=3.3 - 5.0 V 10% unless otherwise specified. Symbol Parameter Limits 3.3 Min Max -0.3 2.4 -0.3 2.0 0.6 VCC 0.8 0.4 2.0 10 10 3 5 Limits 5.0 Min Max -0.5 3.0 -0.5 2.2 2.4 10 10 6 5 15 0.6 VCC 0.8 VCC 0.4 Units Conditions
VILCK VIHCK VIL VIH VOL VOL VOH VOH IIL ICL ICC CP RIN
Clock input low level Clock input high level Input low level Input high level Output low level on all outputs Output low level on all outputs Output high level Output high level Input leakage Clock leakage Avg power supply current Input capacitance Internal pull-up resistance
3
V V V V V V V V A A mA pF k
IOL= 5 mA IOL= 4 mA IOH= -5 mA IOH= -1 mA
Note: See the Symbol Description Table, for a listing of pins having internal pull-up resistors.
Rev. 3.10
27
ST16C554/554D/68C554
A0-A4 T30s -CS T31h R/-W T31d D0-D7 8654-RD-1 T30w T30h T30d
General read timing in 68 mode
A0-A4 T30s -CS T32s R/-W T33h T33s D0-D7 8654-WD-1 T32h T30w T32d T30h
General write timing in 68 mode
Rev. 3.10
28
ST16C554/554D/68C554
A0-A2 T6s -CS T13d -IOW
Valid Address
Active T13w Active T16s T16h Data X552-WD-1 T13h T15d
D0-D7
General write timing in 16 mode
A0-A2 T6s -CS T7d -IOR T12d D0-D7
Valid Address
Active T7w Active T12h Data X552-RD-1 T7h T9d
General read timing in 16 mode
Rev. 3.10
29
ST16C554/554D/68C554
-IOW
Active T17d
-RTS -DTR
Change of state
Change of state
-CD -CTS -DSR T18d INT
Change of state
Change of state T18d
Active T19d
Active
Active
-IOR
Active
Active
Active T18d
-RI
Change of state X552-MD-1
Modem input/output timing
T2w EXTERNAL CLOCK T3w
T1w
X654-CK-1
External clock timing
Rev. 3.10
30
ST16C554/554D/68C554
START BIT
DATA BITS (5-8) D0 D1 D2 D3 D4 D5 D6 D7
STOP BIT
RX
5 DATA BITS 6 DATA BITS 7 DATA BITS INT
PARITY BIT
NEXT DATA START BIT T20d Active T21d
-IOR
Active
16 BAUD RATE CLOCK
X552-RX-1
Receive timing
Rev. 3.10
31
ST16C554/554D/68C554
START BIT
DATA BITS (5-8) D0 D1 D2 D3 D4 D5 D6 D7
STOP BIT
RX
PARITY BIT
NEXT DATA START BIT T25d
-RXRDY
Active Data Ready T26d
-IOR
Active
X552-RX-2
Receive ready timing in none FIFO mode
START BIT STOP BIT
DATA BITS (5-8) D0 D1 D2 D3 D4 D5 D6 D7
RX
PARITY BIT
First byte that reaches the trigger level T25d Active Data Ready T26d
-RXRDY
-IOR
Active
X552-RX-3
Receive timing in FIFO mode
Rev. 3.10
32
ST16C554/554D/68C554
START BIT
DATA BITS (5-8) D0 D1 D2 D3 D4 D5 D6 D7
STOP BIT
TX
5 DATA BITS 6 DATA BITS 7 DATA BITS INT T23d -IOW Active
PARITY BIT
NEXT DATA START BIT T22d Active Tx Ready T24d
Active
16 BAUD RATE CLOCK
X552-TX-1
Transmit timing
Rev. 3.10
33
ST16C554/554D/68C554
START BIT
DATA BITS (5-8) D0 D1 D2 D3 D4 D5 D6 D7
STOP BIT
TX
PARITY BIT
NEXT DATA START BIT
-IOW
Active
D0-D7
BYTE #1 T27d
T28d
-TXRDY
Active Transmitter ready
Transmitter not ready X654-TX-2
Transmit ready timing in none FIFO mode
Rev. 3.10
34
ST16C554/554D/68C554
START BIT
DATA BITS (5-8) D0 D1 D2 D3 D4 D5 D6 D7
STOP BIT
TX
5 DATA BITS 6 DATA BITS 7 DATA BITS
PARITY BIT
-IOW
Active T28d
D0-D7
BYTE #16
-TXRDY
T27d FIFO Full X552-TX-3
Transmit ready timing in FIFO mode
Rev. 3.10
35
ST16C554/554D/68C554
Rev. 3.10
36
Package Dimensions
100 LEAD PLASTIC QUAD FLAT PACK (14 mm x 20 mm, QFP)
Rev. 2.00
D D1 80 51
81
50
E1
E
100
31
1 B e
30
A2 A Seating Plane A1
C
L
1.6 mm Form
INCHES SYMBOL A A1 A2 B C D D1 E E1 e L MIN MAX MILLIMETERS MIN MAX MIN
1.95 mm Form
INCHES MAX MILLIMETERS MIN MAX
0.102 0.130 0.002 0.010 0.100 0.120 0.009 0.015 0.005 0.009 0.904 0.923 0.783 0.791 0.667 0.687 0.547 0.555 0.0256 BSC 0.029 0.040 0 7
2.60 3.30 0.05 0.25 2.55 3.05 0.22 0.38 0.13 0.23 22.95 23.45 19.90 20.10 16.95 17.45 13.90 14.10 0.65 BSC 0.73 1.03 0 7
0.102 0.134 0.002 0.014 0.100 0.120 0.009 0.015 0.005 0.009 0.931 0.951 0.783 0.791 0.695 0.715 0.547 0.555 0.0256 BSC 0.026 0.037 0 7
2.60 3.40 0.05 0.35 2.55 3.05 0.22 0.38 0.13 0.23 23.65 24.15 19.90 20.10 17.65 18.15 13.90 14.10 0.65 BSC 0.65 0.95 0 7
Note: The control dimension is the millimeter column
Package Dimensions
64 LEAD THIN QUAD FLAT PACK (10 x 10 x 1.4 mm, TQFP)
Rev. 2.00
D D1 48 33
49
32
D1
D
64
17
1
16
A2
B e C
A Seating Plane A1 L
INCHES SYMBOL A A1 A2 B C D D1 e L MIN MAX
MILLIMETERS MIN 1.40 0.05 1.35 0.13 0.09 11.80 9.90 MAX
0.055 0.063 0.002 0.006 0.053 0.057 0.005 0.009 0.004 0.008 0.465 0.480 0.390 0.398 0.020 BSC 0.018 0.030 0 7
1.60 0.15 1.45 0.23 0.20 12.20 10.10 0.50 BSC 0.45 0.75 0 7
Note: The control dimension is the millimeter column
Package Dimensions
68 LEAD PLASTIC LEADED CHIP CARRIER (PLCC)
Rev. 1.00
D D1 45 x H2 2 1 68 B1 45 x H1 C Seating Plane A2
B D D1 D3 D2
e
R D3 A1 A
INCHES SYMBOL A A1 A2 B B1 C D D1 D2 D3 e H1 H2 R MIN 0.165 0.090 0.020 0.013 0.026 0.008 0.985 0.950 0.890 MAX 0.200 0.130 ---. 0.021 0.032 0.013 0.995 0.958 0.930
MILLIMETERS MIN 4.19 2.29 0.51 0.33 0.66 0.19 25.02 24.13 22.61 MAX 5.08 3.30 --- 0.53 0.81 0.32 25.27 24.33 23.62
0.800 typ. 0.050 BSC 0.042 0.042 0.025 0.056 0.048 0.045
20.32 typ. 1.27 BSC 1.07 1.07 0.64 1.42 1.22 1.14
Note: The control dimension is the inch column
NOTICE EXAR Corporation reserves the right to make changes to the products contained in this publication in order to improve design, performance or reliability. EXAR Corporation assumes no responsibility for the use of any circuits described herein, conveys no license under any patent or other right, and makes no representation that the circuits are free of patent infringement. Charts and schedules contained here in are only for illustration purposes and may vary depending upon a user's specific application. While the information in this publication has been carefully checked; no responsibility, however, is assumed for inaccuracies. EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless EXAR Corporation receives, in writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances. Copyright 1994 EXAR Corporation Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.


▲Up To Search▲   

 
Price & Availability of ST16C554DC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X