Part Number Hot Search : 
STD5KA75 C101M PEB3065 700C16 ADM232AA LM324DR FMB075 76613
Product Description
Full Text Search
 

To Download SRC1206UF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SRC1206UF
NPN Silicon Transistor
Descriptions
* Switching application * Interface circuit and driver circuit application
Features
* With built-in bias resistors * Simplify circuit design * Reduce a quantity of parts and manufacturing process * High packing density
Ordering Information
Type NO. SRC1206UF Marking R6 Package Code SOT-323F
Outline Dimensions
unit : mm
* Equivalent Circuit
0.30~0.40
2.10.1 1.300.1
C(OUT)
1.30 BSC
2.00.1
1 3
0.70-0.15
2
B(IN)
+0.1
R1
0.110.05
R2
0~0.1
E(COMMON)
PIN Connections 1. Base 2. Emitter 3. Collector
R1 4.7K
R2 47K
KSR-3041-000
1
SRC1206UF
Absolute maximum ratings
Characteristic
Out Voltage Input Voltage Out Current Power Dissipation Junction Temperature Storage Temperature
(Ta=25 C)
Symbol
VO VI IO PD TJ T STG
Ratings
50 20 100 200 150 -55 ~ 150
Unit
V V mA mW C C
Electrical Characteristics
Characteristic
Output Cut-off Current DC Current Gain Output Voltage Input Voltage (ON) Input Voltage (OFF) Transition Frequency Input Current
(Ta=25 C)
Symbol
IO(OFF) GI VO(ON) VI(ON) VI(OFF) fT
*
Test Condition
VO =50V, VI =0 VO =5V, IO =10mA IO =10mA, I I=0.5mA VO =0.2V, IO =5mA VO =5V, IO =0.1mA VO =10V, IO =5mA VI=5V
Min.
80 0.5 -
Typ.
200 0.1 0.9 0.65 200 -
Max.
500 0.3 1.3 1.8
Unit
nA V V V MHz mA
II
* : Characteristic of Transistor Only
KSR-3041-000
2
SRC1206UF
Electrical Characteristic Curves
Fig. 1 IO - VI(ON) Fig. 2 IO - VI(OFF)
Fig. 3 GI - IO
KSR-3041-000
3


▲Up To Search▲   

 
Price & Availability of SRC1206UF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X