Part Number Hot Search : 
3D3424 TC9268P TK11032 V614ME07 FUES1B 12SMV500 1N5736B 3CSH9
Product Description
Full Text Search
 

To Download SRC1204M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SRC1204M
NPN Silicon Transistor
Descriptions
* Switching application * Interface circuit and driver circuit application
Features
* * * * With built-in bias resistors Simplify circuit design Reduce a quantity of parts and manufacturing process High packing density
Ordering Information
Type NO. SRC1204M Marking 1204 Package Code TO-92M
Outline Dimensions
4.00.1
unit : mm
* Equivalent Circuit
3.00.1 C(OUT)
0.44 REF 0.52 REF
B(IN) 14.00.40
R1
14.00.40
R2
E(COMMON)
1.27 Typ. 2.54 0.1. R1 47K R2 47K
1
2
3
0.7 Typ.
3.00.1 3.8 Min.
0.42 Typ.
PIN Connections 1. Emitter 2. Collector 3. Base
KSR-I004-000
1
SRC1204M
(Ta=25C)
Absolute maximum ratings
Characteristic
Out Voltage Input Voltage Out Current Power Dissipation Junction Temperature Storage Temperature
Symbol
VO VI IO PD TJ TSTG
Ratings
50 40 100 400 150 -55 ~ 150
Unit
V V mA mW C C
Electrical Characteristics
Characteristic
Output Cut-off Current DC Current Gain Output Voltage Input Voltage (ON) Input Voltage (OFF) Transition Frequency Input Current
(Ta=25C)
Symbol
IO(OFF) GI VO(ON) VI(ON) VI(OFF) fT
*
Test Condition
VO=50V, VI=0 VO=5V, IO=10mA IO=10mA, II=0.5mA VO=0.2V, IO=5mA VO=5V, IO=0.1mA VO=10V, IO=5mA VI=5V
Min. Typ. Max.
80 1.0 200 0.1 2.8 1.2 200 0.18 500 0.3 5.0 -
Unit
nA V V V MHz mA
II
* : Characteristic of Transistor Only
KSR-I004-000
2
SRC1204M
Electrical Characteristic Curves
Fig. 1 IO - VI(ON) Fig. 2 IO - VI(OFF)
Fig. 3 GI - IO
KSR-I004-000
3


▲Up To Search▲   

 
Price & Availability of SRC1204M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X