Part Number Hot Search : 
LC75383 SF2N3445 GL34K C431N 855745 Y5Y0603 GSC2128 40007
Product Description
Full Text Search
 

To Download SRC1203S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SRC1203S
NPN Silicon Transistor
Descriptions
* Switching application * Interface circuit and driver circuit application
Features
* * * * With built-in bias resistors Simplify circuit design Reduce a quantity of parts and manufacturing process High packing density
Ordering Information
Type NO. SRC1203S Marking RC3 Package Code SOT-23
Outline Dimensions
2.40.1 1.300.1
unit : mm
* Equivalent Circuit
C(OUT)
1
1.90 Typ.
3 2
2.90.1
B(IN)
R1
R2 0.4 Typ. 0.45~0.60
E(COMMON) 0.2 Min.
1.12 Max.
0~0.1
0.124
PIN Connections 1. Base 2. Emitter 3. Collector
R1 22K
R2 22K
0.38
-0.03 +0.05
KSR-2019-000
1
SRC1203S
Absolute maximum ratings
Characteristic
Out Voltage Input Voltage Out Current Power Dissipation Junction Temperature Storage Temperature
(Ta=25C)
Symbol
VO VI IO PD TJ TSTG
Ratings
50 40 100 200 150 -55 ~ 150
Unit
V V mA mW C C
Electrical Characteristics
Characteristic
Output Cut-off Current DC Current Gain Output Voltage Input Voltage (ON) Input Voltage (OFF) Transition Frequency Input Current
(Ta=25C)
Symbol
IO(OFF) GI VO(ON) VI(ON) VI(OFF) fT
*
Test Condition
VO=50V, VI=0 VO=5V, IO=10mA IO=10mA, II=0.5mA VO=0.2V, IO=5mA VO=5V, IO=0.1mA VO=10V, IO=5mA VI=5V
Min. Typ. Max.
70 1.0 120 0.1 2.1 1.2 200 0.36 500 0.3 3.0 -
Unit
nA V V V MHz mA
II
* : Characteristic of Transistor Only
KSR-2019-000
2
SRC1203S
Electrical Characteristic Curves
Fig. 1 IO - VI(ON) Fig. 2 IO - VI(OFF)
Fig. 3 GI - IO
KSR-2019-000
3


▲Up To Search▲   

 
Price & Availability of SRC1203S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X