Part Number Hot Search : 
2SC6011A 15N100 HV110 IRMCO201 AT495 HD64F3 1N3322 HD64F3
Product Description
Full Text Search
 

To Download SRC1202SF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SRC1202SF
NPN Silicon Transistor
Descriptions
* Switching application * Interface circuit and driver circuit application
Features
* * * * With built-in bias resistors Simplify circuit design Reduce a quantity of parts and manufacturing process High packing density
Ordering Information
Type NO. SRC1202SF Marking RC2 Package Code SOT-23F
Outline Dimensions
2.40.1 1.60.1
unit : mm
* Equivalent Circuit
C(OUT)
1
2.90.1 1.90 BSC
3
0.40.05
B(IN)
R1
2
0.150.05
R2
E(COMMON)
0.90.1
0~0.1
PIN Connections 1. Base 2. Emitter 3. Collector
R1 10K
R2 10K
KSR-2002-000
1
SRC1202SF
Absolute maximum ratings
Characteristic
Out Voltage Input Voltage Out Current Power Dissipation Junction Temperature Storage Temperature
(Ta=25C)
Symbol
VO VI IO PD TJ TSTG
Ratings
50 30 100 200 150 -55 ~ 150
Unit
V V mA mW C C
Electrical Characteristics
Characteristic
Output Cut-off Current DC Current Gain Output Voltage Input Voltage (ON) Input Voltage (OFF) Transition Frequency Input Current
(Ta=25C)
Symbol
IO(OFF) GI VO(ON) VI(ON) VI(OFF) fT
*
Test Condition
VO=50V, VI=0 VO=5V, IO=10mA IO=10mA, II=0.5mA VO=0.2V, IO=5mA VO=5V, IO=0.1mA VO=10V, IO=5mA VI=5V
Min. Typ. Max.
50 1.0 80 0.1 1.8 1.2 200 0.88 500 0.3 2.4 -
Unit
nA V V V MHz mA
II
* : Characteristic of Transistor Only
KSR-2002-000
2
SRC1202SF
Electrical Characteristic Curves
Fig. 1 IO - VI(ON) Fig. 2 IO - VI(OFF)
Fig. 3 GI - IO
KSR-2002-000
3


▲Up To Search▲   

 
Price & Availability of SRC1202SF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X