Part Number Hot Search : 
AS358 74LVC10A 00AXC 11006 52CANP ADT6752 TRRPB DM74ALS
Product Description
Full Text Search
 

To Download SR560 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CE
CHENYI ELECTRONICS
SR520 THRU SR5A0
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts Forward Current - 5.0Ampere
FEATURES
. Plastic package has Underwriters Laboratory Flammability Classification 94V-0 . Metal sliicon junction ,majority carriet conduction . Guard ring for overcoltage protection . Low power loss,high efficiency . High current capability ,Low forward voltage drop . High surge capability . For use in low voltage ,high frequency inverters, free wheeling , and polarilty protection applications . High temperature soldering guaranteed: 250 /10 seconds at terminals, 0.375"(9.5mm)lead length, 5lbs.(2.3kg)tension
MECHANICAL DATA
. Case: JEDEC DO-201AD molded plastic body . Terminals: plated axial leads,solderable per MIL-STD-750,method 2026 . Polarity: coler band denotes cathode end . Mounting Position: Any . Weight: 0.041 ounce, 1.15 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25 ambient temperature unless otherwise specified,Single phase,half wave,resistive or inductive) load. For capacitive load,derate by 20%)
Symbols SR520 SR530 SR540 SR550 SR560 SR580
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Macimum average forward rectified current 0.375"(9.5mm)lead length (see Fig.1) Peak forward surge current 8.3ms singel half sine-wave superimposed on rated load (JEDEC method at rated TL) Maximum instantaneous forward voltage at 5.0 A(Note 1) Maximum instantaneous reverse current at rated DC blocking voltage(Note 1) Typeical junction capacitance(Note 3) Typeical thermal resistance(Note 2) Operating junction temperature range storage temperature range TA=25 TA=100 CJ VF IR 50 250
JA JL
SR5A0
100 71 100
Units
Volts Volts Volts Amp
VRRM VRMS VDC I(AV)
20 14 20
30 21 30
40 28 40
50 35 50 5.0
60 42 60
80 57 80
IFSM
150.0
Amps
0.55 2.5
0.70
0.85
0.85
Volts mA
25 400 25.0 /W 8.0 pF
R R
TJ TSTG
-65 to +125 -65 to +150
-65 to +150
Notes: 1. Pulse test: 300
s
pulse width,1% duty cycle
2.Thermal resistance from juntion to lead vertical P.C.B. Mounted, 0.375"(9.5mm) 3.Measure a 1MHz and reverse voltage of 4.0volts
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2
CE
CHENYI ELECTRONICS
SR520 THRU SR5A0
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts Forward Current - 5.0Ampere
RATINGS AND CHARACTERISTIC CURVES SR520 THRU SR5A0
FIG.2-MAXIMUM NON-REPETITIVE PEAK FLG.1-FORWARD CURRENT DERATING CURVE FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS FIG.4-TYPICAL REVERSE CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SR560

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X