|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Semiconductor SR5411 / SR5411(B) LED Lamp Features * Red colored transparency lens type * 5mm(T-13/4) all plastic mold type * Low power consumption Outline Dimensions STRAIGHT TYPE 5.00.2 unit : STOPPER TYPE 5.00.2 mm 8.60.2 0.80.2 0.80.2 8.60.2 0.5 25.0 MIN 0.5 25.0 MIN 1.0MIN 2.54NOM 2.54NOM 1.0MIN 1 2 5.80.2 1 2 5.80.2 PIN Connections 1.Anode 2.Cathode KLR-0003-000 1 SR5411 / SR5411(B) Absolute maximum ratings Characteristic Power Dissipation Forward Current * Peak Forward Current Reverse Voltage Operating Temperature Storage Temperature 2 1 Symbol PD IF IFP VR Topr Tstg Ratings 23 10 50 4 -2585 -30100 260 for 5 seconds Unit mW mA mA V * Soldering Temperature Tsol *1.Duty ratio = 1/16, Pulse width = 0.1ms *2. Keep the distance 2.0mm from PCB to the bottom of LED Electrical Characteristics Characteristic Forward Voltage Luminous Intensity Peak Wavelength Spectrum Bandwidth Reverse Current Symbol VF IV Test Condition IF= 5mA IF= 5mA IF= 5mA IF= 5mA VR=4V IF= 5mA Min. Typ. Max. 1.9 15 700 100 11 2.3 10 - Unit V mcd nm nm uA deg P IR 1/2 * Half angle 3 *3. 1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity KLR-0003-000 2 SR5411 / SR5411(B) Characteristic Diagrams Fig. 1 IF - VF Fig. 2 IV - IF Forward Current IF [mA] Forward Voltage VF [V] Luminous Intensity Iv [mcd] Forward Current IF [mA] Fig. 3 IF - Ta Fig.4 Spectrum Distribution Current IF [mA] Forward Ambient Temperature Ta [] Relative Intensity [%] Wavelength [nm] Fig. 5 Radiation Diagram 100 50 0 50 100 Relative Luminous Intensity Iv [%] KLR-0003-000 3 |
Price & Availability of SR5411 |