|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPD50N03S2-07 OptiMOS(R) Power-Transistor Feature * N-Channel Product Summary VDS R DS(on) ID 30 7.3 50 P- TO252 -3-11 V m A * Enhancement mode * Excellent Gate Charge x RDS(on) product (FOM) * Superior thermal resistance * 175C operating temperature * Avalanche rated * dv/dt rated Type SPD50N03S2-07 Package Ordering Code P- TO252 -3-11 Q67040-S4430 Marking PN0307 Maximum Ratings, at Tj = 25 C, unless otherwise specified Parameter Continuous drain current1) TC=25C Symbol ID Value 50 50 Unit A Pulsed drain current TC=25C ID puls EAS EAR dv/dt VGS Ptot T j , Tstg 200 250 13 6 20 136 -55... +175 55/175/56 kV/s V W C mJ Avalanche energy, single pulse ID=50 A , V DD=25V, RGS=25 Repetitive avalanche energy, limited by Tjmax 2) Reverse diode dv/dt IS=50A, VDS=24V, di/dt=200A/s, T jmax=175C Gate source voltage Power dissipation TC=25C Operating and storage temperature IEC climatic category; DIN IEC 68-1 Page 1 2003-05-09 SPD50N03S2-07 Thermal Characteristics Parameter Characteristics Thermal resistance, junction - case Thermal resistance, junction - ambient, leaded SMD version, device on PCB: @ min. footprint @ 6 cm2 cooling area 3) Symbol min. RthJC RthJA RthJA - Values typ. 0.7 max. 1.1 100 75 50 Unit K/W Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Static Characteristics Drain-source breakdown voltage V GS=0V, ID=1mA Symbol min. V(BR)DSS VGS(th) IDSS IGSS RDS(on) 30 2.1 Values typ. 3 max. 4 Unit V Gate threshold voltage, VGS = V DS ID=85A Zero gate voltage drain current V DS=30V, VGS=0V, Tj=25C V DS=30V, VGS=0V, Tj=125C A 0.01 1 1 5.7 1 100 100 7.3 nA m Gate-source leakage current V GS=20V, VDS=0V Drain-source on-state resistance V GS=10V, I D=50A 1Current limited by bondwire ; with an RthJC = 1.1K/W the chip is able to carry ID= 106A at 25C, for detailed information see app.-note ANPS071E available at www.infineon.com/optimos 2Defined by design. Not subject to production test. 3Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air. Page 2 2003-05-09 SPD50N03S2-07 Electrical Characteristics Parameter Dynamic Characteristics Transconductance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Qgs Qgd Qg VDD =24V, ID =50A, VGS =0 to 10V VDD =24V, ID =50A Symbol Conditions min. Values typ. 60 1630 750 150 14 36 27 25 max. - Unit gfs Ciss Coss Crss td(on) tr td(off) tf VDS 2*ID *RDS(on)max, ID =50A VGS =0V, VDS =25V, f=1MHz 30 - S 2170 pF 1000 230 21 54 40 38 ns VDD =15V, VGS =10V, ID =50A, RG =6.8 - 7.9 14.1 35 5.2 10.5 21.1 46.5 - nC V(plateau) VDD =24V, ID =50A V Reverse Diode Inverse diode continuous forward current Inv. diode direct current, pulsed Inverse diode forward voltage Reverse recovery time Reverse recovery charge ISM VSD trr Qrr V GS=0V, IF=50A V R=15V, I F=lS, diF/dt=100A/s IS TC=25C - 0.9 41 46 50 200 1.3 51 58 A V ns nC Page 3 2003-05-09 SPD50N03S2-07 1 Power dissipation Ptot = f (TC) parameter: VGS 6 V SPD50N03S2-07 2 Drain current ID = f (T C) parameter: VGS 10 V 55 SPD50N03S2-07 150 W A 45 40 120 110 P tot 100 90 80 70 60 ID 100 120 140 160 C 190 35 30 25 20 50 40 30 20 10 0 0 20 40 60 80 5 0 0 20 40 60 80 15 10 100 120 140 160 C 190 TC TC 3 Safe operating area ID = f ( VDS ) parameter : D = 0 , TC = 25 C 10 3 SPD50N03S2-07 4 Max. transient thermal impedance Z thJC = f (t p) parameter : D = t p/T 10 1 SPD50N03S2-07 K/W A /I D t = 7.6s p 10 s 10 0 V DS 10 2 DS (on ) Z thJC 100 s ID = R 10 -1 D = 0.50 10 10 1 1 ms -2 0.20 0.10 0.05 10 -3 single pulse 0.02 0.01 10 0 10 -1 10 0 10 1 V 10 2 10 -4 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 s 10 0 VDS Page 4 tp 2003-05-09 SPD50N03S2-07 5 Typ. output characteristic ID = f (V DS); T j=25C parameter: tp = 80 s 120 SPD50N03S2-07 6 Typ. drain-source on resistance RDS(on) = f (I D) parameter: VGS 24 SPD50N03S2-07 Ptot = 136W i V [V] GS a b A 100 90 80 h 4.2 4.5 4.8 5.0 5.2 5.5 5.8 6.0 10.0 m 20 e f g h c d e R DS(on) 18 16 14 12 10 8 ID 70 60 50 40 30 20 10 0 0 1 2 3 c a b e g f g h i f 6 d i 4 VGS [V] = 2 e 5.2 f 5.5 g 5.8 h i 6.0 10.0 4 V 0 5.5 0 10 20 30 40 50 60 70 80 A 100 VDS ID 7 Typ. transfer characteristics ID= f ( V GS ); V DS 2 x ID x RDS(on)max parameter: tp = 80 s 100 8 Typ. forward transconductance g fs = f(I D); T j=25C parameter: g fs 80 A 80 S 60 70 g fs V 6.5 VGS ID 60 50 40 30 50 40 30 20 20 10 0 0 1 2 3 4 5 10 0 0 20 40 60 80 A ID 120 Page 5 2003-05-09 SPD50N03S2-07 9 Drain-source on-state resistance RDS(on) = f (Tj) parameter : ID = 50 A, VGS = 10 V 17 SPD50N03S2-07 10 Typ. gate threshold voltage VGS(th) = f (T j) parameter: VGS = VDS 4 m 14 V 415 A V GS(th) 3 R DS(on) 12 2.5 83 A 10 98% 8 6 4 2 typ 2 1.5 1 0.5 0 -60 -20 20 60 100 140 C 200 0 -60 -20 20 60 100 C Tj 180 Tj 11 Typ. capacitances C = f (V DS) parameter: VGS=0V, f=1 MHz 10 4 12 Forward character. of reverse diode IF = f (V SD) parameter: T j , tp = 80 s 10 3 SPD50N03S2-07 A pF Ciss 10 2 C 10 3 Coss IF 10 1 T j = 25 C typ T j = 175 C typ Crss T j = 25 C (98%) T j = 175 C (98%) 10 2 10 5 10 15 20 0 0 V 30 0 0.4 0.8 1.2 1.6 2 2.4 V 3 VDS Page 6 VSD 2003-05-09 SPD50N03S2-07 13 Typ. avalanche energy E AS = f (T j) par.: I D = 50 A , V DD = 25 V, R GS = 25 260 14 Typ. gate charge VGS = f (QGate) parameter: ID = 50 A pulsed 16 SPD50N03S2-07 mJ V 220 200 12 E AS VGS 180 160 140 10 0,2 VDS max 0,8 VDS max 8 120 100 80 60 40 20 0 25 45 65 85 105 125 145 4 6 2 C 185 Tj 0 0 10 20 30 40 nC 55 QGate 15 Drain-source breakdown voltage V(BR)DSS = f (Tj) parameter: ID=10 mA 36 SPD50N03S2-07 V V(BR)DSS 34 33 32 31 30 29 28 27 -60 -20 20 60 100 140 C 200 Tj Page 7 2003-05-09 SPD50N03S2-07 Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered. Further information Please notice that the part number is BSPD50N03S2-07, for simplicity the device is referred to by the term SPD50N03S2-07 throughout this documentation. Page 8 2003-05-09 |
Price & Availability of SPD50N03S2-07 |