|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Final data SPP04N60C3, SPB04N60C3 SPA04N60C3 VDS @ Tjmax RDS(on) ID 650 0.95 4.5 V A Cool MOSTM Power Transistor Feature * New revolutionary high voltage technology * Ultra low gate charge * Periodic avalanche rated * Extreme dv/dt rated * High peak current capability * Improved transconductance P-TO220-3-31 1 2 3 P-TO220-3-31 P-TO263-3-2 P-TO220-3-1 * P-TO-220-3-31: Fully isolated package (2500 VAC; 1 minute) Type SPP04N60C3 SPB04N60C3 SPA04N60C3 Package P-TO220-3-1 P-TO263-3-2 Ordering Code Q67040-S4366 Q67040-S4407 Marking 04N60C3 04N60C3 04N60C3 P-TO220-3-31 Q67040-S4413 Maximum Ratings Parameter Continuous drain current TC = 25 C TC = 100 C Symbol ID 4.5 2.8 ID puls EAS EAR IAR VGS VGS Ptot Tj , Tstg 13.5 130 0.4 4.5 20 30 50 Value SPP_B SPA Unit A 4.51) 2.81) 13.5 130 0.4 4.5 20 30 31 W C A V A mJ Pulsed drain current, tp limited by Tjmax Avalanche energy, single pulse ID=3.4, VDD=50V Avalanche energy, repetitive tAR limited by Tjmax2) ID=4.5A, VDD =50V Avalanche current, repetitive tAR limited by Tjmax Gate source voltage static Gate source voltage AC (f >1Hz) Power dissipation, TC = 25C Operating and storage temperature -55...+150 Page 1 2003-10-02 Final data Maximum Ratings Parameter Drain Source voltage slope V DS = 480 V, I D = 4.5 A, Tj = 125 C SPP04N60C3, SPB04N60C3 SPA04N60C3 Symbol dv/dt Value 50 Unit V/ns Thermal Characteristics Parameter Thermal resistance, junction - case Thermal resistance, junction - case, FullPAK Thermal resistance, junction - ambient, leaded Thermal resistance, junction - ambient, FullPAK SMD version, device on PCB: @ min. footprint @ 6 cm 2 cooling area 3) Soldering temperature, 1.6 mm (0.063 in.) from case for 10s 4) Electrical Characteristics, at T j=25C unless otherwise specified Parameter Symbol Conditions min. Drain-source breakdown voltage V(BR)DSS V GS=0V, ID=0.25mA Drain-Source avalanche V(BR)DS V GS=0V, ID=4.5A breakdown voltage Gate threshold voltage Zero gate voltage drain current VGS(th) I DSS ID=200A, VGS=VDS V DS=600V, VGS=0V, Tj=25C Tj=150C Symbol min. RthJC RthJC_FP RthJA RthJA_FP RthJA Tsold - Values typ. 35 max. 2.5 4 62 80 62 260 Unit K/W C Values typ. 700 3 0.5 0.85 2.3 0.95 max. 3.9 Unit V 600 2.1 - A 1 50 100 0.95 nA Gate-source leakage current I GSS V GS=30V, VDS=0V V GS=10V, ID=2.8A Tj=25C Tj=150C Drain-source on-state resistance RDS(on) Gate input resistance RG f=1MHz, open drain Page 2 2003-10-02 Final data Electrical Characteristics Parameter Transconductance Input capacitance Output capacitance Reverse transfer capacitance energy related Effective output capacitance, 6) Co(tr) time related Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Qgs Qgd Qg td(on) tr td(off) tf Symbol g fs Ciss Coss Crss V GS=0V, V DS=0V to 480V SPP04N60C3, SPB04N60C3 SPA04N60C3 Conditions min. V DS2*I D*RDS(on)max, ID=2.8A V GS=0V, V DS=25V, f=1MHz Values typ. 4.4 490 160 15 20 35 6 2.5 58.5 9.5 max. 80 14 - Unit S pF Effective output capacitance, 5) Co(er) V DD=380V, V GS=0/10V, ID=4.5A, RG=18 - ns V DD=480V, ID=4.5A - 2.2 8.8 19 5 25 - nC V DD=480V, ID=4.5A, V GS=0 to 10V V(plateau) V DD=480V, ID=4.5A V 1Limited only by maximum temperature 2Repetitve avalanche causes additional power losses that can be calculated as PAV=EAR*f. 3Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air. 4Soldering temperature for TO-263: 220C, reflow 5C o(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% V DSS. 6C o(tr) is a fixed capacitance that gives the same charging time as Coss while V DS is rising from 0 to 80% V DSS. Page 3 2003-10-02 Final data Electrical Characteristics Parameter Inverse diode continuous forward current Inverse diode direct current, pulsed Inverse diode forward voltage Reverse recovery time Reverse recovery charge Peak reverse recovery current Peak rate of fall of reverse recovery current Typical Transient Thermal Characteristics Symbol SPP_B Rth1 Rth2 Rth3 Rth4 Rth5 Rth6 0.039 0.074 0.132 0.555 0.529 0.169 Tj P tot (t) C th1 C th2 C th,n SPP04N60C3, SPB04N60C3 SPA04N60C3 Symbol IS I SM VSD t rr Q rr I rrm di rr/dt Conditions min. TC=25C Values typ. 1 300 2.6 18 900 max. 4.5 13.5 1.2 500 - Unit A VGS =0V, I F=IS VR =480V, IF=IS , diF/dt=100A/s - V ns C A A/s Tj=25C Value SPA 0.039 0.074 0.132 0.272 0.559 2.523 R th1 Unit K/W Symbol Cth1 Cth2 Cth3 Cth4 Cth5 Cth6 R th,n T case Value SPP_B 0.0002831 0.0004062 0.001215 0.00276 0.029 SPA 0.0002831 0.0004062 0.001215 0.005633 0.412 Unit 0.00007347 0.00007347 Ws/K E xternal H eatsink T am b Page 4 2003-10-02 Final data 1 Power dissipation Ptot = f (TC) 55 SPP04N60C3 SPP04N60C3, SPB04N60C3 SPA04N60C3 2 Power dissipation FullPAK Ptot = f (TC) 35 W 45 40 W 25 Ptot 35 30 25 20 15 10 5 0 0 20 40 60 80 100 120 Ptot 20 15 10 5 C 160 0 0 20 40 60 80 100 120 TC C 160 TC 3 Safe operating area ID = f ( V DS ) parameter : D = 0 , TC =25C 10 2 4 Safe operating area FullPAK ID = f (VDS) parameter: D = 0, TC = 25C 10 2 A A 10 1 10 1 ID 10 0 ID 10 0 10 -1 tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms DC 10 -1 tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms tp = 10ms DC 10 -2 0 10 10 1 10 2 V VDS 10 3 10 -2 0 10 10 1 10 2 10 V VDS 3 Page 5 2003-10-02 Final data 5 Transient thermal impedance ZthJC = f (t p) parameter: D = tp/T 10 1 SPP04N60C3, SPB04N60C3 SPA04N60C3 6 Transient thermal impedance FullPAK ZthJC = f (t p) parameter: D = tp/t 10 1 K/W K/W 10 0 10 0 ZthJC 10 -1 ZthJC 10 -1 10 -2 D = 0.5 D = 0.2 D = 0.1 D = 0.05 D = 0.02 D = 0.01 single pulse 10 -2 D = 0.5 D = 0.2 D = 0.1 D = 0.05 D = 0.02 D = 0.01 single pulse 10 -3 -7 10 10 -6 10 -5 10 -4 10 -3 s tp 10 -1 10 -3 -7 -6 -5 -4 -3 -2 -1 10 10 10 10 10 10 10 1 s 10 tp 7 Typ. output characteristic ID = f (VDS); Tj=25C parameter: tp = 10 s, VGS 16 8 Typ. output characteristic ID = f (VDS); Tj=150C parameter: tp = 10 s, VGS 8.5 A A 20V 10V 7V 6.5V 7 6 12 20V 8V 7V 6.5V 6V ID 10 6V ID 5 4 5.5V 8 5.5V 6 5V 3 5V 4.5V 4V 4 2 1 0 0 4.5V 2 4V 0 0 5 10 15 V VDS 25 5 10 15 V VDS 25 Page 6 2003-10-02 Final data 9 Typ. drain-source on resistance RDS(on)=f(ID) parameter: Tj=150C, VGS 10 SPP04N60C3, SPB04N60C3 SPA04N60C3 10 Drain-source on-state resistance RDS(on) = f (Tj) parameter : ID = 2.8 A, VGS = 10 V 5.5 SPP04N60C3 8 4.5V 4V 5V 20V 8V 7V 6.5V 6V 4.5 RDS(on) RDS(on) 4 3.5 3 2.5 2 1.5 7 6 5.5V 5 4 3 98% 1 typ 2 1 0 0.5 1 2 3 4 5 6 7 A ID 9 0 -60 -20 20 60 100 C 180 Tj 11 Typ. transfer characteristics ID= f ( VGS ); VDS 2 x ID x RDS(on)max parameter: tp = 10 s 16 12 Typ. gate charge VGS = f (Q Gate) parameter: ID = 4.5 A pulsed 16 SPP04N60C3 A 25C V 12 12 VGS ID 10 150C 10 0,2 VDS max 0,8 VDS max 8 8 6 6 4 4 2 2 0 0 2 4 6 8 10 12 14 16 V 20 VGS 0 0 4 8 12 16 20 24 nC 30 Q Gate Page 7 2003-10-02 Final data 13 Forward characteristics of body diode IF = f (VSD) parameter: Tj , tp = 10 s 10 2 SPP04N60C3 SPP04N60C3, SPB04N60C3 SPA04N60C3 14 Typ. switching time t = f (ID), inductive load, T j=125C par.: V DS=380V, VGS=0/+13V, R G=18 90 A ns 70 10 1 60 IF t 50 40 10 0 Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%) 10 -1 0 0.4 0.8 1.2 1.6 2 2.4 V 3 10 0 0 20 30 td(off) tf td(on) tr 0.5 1 1.5 2 2.5 3 3.5 VSD A 4.5 ID 15 Typ. switching time t = f (RG ), inductive load, Tj=125C par.: VDS =380V, VGS=0/+13V, ID=4.5 A 500 16 Typ. drain current slope di/dt = f(R G), inductive load, Tj = 125C par.: V DS=380V, VGS=0/+13V, ID=4.5A 2400 ns A/s 400 350 300 250 200 150 100 50 0 0 0 0 di/dt td(off) tf td(on) tr 1600 t 1200 800 di/dt(on) 400 di/dt(off) 20 40 60 80 100 120 140 160 190 RG 20 40 60 80 100 120 140 160 200 RG Page 8 2003-10-02 Final data 17 Typ. drain source voltage slope dv/dt = f(RG), inductive load, Tj = 125C par.: VDS =380V, VGS=0/+13V, ID=4.5A 100 SPP04N60C3, SPB04N60C3 SPA04N60C3 18 Typ. switching losses E = f (ID), inductive load, Tj=125C par.: V DS=380V, VGS=0/+13V, R G=18 0.014 V/ns 80 70 60 dv/dt(on) *) Eon includes SDP06S60 diode commutation losses. mWs 0.01 dv/dt E 0.008 Eoff 50 40 30 20 dv/dt(off) 0.006 Eon* 0.004 0.002 10 0 0 0 0 30 60 90 120 RG 180 0.5 1 1.5 2 2.5 3 3.5 A 4.5 ID 19 Typ. switching losses E = f(RG), inductive load, Tj=125C par.: VDS =380V, VGS=0/+13V, ID=4.5A 0.1 20 Avalanche SOA IAR = f (tAR) par.: Tj 150 C 5 mWs 0.08 0.07 *) Eon includes SDP06S60 diode commutation losses. A 4 3.5 T j(START)=25C E 0.06 Eoff IAR 3 2.5 2 0.05 0.04 0.03 0.02 0.01 0 0 Eon* T j(START)=125C 1.5 1 0.5 0 -3 10 -2 -1 0 1 2 4 20 40 60 80 100 120 140 160 200 RG 10 10 10 10 10 s 10 t AR Page 9 2003-10-02 Final data 21 Avalanche energy EAS = f (Tj) par.: ID = 3.4 , V DD = 50 V 160 720 SPP04N60C3, SPB04N60C3 SPA04N60C3 22 Drain-source breakdown voltage V(BR)DSS = f (Tj) SPP04N60C3 mJ V 120 V(BR)DSS C 680 660 640 EAS 100 80 620 60 600 40 580 560 540 -60 20 0 20 40 60 80 100 120 160 -20 20 60 100 C 180 Tj Tj 23 Avalanche power losses PAR = f (f ) parameter: E AR=0.4mJ 200 24 Typ. capacitances C = f (VDS) parameter: V GS=0V, f=1 MHz 10 4 W pF 150 10 3 Ciss PAR C 10 2 125 100 75 10 1 Coss 50 25 10 0 0 Crss 04 10 10 5 Hz f 10 6 100 200 300 400 V 600 VDS Page 10 2003-10-02 Final data 25 Typ. Coss stored energy Eoss=f(VDS) 3.5 SPP04N60C3, SPB04N60C3 SPA04N60C3 J 2.5 Eoss 2 1.5 1 0.5 0 0 100 200 300 400 V 600 VDS Definition of diodes switching characteristics Page 11 2003-10-02 Final data P-TO-220-3-1 B 10 0.4 3.7 0.2 A 1.270.13 4.44 SPP04N60C3, SPB04N60C3 SPA04N60C3 15.38 0.6 2.8 0.2 C 5.23 0.9 13.5 0.5 3x 0.75 0.1 1.17 0.22 2x 2.54 0.25 M 0.5 0.1 2.510.2 ABC All metal surfaces tin plated, except area of cut. Metal surface min. x=7.25, y=12.3 P-TO-263-3-2 (D 2-PAK) 9.98 0.48 0.05 Page 12 2003-10-02 Final data P-TO-220-3-31 (FullPAK) SPP04N60C3, SPB04N60C3 SPA04N60C3 Please refer to mounting instructions (application note AN-TO220-3-31-01) Page 13 2003-10-02 Final data Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved. SPP04N60C3, SPB04N60C3 SPA04N60C3 Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered. Page 14 2003-10-02 |
Price & Availability of SPA04N60C3 |