Part Number Hot Search : 
DTA124T 09100 DTC144E 1N4751A AC125 0512E 78MXX SR208
Product Description
Full Text Search
 

To Download SMV2114 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PLASTIC SURFACE MOUNT GENERAL PURPOSE ABRUPT VARACTOR DIODES SMV2101 - SMV2115
PART NUMBER SMV2101 SMV2102 SMV2103 SMV2104 SMV2105 SMV2106 SMV2107 SMV2108 SMV2109 SMV2110 SMV2111 SMV2112 SMV2113 SMV2114 SMV2115
CAPACITANCE @ 4 Vdc f = 1 MHz (pF) 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0
MIN QUALITY FACTOR CAPACITANCE RATIO Q @ 4 Vdc f = 1 MHZ C*2V / C*30V f = 50 MHz MIN 450 2.5 450 2.5 400 2.5 400 2.5 400 2.5 350 2.5 350 2.5 300 2.5 200 2.5 150 2.5 150 2.5 150 2.6 150 2.6 100 2.6 100 2.6
AVAILABLE
IN THE FOLLOWING PACKAGES -01, -08, -15 -01, -08, -15 -01, -08, -15 -01, -08, -15 -01, -08, -15 -01, -08, -15 -01, -08, -15 -01, -08, -15 -01, -08, -15 -01, -08, -15 -01, -09, -15 -01, -09, -15 -01, -09, -15 -01, -09, -15 -01, -09, -15
DC Power Dissipation Reverse Breakdown Voltage Max Reverse Current (IR) Operating Temperature (Topr) Storage Temperature (Tstg) Capacitance Tolerance:
@ Ta = 25C @ 10A @ Ta = 25 C
250 mW 30 V Min 0.1 A @ 25 Vdc -55 to + 125 C -65 to + 150 C 10%
Package Styles
Requires adding a dash suffix number to the part number
SOT23 SINGLE SOT23 Common Anode TO-92 Two Terminal (TMV) CHIPS -08 -09 -15 -01
P.O. BOX 609 * ROCKPORT, MAINE 04856 * 207-236-6076 * FAX 207-236-9558


▲Up To Search▲   

 
Price & Availability of SMV2114

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X