Part Number Hot Search : 
MAX4365 SIW4000 3004D 330M10 41000 MODEL OP37FJ 2SA1611
Product Description
Full Text Search
 

To Download SM2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM 4001 ... SM 4007 SM 513, SM 516, SM 518, SM 2000 Surface Mount Si-Rectifiers Si-Gleichrichter fur die Oberflachenmontage
Nominal current - Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case MELF Kunststoffgehause MELF Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert
Dimensions / Mae in mm
1A 50...2000 V DO-213AB 0.12 g
Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
see page 18 siehe Seite 18
Maximum ratings Type Typ SM 4001 SM 4002 SM 4003 SM 4004 SM 4005 SM 4006 SM 4007 SM 513 SM 516 SM 518 SM 2000 Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 50 100 200 400 600 800 1000 1300 1600 1800 2000
Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 50 100 200 400 600 800 1000 1300 1600 1800 2000
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle
TT = 75/C TT = 100/C f > 15 Hz TA = 25/C
IFAV IFAV IFRM IFSM
1A 0.8 A 10 A 1) 40 A
1
44
) Max. temperature of the terminals TT = 75/C / 100/C - Max. Temperatur der Kontaktflachen TT = 75/C / 100/C 28.02.2002
SM 4001 ... SM 4007 SM 513, SM 516, SM 518, SM 2000 Rating for fusing - Grenzlastintegral Peak forward pulse current Max. zulassiger Stromimpuls t < 10 ms t = 1ms TA = 25/C TA = 85/C i2t IFSM Tj TS 8 A2s 100 A - 50...+175/C - 50...+175/C
Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
Characteristics Forward voltage - Durchlaspannung Leakage current - Sperrstrom Tj = 25/C Tj = 25/C Tj = 100/C IF = 1 A VR = VRRM VR = VRRM VF IR IR RthA RthT
Kennwerte < 1.1 V < 5 :A < 50 :A < 45 K/W 1) < 10 K/W
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to terminal Warmewiderstand Sperrschicht - Kontaktflache
) Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschlu 28.02.2002
1
45


▲Up To Search▲   

 
Price & Availability of SM2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X